Part Number Hot Search : 
E002059 LS244 AN7410 GAL16LV8 UM4306 30C45 SX1210 GPM80A
Product Description
Full Text Search
 

To Download Z0107NN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
Z01
1A TRIACS
STANDARD
Table 1: Main Features
A2
Symbol IT(RMS) VDRM/VRRM IGT (Q1)
Value 1 600 to 800 3 to 25
Unit A V mA
A2 A1
G A1
DESCRIPTION The Z01 series is suitable for general purpose AC switching applications. They can be found in applications such as home appliances (electrovalve, pump, door lock, small lamp control), fan speed controllers,... Different gate current sensitivities are available, allowing optimized performances when controlled directly from microcontrollers.
A2
A1 G A2
TO-92 (Z01xxA)
SOT-223 (Z01xxN)
Table 2: Order Codes Part Number Z01xxA Z01xxN
Marking See page table 8 on page 7
Table 3: Absolute Maximum Ratings Symbol IT(RMS) ITSM It dI/dt IGM PG(AV) Tstg Tj RMS on-state current (full sine wave) Parameter SOT-223 TO-92 Ttab = 90C TL = 50C t = 20 ms t = 16.7 ms Value 1 8 8.5 0.35 Tj = 125C Tj = 125C Tj = 125C 20 1 1 - 40 to + 150 - 40 to + 125 Unit A
Non repetitive surge peak on-state F = 50 Hz current (full cycle, Tj initial = 25C) F = 60 Hz It Value for fusing Critical rate of rise of on-state current IG = 2 x IGT , tr 100 ns Peak gate current Average gate power dissipation Storage junction temperature range Operating junction temperature range tp = 10 ms F = 120 Hz tp = 20 s
A As A/s A W C
February 2005
REV. 5
1/8
Z01
Tables 4: Electrical Characteristics (Tj = 25C, unless otherwise specified) Symbol IGT (1) VGT VGD IH (2) IL dV/dt (2) VD = VDRM RL = 3.3 k Tj = 125C IT = 50 mA IG = 1.2 IGT I - III - IV II Test Conditions Quadrant I - II - III - IV MAX. ALL ALL MAX. MIN. MAX. MAX. MIN. MIN. 7 7 15 10 0.5 10 10 20 20 1 Z01 03 3 5 07 5 7
1.3 0.2
09 10 10
10 25 25
Unit mA V V
VD = 12 V RL = 30
10 15 25 50 2
25 25 50 100 5
mA mA V/s A/ms
VD = 67 %VDRM gate open Tj = 110C Tj = 110C
(dI/dt)c (2) (dV/dt)c = 0.44 A/ms
Table 5: Static Characteristics Symbol VTM (2) Vto (2) Rd (2) IDRM IRRM ITM = 1.4 A Test Conditions tp = 380 s Tj = 25C Tj = 125C Tj = 125C Tj = 25C Tj = 125C MAX. MAX. MAX. MAX. 0.5 mA Value 1.56 0.95 400 5 Unit V V m A
Threshold voltage Dynamic resistance VDRM = VRRM
Note 1: minimum IGT is guaranted at 5% of IGT max. Note 2: for both polarities of A2 referenced to A1.
Table 6: Thermal resistances Symbol Rth(j-t) Rth(j-I) Rth(j-a) Junction to tab (AC) Junction to lead (AC) Junction to ambient S = 5 cm Parameter SOT-223 TO-92 SOT-223 TO-92 Value 25 C/W 60 60 150 C/W Unit
S = Copper surface under tab.
2/8
Z01
Figure 1: Maximum power dissipation versus RMS on-state current (full cycle)
P(W)
1.50 1.25 1.00 0.75 0.50 0.25
Figure 2: RMS on-state current versus case temperature (full cycle)
IT(RMS)(A)
1.2
Rth(j-a) = Rth(j-t) (SOT-223)
1.0 0.8
Rth(j-a) = Rth(j-l) (TO-92)
0.6 0.4 0.2
IT(RMS)(A)
0.00 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
Tamb (C)
0.0 0 25 50 75 100 125
Figure 3: RMS on-state current versus ambient temperature (full cycle)
IT(RMS)(A)
1.2 1.0 0.8 0.6 0.4 0.2
Rth(j-a) = 150C/W (TO-92)
Figure 4: Relative variation of thermal impedance versus pulse duration
K=[Zth(j-a)/Rth(j-a)]
1.00
Rth(j-a) = 60C/W (SOT-223) Z01xxA
0.10
Z01xxN
Tl or Ttab (C)
0.0 0 25 50 75 100 125
tp(s)
0.01 1E-3 1E-2 1E-1 1E+0 1E+1 1E+2 5E+2
Figure 5: Relative variation of gate trigger current, holding current and latching current versus junction temperature (typical values)
IGT, IH, IL [Tj] / IGT, IH, IL [Tj=25C]
2.5
Figure 6: Surge peak on-state current versus number of cycles
ITSM (A)
9 8
t=20ms
2.0
7 6
Non repetitive Tj initial = 25C
One cycle
1.5
IGT
5 4 3
Repetitive Tamb = 25C
1.0
IH & IL
0.5
2
0.0 -40 -20 0 20
Tj (C)
40 60 80 100 120 140
1 0 1
Number of cycles
10 100 1000
3/8
Z01
Figure 7: Non-repetitive surge peak on-state current for a sinusoidal pulse with width tp < 10 ms and corresponding value of I2t
ITSM (A), I2t (A2s)
100.0
Tj initial = 25C dI/dt limitation: 20A/s ITSM
Figure 8: On-state characteristics (maximum values)
ITM(A)
10.0
10.0
Tj = Tjmax.
1.0
1.0
I2t Tj = 25C
Tj=max. Vt0=0.95 V Rd=420 m
0.1 0.01
tp (ms)
0.1
VTM (V)
1.00 10.00
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
0.10
Figure 9: Relative variation of critical rate of decrease of main current versus (dV/dt)c (typical values)
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c
2.6 2.4 2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0.1
Figure 10: Relative variation of critical rate of decrease of main current versus junction temperature
(dI/dt)c [Tj] / (dI/dt)c [Tj Specified]
6 5 4 3 2
Z0103 Z0107
Z0109 Z0110
1
(dV/dt)c (V/s)
0
1.0 10.0 100.0
Tj (C)
0 25 50 75 100 125
Figure 11: SOT-223 Thermal resistance junction to ambient versus copper surface under tab (printed circuit board FR4, copper thickness: 35 m)
Rth(j-a)(C/W)
130 120 110 100 90 80 70 60 50 40 30 20 10 0 0.0 0.5 1.0 1.5 2.0
S(cm)
2.5 3.0 3.5 4.0 4.5 5.0
4/8
Z01
Figure 12: Ordering Information Scheme
Z 01 03 M A
Triac series Current 01 = 1A Sensitivity 03 = 3mA 07 = 5mA 09 = 10mA 10 = 25mA Voltage M = 600V S = 700V N = 800V Package A = TO-92 N = SOT-223 Packing mode 1AA2 = TO-92 Bulk (preferred) 2AL2 = TO-92 Ammopack 5AL2 = TO-92 Tape & reel 5AA4 = SOT-223 Tape & reel
[BLANK]
1AA2
Table 7: Product Selector Part Number Z0103MA Z0103MN Z0103SA Z0103SN Z0103NA Z0103NN Z0107MA Z0107MN Z0107SA Z0107SN Z0107NA Z0107NN Z0109MA Z0109MN Z0109SA Z0109SN Z0109NA Z0109NN Z0110MA Z0110MN Z0110SA Z0110SN Z0110NA
Z0110NN
Voltage 600 V 700 V 800 V X X X X X X X X X X X X X X X X X X X X X X X X
Sensitivity 3 mA 3 mA 3 mA 3 mA 3 mA 3 mA 5 mA 5 mA 5 mA 5 mA 5 mA 5 mA 10 mA 10 mA 10 mA 10 mA 10 mA 10 mA 25 mA 25 mA 25 mA 25 mA 25 mA 25 mA
Type Standard Standard Standard Standard Standard Standard Standard Standard Standard Standard Standard Standard Standard Standard Standard Standard Standard Standard Standard Standard Standard Standard Standard Standard
Package TO-92 SOT-223 TO-92 SOT-223 TO-92 SOT-223 TO-92 SOT-223 TO-92 SOT-223 TO-92 SOT-223 TO-92 SOT-223 TO-92 SOT-223 TO-92 SOT-223 TO-92 SOT-223 TO-92 SOT-223 TO-92 SOT-223
5/8
Z01
Figure 13: SOT-223 Package Mechanical Data
DIMENSIONS REF.
A A1 e1 B V c
Millimeters Min. Typ. Max. 1.80 0.02 0.60 2.90 0.24 6.30 0.70 3.00 0.26 6.50 2.3 4.6 3.30 6.70 3.50 7.00 Min.
Inches Typ. Max. 0.071 0.001
A A1 B B1 c
D B1
0.80 0.024 0.027 0.031 3.10 0.114 0.118 0.122 0.32 0.009 0.010 0.013 6.70 0.248 0.256 0.264 0.090 0.181 3.70 0.130 0.138 0.146 7.30 0.264 0.276 0.287 10 max
4 H E 1 2 3
D e e1
e
E H V
Figure 14: SOT-223 Foot Print Dimensions (in millimeters)
3.25
1.32
5.16
7.80
1.32
2.30
0.95
6/8
Z01
Figure 15: TO-92 Package Mechanical Data DIMENSIONS REF.
A a B C
Millimeters Min. Typ. 1.35 4.70 2.54 4.40 12.70 3.70 0.50 0.173 0.500 Max. Min.
Inches Typ. 0.053 0.185 0.100 Max.
A B C D
F
D
E
E F a
0.146 0.019
Table 8: Ordering Information Ordering type Z01xxyA 1AA2 Z01xxyA 2AL2 Z01xxyA 5AL2 Z0103yN 5AA4 Z0107yN 5AA4 Z0109yN 5AA4
Note: xxx = sensitivity, y = voltage
Marking Z01xxyA Z01xxyA Z01xxyA Z3y Z7y Z9y
Weight 0.2 g 0.2 g 0.2 g 0.12 g 0.12 g 0.12 g
Base quantity 2500 2000 2000 1000 1000 1000
Delivery mode Bulk Ammopack Tape & reel Tape & reel Tape & reel Tape & reel
Table 9: Revision History Date Oct-2001 10-Feb-2005 Revision 4 5 Last update. Package: TO-92 tape & reel delivery mode 5AL2 added. Description of Changes
7/8
Z01
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners (c) 2005 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
8/8


▲Up To Search▲   

 
Price & Availability of Z0107NN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X