Part Number Hot Search : 
EPC1111H J13007 39LF020 2N7012 00226 4C15F A6040 SST25W
Product Description
Full Text Search
 

To Download TPD1024AS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TPD1024AS
TOSHIBA Intelligent Power Device Silicon Monolithic Power MOS Integrated Circuit
TPD1024AS
Low-Side Power Switch for Motors, Solenoids, and Lamp Drivers
TPD1024AS is a monolithic power IC for low-side switches. The IC has a vertical MOS FET output which can be directly driven from a CMOS or TTL logic circuit(e.g, an MPU). The device offers intelligent selfprotection function.
Features
A monolithic power IC with a new structure combining a control block and a vertical power MOS FET(-MOS) on a single chip. Can directly drive a power load from a CMOS logic. Built-in protection against overvoltage, load short circuiting, and thermal shutdown. Low on resistance : RDS (ON) = 0.5 (max) (@VIN = 5 V, Tj = 25C) Package : TPS Can be packed in tape. Weight: 0.54g (typ.)
Pin Assignment
Note:
That because of its MOS structure, this product is sensitive to static electricity.
1
2002-10-24
TPD1024AS
Block Diagram
Pin Description
Pin No. 1 2 Symbol GND OUT Ground pin. Output pin. When current in excess of the typical current (3.5 A (typ.)) flows to the output pin, the current limiter operates to protect the IC. Input pin. Input is CMOS-compatible, with pull-down resistor connected. Even if the input is open, output will not accidentally turn on. Function
3
IN
Timing Chart
2
2002-10-24
TPD1024AS
Maximum Ratings (Ta = 25C )
Characteristic Drain-source voltage Output current Input voltage Power dissipation Operating temperature Junction temperature Storage temperature Symbol VDS (DC) ID VGS PD Topr Tj Tstg Rating 40 1.5 - 0.5 to 6 1.2 - 40 to 85 150 - 55 to 150 Unit V A V W C C C
Recommendable Condition
Characteristic Input voltage Symbol VIN Test Condition Min 4.5 Typ. 5 Max 6 Unit V
Electrical Characteristics (Tj = 25C)
Characteristic Drain-source breakdown voltage Operating supply voltage Current at output off Input threshold voltage Input current On resistance Thermal shutdown temperature Overcurrent protection Switching time Diode forward voltage Between drain and source Avalanche energy Symbol V (BR) DSS VDD (OPR) IDSS (1) IDSS (2) Vth IGSS RDS (ON) TS IS tON tOFF VDSF EA Test Circuit 1 Test Condition VGS = 0, ID = 10 mA VGS = 0, VDS = 40 V VGS = 0, VDS = 24 V VGS = 10 V, ID = 1 mA VGS = 5 V, at normal operation VGS = 5 V, ID = 1 A VDS = 12 V, VGS = 5 V VDS = 12 V, VGS = 5 V, RL = 12 IF = 1.5 A L = 10 mH, Single pulse Min 40 0.8 30 Typ. 160 3.5 50 10 0.9 Max 18 3 100 2.5 300 0.5 1.8 Unit V V mA A V A C A s s V mJ
Test Circuit 1
Switching Time
3
2002-10-24
TPD1024AS
4
2002-10-24
TPD1024AS
5
2002-10-24
TPD1024AS
Package Dimensions
Weight: 0.54g (typ.)
6
2002-10-24
TPD1024AS
RESTRICTIONS ON PRODUCT USE
000707EBA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The products described in this document are subject to the foreign exchange and foreign trade laws. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
7
2002-10-24


▲Up To Search▲   

 
Price & Availability of TPD1024AS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X