Part Number Hot Search : 
ALD4701A MM3ZXVXB SC6433 8008TBN NJU6343 MJE340 20PT1 MB3882
Product Description
Full Text Search
 

To Download TN0702N3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TN0702 Low Threshold N-Channel Enhancement-Mode Vertical DMOS FETs
Ordering Information
BVDSS / BVDGS 20V RDS(ON) (max) 1.3 ID(ON) (min) 0.5A VGS(th) (max) 1.0V Order Number / Package TO-92 TN0702N3
Features
Low threshold -- 1.0 volt max On resistance guaranteed at VGS = 2, 3, and 5 volts High input impedance Low input capacitance --130pF typical Fast switching speeds Low on resistance Free from secondary breakdown Low input and output leakage
Low Threshold DMOS Technology
These low threshold enhancement-mode (normally-off) transistors utilize a vertical DMOS structure and Supertex's well-proven silicon-gate manufacturing process. This combination produces devices with the power handling capabilities of bipolar transistors and with the high input impedance and positive temperature coefficient inherent in MOS devices. Characteristic of all MOS structures, these devices are free from thermal runaway and thermally-induced secondary breakdown. Supertex's vertical DMOS FETs are ideally suited to a wide range of switching and amplifying applications where very low threshold voltage, high breakdown voltage, high input impedance, low input capacitance, and fast switching speeds are desired.
Applications
Logic level interfaces Solid state relays Battery operated systems Photo voltaic drives Analog switches General purpose line drivers Telecom switches
Package Option
Absolute Maximum Ratings
Drain-to-Source Voltage Drain-to-Gate Voltage Gate-to-Source Voltage Operating and Storage Temperature Soldering Temperature* *Distance of 1.6 mm from case for 10 seconds maximum. BVDSS BVDGS 20V -55C to +150C 300C
SGD
TO-92
Note: See Package Outline section for dimensions. 03/11/02
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.
1
TN0702
Thermal Characteristics
Package TO-92 ID (continuous)* 0.53A ID (pulsed) 1.0A Power Dissipation @ TC = 25C 1W
jc
ja
IDR* 0.53A
IDRM 1.0A
C/W
125
C/W
170
* ID (continuous) is limited by max rated Tj.
Electrical Characteristics (@ 25C unless otherwise specified)
Symbol BVDSS VGS(th) V GS(th) IGSS IDSS Parameter Drain-to-Source Breakdown Voltage Gate Threshold Voltage Change in VGS(th) with Temperature Gate Body Leakage Zero Gate Voltage Drain Current Min 20 0.5 0.8 1.0 -4.0 100 100 100 ID(ON) RDS(ON) RDS(ON) GFS CISS COSS CRSS td(ON) tr td(OFF) tf VSD ON-State Drain Current Static Drain-to-Source ON-State Resistance Change in RDS(ON) with Temperature Forward Transconductance Input Capacitance Common Source Output Capacitance Reverse Transfer Capacitance Turn-ON Delay Time Rise Time Turn-OFF Delay Time Fall Time Diode Forward Voltage Drop 100 500 130 70 30 200 125 60 20 20 30 20 1.0 V VGS = 0V, ISD = 0.5A ns VDD = 20V, ID = 0.5A, RGEN = 25 pF VGS = 0V, VDS = 20V, f =1MHz 0.5 1.0 4.0 1.9 1.0 5.0 2.5 1.3 0.75 %/C m Typ Max Unit V V mV/C nA nA A A Conditions VGS = 0V, ID = 1mA VGS = VDS, ID = 1.0mA VGS = VDS, ID = 1.0mA VGS = 20V, VDS = 0V VDS = 20V, VGS = 0V VDS = 0.8 Max Rating, VGS = 0V, TA = 125C VGS = VDS = 5V VGS = 2V, ID = 50mA VGS = 3V, ID = 200mA VGS = 5V, ID =500mA VGS = 5V, ID = 500mA VDS = 5V, ID = 500mA
Notes: 1. All D.C. parameters 100% tested at 25C unless otherwide stated. (Pulse test: 300 s pulse, 2% duty cycle.) 2. All A.C. parameters sample tested.
Switching Waveforms and Test Circuit
10V
90% INPUT
0V
PULSE GENERATOR
Rgen
10%
t(ON)
t(OFF) tr td(OFF) tF
td(ON)
VDD
10%
10%
INPUT
OUTPUT
0V
90%
90%
2
VDD
RL OUTPUT
D.U.T.
TN0702
Typical Performance Curves
Output Characteristics
5 4 VGS = 8V 5 4 VGS = 6V VGS = 5V 2 1 0 VGS = 4V VGS = 3V VGS = 2V 0 5 3 2 1 0 VGS = 6V VGS = 5V VGS = 4V VGS = 3V VGS = 2V 20 0 2
Saturation Characteristics
VGS = 8V
ID (amperes)
VDS (volts)
10
15
ID (amperes)
3
VDS (volts)
4
6
8
10
Transconductance vs. Drain Current
2.0 V DS = 5V 2.0
Power Dissipation vs. Case Temperature
GFS (siemens)
PD (watts)
1.0
TA = -55C TA = 25C TA = 125C
1.0
TO-92
0
0
1
ID (amperes)
2
3
4
5
0
0
25
50
TC ( C)
75
100
125
150
Maximum Rated Safe Operating Area
10 1.0
Thermal Response Characteristics Thermal Resistance (normalized)
0.8 0.6 0.4 0.2 0 0.001
ID (amperes)
1.0
TO-92 (pulsed)
TO-92 (DC) 0.1
TO-92 T C = 25C P D = 1W
0.01
TC = 25C 0.1 1
VDS (volts)
10
100
0.01
tp (seconds)
0.1
1
10
3
TN0702
BVDSS Variation with Temperature
1.2
On-Resistance vs. Drain Current
BVDSS (normalized)
1.0
RDS(ON) (ohms)
VGS = 2V
VGS = 3V
VGS = 5V
0.8 -50 0 50 100 150 0 0.5 1.0 1.5 2.0 2.5
Tj (C) Transfer Characteristics
5
ID (amperes) V(th) and RDS Variation with Temperature
1.6 1.4
VDS = 5V
4
RDS(ON) @ 5V, 500mA
1.4
VGS(th) (normalized)
1.2
V(th) @ 1mA
1.2
ID (amperes)
3
TA = 25C
1.0 1.0 0.8 0.8 0.6
2
TA = 125C
1
0 0 2 4 6 8 10 -50 0 50 100
0.6 150
VGS (volts) Capacitance vs. Drain-to-Source Voltage
200 10
Tj (C) Gate Drive Dynamic Characteristics
f = 1MHz
8 150
VDS = 10V CISS
C (picofarads)
VGS (volts)
200pF
6
100
COSS
50
4
VDS = 20V
CRSS
2
146 pF
0
0 0 5 10 15 20
0
0.6
1.2
1.8
2.4
3.0
VDS (volts)
QG (nanocoulombs)
02/06//02
(c)2002 Supertex Inc. All rights reserved. Unauthorized use or reproduction prohibited.
4
1235 Bordeaux Drive, Sunnyvale, CA 94089 TEL: (408) 744-0100 * FAX: (408) 222-4895 www.supertex.com
RDS(ON) (normalized)
TA = -55C


▲Up To Search▲   

 
Price & Availability of TN0702N3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X