Part Number Hot Search : 
160FE CZMK39V STPS20 10TIP55 T245A CZMK39V 221K2 CZMK39V
Product Description
Full Text Search
 

To Download TFMCJ65A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
TVS TFMCJ SERIES
GPP TRANSIENT VOLTAGE SUPPRESSOR
1500 WATT PEAK POWER 1.0 WATT STEADY STATE
FEATURES
* * * * * * Plastic package has underwriters laboratory Glass passivated chip construction 1500 watt surage capability at 1ms Excellent clamping capability Low zener impedance Fast response time
DO-214AB
Ratings at 25 o C ambient temperature unless otherwise specified.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified.
Dimensions in inches and (millimeters)
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA suffix for types TFMCJ5.0 thru TFMCJ170 Electrical characteristics apply in both direction
MAXIMUM RATINGS (At TA = 25 oC unless otherwise noted) RATINGS Peak Power Dissipation with a 10/1000uS (Note 1,2, Fig.1) Peak Pulse Current with a 10/1000uS waveform ( Note 1, Fig.3 ) Steady State Power Dissipation at TL = 75oC (Note 2) Peak Forward Surge Current 8.3mS single half sine-wave superimposed on rated load (JEDEC method) (Note 2,3) unidirectional only Maximum Instantaneous Forward Voltage at 100A for unidirectional only (Note 3,4) Operating and Storage Temperature Range SYMBOL PPPM IPPM PM(AV) IFSM VALUE Minimum 1500 SEE TABLE 1 5.0 100 UNITS Watts Amps Watts Amps
VF TJ, TSTG
SEE NOTE 3,4 -55 to + 150
Volts
0
C 1998-8
NOTES : 1. Non-repetitive current pulse, per Fig.3 and derated above TA = 25oC per Fig.2. 2. Mounted on 0.31 X 0.31"( 8.0 X 8.0mm) copper pad to each terminal. 3. Lead temperature at TL = 25oC 4. Measured on 8.3mS single half sine-wave duty cycle = 4 pules per minute maximum. 5. VF = 3.5V on TFMCJ-5.0 thru TFMCJ-90 devices and VF = 5.0V on TFMCJ-100 thru TFMCJ-170 devices.
Back
RECTRON
RECTRON
RECTRON


▲Up To Search▲   

 
Price & Availability of TFMCJ65A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X