Part Number Hot Search : 
UC1103 C2004 LPS40 SN65HVD3 20DL2C D4613H GC1513 SAM9CN11
Product Description
Full Text Search
 

To Download SRF1620C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SCHOTTKY BARIER RECTIFIER
SRF1620C THRU SRF16100C
FEATURES
* * * * * * *
VOLTAGE RANGE CURRENT
20 to 100 Volts 16.0 Ampere
* *
Dual Diode Device Fast switching Low forward voltage Low power loss for high efficiency High Surge capability High temperature Soldering guaranteed: 250 OC/10 seconds, 0.25" (6.35mm) lead length Also available with common Anode, add an "A" suffix, i.e. SRF1620A, and as a doubler, add an "D" suffix, i.e. SRF1620D Also available in a non isolate package, SR1620C Also available in single diode version, SRF1620
MECHANICAL DATA
* * * * * *
Case: Transfer molded plastic Epoxy: UL94V-0 rate flame retardant Lead: Solderable per MIL-STD-202E Method 208C Polarity: as marked Mounting Position: Any, 5.0 in-lbs Torque Max Weight: 0.064 ounce, 1.81 gram
ITO-220AB
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
* * *
Ratings at 25OC ambient temperature unless otherwise specified Single Phase, half wave, 60Hz, resistive or inductive load For capacitive load derate current by 20%
SYMBOLS
SRF UNIT SRF SRF SRF SRF SRF SRF SRF SRF 1620C 1630C 1635C 1640C 1645C 1650C 1660C 1680C 16100C 20 14 20 30 21 30 35 25 35 40 38 40 45 32 45 16.0 150 0.65 5.0 50 3.0 (-55 to +150) (-55 to +150) 0.75 0.85 50 35 50 60 42 60 80 56 80 100 70 100 Volts Volts Volts Amps Amps Volts mA
O
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current, (Note 1) TL = 90OC (SRF1620C-1645C), TL = 115OC (SRF1650C1680C) Peak Forward Surge Current 8.3mS single half sine wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage per leg @ 8.0A (Note 1) Maximum DC Reverse Current at Rated TA = 25 OC DC Blocking Voltage per element (Note 1) Typical Thermal Resistance , per leg Operating Junction Temperature Range Storage Temperature Range TA = 100 C
O
VRRM VRMS VDC I(AV) IFSM VF IR RJC TJ TSTG
C/W O C O C
Notes:
1. Pulse test: 300S pulse width, 1% duty cycle
Dec-03, Rev B
Micro Electronic Instrument Inc.
RATINGS AND CHARACTERISTIC CURVES SRF1620C THRU SRF16100C
Dec-03, Rev B
Micro Electronic Instrument Inc.


▲Up To Search▲   

 
Price & Availability of SRF1620C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X