Part Number Hot Search : 
15U10 M4001 MP8676 CAT25 D30N06 6711MMQ EGP30J CO601A18
Product Description
Full Text Search
 

To Download SP784CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
SP782/784 Programmable Charge Pump
s +5V Only Low Power Voltage Conversion s Programmable Between 5V or 10V s Low Power Shutdown Mode Applications s RS-232/RS-423 transceiver power supplies s LCD BIAS Generator s OP-Amp Power Supplies DESCRIPTION... The SP782 and SP784 are monolithic programmable voltage converters that produce a positive and negative voltage from a single supply. The SP782 and SP784 are programmable such that the charge pump outputs either a 10V voltage or a 5V voltage by control of two pins. Both products require four (4) charge pump capacitors to support the resulting output voltages. The charge pump architecture (U.S. 5,760,637) is fabricated using a low power BiCMOS process technology. The SP782 and SP784 charge pumps can be powered from a single +5V supply. The low power consumption makes these charge pumps ideal for battery operated equipment. Both offer a shutdown feature that saves battery life. A system can essentially have four (4) different supply voltages from a single battery. Typical applications are handheld instruments, notebook and laptop computers, and data acquisition systems.
+5V
10F
+
+5V
13 14 C1+ C1- C2+ (b) C2+ (a) C2- D0 D1 LATCH SD GND 16 4
VCC
10F
10F
+
10F 1
1F
6 14 1F 1 12 5 1F 3 C1- C2+ C2+ C2- GND 16 4 LATCH C1+
13
15
12 5
VDD
11
VCC
SD VDD
11
10F
3
SP784
SP782
VSS
D0 9 D1 8 2 1F
9 8 6 15
VSS
2 10F
SP782/SP784 DS/08
SP782/784 Programmable Charge Pump
(c) Copyright 2000 Sipex Corporation
1
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at these ratings or any other above those indicated in the operation sections of the specifications below is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability. VCC...........................................................................+7V VDD.........................................................................+11V VSS.........................................................................-11V Storage Temperature..........................-65C to +150C Power Dissipation 16-pin Plastic DIP...........................1000mW 16-pin Plastic SOIC.........................1000mW Package Derating: 16-pin Plastic DIP oJA....................................................62 C/W 16-pin Plastic SOIC oJA....................................................62 C/W
SP782 SPECIFICATIONS
Typical @ 25C and VCC = VCC 5% unless otherwise noted.
MIN. SUPPLY CURRENT ICC Shutdown ICC POSITIVE CHARGE PUMP OUTPUT VDD (2xVCC Output) +9.5 +8.0 VDD (VCC Output) +4.2 +4.2 NEGATIVE CHARGE PUMP OUTPUT VSS (2xVCC Output) -9.5 -8.0 VSS (-VCC Output) -4.2 -4.0 OSCILLATOR FREQUENCY fOSC VOLTAGE CONVERSION EFFICIENCY 95 VDD (2X VCC Output) VDD (2X VCC Output) 80 VSS (2X VCC Output) 85 VSS (2X VCC Output) 80 POWER REQUIREMENTS VCC +4.75 ENVIRONMENTAL AND MECHANICAL Operating Temperature Range 0 Storage Temperature Range -65
TYP. 3 1 10 +9.8 +8.5 +4.5 +4.5
MAX. 8 2 25 +10.0
UNITS mA mA A Volts Volts
CONDITIONS VCC = +5V, RL = , VO = 2xVCC VCC = +5V, RL = , VO = VCC VCC = +5V, SD = VCC
CHARGE PUMP CAPACITORS: 1F CHARGE PUMP CAPACITORS: 1F
+5.0
Volts Volts
VCC = +5V, D0 = 0V, D1 = 0V RL = VCC = +5V, D0 = 0V, D1 = 0V RL = 1k VCC = +5V, D0 = VCC, D1 = VCC RL = VCC = +5V, D0 = VCC, D1 = VCC RL = 1k
CHARGE PUMP CAPACITORS: 1F
-9.8 -8.5 -4.5 -4.2
-10.0
Volts Volts
-5.0
Volts Volts
VCC = +5V, D0 = 0V, D1 = 0V RL = VCC = +5V, D0 = 0V, D1 = 0V RL = 1k VCC = +5V, D0 = VCC, D1 = VCC RL = VCC = +5V, D0 = VCC, D1 = VCC RL = 1k SD = 0V
300
kHz
98 85 90 85 +5.25 +70 +150
% % % % Volts C C
RL = RL = 1k RL = RL = 1k
SP782/SP784 DS/08
SP782/784 Programmable Charge Pump
(c) Copyright 2000 Sipex Corporation
2
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at these ratings or any other above those indicated in the operation sections of the specifications below is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability. VCC...........................................................................+7V VDD.........................................................................+11V VSS.........................................................................-11V Storage Temperature..........................-65C to +150C Power Dissipation 16-pin Plastic DIP...........................1000mW 16-pin Plastic SOIC.........................1000mW Package Derating: 16-pin Plastic DIP oJA....................................................62 C/W 16-pin Plastic SOIC oJA....................................................62 C/W
SP784 SPECIFICATIONS
Typical @ 25C and VCC = VCC 5% unless otherwise noted.
MIN. SUPPLY CURRENT ICC Shutdown ICC POSITIVE CHARGE PUMP OUTPUT VDD (2xVCC Output) +9.0 +8.0 VDD (VCC Output) +4.5 +4.2 NEGATIVE CHARGE PUMP OUTPUT VSS (2xVCC Output) -9.0 -8.0 VSS (-VCC Output) -4.2 -4.0 OSCILLATOR FREQUENCY fOSC VOLTAGE CONVERSION EFFICIENCY VDD (2X VCC Output) 90 VDD (2X VCC Output) 80 VSS (2X VCC Output) 90 VSS (2X VCC Output) 80 POWER REQUIREMENTS VCC +4.75 ENVIRONMENTAL AND MECHANICAL Operating Temperature Range 0 Storage Temperature Range -65
TYP. 5 1 10 +9.8 +9.5 +4.8 +4.5
MAX. 10 5 25 +10.0
UNITS mA mA A Volts Volts
CONDITIONS VCC = +5V, RL = , VO = 2xVCC VCC = +5V, RL = , VO = VCC VCC = +5V, SD = VCC
CHARGE PUMP CAPACITORS: 10F CHARGE PUMP CAPACITORS: 10F
+5.0
Volts Volts
VCC = +5V, D0 = 0V, D1 = 0V RL = VCC = +5V, D0 = 0V, D1 = 0V RL = 1k VCC = +5V, D0 = VCC, D1 = VCC RL = VCC = +5V, D0 = VCC, D1 = VCC RL = 1k
CHARGE PUMP CAPACITORS: 10F
-9.8 -9.5 -4.5 -4.2
-10.0
Volts Volts
-5.0
Volts Volts
VCC = +5V, D0 = 0V, D1 = 0V RL = VCC = +5V, D0 = 0V, D1 = 0V RL = 1k VCC = +5V, D0 = VCC, D1 = VCC RL = VCC = +5V, D0 = VCC, D1 = VCC RL = 1k SD = 0V
300
kHz
98 95 98 95 +5.25 +70 +150
% % % % Volts C C
RL = RL = 1k RL = RL = 1k
SP782/SP784 DS/08
SP782/784 Programmable Charge Pump
(c) Copyright 2000 Sipex Corporation
3
AC CHARACTERISTICS*
(Typical @ 25C and nominal supply voltages unless otherwise noted)
PARAMETER MIN. SP782 POWER-UP DELAY TIME 10V OUTPUT tDVDD; VDD Power On Delay tDVSS; VSS Power-On Delay 5V OUTPUT tDVDD; VDD Power On Delay tDVSS; VSS Power-On Delay SP782 OUTPUT DELAY TIME tSD1; Switching Delay from 10V to 5V tSD2; Switching Delay from 5V to 10V SP784 POWER-UP DELAY TIME 10V OUTPUT tDVDD; VDD Power On Delay tDVSS; VSS Power-On Delay 5V OUTPUT tDVDD; VDD Power On Delay tDVSS; VSS Power-On Delay SP784 OUTPUT DELAY TIME tSD1; Switching Delay from 10V to 5V tSD2; Switching Delay from 5V to 10V
TYP.
MAX.
UNITS
CONDITIONS
1000 1000
s s s s
RL = 1k RL = 1k
10 150
RL = 1k RL = 1k
1000 500
s s
RL = 1k RL = 1k
5 5
ms ms
RL = 1k RL = 1k
10 1000
s s
RL = 1k RL = 1k
10 2
ms ms
RL = 1k RL = 1k
* - Using the charge pump capacitor values specified in the previous pages for each device.
+10V C2+ GND GND C2- -10V (b) (a)
+5V C2+ GND
GND C2- -5V
Figure 1. Charge Pump Waveforms
SP782/SP784 DS/08 SP782/784 Programmable Charge Pump (c) Copyright 2000 Sipex Corporation
4
40.00 35.00 30.00 25.00 20.00 15.00 10.00 5.00 0.00 5.00
SP782 VDD vs IDD
D0 = D1 = 0V
VCC = 5.00V T = +25 C
O
IDD(milliamps)
10uF Curve 1uF Curve 0.1uF Curve
5.50
6.00
6.50
7.00 7.50 VDD(volts)
8.00
8.50
9.00
9.50 10.00
SP782 VSS vs ISS 0.00 -5.00 -10.00 -15.00 -20.00 -25.00 -30.00 -35.00 -40.00 -10.00
D0 = D1 = 0V
VCC = 5.00V T = +25 C
O
ISS(milliamps)
10uF Curve 1uF Curve 0.1uF Curve
-9.50
-9.00
-8.50 -8.00
-7.50 -7.00
-6.50 -6.00
-5.50
-5.00
VSS(volts)
SP782 LOAD vs VDD 10.00 9.00 8.00 7.00 6.00 5.00 4.00 0 500 1000 1500
VDD (volts)
D0 = D1 = 0V
VCC = 5.00V T = +25 C
O
VDD - 10uF VDD - 1uF VDD - 0.1uF
2000
2500
3000
3500 4000
4500
5000
LOAD (ohms)
SP782 LOAD vs VSS -4.00 -5.00 -6.00 -7.00 -8.00 -9.00 -10.00 0 500 1000 1500
VSS (volts)
D0 = D1 = 0V
VCC = 5.00V T = +25 C
O
VSS - 10uF VSS - 1uF VSS - 0.1uF
2000
2500
3000
3500 4000
4500
5000
LOAD(ohms)
SP782/SP784 DS/08
SP782/784 Programmable Charge Pump
(c) Copyright 2000 Sipex Corporation
5
SP782 VDD vs IDD D0 = D1 = 5V VCC = 5.00V T = +25 C 40.00 10uF Curve 35.00 1uF Curve 30.00 0.1uF Curve 25.00 20.00 15.00 10.00 5.00 0.00 4.25 4.20 4.30 4.35 4.40 4.45 4.50 4.55 4.60 4.65 VDD(volts)
O
IDD(milliamps)
SP782 0.00 -5.00 -10.00 -15.00 -20.00 -25.00 -30.00 -35.00 -40.00 -45.00 -4.40
VSS vs ISS
D0 = D1 = 5V
VCC = 5.00V
T = +25 C
O
ISS(milliamps)
10uF Curve 1uF Curve 0.1uF Curve
-4.30
-4.20
-4.10 -4.00 -3.90 -3.80 VSS(volts)
-3.70 -3.60
-3.50
SP782 4.50 4.40 4.30 4.20 4.10 4.00 VDD (volts)
LOAD vs VDD
D0 = D1 = 5V
VCC = 5.00V
T = +25 C
O
VDD - 10uF VDD - 1uF VDD - 0.1uF
0
500
1000
1500
2000 2500 3000 LOAD(ohms)
3500 4000
4500
5000
SP782 -4.00 -4.10 -4.20 -4.30 -4.40 -4.50 VSS (volts)
LOAD vs VSS
D0 = D1 = 5V
VCC = 5.00V
T = +25 C
O
VSS - 10uF VSS - 1uF VSS - 0.1uF
0
500
1000
1500
2000 2500 3000 LOAD(ohms)
3500 4000
4500
5000
SP782/SP784 DS/08
SP782/784 Programmable Charge Pump
(c) Copyright 2000 Sipex Corporation
6
40.00 35.00 30.00 25.00 20.00 15.00 10.00 5.00 0.00 5.00
SP784 VDD vs IDD
D0 = D1 = 0V
VCC = 5.00V T = +25 C
O
IDD(milliamps)
10uF Curve 1uF Curve 0.1uF Curve
5.50
6.00
6.50
7.00 7.50 VDD(volts)
8.00
8.50
9.00
9.50 10.00
SP784 VSS vs ISS 0.00 -5.00 -10.00 -15.00 -20.00 -25.00 -30.00 -35.00 -40.00 -10.00
ISS(milliamps)
D0 = D1 = 0V
VCC = 5.00V T = +25 C
O
10uF Curve 1uF Curve 0.1uF Curve
-9.50
-9.00
-8.50 -8.00 -7.50 -7.00 VSS(volts)
-6.50 -6.00
-5.50
-5.00
SP784 LOAD vs VDD 10.00 9.00 8.00 7.00 6.00 5.00 4.00 0 500 1000 1500
VDD (volts)
D0 = D1 = 0V
VCC = 5.00V T = +25 C
O
VDD - 10uF VDD - 1uF VDD - 0.1uF
2000 2500 3000 LOAD(ohms)
3500 4000
4500
5000
SP784 LOAD vs VSS -4.00 -5.00 -6.00 -7.00 -8.00 -9.00 -10.00 0 500 1000 1500
VSS (volts)
D0 = D1 = 0V
VCC = 5.00V T = +25 C
O
VSS - 10uF VSS - 1uF VSS - 0.1uF
2000 2500 LOAD(ohms)
3000
3500 4000
4500
5000
SP782/SP784 DS/08
SP782/784 Programmable Charge Pump
(c) Copyright 2000 Sipex Corporation
7
SP784 VDD vs IDD D0 = D1 = 5V VCC = 5.00V T = +25 C 40.00 10uF Curve 35.00 1uF Curve 30.00 0.1uF Curve 25.00 20.00 15.00 10.00 5.00 0.00 4.25 4.20 4.30 4.35 4.40 4.45 4.50 4.55 4.60 4.65 VDD(volts)
O
IDD(milliamps)
SP784 VSS vs ISS D0 = D1 = 5V VCC = 5.00V T = +25 C 0.00 10uF Curve -5.00 1uF Curve -10.00 0.1uF Curve -15.00 -20.00 -25.00 -30.00 -35.00 -40.00 -4.40 -4.30 -4.20 -4.10 -4.00 -3.90 -3.80 -3.70 -3.60 -3.50 VSS(volts)
O
ISS(milliamps)
SP784 LOAD vs VDD 4.50 4.40 4.30 4.20 4.10 4.00 0 500 1000 1500
VDD (volts)
D0 = D1 = 5V
VCC = 5.00V T = +25 C
O
VDD - 10uF VDD - 1uF VDD - 0.1uF
2000 2500 LOAD(ohms)
3000
3500 4000
4500
5000
SP784 LOAD vs VSS -4.00 -4.10 -4.20 -4.30 -4.40 -4.50
VSS (volts)
D0 = D1 = 5V
VCC = 5.00V T = +25 C
O
VSS - 10uF VSS - 1uF VSS - 0.1uF
0
500
1000
1500
2000 2500 LOAD(ohms)
3000
3500 4000
4500
5000
SP782/SP784 DS/08
SP782/784 Programmable Charge Pump
(c) Copyright 2000 Sipex Corporation
8
THEORY OF OPERATION The SP782/784's charge pump design is based on Sipex's original patented charge pump design (5,306,954) which uses a four-phase voltage shifting technique to attain symmetrical 10V power supplies. In addition, the SP782/ 784 charge pump incorporates a "programmable" feature that produces an output of 10V or 5V for VSS and VDD by two control pins, D0 and D1. The charge pump requires external capacitors to store the charge. Figure 1 shows the waveform found on the positive and negative side of capcitor C2. There is a free-running oscillator that controls the four phases of the voltage shifting. A description of each phase follows. Phase 1 (10V) -- VSS charge storage -- During this phase of the clock cycle, the positive side of capacitors C1 and C2 are initially charged to +5V. Cl+ is then switched to ground and the charge on C1- is transferred to C2-. Since C2+ is connected to +5V, the voltage potential across capacitor C2 is now 10V. Phase 1 (5V) -- VSS & VDD charge storage and transfer -- With the C1 and C2 capacitors initially charged to +5V, Cl+ is then switched to ground and the charge on C1- is transferred to the VSS storage capacitor. Simultaneously the C2- is switched to ground and 5V charge on C2+ is transferred to the VDD storage capacitor. Phase 2 (10V) -- VSS transfer -- Phase two of the clock connects the negative terminal of C2 to the VSS storage capacitor and the positive terminal of C2 to ground, and transfers the generated -l0V or the generated -5V to C3. Simultaneously, the positive side of capacitor C 1 is switched to +5V and the negative side is connected to ground. Phase 2 (5V) -- VSS & VDD charge storage -- C 1+ is reconnected to V CC to recharge the C 1 capacitor. C2+ is switched to ground and C2- is connected to C3. The 5V charge from Phase 1 is now transferred to the VSS storage capacitor.
VSS receives a continuous charge from either C1 or C2. With the C1 capacitor charged to 5V, the cycle begins again. Phase 3 -- VDD charge storage -- The third phase of the clock is identical to the first phase -- the charge transferred in C1 produces -5V in the negative terminal of C1, which is applied to the negative side of capacitor C2. Since C2+ is at +5V, the voltage potential across C2 is l0V. For the 5V output, C2+ is connected to ground so that the potential on C2 is only +5V. Phase 4 -- VDD transfer -- The fourth phase of the clock connects the negative terminal of C2 to ground and transfers the generated l0V or the generated 5V across C2 to C4, the VDD storage capacitor. Again, simultaneously with this, the positive side of capacitor C1 is switched to +5V and the negative side is connected to ground, and the cycle begins again. Since both VDD and VSS are separately generated from VCC in a no-load condition, VDD and VSS will be symmetrical. Older charge pump approaches that generate V- from V+ will show a decrease in the magnitude of V- compared to V+ due to the inherent inefficiencies in the design.
VCC = +5V
+5V C1
+ -
C4
+ -
C2 -5V
+ -
VDD Storage Capacitor
-
+
VSS Storage Capacitor
-5V
C3
Figure 2. Charge Pump Phase 1 for 10V.
VCC = +5V
+5V C1
+ -
C4
+ -
C2
+ -
VDD Storage Capacitor
-5V
- +
VSS Storage Capacitor
C3
Figure 3. Charge Pump Phase 1 for 5V.
SP782/SP784 DS/08
SP782/784 Programmable Charge Pump
(c) Copyright 2000 Sipex Corporation
9
VCC = +5V
VCC = +5V
C4
+ -
C4
C1
+ -
C2
+ -
VDD Storage Capacitor
C1
+ + -
-
C2
+ -
VDD Storage Capacitor
-10V
-
+
VSS Storage Capacitor
-5V
-
+
VSS Storage Capacitor
C3
C3
Figure 4. Charge Pump Phase 2 for 10V.
VCC = +5V
Figure 5. Charge Pump Phase 2 for 5V.
VCC = +5V
+5V C1
+ -
C4
+ -
+10V
C4
+ -
C2 -5V
+ -
VDD Storage Capacitor
C1
+ -
C2
+ -
VDD Storage Capacitor
-
+
VSS Storage Capacitor
-
+
VSS Storage Capacitor
-5V
C3
C3
Figure 6. Charge Pump Phase 3.
Figure 7. Charge Pump Phase 4.
The oscillator frequency or clock rate for the charge pump is designed for low power operation. The oscillator changes from a high frequency mode (400kHz) to a low frequency mode (20kHz) when the SD pin goes to a logic "1". The lower frequency allows the SP782/ SP784 to conserve power when the outputs are not being used. EFFICIENCY INFORMATION A charge pump theoretically produces a doubled voltage at 100% efficiency. However in the real world, there is a small voltage drop on the output which reduces the output efficiency. The SP782 and SP784 can usually run 99.9% efficient without driving a load. While driving a 1k load, the SP782 and SP784 remain at least 90% efficient.
Total Output Voltage Efficiency = [(VOUT+) / (2*VCC)] + [(VOUT-) / (-2*VCC)] ; VOUT+ = 2*VCC + VDROP+ VOUT- = -2*VCC + VDROP- VDROP- = (I-)*(ROUT-) VDROP+ = (I+)*(ROUT+) Power Loss = IOUT*(VDROP)
save board space, lower values will reduce the output drive capability. The output voltage ripple is also affected by the capacitors, specifically C3 and C4. Larger values will reduce the output ripple for a given load of current. The current drawn from either output is supplied by just the storage capacitor, C3 or C4, during one half cycle of the internal oscillator. Note that the output current from the postive charge pump is the load current plus the current taken by the negative charge pump. Thus the formula representation for the output ripple voltage is:
VRIPPLE+ = {1 / (fOSC) * 1 / C3} * 0.5 * IOUT+ VRIPPLE- = {1 / (fOSC) * 1 / C3} * 0.5 * IOUT-
To minimize the output ripple, the C3 and C4 storage capacitors can be increased to over 10F whereas the pump capacitors can range from 1F to 5F. Multiple SP782/784 charge pumps can be connected in parallel. However, the output resistance on both pump outputs will be reduced. The effective output resistance is the output resistance of one pump divided by the number of charge pumps connected. It is important to keep the C1 and C2 capacitors separate for each charge pump. The storage capacitors, C3 and C4, can be shared.
The efficiency changes as the external charge pump capacitors are varied. Larger capacitor values will strengthen the output and reduce output ripple usually found in all charge pumps. Although smaller capacitors will cost less and
SP782/SP784 DS/08
SP782/784 Programmable Charge Pump
(c) Copyright 2000 Sipex Corporation
10
SHUTDOWN MODE The internal oscillator of the SP782 and SP784 can be shutdown through the SD pin. In this state, the VDD and VSS outputs are inactive and the power supply current reduces to 10A. LATCH ENABLE PIN The SP782 and SP784 includes a control pin (LAT) that latches the D0 and D1 control lines. Connecting this pin to a logic HIGH state will allow transparent operation of the D0 and D1 control lines. This input can be left floating since there is an internal pull-up resistor which will allow the latch to be transparent. APPLICATIONS INFORMATION The SP782 and SP784 can be used in various applications where 10V is needed from a +5V source. Analog switches, op-amp power supplies, and LCD biasing are some applications where the charge pumps can be used. The charge pump can also be used for supplying voltage rails for RS-232 drivers needing 12V. The 10V output from the charge pump is more than adequate to provide the proper VOH and VOL levels at the driver output. Figure 8 shows how the SP784 can be used in conjunction with the SP524 multiprotocol transceiver IC. The programmability is ideal for RS-232 and RS-423 levels. The RS-232 driver output voltage swing ranges from 5V to 15V. In order to meet this requirement, the charge pump must generate 10V to the transceiver IC.
The RS-423 driver output voltage range is 4.0V to 6.0V. When the SP524 transceiver is programmed to RS-423 mode (V.10), the charge pump now provides 5V, through D0 and D1, thus allowing the driver outputs to comply with VOC 6.0V as well as the VT requirement of 4.0V minimum with a 450 load to ground. In older configurations, separate DC sources needed to be configured or regulated down from 10V to 5V in a given application. A typical charge pump providing VDD and VSS would require external clamping such as 5V Zener diodes. RS-423 (V.10) is usually found in RS-449, EIA-530, EIA-530A, and V.36 modes. When the control lines D0 and D1 are both at a logic HIGH, VDD = +5V and VSS = -5V. All other inputs to the control lines result in VDD = +10V and VSS = -10V. Control of the SP784 in an application with Sipex's SP524 can be found in Figure 8.
SP782/SP784 DS/08
SP782/784 Programmable Charge Pump
(c) Copyright 2000 Sipex Corporation
11
+5V
10F
+
13 14 10F 1 12 5 10F 3 C1- C2+ (b) C2+ (a) C2- D0 D1 EN SD GND 16 4 C1+
VCC
10F
VDD
11
SP784
9 8 6 15
VSS
2 10F
+5V 10F
+
28 VDD
2 VCC
14
19
29 VSS
VCC VCC
SP524
31 DP0 32 DP1 DECODER LOGIC LATCH_EN 30 LOOPBCK 23
24 T1IN 36 ENT1 25 T2IN 35 ENT2 44 R1OUT 40 ENR1 43 R2OUT 39 ENR2
T1
T1OUTA 22 T1OUTB 20 T2OUTA 18 T2OUTB 17 R1INA 3 R1INB 4 R2INA 5 R2INB 6
T2
R1
D0 0 0 1 1
D1 0 1 0 1
VDD +10V +10V +10V +5V
VSS -10V -10V -10V -5V
R2
LOOPBACK PATHS
26 T3IN 34 ENT3 27 T4IN 33 ENT4 42 R3OUT 38 ENR3 41 R4OUT 37 ENR4 GND 1
T3
T3OUTA 16 T3OUTB 15 T4OUTA 13 T4OUTB 11 R3INA 7 R3INB 8 R4INA 9 R4INB 10 GND 21
T4
R3
R4
GND 12
Figure 8. SP784 Application w/ SP524 Multi-Protocol Transceiver IC.
SP782/SP784 DS/08
SP782/784 Programmable Charge Pump
LOOPBACK PATHS
(c) Copyright 2000 Sipex Corporation
12
+5V
10F
+
6 14 1F 1 12 5 1F 3 C1- C2+ C2+ C2- GND 16 4 LATCH C1+
13
15
1F
VCC
SD VDD
11
SP782
VSS
D0 9 D1 8 2 1F
+5V
10F
+
13 14 10F 1 12 5 10F 3 C1- C2+ (b) C2+ (a) C2- D0 D1 LATCH SD GND 16 4 C1+
VCC
10F
VDD
11
SP784
9 8 6 15
VSS
2 10F
Figure 9. SP782 and SP784 Block Diagrams
SP782/SP784 DS/08 SP782/784 Programmable Charge Pump (c) Copyright 2000 Sipex Corporation
13
PACKAGE:
PLASTIC SMALL OUTLINE (SOIC) (WIDE)
E
H
D A O e B A1 L
DIMENSIONS (Inches) Minimum/Maximum (mm) A A1 B D E e H L O
16-PIN 0.093/0.104 (2.352/2.649) 0.004/0.012 (0.102/0.300) 0.013/0.020 (0.330/0.508) 0.398/0.406 (10.11/10.31) 0.291/0.299 (7.402/7.600) 0.050 BSC (1.270 BSC) 0.394/0.419 (10.00/10.64) 0.016/0.050 (0.406/1.270) 0/8 (0/8)
SP782/SP784 DS/08
SP782/784 Programmable Charge Pump
(c) Copyright 2000 Sipex Corporation
14
PACKAGE:
16-PIN PLASTIC DUAL-IN-LINE (NARROW)
E1 E D1 = 0.005" min. (0.127 min.) D A1 = 0.015" min. (0.381min.) A A2 e = 0.100 BSC (2.540 BSC) B1 B ALTERNATE END PINS (BOTH ENDS)
DIMENSIONS (Inches) Minimum/Maximum (mm) A A2 B B1 C D E E1 L O
C O eA = 0.300 BSC (7.620 BSC)
L
16-PIN -/0.210 (-/5.334) 0.115/0.195 (2.921/4.953) 0.014/0.022 (0.356/0.559) 0.045/0.070 (1.143/1.778) 0.008/0.014 (0.203/0.356) 0.780/0.800 (19.812/20.320) 0.300/0.325 (7.620/8.255) 0.240/0.280 (6.096/7.112) 0.115/0.150 (2.921/3.810) 0/ 15 (0/15)
SP782/SP784 DS/08
SP782/784 Programmable Charge Pump
(c) Copyright 2000 Sipex Corporation
15
ORDERING INFORMATION
Model Temperature Range Package Types SP782CP .......................................................................... 0C to +70C ..................................................................................... 16-pin Plastic DIP SP784CP .......................................................................... 0C to +70C ..................................................................................... 16-pin Plastic DIP SP782CT ........................................................................... 0C to +70C .............................................................................................. 16-pin SOIC SP784CT ........................................................................... 0C to +70C .............................................................................................. 16-pin SOIC Please consult the factory for pricing and availability on a Tape-On-Reel option.
Corporation
SIGNAL PROCESSING EXCELLENCE
Sipex Corporation Headquarters and Sales Office 22 Linnell Circle Billerica, MA 01821 TEL: (978) 667-8700 FAX: (978) 670-9001 e-mail: sales@sipex.com Sales Office 233 South Hillview Drive Milpitas, CA 95035 TEL: (408) 934-7500 FAX: (408) 935-7600
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the application or use of any product or circuit described hereing; neither does it convey any license under its patent rights nor the rights of others.
SP782/SP784 DS/08
SP782/784 Programmable Charge Pump
(c) Copyright 2000 Sipex Corporation
16


▲Up To Search▲   

 
Price & Availability of SP784CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X