Part Number Hot Search : 
MJW21195 800BA AP89010 NCV4269A MA6014 74AHC573 PN2222A 4805S
Product Description
Full Text Search
 

To Download SIS963 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SiS Dual DDR333 Pentium 4 Chipset SiS655/963
Silicon Integrated Systems Corp. Integrated Product Division Dec, 2002
Agenda
* * * * System Architecture and Key Feature Dual Memory Controller USB2.0 and IEEE1394a Advantages of SiS655
SiS655/963- P4 Dual DDR333 Chipset
Pentium 4 CPU Universal AGP 3.0 Compliant 8X/4X Mode Support AGP 8X/4X Interface 533MHz System Bus with 2X Address/4X Data Dual Memory Channel DDR333/DDR266 Up to 4 DIMM Unbuffered DDR Support Max. 1GB per DIMM
MuTIOL 1GB, 16 Bit @ 533Mhz
AC'97 Codec
Dual IDE ATA133/100/66 USB 2.0/1.1
6 PCI Master KB / Mouse
LPC ROM
IEEE 1394a
6 channel speaker
AC97 V.90 Modem MII
RJ11
1/10Mb HPNA
or
10/100Mb LAN
Floppy/ Midi / Joystick
LPC S/IO
ACR
BIOS Legacy
RJ45
-- PC2001 Compliant --
Dual Memory Controller Overview
- SiS655
Host Interface
MA[0:14], MD[0:63], CS, RAS... Channel 0
DIMM 0 DIMM 1 DIMM 2
Memory Controller 0 AGP Interface Memory Controller 1
MA[0:14], MD[0:63], Channel 1
MuTIOL Interface
DIMM 3
CS, RAS...
* Independent MA, MD, and control signals for each channel
* Support 128bit mode, Concurrent Dual64bit mode and Legacy single 64 bit mode. * Auto Configuration for flexible DIMM combination Support
Dual Memory Controller Advantage- SiS655
4.2 GB
Host Interface
AGP8X
2 GB
Memory Controller 0
PC2700
5.4 GB
AGP Interface
Memory Controller 1
PC2700
MuTIOL 1 GB
* Double memory bandwidth up to 5.4 GB @ 128bit mode and 2x64 bit mode * 2x64bit mode provides no DIMM type and size limit for enabling Dual channel advantage. *Simply enable dual channel advantage and upgrade the performance at inexpensive way
SIS963 -- USB2.0/1.1
Make USB Migration Smooth
1.2GB
MuTIOL Channels Layer
USB 1.1
USB 1.1
USB 1.1
USB 2.0
Routing block
Port 0 Port 1 Port 2 Port 3 Port 4 Port 5
Dynamic Switching to USB1.1 or USB2.0, depends on Devices
USB2.0 - What it is?
Scanner
* Support PC-centric connection to High Speed and High Performance PC Peripherals.
* Support High Speed Device @480 Mb/s bandwidth = 40 times faster than USB1.1
CD-ROM Speaker
* Fully Backward Compatible w/ USB 1.1
* Support USB 1.1 Full Speed Devices (12Mb/s) and USB 1.1 Low Speed Devices (1.5Mb/s)
PC-Centric
* Working w/ the existing USB 1.1 connectors and cables
* No new connectors and cables are required.
USB Hub
Printer
Scanner
What USB2.0 Devices Available?
USB 2.0 CD-ROM/DVD-ROM
Addonics Tech. ACOM
USB 2.0 CD-R/RW
Plextor, SONY Fujitsu, Yahama..
USB 2.0 MO Driver USB 2.0 CCD/Camera
AME, Opteon Fujitsu..
USB 2.0 Scanner
Epson, Microtek
USB 2.0 Flash card Reader
Datafab System...
USB 2.0 HDD
Maxtor, Fujitsu..
SIS963- IEEE1394a
1.2GB to Packet layer
MuTIOL Channels Layer
1394a Controller
EEPROM 1394a Phy
3 ports
* Store 1394 Organizationally Unique Identifier (OUI/OUA) Information in EEPROM
* Share single EEPROM for both IEEE1394a OUI and LAN Mac Address information
IEEE1394a--What it is?
* Addressing Interconnection of Both PC Peripherals and Consumer Electronics. * High Speed Bus Operating at data transfer rate of 100Mbps to 400 Mbps, depending on cable type * Support Peer-to-peer communication * Support TCP/IP Networking Capability * Support Isochronous and asynchronous data transfer
HDD, Zip, MO, ... A/Video up/down to/from PC
Peer-t-Peer Communication Video Data
1394 TCP/IP Networking - IP over 1394
* With "IP over 1394" Support to Enabling Internet Access Sharing among Networked PCs * With "IP over 1394" Support to Direct Connect PCs by 1394 Ports w/o Additional Hardware and Drivers * Native "IP over 1394" Support in Windows Me and Windows XP
Hub Internet
Telephone
Internet Sharing over 1394 Laptop computer
or
Direct Connect
Laptop computer
What 1394a Devices Available?
PC Peripherals and Consumer Electronics
1394 HDD
IOMEGA, LaCie VST Tech. ..
1394 DV/D8
SONY, JVC, Sharp Panasonic, Canon
1394 MO
Fujitsu
1394 MD Recorder
Kenwood
1394 Scanner
Epson, UMAX..
1394 Music Synthesizer Fujitsu
1394 CD-R/RW
SONY, IOMEGA
The Advantages of SiS655
* Host Interface
- Support Intel Pentium 4 CPU - 533MHz system bus w/ 2X Address and 4X Data Rate and bandwidth of up to 4.2GB/s - 12 Outstanding Transactions support - Quasi-Synchronous/Asynchronous Host/DRAM Timing support - Support 2M/4M/8M/16M TSEG SMRAM - Support Dynamic Bus Inversion.
* DRAM Controller
- Integrated Dual Memory Controller w/ 128bit mode and 64bitx2 concurrent access mode support - DDR333/DDR266Support - Support Up to 4 un-buffer Double-sided DIMM - Max. 1GB per DIMM with 512Mb tech.
* AGP 3.0 and AGP2.0 Compliant
- 8X/4X/2X Mode Support - Fast Write Support - Support 1.5V interface only
* SiS MuTIOL Technology Delivering 1GB/sec Bandwidth
SIS963 MuTIOL Media IO
* USB 2.0 /1.1 Support
- - - Integrated Three Independent Open HCI Controllers includes Root Hub w/ two USB 1.1 ports each Integrated One EHCI Controller includes Root Hub w/six USB 2.0 ports Support a maximum of 6 USB Ports. Dynamic connection to USB 1.1 or USB 2.0. OHCI 1394a 1.1 compliance Up to three 1394a ports support w/ external 1394a Phy.
*
IEEE 1394a Controller Integrated
- -
* * *
IDE Controller - Dual Independent IDE Channels with ATA133/100/66 support Integrated MAC Controller with Standard MII Interface Integrated Audio Controller w/ AC97 2.2 Compliance Interface
- - Support 5.1 channel of Audio output and V.90 HSP Modem Support 4 Separate SDATAIN Pins for 3 x 2 ch Audio Codec + 1 Modem Codec
* * * * *
PCI 2.2 Compliant - Support up to 6 PCI Masters LPC Interface 1.0 Compliance ACPI 1.0b Compliance I/O APIC Support PC2001 Compliance
*
SiS MuTIOL Technology Delivering 1GB/sec Bandwidth


▲Up To Search▲   

 
Price & Availability of SIS963

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X