Part Number Hot Search : 
ZGD51 000KJDG LTC1430I CD401 M10007 SI4116DY AH1030 AD8210
Product Description
Full Text Search
 

To Download SF3006PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 W TE
PO WE R SEM IC O ND UC TO R S
SF3001PT - SF3006PT
30A SUPER-FAST GLASS PASSIVATED RECTIFIER
Features
! ! ! ! ! ! Glass Passivated Die Construction Super-Fast Switching for High Efficiency High Current Capability Low Reverse Leakage Current High Surge Current Capability Plastic Material has UL Flammability Classification 94V-O H
TO-3P Dim A B C D E G H J K L M N P R S Min Max 3.20 3.50 4.59 5.16 20.80 21.30 19.70 20.20 2.10 2.40 0.51 0.76 15.90 16.40 1.70 2.70 3.10 O 3.30 O 3.50 4.51 5.20 5.70 1.12 1.22 2.90 3.30 11.70 12.80 4.30 Typical All Dimensions in mm
S R
PIN1 2 3
J K P N M A B
L
Mechanical Data
! ! ! ! ! ! Case: Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-750, Method 2026 Polarity: See Diagram Weight: 5.6 grams (approx.) Mounting Position: Any Marking: Type Number
C
PIN 1 PIN 3 + Case PIN 2
G
D E
Maximum Ratings and Electrical Characteristics
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
@TA=25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @TC = 100C
Symbol VRRM VRWM VR VR(RMS) IO
SF SF SF SF SF SF 3001PT 3002PT 3003PT 3004PT 3005PT 3006PT 50 35 100 70 150 105 30 200 140 300 210 400 280
Unit
V V A
Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Peak Reverse Current At Rated DC Blocking Voltage Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range @IF = 15A @TA = 25C @TA = 100C
IFSM VFM IRM trr Cj Tj, TSTG 0.95
300 1.3 10 500 35 175 -55 to +150
A V A nS pF C
Note: 1. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. 2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
SF3001PT - SF3006PT
1 of 3
(c) 2002 Won-Top Electronics
24
IF, INSTANTANEOUS FORWARD CURRENT (A)
30 I(AV), AVERAGE FORWARD CURRENT (A)
100
SF3001PT - SF3004PT
10
18
12
SF3005PT - SF3006PT
1.0
6
Pulse width = 300s 2% duty cycle
0 0 50 100 150 TC, CASE TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
0.1 0.2 0.6 1.0 1.4 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
400
360 IFSM, PEAK FORWARD SURGE CURRENT (A)
8.3 ms single half-sine-wave JEDEC method
300
Cj, CAPACITANCE (pF)
240
100
180
120
60
10
0 1 10 NUMBER OF CYCLES AT 60Hz Fig. 3 Max Non-Repetitive Surge Current
IR, INSTANTANEOUS REVERSE CURRENT (mA) 100
100
0.1
1.0
10
100
VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
TC = 100C
10
TC = 75C
1.0
TC = 25C
0.1
0.01 0 40 80 120 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics
SF3001PT - SF3006PT
2 of 3
(c) 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.
SF3001PT SF3002PT SF3003PT SF3004PT SF3005PT SF3006PT
Package Type
TO-3P TO-3P TO-3P TO-3P TO-3P TO-3P
Shipping Quantity
30 Units/Tube 30 Units/Tube 30 Units/Tube 30 Units/Tube 30 Units/Tube 30 Units/Tube
Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
(c) 2002 Won-Top Electronics
SF3001PT - SF3006PT
3 of 3


▲Up To Search▲   

 
Price & Availability of SF3006PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X