Part Number Hot Search : 
CA9011 KBPC10XX AK4536VN IRFZ4 LBN09019 E130A MD7540 KSMF2N60
Product Description
Full Text Search
 

To Download SDA6000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Brief
SDA 6000 M2
The SDA 6000 integrates a high-speed 16-Bit C166 microcontroller with digital signal processing for VBI data acquisition and the most flexible display controller ever seen since Megatext.
Potential Application The SDA 6000 is the cost-effective solution for consumer products that require flexible pixel graphics for the optimum user interface: s Television sets with - Teletext up to Level 2.5 - Electronic Programme Guides (NexTView and others) - HTML-based applications s Telecommunication devices with grayscale or color pixel displays s Display-oriented consumer info-devices Features s True 16-Bit microcontroller core (C166) clocked at 33 MHz for excellent real-time support s External Memory Interface supporting SDRAM (16 or 64 Mbit), ROM and FLASH up to 32 Mbit s P-MQFP-128 package with 0.8 mm pin pitch for easy soldering
s 0.25 m CMOS technology for
high performance and low power dissipation (3.3/2.5 V) s New Digital data slicer for high-quality VBI line acquisition even with distorted CVBS signals s Independent WSS processing on second CVBS input for background channel data capturing in two-tuner environments (e.g. NexTView applications) Dedicated Tools To increase productivity in Graphical User Interface (GUI) development, a suite of highly innovative software tools has been created: the M2 Advanced Tools Environment (MATE) Toolbox s Multi-Level graphics API: flexibility through basic GDI functions, efficiency through powerful OSD Service Interface Commerce
SDA 600
s M2 Builder with comprehensive
resource editing, management and code generation facilities s M2 Display Simulator allowing to prototype SDA 6000 - based applications on a standard developer's PC
Development and Support Package s Data Sheet/Specification s Tutorial: Getting Started with M2 s Reference layout and evaluation board for easy and fast development start s Demo CD-ROM with trial versions of many useful tools s Application notes and technical articles s A huge selection of tools that can facilitate various aspects of software development with M2 and other C166-based products can be found at http://www.spacetools.com
http://www.infineon.com
SDA 6000 Block Diagram
ADC1 Full Slicer ADC2 WSS Slicer C166 Microcontroller 33 MHz Clock Frequency PEC, GPT1+2, ASC0, SSC, I2C, BTL, WDT, RTC, GP-I/Os etc. Arbiter 1 SDA 6000 External Memory Interface Arbiter 2 Screen Refresh Unit FIFO Buffer 3 RGB DAC 2D Graphic Accelerator with DMA
Acquisition Interface
MATE Toolbox for Higher Productivity
A
Wien (+43) 1-1707-356 11 Richmond (Melbourne), Vic. 3121
IRL
Dublin 4 (+353) 1-603 23 42 Tokyo 141-0022 (+81) 3-5449 64 11 Penang (+60) 4-644 99 75 Oslo 5 (+47) 22-63 30 00 Den Haag (+31) 70-333 24 29 Auckland (+64) 9-520 30 33 Amadora (+35) 1-417 00 11 Islamabad (+92) 51-21 22 00 Warszawa (+48) 2-670 91 51 Taipei (+886) 2-2773 66 06 Seoul 135-080
AUS
J
The SDA 6000 efficiently integrates these powerful functional blocks: s Powerful 16-Bit microcontroller s 2D Graphic Accelerator with core (compatible to C166 family) DMA facility and hardware suprunning at 33 MHz port for fast character-drawing s 2 kB IRAM and 2 kB XRAM for s Fully flexible Screen Refresh Unit excellent real-time support supporting all display modes from 40x25 characters at 50 Hz up to s Peripherals similar to SVGA 800x600 pixels in 64 k SAB C161RI (WDT, RTC etc.) colors at 75 Hz progressive scan s 36 I/O Pins (up to 42 depending s Triple 5/6/5-Bit RGB-DAC with on memory configuration) pixelclock up to 50 MHz s External Memory Interface sups Internal bus/arbitration and buffer porting PC100-type SDRAM system with optimized priorities (16/64 Mbit), EPROM and/or for maximum throughput and minFLASH with up to 3 devices in imum latency of memory access parallel s New Digital slicer with 4 different programmable data services per VBI field and independent second CVBS signal WSS slicing Availability Samples of the SDA 6000 are available for evaluation in 1999 with complete documentation. Our highly experienced engineering support team, as well as our worldwide FAE network can assist you with your design in work. Please contact your local office for further details. Ask for your evaluation copy of the software development tools CD-ROM.
(+61) 3-9420 71 11
B
MAL
Brussel/Bruxelles (+32) 2-536 23 48 Sao Paulo-SP (+55) 11-3908 23 77/ 26 84 Mississauga, Ontario L5T 1P2 (+1) 905-819 80 00 Zurich (+41) 1-495 30 65 Dusseldorf (+49) 211-399 15 51 Laatzen (Hannover) (+49) 511-877 27 06 Nurnberg (+49) 911-654 76 22 Stuttgart (+49) 711-137 33 14 Munchen (+49) 89-9221 40 86 Ballerup (+45) 4477-44 77 Tres Cantos-Madrid (+34) 91-514 80 00 Saint-Denis CEDEX 2 (+33) 1-4922 31 00 Espoo (Helsinki) (+358) 9-5105 1 Berkshire RG 12 8FZ (+44) 1344-39 60 00 Amaroussio/Athen (+30) 1-686 41 11 Hong Kong (+852) 2832 05 00 Milano (+39) 02-6676-1 New Delhi 110 014 (+91) 11-461 74 47 Bangalore 560 001 (+91) 80-227 98 74 Mumbai (+91) 22-496 21 99
N
BR
NL
CDN
NZ
P
CH
PK
D
PL
RC
ROK
(+82) 2-527 77 00
RUS
Moskva
DK
(+7) 095-737-14 35,
-14 36
S
E
Kista (+46) 8-703 35 00 Singapore 349 253 (+65) 840 06 10 Findikli (Istanbul) (+90) 212-251 09 00 Cupertino, CA 95014 (+1) 408-777 45 00 Cupertino, CA 95014 (+1) 408-257 79 10 Iselin, NJ 08830-2770 (+1) 732-906 43 00 Beijing
SGP
F
TR
FIN
USA
GB
GR
HK
VRC
I
(+86) 10-6857 90 -06,
-07 Shanghai 200003 (+86) 21-6361 26 18/19
ZA
IND
Halfway House 1685
(+27) 11-652-20 00,
-27 00
SDA 6000 I/O C
Ext. Non-Volatile Additional SDRAM Memory Memory
How to reach us: http://www.infineon.com (c) Infineon Technologies AG i. Gr. 1999.
Bus System Analog Display
16 Mbit or 64 Mbit
EPROM or FLASH
EPROM or FLASH
16 Bit/ 100 MHz Bus
All Rights Reserved. Please note that any information contained in this publication may be subject to change. Siemens reserves the right to make changes to or to discontinue any product or service identified in this publication without notice. Please contact our regional offices to receive the latest version of the relevant information to verify, before placing orders, that the information being relied upon is current. All brand or product names, hardware or software names are trademarks of their respective companies or organizations.
Published by Infineon Technologies AG
Ordering No. B111-H7393-X-X-7600 Printed in Germany PS 06993.


▲Up To Search▲   

 
Price & Availability of SDA6000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X