Part Number Hot Search : 
HMC607G7 R3010 VN050 4910NT4G RCA1B04 HFA11 4700M16 EVKIT
Product Description
Full Text Search
 

To Download SD6000CRSERIES Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin I2035 rev. B 04/00
SD6000C..R SERIES
STANDARD RECOVERY DIODES Hockey Puk Version
Features
Wide current range High voltage ratings up to 2400V High surge current capabilities Diffused junction Hockey Puk version Case style B-44 (R-PUK)
6690A
Typical Applications
Converters Power supplies High power drives Auxiliary system supplies for traction applications
case style B-44 (R-PUK)
Major Ratings and Characteristics
Parameters
IF(AV) @ Ths IF(RMS) @ Ths IFSM @ 50Hz @ 60Hz I2t @ 50Hz @ 60Hz VRRM range TJ
SD6000C..R
6690 55 11150 25 76400 80000 29200 26650 1200 to 2400 - 40 to 175
Units
A C A C A A KA2s KA2s V C
www.irf.com
1
SD6000C..R Series
Bulletin I2035 rev. B 04/00
ELECTRICAL SPECIFICATIONS Voltage Ratings
Voltage Type number Code
12 SD6000C..R 16 20 24
VRRM , maximum repetitive peak reverse voltage V
1200 1600 2000 2400
VRSM , maximum nonrepetitive peak rev. voltage V
1300 1700 2100 2500
IRRM max.
@ TJ = 175C
mA
100
Forward Conduction
Parameter
I F(AV) Max. average forward current @ Heatsink temperature I F(RMS) Max. RMS forward current I FSM Max. peak, one-cycle forward, non-repetitive surge current
SD6000C..R
6690 (3520) 55 (85) 11150 76400 80000 64250 67280
Units
A C A
Conditions
180 conduction, half sine wave Double side (single side) cooled @ 25C heatsink temperature double side cooled t = 10ms No voltage reapplied 100% VRRM reapplied No voltage reapplied 100% VRRM reapplied Sinusoidal halfwave, Initial TJ = TJ max.
A
t = 8.3ms t = 10ms t = 8.3ms t = 10ms
I2t
Maximum I2t for fusing
29200 26650 20640 18850 KA2s
t = 8.3ms t = 10ms t = 8.3ms
I 2 t
Maximum I2t for fusing voltage
292000 0.727
KA2s
t = 0.1 to 10ms, no voltage reapplied (16.7% x x IF(AV) < I < x IF(AV)), TJ = TJ max.
V F(TO)1 Low level value of threshold V F(TO)2 High level value of threshold voltage r f1 r f2 V FM Low level value of forward slope resistance High level value of forward slope resistance Max. forward voltage drop
V 1.350 0.055 m 0.027 1.22 V (I > x IF(AV)),TJ = TJ max. Ipk= 9000A, TJ = TJ max, tp = 10ms sinusoidal wave (I > x IF(AV)),TJ = TJ max. (16.7% x x IF(AV) < I < x IF(AV)), TJ = TJ max.
2
www.irf.com
SD6000C..R Series
Bulletin I2035 rev. B 04/00
Thermal and Mechanical Specifications
Parameter
TJ Tstg Max. junction operating temperature range Max. storage temperature range
SD6000C..R
-40 to 175 -55 to 200 0.02 0.01 39200 (4000) 1590
Units
C K/W N (Kg) g
Conditions
RthJ-hs Max. thermal resistance, junction to heatsink F wt Mounting force, 10% Approximate weight Case style
DC operation single side cooled DC operation double side cooled
B-44 (R-PUK)
See Outline Table
RthJ-hs Conduction
(The following table shows the increment of thermal resistence RthJ-hs when devices operate at different conduction angles than DC)
Conduction angle
180 120 90 60 30
Sinusoidal conduction Rectangular conduction
Single Side Double Side 0.0009 0.0010 0.0013 0.0019 0.0033 0.0010 0.0011 0.0013 0.0019 0.0033 Single Side Double Side 0.0006 0.0010 0.0014 0.0020 0.0034 0.0006 0.0010 0.0014 0.0020 0.0034
Units
Conditions
K/W
TJ = TJ max.
Ordering Information Table
Device Code
SD 600
1 2
0
3
C
4
24
5
R
6
1 2 3 4 5 6
-
Diode Essential part number 0 = Standard recovery C = Ceramic Puk Voltage code: code x 100 = VRRM (see Voltage Ratings Table) R = Puk Case B-44 (R-PUK)
www.irf.com
3
SD6000C..R Series
Bulletin I2035 rev. B 04/00
Outline Table
3.5 (0.14) DIA. NOM. x 2.5 (0.10) DEEP MIN. BOTH ENDS
0.8 (0.03) MIN. BOTH ENDS
73.2 (2.88) DIA. MAX. TWO PLACES
37.2 (1.46)
36.2 (1.43)
111 (4.37) DIA. MAX.
Case Style B-44
All dimensions in millimeters (inches) Quote between upper and lower pole pieces has to be considered after application of Mounting Force (see Thermal and Mechanical Specification)
100.5 (3.96) DIA. MAX.
M a xim um A llow a ble Heatsin k Tem perature ( C )
M a x im um A llow a ble Hea t sink T em p era ture ( C )
1 80 1 60 1 40 1 20 1 00 80
SD 6000C ..R Series (Sing le Sid e C ooled ) R th J-hs (D C ) = 0.02 K /W
180 160 140 120 100 80 60 40 20 0 30 60 90 120 180 DC
C o nd uction P erio d
SD 6000C ..R Series (Sing le Sid e C ooled) R th J-hs (D C ) = 0.02 K/W
C o n d uctio n A ngle
30 60 40 0 10 0 0 2 0 00
60
90
120 180 4 0 00 5 00 0
3 00 0
10 0 0 2 00 0 30 0 0 40 0 0 50 0 0 60 00 70 0 0 Averag e Forw ard C urrent (A)
Fig. 2 - Current Ratings Characteristics
A vera g e Forw ard C urren t (A)
Fig. 1 - Current Ratings Characteristics
4
www.irf.com
SD6000C..R Series
Bulletin I2035 rev. B 04/00
M a xim um Allow ab le H eatsink Tem p era ture ( C ) M axim um Allow a ble Hea tsin k T em perature ( C ) 180 160 140 120 100 80 60 40 0 2000 4000 6 0 00 8000 Avera ge Forw a rd C urren t (A)
Fig. 3 - Current Ratings Characteristics
C o nd uction Angle
SD 6000C ..R Series (D oub le Sid e C ooled ) R th J-hs (D C ) = 0.01 K/W
1 80 1 60 1 40 1 20 1 00 80 60 40 30 20 0 2 0 00 40 0 0 60 0 0 90 60 120 180 DC
C o nd uctio n P erio d
SD 6000C ..R Series (D oub le Sid e C ooled ) R th J-hs (D C ) = 0.01 K/W
30
60
90
120
180
8 0 00 1 00 00 12 0 00
Averag e Forw ard C urrent (A)
Fig. 4 - Current Ratings Characteristics
M ax im um Avera ge Forw ard Pow er Loss (W )
M a xim um A verag e Forw a rd Po we r Loss (W )
14000 12000 10000 8000 6000 4000 2000 0 0 2000 4000 60 0 0 8000 A vera g e Forw a rd C urren t (A )
Fig. 5 - Forward Power Loss Characteristics
C o nd uctio n A ngle
16 0 00 14 0 00 12 0 00 10 0 00 8 0 00 6 0 00 4 0 00 2 0 00 0 0 2 0 00 4 0 00 6 00 0 80 0 0 1 00 0 0 12 0 00 A vera ge Forw a rd C urrent (A)
Fig. 6 - Forward Power Loss Characteristics
180 120 90 60 30
RM S Lim it
DC 180 120 90 60 30 RM S Lim it
C o nd uction P erio d
SD 6000C ..R Serie s T J = 175 C
SD 6000C ..R Series T J = 175 C
Pea k Ha lf Sine W a ve Forw ard C urrent (A)
6 00 00
At A n y Rated Lo ad C on dition An d W ith Ra ted V RRM A pp lied Follow in g Surge . Initia l TJ = 175 C @ 60 H z 0.0083 s @ 50 H z 0.0100 s
Peak Ha lf Sine W a ve Forw ard C urrent (A)
7 00 00
8 0 0 00 7 0 0 00 6 0 0 00 5 0 0 00 4 0 0 00 3 0 0 00 2 0 0 00
M axim um Non Rep etitive Surge C urren t V ersus Pulse Train D uration. C on trol In itia l T J = 175 C No V oltag e Reapp lied Rated V RRM Reap plied
5 00 00
4 00 00
3 00 00 SD 6000C ..R Serie s 2 00 00 1 10 10 0
Nu m b er O f Eq ua l A m p litud e H a lf Cy cle C urrent P u lses (N )
SD 6000C ..R Series
1 0 0 00 0 .0 1
0 .1 Pulse T ra in D ura tion (s)
1
Fig. 7 - Maximum Non-Repetitive Surge Current Single and Double Side Cooled
Fig. 8 - Maximum Non-Repetitive Surge Current Single and Double Side Cooled
www.irf.com
5
SD6000C..R Series
Bulletin I2035 rev. B 04/00
10 00 0 0 Instantaneous For wa rd C urrent (A) T J = 25 C T J = 175 C
10 0 0 0
SD 6000C ..R Series
1 00 0 0 0 .5 1 1 .5 2 2.5 3 3.5 4 4.5 Insta nta neous Forw a rd V olta ge (V )
Fig. 9 - Forward Voltage Drop Characteristics
0.1 Steady State V alue R thJ-hs = 0.02 K/W (Single Side C ooled) 0.0 1 R th J-hs = 0.01 K/W (D ouble Side C ooled) (D C O peration )
Tran sient Th erm al Im pedanc e Z thJ-hs (K/W )
0 .001 SD 6000C ..R Series
0.0 001 0.0 01
0.01
0 .1
1
10
1 00
Square W ave Pulse D uration (s)
Fig. 10 - Thermal Impedance ZthJ-hs Characteristics
6
www.irf.com


▲Up To Search▲   

 
Price & Availability of SD6000CRSERIES

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X