|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Preliminary Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 QR_3310002 100 Amp/3300 Volts Fast Recovery Diode Module 100 Amp/3300 Volts Description: Powerex Fast Recovery Diode Modules are designed for use in applications requiring fast switching. The modules are isolated for easy mounting with other components on a common heatsink. Features: QR_3310002 Fast Recovery Diode Module 100 Amperes / 3300 Volts QRD Fast Recovery Time (1.2 s max.) Isolation Material - DBC Alumina Copper Baseplate Low Thermal Impedance 6000 V Isolated Mounting Applications: Switching Power Supplies Inverters Choppers Welding Power Supplies Free Wheeling Diode High Frequency Rectifiers QRC Dimensions A B C D E F G H J K L M Inches 3.70 1.34 1.40 3.15 0.67 0.28 0.67 0.91 0.36 1.18 0.216 #10-32 Millimeters 94 34 35.6 80 17 6.99 17.1 23 9.0 30 5.5 #10-32 Preliminary Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 QR_3310002 100 Amp/3300 Volts Fast Recovery Diode Module 100 Amp/3300 Volts Absolute Maximum Ratings, TJ=25C unless otherwise specified QRD330002 Characteristics Repetitive Peak Reverse Blocking Voltage Non-Repetitive Peak Reverse Blocking Voltage Average Forward Current Forward Current Operating Junction Temperature Storage Temperature Maximum Mounting Torque, #10-32 Mounting Screw Maximum Terminal Torque, #10-32 Terminal Screw Module Weight (Typical) V Isolation Conditions Tc=25C Pulse 60 Hz, circuit to base, all terminals shorted, t = 1 sec Symbol VRRM VRSM IF(AV) IFM TJ TSTG VRMS QRC330002 3300 VRRM + 100 100 200 -40 to 150 -40 to 150 26 26 250 6000 Units Volts Volts Amperes Amperes C C In.-lb. In.-lb. Grams Volts Electrical Characteristics, TJ=25C unless otherwise specified Characteristics Peak Reverse Leakage Current Peak On-State Voltage Reverse Recovery Time Reverse Recovery Charge Symbol IRRM VFM trr Qrr Test Conditions Rated VRRM IF=100A IF = 100A, di/dt = -200A/s IF =100A, di/dt = -200A/s Min. Typ. 3.3 25 Max 5 4.3 1.2 Units mA Volts s C Thermal Characteristics, TJ=25C unless otherwise specified Characteristics Thermal Resistance, Junction to Case Thermal Resistance, Case to Sink Lubricated Symbol RJC RCS Per Diode Per Module Min. Typ. 0.115 Max. TBD 0.05 Units C/Watt C/Watt |
Price & Availability of QRC330002 |