Part Number Hot Search : 
X25170AE BU450 X20061RS MX7547JN STP08DP 28512 ONTROL H15S4
Product Description
Full Text Search
 

To Download Q62703-Q2153 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3 mm (T1) LED, Non Diffused Super-Bright LED
LS 3341, LY 3341, LG 3341 LP 3341
Besondere Merkmale
q q q q q q
eingefarbtes, klares Gehause hohe Lichtstarke zur Einkopplung in Lichtleiter Lotspiee mit Aufsetzebene gegurtet lieferbar Storimpulsfest nach DIN 40839
VEX06711
Features
q q q q q q
colored, clear package high luminous intensity optical coupling into light pipes solder leads with stand-off available taped on reel load dump resistant acc. to DIN 40839
Semiconductor Group
1
11.96
LS 3341, LY 3341, LG 3341 LP 3341
Typ Type
Emissionsfarbe Color of Emission
Gehausefarbe Color of Package
Lichtstarke Luminous Intensity IF = 10 mA IV (mcd) 10.0 ... 80.0 16.0 ... 32.0 25.0 ... 50.0 40.0 ... 80.0 16.0 ... 125.0 10.0 ... 80.0 16.0 ... 32.0 25.0 ... 50.0 40.0 ... 80.0 16.0 ... 125.0 6.3 ... 50.0 16.0 ... 32.0 25.0 ... 50.0 16.0 ... 125.0 4.0 ... 6.3 ... 10.0 ... 16.0 ... 6.3 ... 32.0 12.5 20.0 32.0 50.0
Bestellnummer Ordering Code
LS 3341-LP LS 3341-M LS 3341-N LS 3341-P LS 3341-MQ LY 3341-LP LY 3341-M LY 3341-N LY 3341-P LY 3341-MQ LG 3341-KN LG 3341-M LG 3341-N LG 3341-MQ LP 3341-JM LP 3341-K LP 3341-L LP 3341-M LP 3341-KN
super-red
red clear
Q62703-Q3911 Q62703-Q2146 Q62703-Q2147 Q62703-Q3445 Q62703-Q2148 Q62703-Q2152 Q62703-Q2151 Q62703-Q2398 Q62703-Q3234 Q62703-Q2149 Q62703-Q2153 Q62703-Q2155 Q62703-Q3187 Q62703-Q2156 Q62703-Q3815 Q62703-Q3816 Q62703-Q2986 Q62703-Q2919 Q62703-Q2750
yellow
yellow clear
green
green clear
pure green
green clear
Streuung der Lichtstarke in einer Verpackungseinheit IV max / IV min 2.0. Luminous intensity ratio in one packaging unit IV max / IV min 2.0.
Semiconductor Group
2
LS 3341, LY 3341, LG 3341 LP 3341
Grenzwerte Maximum Ratings Bezeichnung Parameter Betriebstemperatur Operating temperature range Lagertemperatur Storage temperature range Sperrschichttemperatur Junction temperature Durchlastrom Forward current Stostrom Surge current t 10 s, D = 0.005 Sperrspannung Reverse voltage Verlustleistung Power dissipation TA 25 C Warmewiderstand Thermal resistance Sperrschicht / Luft Junction / air Symbol Symbol Werte Values LS, LY, LG LP C C C 30 0.5 mA A - 55 ... + 100 - 55 ... + 100 + 100 40 Einheit Unit
Top Tstg Tj IF IFM
VR Ptot
140
5 100
V mW
Rth JA
400
K/W
Semiconductor Group
3
LS 3341, LY 3341, LG 3341 LP 3341
Kennwerte (TA = 25 C) Characteristics Bezeichnung Parameter Symbol Symbol LS Wellenlange des emittierten Lichtes (typ.) peak Wavelength at peak emission (typ.) IF = 20 mA Dominantwellenlange Dominant wavelength IF = 20 mA (typ.) dom (typ.) 635 LY 586 Werte Values LG 565 LP 557 nm Einheit Unit
628
590
570
560
nm
Spektrale Bandbreite bei 50 % Irel max (typ.) Spectral bandwidth at 50 % Irel max (typ.) IF = 20 mA Abstrahlwinkel bei 50 % IV (Vollwinkel) Viewing angle at 50 % IV Durchlaspannung Forward voltage IF = 10 mA Sperrstrom Reverse current VR = 5 V Kapazitat Capacitance VR = 0 V, = 1 MHz Schaltzeiten: Switching times: IV from 10 % to 90 % IV from 90 % to 10 % IF = 100 mA, tP = 10 s, RL = 50 2
45
45
25
22
nm
40 2.0 2.6 0.01 10 12
40 2.0 2.6 0.01 10 10
40 2.0 2.6 0.01 10 15
40 2.0 2.6 0.01 10 15
Grad deg. V V A A pF
(typ.) VF (max.) VF (typ.) IR (max.) IR (typ.) C0
(typ.) tr (typ.) tf
300 150
300 150
450 200
450 200
ns ns
Semiconductor Group
4
LS 3341, LY 3341, LG 3341 LP 3341
Relative spektrale Emission Irel = f (), TA = 25 C, IF = 20 mA Relative spectral emission V () = spektrale Augenempfindlichkeit Standard eye response curve
Abstrahlcharakteristik Irel = f () Radiation characteristic
Semiconductor Group
5
LS 3341, LY 3341, LG 3341 LP 3341
Maximal zulassiger Durchlastrom Max. permissible forward current IF = f (TA)
Wellenlange der Strahlung peak = f (TA) Wavelength at peak emission IF = 20 mA
Dominantwellenlange dom = f (TA) Dominant wavelength IF = 20 mA
Durchlaspannung VF = f (TA) Forward voltage IF = 10 mA
Semiconductor Group
6
LS 3341, LY 3341, LG 3341 LP 3341
Durchlastrom IF = f (VF) Forward current TA = 25 C
Mazeichnung Package Outlines
(Mae in mm, wenn nicht anders angegeben) (Dimensions in mm, unless otherwise specified)
Kathodenkennzeichnung: Kurzerer Lotspie Cathode mark: Short solder lead
Semiconductor Group
7
GEX06711


▲Up To Search▲   

 
Price & Availability of Q62703-Q2153

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X