Part Number Hot Search : 
8F048T 11016 LT241 AD7980 TD62476P CEE125 HD74AC P34BF
Product Description
Full Text Search
 

To Download PMB2313 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.1-GHz Prescaler 2.1-GHz Prescaler
PMB 2313 B6HF PMB 2314 B6HF
General Description The PMB 2313, PMB 2314 prescaler family is designed for use in mobile radio communication devices. It is fabricated using Siemens B6HF silicon bipolar process. Due to its low power consumption, low supply voltage down to 2.7 V and low phase noise generation it is suitable for the use in various battery powered handheld systems. The balanced differential inputs of the IC may be connected either symmetrically or asymmetrically. Depending on the logic level at SW input the dividing ratio is fixed to 1:64/65 or 1:128/129. The MOD input determines whether modulus 1/n or 1/(n+1) (n=64 or n=128, according to SW level) is active. The IC can be switched to a low-power standby mode (input STB). The MOD input is TTL/CMOS compatible. The emitter follower output is CMOS compatible. Applications All analog and digital mobile communication systems as part of RF- and IF synthesizers.
Type PMB 2313-T PMB 2314-T Features * * * * * * * *
Package P-DSO-8-1 (SMD) P-DSO-8-1 (SMD)
Low operating current Power-down mode High input sensitivity Wide input frequency range PMB 2313: 0.1 GHz to 1.1 GHz PMB 2314: 0.1 GHz to 2.1 GHz Low noise Operating voltage 2.7 V to 5.5 V P-DSO-8 package Temperature range - 30 C to 85 C
VS
STB 7 2
V REF
I2
8 1:64 / 65 1:128 / 129 1 I
4
Q
I1
SW
3 5 GND
6
MOD
ITB08472
Block Diagram
Siemens Aktiengesellschaft
1


▲Up To Search▲   

 
Price & Availability of PMB2313

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X