Part Number Hot Search : 
3EQHM53 F4905S B50N06 DTA113TL TLP3041F EA09271 TLP3041F ST10F273
Product Description
Full Text Search
 

To Download PL611-20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PL611-20
Programmable Quick Turn Clock T M
FEATURES
* * * * * * * * * * Advanced programmable PLL design Very low Jitter and Phase Noise (< 40ps Pk-Pk typical) Up to 3 outputs Output frequency up to 200MHz CMOS. Crystal inputs: o Fundamental crystal: 10MHz-30MHz o 3 RD overtone crystal: Up to 75MHz Accepts <1.0V reference signal input voltage One programmable I/O pin can be configured as Output Enable (OE), or Frequency Selection input (FSEL), or Reference clock. Single 2.5V or 3.3V 10% power supply Operating temperature range from -40C to 85C Available in 8-pin MSOP/SOIC, 6-pin SOT Green/ RoHS compliant packages, or Die
PIN CONFIGURATION
XIN/FIN GND CLK0 CLK1 1 8 XOUT CLK2,OE,FSEL NC VDD
PL611-20
SOP-8 MSOP-8
1 2 3 6 5 4
2 3 4
7 6 5
CLK1 GND XIN/FIN
VDD CLK2,OE,FSEL XOUT
SOT-23
PL611-20
DESCRIPTION
The PL611-20 is a low-cost general purpose frequency synthesizer and a member of PhaseLink's Factory Programmable `Quick Turn Clock (QTC)' family. PhaseLink's PL611-20 product family can generate any output frequency up to 200 MHz from fundamental crystal input between 10 MHz - 30 MHz, or a 3rd overtone crystal of up to 75Mhz.
BLOCK DIAGRAM
XIN/FIN XOUT
Xtal OSC FRef R-counter (8-bit) Phase Detector M -counter (10-bit) Charge Pump Loop Filter
Programming Logic
FSEL OE CLoad
FVCO = F Ref. * (2 * M /R)
P-counter (5-bit)
VCO
FOut = FVCO / (2 * P)
CLK [0:1] CLK2, OE, FSEL
Programmable Function
/1, /2
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
Rev 07/06/05 Page 1
PL611-20
Programmable Quick Turn Clock T M
KEY PROGRAMMING PARAMETERS
CLK[ 0:2 ] Output Frequency
Fout = FIN * M / (R * P) where M=10 bit R = 8 bit P = 5 bit 1. CLK[0:1] = VCO / 2 * P 2. CLK0 = ~ CLK1 2. CLK[2]= FIN or FIN/2
Output Drive Strength
Std: 10mA (default) High: 24mA
Crystal Load
+/- 200ppm tuning.
Programmable Input/Output (pin #7)
One output pin can be configured as 1. CLK2 = FIN or FIN/2 2. FSEL - input 3. OE - input
Charge-Pump Current
4 levels of pump current setting
PIN DESCRIPTION Name
XIN/FIN GND CLK[0:1] VDD DNC
Pin # (M)SOP-8
1 2 3,4 5 6
SOT-23
3 2 1 6 -
Type
I P O P -
Description
Crystal or Reference input pin GND connection Programmable Clock Output [note:CLK0=CLK1] VDD connection (2.25~3.63V) Do No Connect This programmable I/O pin can be configured as CLK2 (FIN or FIN/2) output, or OE input, or Frequency Selection (FSEL) input pin. This pin has an internal 60K pull up resistor. State 0 1 (default) OE Tristate CLK[0:1] Normal mode FSEL Select Freq. `1' Select Freq. `2'
CLK2, OE, FSEL
7
5
B
XOUT
8
4
O
Crystal output pin
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
Rev 07/06/05 Page 2
PL611-20
Programmable Quick Turn Clock T M
DIE SPECIFICATION
Name Size Reverse side Pad Opening Die Thickness Value 31.5x55.1 mil GND 80 micron x 80 micron 10 mil
PAD LAYOUT AND DIE ID
XIN GND GND CLK0 CLK1 1 2 3 7 4 5 6 VDD VDD 9 8 XOUT CLK2, OE, FSEL
Note: CLK0=CLK1
PAD ASSIGNMENT and DESCRIPTION
Name
XIN GND CLK0 CLK1 VDD VDD
Pad #
1 2 3 4 5 6 7
Die Pads X (m)
101.5 101.5 101.5 101.5 101.5 697 697
Y(m)
1274.0 1075.0 878.4 671.8 425.0 483.0 790.0
Type
I P O O P Crystal input. GND connection.
Description
Optional same frequency clock output (CLK0=CLK1). If the clock output is not used, the pad should remain as `Do Not Connect (DNC). Programmable Clock Output. VDD connection. This programmable I/O pin can be configured as CLK2 (FIN or FIN/2) output, or OE input, or Frequency Selection (FSEL) input pin. This pin has an internal 60K pull up resistor. State 0 1 (default) OE Tristate CLK[0:1] Normal mode FSEL Select Freq. `1' Select Freq. `2'
CLK2, OE, FSEL
8
697
1024.0
O
XOUT
9
697
1274.0
O
Crystal output.
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
Rev 07/06/05 Page 3
PL611-20
Programmable Quick Turn Clock T M
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS PARAMETERS
Supply Voltage Range Input Voltage Range Output Voltage Range Data Retention @ 85 C Soldering Temperature (Green Package) Storage Temperature Ambient Operating Temperature* TS -65 -40
SYMBOL
V DD VI VO
MIN.
MAX.
4.6 V DD +0.5 V DD +0.5
UNITS
V V V Years
-0.5 -0.5 -0.5
10
260 150 +85
C C C
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other conditions above the operational limits noted in this specification is not implied.
AC SPECIFICATIONS
PARAMETERS
Crystal Input Frequency
CONDITIONS
Fundamental Crystal 3 rd Overtone Crystal
MIN.
10
TYP.
MAX.
30 75 10
UNITS
MHz MHz ms ppm ns ns ns ns % ps
Settling Time VDD Sensitivity Output Rise Time
At power-up (after VDD increases over 1.62V) Frequency vs. VDD+/-10% 15pF Load, 10/90%VDD, Standard drive 15pF Load, 10/90%VDD, High drive 15pF Load, 90/10%VDD, Standard drive 15pF Load, 90/10%VDD, High drive At VDD/2 Equal loading (15 pF). Equal frequency & drive strength With capacitive decoupling between VDD and GND. Operating only one output. 40 45 -2 2.5 1.0 2.5 1.0 50
2 3.5 1.5 3.5 1.5 55 200
Output Fall Time Duty Cycle Max. output skew between same frequency clocks Period Jitter, peak-to-peak* (measured from 10,000 samples)
ps
* Note: Jitter performance depends on the programming parameters.
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
Rev 07/06/05 Page 4
PL611-20
Programmable Quick Turn Clock T M
DC SPECIFICATIONS
PARAMETERS
Supply Current, Dynamic, with Loaded Outputs Operating Voltage Output Low Voltage Output High Voltage Output Current Short-circuit Current
SYMBOL
IDD VDD VOL VOH IOSD IOHD IS
CONDITIONS
At 10MHz, load=15pF
MIN.
TYP.
MAX.
15
UNITS
mA V V V
2.25 IOL = +4mA (Standard drive) IOH = -4mA (Standard drive) VOL = 0.4V, VOH = 2.4V (Standard drive) VOL = 0.4V, VOH = 2.4V (High Drive) VDD - 0.4 10 24 50
3.63 0.4
mA mA mA
CRYSTAL SPECIFICATIONS
PARAMETERS
Fundamental Crystal Resonator Frequency 3rd Overtone Crystal Resonator Frequency Crystal Loading Rating (The IC can be programmed for any value in this range.) Maximum Sustainable Drive Level Operating Drive Level Crystal Shunt Capacitance Effective Series Resistance, Fundamental, 10-30MHz Effective Series Resistance, [CO< 4pF, CL=5pF/8pF] 3 rd Overtone, 30-50MHz C0 RS ESR ESR ESR 100 6 30 100/70 60/40 45/30
SYMBOL
FXIN FXIN CL (xtal)
MIN.
10
TYP.
MAX.
30 75
UNITS
MHz MHz pF W W pF
5
20 500
Effective Series Resistance, 3 rd Overtone, 50-65MHz, [CO< 4pF, CL=5pF/8pF] Effective Series Resistance, 3 rd Overtone, 65-75MHz [CO< 4pF, CL=5pF/8pF
Note: A detailed crystal specification document is also available for this part
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
Rev 07/06/05 Page 5
PL611-20
Programmable Quick Turn Clock T M
PACKAGE DRAWINGS (GREEN PACKAGE COMPLIANT)
MSOP 8L Symbol A A1 A2 B C D E H L e SOP 8L Symbol A A1 A2 B C D E H L e SOT-23 6 L Symbol A A1 A2 B C D E H L e Dimension in MM Min. Max. 1.05 1.35 0.05 0.15 1.00 1.20 0.30 0.50 0.08 0.20 2.80 3.00 1.50 1.70 2.60 3.0 0.35 0.55 0.95 BSC Dimension in MM Min. Max. 1.35 1.75 0.10 0.25 1.25 1.50 0.33 0.53 0.19 0.27 4.80 5.00 3.80 4.00 5.80 6.20 0.40 0.89 1.27 BSC Dimension in MM Min. Max. --1.10 0.05 0.15 0.81 0.91 0.25 0.40 0.13 0.23 2.90 3.10 2.90 3.10 4.90 BSC 0.445 0.648 0.65 BSC
E
H
D
A2 A A1 e b C L
E
H
D
A2 A A1 e b C L
E
H
D
A2 A A1 e b C L
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
Rev 07/06/05 Page 6
PL611-20
Programmable Quick Turn Clock T M
ORDERING INFORMATION
For part ordering, please contact our Sales Department: 47745 Fremont Blvd., Fremont, CA 94538, USA Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following: Device number, Package type and Operating temperature range
PL611-XXX
PART NUMBER 3 DIGIT ID Code *
X X-R
NONE= TUBE R=TAPE and REEL TEMPERATURE C=COMMERCIAL I = INDUSTRIAL
PACKAGE TYPE W= Wafer S=SOIC M=MSOP T=SOT
* PhaseLink will assign a unique 3-digit ID code for each approved programmed part number. * PhaseLink offers Green Package Only for this product family.
Part / Order Number PL611-20WC PL611-20-XXXSC PL611-20-XXXSC-R PL611-20-XXXMC PL611-20-XXXMC-R PL611-20-XXXTC-R
Marking P611-20WC C2XXX C2XXX C2XXX C2XXX C2XXX
Package Option Wafer 8-Pin SOIC (Tube) 8-Pin SOIC (Tape and Reel) 8-Pin MSOP (Tube) 8-Pin MSOP (Tape and Reel) 6-Pin SOT-23 (Tape and Reel)
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information furnished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product. LIFE SUPPORT POLICY: PhaseLink's products are not authorized for use as critical components in life support devices or systems without the express written approval of the President of PhaseLink Corporation.
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
Rev 07/06/05 Page 7


▲Up To Search▲   

 
Price & Availability of PL611-20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X