Part Number Hot Search : 
LH000 C2295 C2295 60204 1239A0 SG2814J 13N60 F7341Q
Product Description
Full Text Search
 

To Download PG12864-Q Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PG 12864-Q
OUTLINE DIMENSION & BLOCK DIAGRAM
38.0 90.5 0.5 74.0 67.0(V/A) 58.84(A/A) 1.0 4.5 4.08 H1 3.9 1.8
0.6(PCB)
2.0
90.5 0.5 50.0
1.5
(Components Height)
(18.6)
43
1 HOLE2- 1.0
128 x 64 Dots
7.62 A
15.0
K
35.15(A/A) 40.0(V/A) 46.0 50.0 0.5 23.0
Components Area
K A
B 2.42 3.0 1.0 4.0 59.0 0.1 1.5
Conductor Side
1 4- 1.5
20
20
1
(P1.0 x 19) 19.0 21.0
0.3 0.1
1.7
1.75
2.0 ( 1.5)1.2
1.0 1.0
DB7~DB0 Vss Vdd Vo Ao R/W E CS1 P/S RST C86 A K
COM 64
LCD CONTROLLER LSI
LCD PANEL
SEG 128
BACKLIGHT
The tolerance unless classified
Overall Size View Area Dot Size Dot Pitch 90.5 x 52.0 67.0 x 40.0 0.42 x 0.5 0.46 x 0.55
0.3mm
Module W /O B/L EL B/L LED B/L H2 / H1 / 7.5 / / 7.5
MECHANICAL SPECIFICATION
PIN ASSIGNMENT
Pin no. 1 2 3 4 5 6 7-14 15 16 17 18 19 20 Symbol Function Power supply(GND) Vss Power supply(+) Vdd Contrast Adjust Vo Command / data input A0 Data read / write signal(/RW) R/W E Enable signal Data bus line DB0-DB7 CS1 Chip select Parallel/serial interface select P/S Reset RST 8080 / 6800 select C86 A Power supply for LED B/L (+) K Power supply for LED B/L ( )
Item
ABSOLUTE MAXIMUM RATING
Symbol Condition Vdd-Vss 25oC 25oC LCD driving supply voltage Vdd-Vee Input voltage 25oC Vin
Supply for logic voltage
0.05
0.5
2.0 0.75
0.42 0.04
Min. -0.3 -0.3 -0.3
(3.77)
ELECTRICAL CHARACTERISTICS
Item Symbol Condition Min. Typical Max. Units 1.8 Power supply voltage Vdd-Vss 5.5 25oC V Top N WNW NW V 10.4 9.9 10.2 -20oC V LCD operation voltage Vop
0oC 25oC 50oC 70oC
LCM current consumption (No B/L)
40.4 46.52 50.0 0.5
2.5MAX
Max. Units V 7.0 18.0 V Vdd+0.3 V
8.4
9.0
9.4
7.8
8.0
8.3
Idd
Vdd=5V
1.0 20
2.5
Backlight current consumption
LED/edge VB/L=3.5V LED/array VB/L=4.2V
V V V V mA mA mA
LCD option: STN, TN, FSTN Backlight Option: LED,EL Backlight feature, other Specs not available on catalog is under request.


▲Up To Search▲   

 
Price & Availability of PG12864-Q

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X