Part Number Hot Search : 
M68SD HCF4538 625ETT DTC123Y LG12864 ENC680D AN6884 L6925D04
Product Description
Full Text Search
 

To Download OL5492N-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 E2V0032-37-X1
electronic components OL592N-2, OL597N-2, OL5492N-2, OL5497N-2
LASER DIODES 1.55 mm 2 mW Coaxial Module
OL592N-2, OL597N-2, OL5492N-2, OL5497N-2
GENERAL DESCRIPTION
The OL592N-2, OL597N-2, OL5492N-2, and OL5497N-2 are 1.55mm, MQW InGaAsP/InP laserdiode modules with a 2mW output, pigtailed with single mode fibers. These modules are optimal light sources for high-capacity long-haul optical transmission systems.
FEATURES
* * * * Single-mode fiber output: Pf=2 mW Includes monitor photodiode for power control Wide operating temperature range Multi-quantum-well (MQW) structure
APPLICATIONS
* Optical transmission systems * Subscriber loops * Optical measuring equipment
1/3
LASER DIODES
OL592N-2, OL597N-2, OL5492N-2, OL5497N-2
PACKAGE DIMENSIONS (Unit: mm)
* OL592N-2, OL597N-2 * OL5492N-2, OL5497N-2
f6.8
f6.8
27.6
40.6
2-f2.2 1.5
13
4-f0.45 e 2 r
92 CASE LD w PD 7 r e e f4 r 6.4 r PD q 1 w q 497 CASE LD q w e 7 q 12.7 17 4-f0.45 492 CASE LD w
q
2-f2.4
8 12 16 w q
97 CASE LD w PD r e
2
e PD
r
2/3
13
4
23.6
LASER DIODES
OL592N-2, OL597N-2, OL5492N-2, OL5497N-2
ABSOLUTE MAXIMUM RATINGS
Parameter Fiber Output LD Reverse Voltage PD Reverse Voltage PD Forward Current Operating Temperature Storage Temperature Symbol Pf VR (LD) VR (PD) IF (PD) Topr Tstg -- -- Ta=25C Test Conditions Ratings 3.0 2 20 10 -20 to +65 -40 to +85 Unit mW V V mA C C
OPTICAL AND ELECTRICAL CHARACTERISTICS
Parameter Threshold Current Fiber Output Power Center Wavelength Spectral Width Rise Time Fall Time Forward Voltage PD Dark Current Monitor Current Symbol Test Conditions Ith Pf lc s tr tf VF IDARK Im -- IF=Ith+40 mA Pf=2 mW Pf=2 mW, RMS Ibias=Ith Pf=2 mW, 10% to 90% Pf=2 mW VR(PD)=5 V VR(PD)=5 V, Pf=2 mW Min. -- 2 1520 -- -- -- -- -- 75 Typ. 10 -- 1550 -- -- -- 1.1 0.5 300 Max. 25 -- 1580 5 0.5 0.5 1.5 20 --
(Ta=25C) Unit mA mW nm nm ns ns V nA mA
3/3


▲Up To Search▲   

 
Price & Availability of OL5492N-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X