Part Number Hot Search : 
TFS1080B AN6367NK T52C9V ISL85 D16510 MMBTS 20ECB R1116X
Product Description
Full Text Search
 

To Download NE64700 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NE64700
NPN SILICON MICROWAVE TRANSISTOR
DESCRIPTION:
The ASI NE64700 is a bipolar transistor Designed for low noise applications at VHF, UFH and microwave frequencies up to 12 GHz.
CHIP
PACKAGE STYLE: CHIP
FEATURES:
* PG = 18.1 dB Typical @ 1.0 GHz * NF = 1.6 dB Typical @ 1.0 GHz
EMITTER
MAXIMUM RATINGS
IC VCEO VCBO VEBO TJ TSTG 20 mA 7.0 V 9.0 V 1.5 V -65 C to +200 C -65 C to +150 C
55 B
0.0007 Inch Gold Wire
14
2
BASE
Chip Dimension: (250 x 250) x 125 m Bond Pad: Die Attach: 50 x 50 m Gold Eutectic
CHARACTERISTICS
SYMBOL
ICBO IEBO hFE CCB NF PG P1dB ft VCB = 8.0 V VEB = 1.0 V VCE = 8.0 V VCB = 8.0 V VCE = 8.0 V VCE = 8.0 V IC = 10 mA VCE = 8.0 V S21
2
TC = 25 C
TEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
0.2 1.0
UNITS
A A --pF dB dB dBm GHz
IC = 10 mA f = 1.0 MHz IC = 2.0 mA IC = 10 mA f = 1.0 MHz f = 1.0 GHz
50
100 0.11 1.6 15 12 12 7.5 18.1 12.8 12.6
250
IC = 10 mA IC = 20 mA IC = 10 mA IC = 20 mA
f = 1.0 GHz f = 1.0 GHz f = 2.0 GHz f = 2.0 GHz
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
EMITTER
0.0007 Inch Gold Wire
dB
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of NE64700

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X