Part Number Hot Search : 
32BCJ 2N11F LIS331D AUDIO CHIPS E2409XSR 2903069 0US60
Product Description
Full Text Search
 

To Download MTY14N100ED Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MTY14N100E/D
Designer'sTM Data Sheet
TMOS E-FET.TM Power Field Effect Transistor
N-Channel Enhancement-Mode Silicon Gate
This advanced TMOS power FET is designed to withstand high energy in the avalanche and commutation modes. This new energy efficient design also offers a drain-to-source diode with fast recovery time. Designed for high voltage, high speed switching applications in power supplies, converters, PWM motor controls, and other inductive loads. The avalanche energy capability is specified to eliminate the guesswork in designs where inductive loads are switched and offer additional safety margin against unexpected voltage transients. * Avalanche Energy Specified * Diode is Characterized for Use in Bridge Circuits * IDSS and VDS(on) Specified at Elevated Temperature
G S D
MTY14N100E
Motorola Preferred Device
TMOS POWER FET 14 AMPERES 1000 VOLTS RDS(on) = 0.80 OHM
(R)
CASE 340G-02, STYLE 1 TO-264
MAXIMUM RATINGS (TC = 25C unless otherwise noted)
Rating Drain-to-Source Voltage Drain-to-Gate Voltage (RGS = 1.0 M) Gate-to-Source Voltage -- Continuous -- Single Pulse (tp 50 s) Drain Current -- Continuous -- Continuous @ TC = 100C -- Single Pulse (tp 10 s) Total Power Dissipation Derate above 25C Operating and Storage Temperature Range Single Pulse Drain-to-Source Avalanche Energy -- Starting TJ = 25C (VDD = 100 Vdc, VGS = 10 Vdc, Peak IL = 14 Apk, L = 10 mH, RG = 25 ) Thermal Resistance -- Junction to Case Thermal Resistance -- Junction to Ambient Maximum Lead Temperature for Soldering Purposes, 1/8 from case for 10 seconds Symbol VDSS VDGR VGS VGSM ID ID IDM PD TJ, Tstg EAS RJC RJA TL Value 1000 1000 20 40 14 8.7 49 300 2.4 - 55 to 150 980 0.42 30 260 Unit Vdc Vdc Vdc Vpk Adc Apk Watts W/C C mJ C/W C
Designer's Data for "Worst Case" Conditions -- The Designer's Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit curves -- representing boundaries on device characteristics -- are given to facilitate "worst case" design.
E-FET and Designer's are trademarks of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc.
Preferred devices are Motorola recommended choices for future use and best overall value.
(c)Motorola TMOS Power MOSFET Transistor Device Data Motorola, Inc. 1996
1
MTY14N100E
ELECTRICAL CHARACTERISTICS (TJ = 25C unless otherwise noted)
Characteristic OFF CHARACTERISTICS Drain-to-Source Breakdown Voltage (VGS = 0, ID = 0.250 mAdc) Temperature Coefficient (Positive) Zero Gate Voltage Drain Current (VDS = 1000 Vdc, VGS = 0 Vdc) (VDS = 1000 Vdc, VGS = 0 Vdc, TJ = 125C) Gate-Body Leakage Current (VGS = 20 Vdc, VDS = 0 Vdc) ON CHARACTERISTICS (1) Gate Threshold Voltage (VDS = VGS, ID = 0.250 mAdc) Threshold Temperature Coefficient (Negative) Static Drain-Source On-Resistance (VGS = 10 Vdc, ID = 7.0 Adc) Drain-to-Source On-Voltage (VGS = 10 Vdc, ID = 14 Adc) (VGS = 10 Vdc, ID = 7.0 Adc, TJ = 125C) Forward Transconductance (VDS 15 Vdc, ID = 7.0 Adc) DYNAMIC CHARACTERISTICS Input Capacitance Output Capacitance Reverse Transfer Capacitance SWITCHING CHARACTERISTICS (2) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Gate Charge (See Figure 8) (VDS = 500 Vdc, ID = 14 Adc, VGS = 10 Vdc) (VDD = 500 Vdc, ID = 14 Adc, VGS = 10 Vdc, RG = 9.1 ) td(on) tr td(off) tf QT Q1 Q2 Q3 SOURCE-DRAIN DIODE CHARACTERISTICS Forward On-Voltage (IS = 14 Adc, VGS = 0 Vdc) (IS = 14 Adc, VGS = 0 Vdc, TJ = 125C) VSD -- -- trr (IS = 14 Adc, VGS = 0 Vdc, dIS/dt = 100 A/s) Reverse Recovery Stored Charge INTERNAL PACKAGE INDUCTANCE Internal Drain Inductance (Measured from the drain lead 0.25 from package to center of die) Internal Source Inductance (Measured from the source lead 0.25 from package to source bond pad) (1) Pulse Test: Pulse Width 300 s, Duty Cycle 2%. (2) Switching characteristics are independent of operating junction temperature. LD -- LS -- 13 -- 4.5 -- nH nH ta tb QRR -- -- -- -- 1.36 1.26 831 364 467 15.3 1.5 -- -- -- -- -- C ns Vdc -- -- -- -- -- -- -- -- 49 98 132 83 142 34 46 56 -- -- -- nC ns (VDS = 25 Vdc, VGS = 0 Vdc, f = 1.0 MHz) Ciss Coss Crss -- -- -- 7230 462 61 pF VGS(th) 2.0 -- RDS(on) VDS(on) -- -- gFS 10 12.3 -- 12 13.4 11.8 -- mhos -- 3.3 9.0 0.67 4.0 -- 0.8 Vdc mV/C Ohm Vdc V(BR)DSS 1000 -- IDSS -- -- IGSS -- -- -- -- 10 100 100 nAdc -- 1.0 -- -- Vdc V/C Adc Symbol Min Typ Max Unit
Reverse Recovery Time (See Figure 14)
2
Motorola TMOS Power MOSFET Transistor Device Data
MTY14N100E
TYPICAL ELECTRICAL CHARACTERISTICS
20 18 I D , DRAIN CURRENT (AMPS) 16 14 12 10 8 6 4 2 0 0 2 4 6 8 10 12 14 16 18 20 0 2 3 4 5 6 5V 8V TJ = 25C VGS = 10 V 6V I D , DRAIN CURRENT (AMPS) 25 20 25C 15 100C 10 5 30 VDS 10 V TJ = -55C
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
Figure 1. On-Region Characteristics
RDS(on) , DRAIN-TO-SOURCE RESISTANCE (OHMS) RDS(on) , DRAIN-TO-SOURCE RESISTANCE (OHMS)
Figure 2. Transfer Characteristics
1.6 VGS = 10 V 1.2 TJ = 100C
0.85 TJ = 25C 0.8
0.75 VGS = 10 V 0.7 15 V 0.65 0.6
0.8
25C
0.4
-55C
0
0
4
8
12
16
20
24
28
0
4
8
12
16
20
24
28
ID, DRAIN CURRENT (AMPS)
ID, DRAIN CURRENT (AMPS)
Figure 3. On-Resistance versus Drain Current and Temperature
Figure 4. On-Resistance versus Drain Current and Gate Voltage
RDS(on) , DRAIN-TO-SOURCE RESISTANCE (NORMALIZED)
2.5
VGS = 10 V ID = 7 A
100000 VGS = 0 V 10000 I DSS , LEAKAGE (nA) TJ = 125C 100C
2.0
1.5
1000
1.0
100
25C
0.5
10
0 - 50
- 25
0
25
50
75
100
125
150
1
0
100
200
300
400
500
600
700
800
900 1000
TJ, JUNCTION TEMPERATURE (C)
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 5. On-Resistance Variation with Temperature
Figure 6. Drain-To-Source Leakage Current versus Voltage
Motorola TMOS Power MOSFET Transistor Device Data
3
MTY14N100E
POWER MOSFET SWITCHING
Switching behavior is most easily modeled and predicted by recognizing that the power MOSFET is charge controlled. The lengths of various switching intervals (t) are determined by how fast the FET input capacitance can be charged by current from the generator. The published capacitance data is difficult to use for calculating rise and fall because drain-gate capacitance varies greatly with applied voltage. Accordingly, gate charge data is used. In most cases, a satisfactory estimate of average input current (IG(AV)) can be made from a rudimentary analysis of the drive circuit so that t = Q/IG(AV) During the rise and fall time interval when switching a resistive load, VGS remains virtually constant at a level known as the plateau voltage, VSGP. Therefore, rise and fall times may be approximated by the following: tr = Q2 x RG/(VGG - VGSP) tf = Q2 x RG/VGSP where VGG = the gate drive voltage, which varies from zero to VGG RG = the gate drive resistance and Q2 and VGSP are read from the gate charge curve. During the turn-on and turn-off delay times, gate current is not constant. The simplest calculation uses appropriate values from the capacitance curves in a standard equation for voltage change in an RC network. The equations are: td(on) = RG Ciss In [VGG/(VGG - VGSP)] td(off) = RG Ciss In (VGG/VGSP) The capacitance (Ciss) is read from the capacitance curve at a voltage corresponding to the off-state condition when calculating td(on) and is read at a voltage corresponding to the on-state when calculating td(off). At high switching speeds, parasitic circuit elements complicate the analysis. The inductance of the MOSFET source lead, inside the package and in the circuit wiring which is common to both the drain and gate current paths, produces a voltage at the source which reduces the gate drive current. The voltage is determined by Ldi/dt, but since di/dt is a function of drain current, the mathematical solution is complex. The MOSFET output capacitance also complicates the mathematics. And finally, MOSFETs have finite internal gate resistance which effectively adds to the resistance of the driving source, but the internal resistance is difficult to measure and, consequently, is not specified. The resistive switching time variation versus gate resistance (Figure 9) shows how typical switching performance is affected by the parasitic circuit elements. If the parasitics were not present, the slope of the curves would maintain a value of unity regardless of the switching speed. The circuit used to obtain the data is constructed to minimize common inductance in the drain and gate circuit loops and is believed readily achievable with board mounted components. Most power electronic loads are inductive; the data in the figure is taken with a resistive load, which approximates an optimally snubbed inductive load. Power MOSFETs may be safely operated into an inductive load; however, snubbing reduces switching losses.
15000 Ciss
VDS = 0 V
VGS = 0 V
TJ = 25C
100000 VGS = 0 V 10000 Ciss TJ = 25C
12000 C, CAPACITANCE (pF)
9000 Crss 6000
Ciss
C, CAPACITANCE (pF)
1000 Coss 100 Crss 10
3000 Coss 0 10 Crss 5 VGS 0 VDS 5 10 15 20 25
10
100 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
1000
GATE-TO-SOURCE OR DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 7a. Capacitance Variation
Figure 7b. High Voltage Capacitance Variation
4
Motorola TMOS Power MOSFET Transistor Device Data
MTY14N100E
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS) 12 10 8 6 4 2 0 Q3 0 25 50 75 100 Qg, TOTAL GATE CHARGE (nC) VDS 125 QT VGS 280 210 TJ = 25C ID = 14 A 140 70 0 150 420 350 VDS , DRAIN-TO-SOURCE VOLTAGE (VOLTS) 1000 VDD = 1000 V ID = 14 A VGS = 10 V TJ = 25C t, TIME (ns)
Q1
Q2
100 td(off) tr tf td(on) 10
0
10 RG, GATE RESISTANCE (OHMS)
100
Figure 8. Gate-to-Source and Drain-to-Source Voltage versus Total Charge
Figure 9. Resistive Switching Time Variation versus Gate Resistance
DRAIN-TO-SOURCE DIODE CHARACTERISTICS
15 VGS = 0 V TJ = 25C I S , SOURCE CURRENT (AMPS) 12
9
6
3
0 0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
VSD, SOURCE-TO-DRAIN VOLTAGE (VOLTS)
Figure 10. Diode Forward Voltage versus Current
SAFE OPERATING AREA
The Forward Biased Safe Operating Area curves define the maximum simultaneous drain-to-source voltage and drain current that a transistor can handle safely when it is forward biased. Curves are based upon maximum peak junction temperature and a case temperature (TC) of 25C. Peak repetitive pulsed power limits are determined by using the thermal response data in conjunction with the procedures discussed in AN569, "Transient Thermal Resistance-General Data and Its Use." Switching between the off-state and the on-state may traverse any load line provided neither rated peak current (IDM) nor rated voltage (VDSS) is exceeded and the transition time (tr,tf) do not exceed 10 s. In addition the total power averaged over a complete switching cycle must not exceed (TJ(MAX) - TC)/(RJC). A Power MOSFET designated E-FET can be safely used in switching circuits with unclamped inductive loads. For reliable operation, the stored energy from circuit inductance dissipated in the transistor while in avalanche must be less than the rated limit and adjusted for operating conditions differing from those specified. Although industry practice is to rate in terms of energy, avalanche energy capability is not a constant. The energy rating decreases non-linearly with an increase of peak current in avalanche and peak junction temperature. Although many E-FETs can withstand the stress of drain- to-source avalanche at currents up to rated pulsed current (IDM), the energy rating is specified at rated continuous current (ID), in accordance with industry custom. The energy rating must be derated for temperature as shown in the accompanying graph (Figure 12). Maximum energy at currents below rated continuous ID can safely be assumed to equal the values indicated.
Motorola TMOS Power MOSFET Transistor Device Data
5
MTY14N100E
SAFE OPERATING AREA
100 I D , DRAIN CURRENT (AMPS) VGS = 20 V SINGLE PULSE TC = 25C E , SINGLE PULSE DRAIN-TO-SOURCE AS AVALANCHE ENERGY (mJ) 10 s 1000 ID = 14 A 800
10
1
100 s 1 ms 10 ms
600
400
0.1
RDS(on) LIMIT THERMAL LIMIT PACKAGE LIMIT 1 10
dc
200 0
0.01 0.1
100
1000
25
50
75
100
125
150
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
TJ, STARTING JUNCTION TEMPERATURE (C)
Figure 11. Maximum Rated Forward Biased Safe Operating Area
r (t), EFFECTIVE TRANSIENT THERMAL RESISTANCE (NORMALIZED) 1 D = 0.5 0.2 0.1 0.1 0.01 SINGLE PULSE 0.05 0.02
Figure 12. Maximum Avalanche Energy versus Starting Junction Temperature
P(pk)
t2 DUTY CYCLE, D = t1/t2 0.01 0.00001 0.0001 0.001 0.01 t, TIME (SECONDS) 0.1
t1
RJC(t) = r(t) RJC D CURVES APPLY FOR POWER PULSE TRAIN SHOWN READ TIME AT t1 TJ(pk) - TC = P(pk) RJC(t)
1
10
Figure 13. Thermal Response
di/dt IS trr ta tb TIME tp IS 0.25 IS
Figure 14. Diode Reverse Recovery Waveform
6
Motorola TMOS Power MOSFET Transistor Device Data
MTY14N100E
PACKAGE DIMENSIONS
0.25 (0.010)
M
TB
M
-T- C U N A R
1 2 3
E
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. MILLIMETERS MIN MAX 2.8 2.9 19.3 20.3 4.7 5.3 0.93 1.48 1.9 2.1 2.2 2.4 5.45 BSC 2.6 3.0 0.43 0.78 17.6 18.8 11.0 11.4 3.95 4.75 2.2 2.6 3.1 3.5 2.15 2.35 6.1 6.5 2.8 3.2 INCHES MIN MAX 1.102 1.142 0.760 0.800 0.185 0.209 0.037 0.058 0.075 0.083 0.087 0.102 0.215 BSC 0.102 0.118 0.017 0.031 0.693 0.740 0.433 0.449 0.156 0.187 0.087 0.102 0.122 0.137 0.085 0.093 0.240 0.256 0.110 0.125
L
STYLE 1: PIN 1. GATE 2. DRAIN 3. SOURCE
P K
F 2 PL G
W D 3 PL 0.25 (0.010)
M
J H YQ
S
DIM A B C D E F G H J K L N P Q R U W
CASE 340G-02 TO-264 ISSUE E
Motorola TMOS Power MOSFET Transistor Device Data
7
MTY14N100E
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
How to reach us: USA / EUROPE: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE (602) 244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, Toshikatsu Otsuki, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-3521-8315 HONG KONG: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
8
Motorola TMOS Power MOSFET Transistor Device Data MTY14N100E/D
*MTY14N100E/D*


▲Up To Search▲   

 
Price & Availability of MTY14N100ED

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X