Part Number Hot Search : 
SMB100A AD6652 30NC6 CY7C6 PHC094 SB102 MM3125K R16V2
Product Description
Full Text Search
 

To Download MSC81058 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MSC81058
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI MSC81058 is Designed for General Purpose Class C Power Amplifier Applications up to 1.2 GHz.
PACKAGE STYLE .250 2L FLG
A OD C E .060 x 45 CHAMFER
B
FEATURES:
* PG = 10 dB min. at 10 W/ 1.0 GHz * Hermetic Microstrip Package * OmnigoldTM Metalization System * Emitter Ballasted
G L H J
F I K M NP
DIM A B
MINIMUM
inches / mm
MAXIMUM
inches / mm
.028 / 0.71 .740 / 18.80 .245 / 6.22 .128 / 3.25 .125 / 3.18 .110 / 2.79 .117 / 2.97 .560 / 14.22 .790 / 20.07 .225 / 5.72 .165 / 4.19 .003 / 0.08 .058 / 1.47 .119 / 3.02 .149 / 3.78
.032 / 0.81 .255 / 6.48 .132 / 3.35 .117 / 2.97 .570 / 14.48 .810 / 20.57 .235 / 5.97 .185 / 4.70 .007 / 0.18 .068 / 1.73 .135 / 3.43 .187 / 4.75
MAXIMUM RATINGS
IC VCC PDISS TJ TSTG JC 1.0 A 35 V 29 W @ TC = 25 C -65 C to +200 C -65 C to +200 C 8.5 C/W
C D E F G H I J K L M N P
CHARACTERISTICS
SYMBOL
BVCBO BVCER BVEBO ICBO hFE Cob PG C IC = 10 mA IE = 1.0 mA VCB = 28 V VCE = 5.0 V VCB = 28 V VCC = 28 V
TC = 25 C
NONETEST CONDITIONS
IC = 1.0 mA RBE = 10
MINIMUM TYPICAL MAXIMUM
45 45 3.5 2.5
UNITS
V V V mA --pF dB %
IC = 500 mA f = 1.0 MHz POUT = 10 W f = 1.0 GHz
15
120 10
10 60
11 64
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of MSC81058

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X