Part Number Hot Search : 
EL8401IU UT12118 IRF131 S5KP13A 03000 SDH40F MBT6B 40007
Product Description
Full Text Search
 

To Download MSC23432D-XXDS8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This version:
Mar. 8. 1999
Semiconductor MSC23432D-xxBS8/DS8
4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
DESCRIPTION
The MSC23432D-xxBS8/DS8 is a fully decoded, 4,194,304-word x 32-bit CMOS dynamic random access memory module composed of eight 16Mb DRAMs (4Mx4) in SOJ packages mounted with eight decoupling capacitors on a 72-pin glass epoxy single in-line package. This module supports any application where high density and large capacity of storage memory are required.
FEATURES
* 4,194,304-word x 32-bit organization * 72-pin Single In-Line Memory Module MSC23432D-xxBS8 : Gold tab MSC23432D-XXDS8 : Solder tab * Single +5V supply 10% tolerance * Input : TTL compatible * Output : TTL compatible, 3-state * Refresh : 2048cycles/32ms * /CAS before /RAS refresh, hidden refresh, /RAS only refresh capability * Fast page mode capability * Multi-bit test mode capability
PRODUCT FAMILY
Access Time (Max.) Family tRAC MSC23432D-60BS8/DS8 MSC23432D-70BS8/DS8 60ns 70ns tAA 30ns 35ns tCAC 15ns 20ns Cycle Time (Min.) 110ns 130ns Power Dissipation
Operating (Max.) Standby (Max.)
4840mW 44mW 4400mW
Semiconductor
MSC23432D
MODULE OUTLINE
MSC23432D-xxBS8/DS8
107.950.2*1 101.19Typ. (Unit : mm) 5.28Max.
3.38Typ.
3.18 25.40.2
Typ. Typ. 10.16 6.35 2.03Typ. 6.35Typ.
1 1.270.1 R1.57 6.35 95.25 1.04Typ.
72
3.17Min. +0.1 1.27 -0.08
*1 The common size difference of the board width 12.5mm of its height is specified as 0.2. The value above 12.5mm is specified as 0.5.
Semiconductor
MSC23432D
PIN CONFIGURATION
Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 Pin Name VSS DQ0 DQ16 DQ1 DQ17 DQ2 DQ18 DQ3 DQ19 VCC NC A0 A1 A2 A3 A4 A5 A6 Pin No. 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 Pin Name A10 DQ4 DQ20 DQ5 DQ21 DQ6 DQ22 DQ7 DQ23 A7 NC VCC A8 A9 NC /RAS2 NC NC Pin No. 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 Pin Name NC NC VSS /CAS0 /CAS2 /CAS3 /CAS1 /RAS0 NC NC /WE NC DQ8 DQ24 DQ9 DQ25 DQ10 DQ26 Pin No. 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 Pin Name DQ11 DQ27 DQ12 DQ28 VCC DQ29 DQ13 DQ30 DQ14 DQ31 DQ15 NC PD1 PD2 PD3 PD4 NC VSS
Presence Detect Pins
MSC23432D -60BS8/DS8 VSS NC NC NC MSC23432D -70BS8/DS8 VSS NC VSS NC
Pin No. 67 68 69 70
Pin Name PD1 PD2 PD3 PD4
Semiconductor
MSC23432D
BLOCK DIAGRAM
A0-A10 /RAS0 /CAS0 /WE A0-A10 /RAS /CAS /WE VCC DQ DQ DQ DQ /OE VSS DQ0 DQ1 DQ2 DQ3
/RAS2 /CAS2
A0-A10 /RAS /CAS /WE VCC
DQ DQ DQ DQ /OE VSS
DQ16 DQ17 DQ18 DQ19
A0-A10 /RAS /CAS /WE VCC
DQ DQ DQ DQ /OE VSS
DQ4 DQ5 DQ6 DQ7
A0-A10 /RAS /CAS /WE VCC
DQ DQ DQ DQ /OE VSS
DQ20 DQ21 DQ22 DQ23
A0-A10 /RAS /CAS /WE VCC A0-A10 /RAS /CAS /WE VCC
DQ DQ DQ DQ /OE VSS DQ DQ DQ DQ /OE VSS
DQ8 DQ9 DQ10 DQ11
A0-A10 /RAS /CAS /WE VCC
DQ DQ DQ DQ /OE VSS DQ DQ DQ DQ /OE VSS
DQ24 DQ25 DQ26 DQ27
DQ12 DQ13 DQ14 DQ15
A0-A10 /RAS /CAS /WE VCC
DQ28 DQ29 DQ30 DQ31
/CAS1 VCC VSS C1-C8
/CAS3
Semiconductor
MSC23432D
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Parameter Voltage on Any Pin Relative to VSS Voltage on VCC Supply Relative to VSS Short Circuit Output Current Power Dissipation Operating Temperature Storage Temperature Symbol VIN, VOUT VCC IOS PD * TOPR TSTG * Ta = 25C Rating -0.5 to +7.0 -0.5 to +7.0 50 8 0 to +70 -40 to +125 Unit V V mA W C C
Recommended Operating Conditions
( Ta = 0C to +70C ) Parameter Power Supply Voltage VSS Input High Voltage Input Low Voltage VIH VIL 0 2.4 -0.5 0 0 VCC + 0.5 0.8 V V V Symbol VCC Min. 4.5 Typ. 5.0 Max. 5.5 Unit V
Capacitance
( VCC = 5V 10%, Ta = 25C, f = 1 MHz ) Parameter Input Capacitance (A0 - A10) Input Capacitance (/WE) Input Capacitance (/RAS0, /RAS2) Input Capacitance (/CAS0- /CAS3) I/O Capacitance (DQ0 - DQ31) Symbol CIN1 CIN2 CIN3 CIN4 CDQ Typ. Max. 57 65 35 20 16 Unit pF pF pF pF pF
Semiconductor
MSC23432D
DC CHARACTERISTICS
(VCC = 5V 10%, Ta = 0C to +70C ) MSC23432D -60BS8/DS8 Min. Input Leakage Current ILI 0V VIN 6.5V; All other pins not under test = 0V DQ disable 0V VOUT 5.5V IOH = -5.0mA IOL = 4.2mA /RAS, /CAS cycling, tRC = Min. /RAS, /CAS = VIH Power supply current (Standby) Average Power Supply Current (/RAS only refresh) Average Power Supply Current (/CAS before /RAS refresh) Average Power Supply Current (Fast Page Mode) ICC2 /RAS, /CAS VCC -0.2V /RAS cycling, /CAS = VIH, tRC = Min. /RAS cycling, /CAS before /RAS /RAS = VIL, /CAS cycling, tPC = Min. -80 Max. 80 MSC23432D -70BS8/DS8 Min. -80 Max. 80 A
Parameter
Symbol
Condition
Unit
Note
Output Leakage Current Output High Voltage Output Low Voltage Average Power Supply Current (Operating)
ILO VOH VOL ICC1
-10 2.4 0 -
10 VCC 0.4 880 16 8
-10 2.4 0 -
10 VCC 0.4 800 16 8
A V V mA mA mA 1, 2 1 1
ICC3
-
880
-
800
mA
1, 2
ICC6
-
880
-
800
mA
1, 2
ICC7
-
720
-
640
mA
1, 3
Notes: 1. ICC Max. is specified as ICC for output open condition. 2. Address can be changed once or less while /RAS = VIL. 3. Address can be changed once or less while /CAS = VIH.
Semiconductor
MSC23432D
AC CHARACTERISTICS (1/2)
(VCC = 5V 10%, Ta = 0C to +70C ) Note: 1, 2, 3, 9, 10 Parameter Symbol MSC23432D -60BS8/DS8 Min. Random Read or Write Cycle Time Fast Page Mode Cycle Time Access Time from /RAS Access Time from /CAS Access Time from Column Address Access Time from /CAS Precharge Output Low Impedance Time from /CAS /CAS to Data Output Buffer Turn-off Delay Time Transition Time Refresh Period /RAS Precharge Time /RAS Pulse Width /RAS Pulse Width (Fast Page Mode) /RAS Hold Time /CAS Precharge Time (Fast Page Mode) /CAS Pulse Width /CAS Hold Time /CAS to /RAS Precharge Time /RAS Hold Time from /CAS Precharge /RAS to /CAS Delay Time /RAS to Column Address Delay Time Row Address Set-up Time Row Address Hold Time Column Address Set-up Time Column Address Hold Time Column Address to /RAS Lead Time Read Command Set-up Time Read Command Hold Time Read Command Hold Time referenced to /RAS tRC tPC tRAC tCAC tAA t CPA tCLZ tOFF tT tREF tRP tRAS tRASP tRSH tCP tCAS tCSH tCRP tRHCP tRCD tRAD tASR tRAH tASC tCAH tRAL tRCS tRCH tRRH 110 40 0 0 3 40 60 60 15 10 15 60 5 35 20 15 0 10 0 15 30 0 0 0 Max. 60 15 30 35 15 50 32 10K 100K 10K 45 30 MSC23432D -70BS8/DS8 Min. 130 45 0 0 3 50 70 70 20 10 20 70 5 40 20 15 0 10 0 15 35 0 0 0 Max. 70 20 35 40 20 50 32 10K 100K 10K 50 35 ns ns ns ns ns ns ns ns ns ms ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns 8 8 5 6 4, 5, 6 4, 5 4, 6 4 4 7 3 Unit Note
Semiconductor
MSC23432D
AC Characteristics (2/2)
(VCC = 5V 10%, Ta = 0C to +70C ) Note: 1, 2, 3, 9, 10 Parameter Symbol MSC23432D -60BS8/DS8 Min. Write Command Set-up Time Write Command Hold Time Write Command Pulse Width Write Command to /RAS Lead Time Write Command to /CAS Lead Time Data-in Set-up Time Data-in Hold Time /CAS Active Delay Time from /RAS Precharge /RAS to /CAS Set-up Time (/CAS before /RAS) /RAS to /CAS Hold Time (/CAS before /RAS) /WE to /RAS Precharge Time (/CAS before /RAS) /WE Hold Time from /RAS (/CAS before /RAS) /RAS to /WE Set-up Time (Test Mode) /RAS to /WE Hold Time (Test Mode) tWCS tWCH tWP tRWL tCWL tDS tDH tRPC tCSR tCHR tWRP tWRH tWTS tWTH 0 10 10 15 15 0 10 5 10 10 10 10 10 10 Max. MSC23432D -70BS8/DS8 Min. 0 15 10 20 20 0 15 5 10 10 10 10 10 10 Max. ns ns ns ns ns ns ns ns ns ns ns ns ns ns Unit Note
Semiconductor
MSC23432D
Notes: 1. A start-up delay of 200s is required after power-up, followed by a minimum of eight initialization cycles (/RAS only refresh or /CAS before /RAS refresh) before proper device operation is achieved. 2. The AC characteristics assumes tT = 5ns. 3. VIH(Min.) and VIL(Max.) are reference levels for measuring input timing signals. Transition time (tT) are measured between VIH and VIL. 4. This parameter is measured with a load circuit equivalent to 2TTL loads and 100pF. 5. Operation within the tRCD(Max.) limit ensures that tRAC(Max.) can be met. tRCD(Max.) is specified as a reference point only. If tRCD is greater than the specified tRCD(Max.) limit, then the access time is controlled by tCAC. 6. Operation within the tRAD(Max.) limit ensures that tRAC(Max.) can be met. tRAD(Max.) is specified as a reference point only. If tRAD is greater than the specified tRAD(Max.) limit, then the access time is controlled by tAA. 7. tOFF(Max.) define the time at which the output achieves the open circuit condition and are not referenced to output voltage levels. 8. tRCH or tRRH must be satisfied for a read cycle. 9. The test mode is initiated by performing a /WE and /CAS before /RAS refresh cycle. This mode is latched and remains in effect until the exit cycle is generated. The test mode specified in this data sheet is an 8-bit parallel test function. CA0, CA1 and CA10 are not used. In a read cycle, if all internal bits are equal, the DQ pin will indicate a high level. If any internal bits are not equal, the DQ pin will indicate a low level. The test mode is cleared and the memory device returned to its normal operating state by a /RAS only refresh or /CAS before /RAS refresh cycle. 10. In a test mode read cycle, the value of access time parameters is delayed for 5ns for the specified value. These parameters should be specified in test mode cycle by adding the above value to the specified value in this data sheet.


▲Up To Search▲   

 
Price & Availability of MSC23432D-XXDS8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X