Part Number Hot Search : 
MM3Z27VC LA7668 8C839 AOB7S65 0RPEL V1N4565 NJU7054D LA7668
Product Description
Full Text Search
 

To Download MS1329 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MS1329
RF & MICROWAVE TRANSISTORS VHF FM APPLICATIONS
Features
* * * * * 150 MHz 28 VOLTS POUT = 60W GP = 7.0 dB MINIMUM COMMON EMITTER CONFIGURATION
DESCRIPTION:
The MS1629 is an epitaxial silicon NPN transistor designed primarily for 12.5 V Class C, AM amplifier applications in the 118 - 136 MHz and 28 V Class C ground station transmitters. Emitter ballast resistors and gold metalitzation provide optimum VSWR capability.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25C)
Symbol
VCBO VCEO VEBO PDISS IC TJ TSTG
Parameter
Value
65.0 35.0 4.0 75.0 6.5 +200 -65 to +150
Unit
V V V W A C C
Collector- Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Power Dissipation Collector current Junction Temperature Storage Temperature
Thermal Data
RTH(J-C) Thermal Resistance Junction-Case 2.3 C/W
053-7067 Rev - 10-2002
MS1329
SPECIFICATIONS 25 ELECTRICAL SPECIFICATIONS (Tcase = 25C)
Symbol
BVces BVceo BVebo Icbo HFE IC = 200mA IC = 200 mA IE = 10 mA VCB = 30 V VCE = 5.0V
STATIC
Test Conditions Min.
VBE = 0 mA IB = 0 mA IC = 0 mA IE = 0 mA IC = 500 mA 65.0 35.0 4.0 --10
Value Typ.
-----------
Max.
------2.0 150
Unit
V V V mA ---
DYNAMIC
Symbol
POUT PG COB f = 150 MHz f = 150 MHz VCB = 28V
Test Conditions Min.
PIN = 12W PIN = 12W f = 1 MHz VCE = 28V VCE = 28V 60.0 7.0 ---
Value Typ.
-------
Max.
----80.0
Unit
W dB pf
IMPEDANCE DATA
FREQ 150 MHz POUT = 60W VCE = 28V ZIN() ) 1.0 + j2.0 ZCL() ) 4.0 - j3.9
053-7067 Rev - 10-2002
MS1329
PACKAGE MECHANICAL DATA
053-7067 Rev - 10-2002


▲Up To Search▲   

 
Price & Availability of MS1329

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X