Part Number Hot Search : 
HC1G0 PQ100 P1300 00104 TA8409 TB627 1609012 KM616
Product Description
Full Text Search
 

To Download MPS6531 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MPS6531
Discrete POWER & Signal Technologies
MPS6531
C
BE
TO-92
NPN General Purpose Amplifier
This device is designed for use as a medium power amplifier and switch requiring collector currents to 500 mA. Sourced from Process 19. See PN2222A for characteristics.
Absolute Maximum Ratings*
Symbol
VCEO VCBO VEBO IC TJ, Tstg Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current - Continuous
TA = 25C unless otherwise noted
Parameter
Value
40 60 5.0 1.0 -55 to +150
Units
V V V A C
Operating and Storage Junction Temperature Range
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES: 1) These ratings are based on a maximum junction temperature of 150 degrees C. 2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
Symbol
PD RJC RJA
TA = 25C unless otherwise noted
Characteristic
Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient
Max
MPS6531 625 5.0 83.3 200
Units
mW mW/C C/W C/W
(c) 1997 Fairchild Semiconductor Corporation
MPS6531
NPN General Purpose Amplifier
(continued)
Electrical Characteristics
Symbol Parameter
TA = 25C unless otherwise noted
Test Conditions
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO V(BR)CBO V(BR)EBO ICBO Collector-Emitter Breakdown Voltage* Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current I C = 10 mA, I B = 0 I C = 10 A, I E = 0 I E = 10 A, IC = 0 VCB = 40 V, IE = 0 VCB = 40 V, IE = 0, TA = 60 C 40 60 5.0 50 2.0 V V V nA A
ON CHARACTERISTICS*
hFE DC Current Gain VCE = 1.0 V, IC = 10 mA VCE = 1.0 V, IC = 100 mA VCE = 10 V, IC = 500 mA I C = 100 mA, IB = 10 mA I C = 100 mA, IB = 10 mA 60 90 50 270 0.3 1.0 V V
VCE(sat) VBE(sat)
Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage
SMALL SIGNAL CHARACTERISTICS
Cob Output Capacitance VCB = 10 V, f = 100 kHz 5.0 pF
*Pulse Test: Pulse Width 300 s, Duty Cycle 2.0%


▲Up To Search▲   

 
Price & Availability of MPS6531

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X