Part Number Hot Search : 
Q6010 2N1714 PG4001 0150C MBR60 AA51890 RGC4W M2596
Product Description
Full Text Search
 

To Download MM1332 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUMI
Control of Lithium Ion Batteries Charging (one cell ~ three cells) MM1332
Control of Lithium Ion Batteries Charging (one cell ~ three cells)
Monolithic IC MM1332
Outline
This IC is a high precision constant voltage constant current power source controller for lithium ion batteries serving as power drivers for P-MOS FET. It was developed for use with one to three cell chargers, and the constant current value can be set freely with external resistance. It has a built-in amplifier for detecting low battery voltage. Using this IC enables the easy addition of a lithium ion battery charging function to conventional battery-charging devices. Temperature conditions A: Ta=-25~75C, B: Ta=-20~70C, C: Ta=0~50C, D: Ta=0~40C
Package
Series Table
Output Full charge Over voltage Output voltage detection detection Remarks voltage (V) temperature voltage (mV) voltage (v) SOP-8C, 8E VSOP-8A, 8B TSOP-16A TSOP-24A conditions AF BF CF MM1332 DF EF FF GF 4.1000.050 8.2000.100 12.3000.150 4.2000.050 8.4000.100 12.6000.150 Variable B B B B B B 1cell 2cell 3cell 1cell 2cell 3cell
*
Features
1. Output voltage (Ta=-20C+~70C) 3Cell : 12.3V/12.6V150mV 2Cell : 8.2V/8.4V100mV 1Cell : 4.1V/4.2V50mV 250A typ. set by external resistance 0.1V=external resistance current value 2.0V/cell
2. Current consumption 3. Constant current output Current limit (reference voltage) 4. Low voltage detection function (LV)
Package
SOP-8C, SOP-8E (MM1332 F) The box represents the output (charging) voltage rank.
*
Applications
1. For charging lithium ion batteries 2. High-precision Stable power sources for all types of equipment
MITSUMI
Control of Lithium Ion Batteries Charging (one cell ~ three cells) MM1332
Absolute Maximum Ratings
Item Storage temperature Operating temperature Power supply voltage Output voltage SW input voltage
(Ta=25C) Symbol TSTG TOPR VCC max. VO max. VSW Pd Rating -40~+125 -20~+70 -0.3~+18 -0.3~VCC -0.3~VCC+0.3 300 Units C C V V V mW
Allowable power dissipation
Electrical Characteristics
Item Operating power supply voltage range Current consumption 1 Current consumption 2 Output voltage Current limits CEL-CS resistance SW1 input current
(Unless otherwise specified Ta=25C, VCC=5V/CEL) Measurement Conditions Minimum value is during constant-current control VSW1=VSW2=OV (Charge : ON) VSW1=VSW2=VCC (Charge : OFF) Ta=-20~+70C, MM1332A, B, C Ta=-20~+70C, MM1332D, E, F MM1332A, B, C MM1332D, E, F Charge : ON Charge : OFF A~F Rank G Rank Low-voltage detection circuit : ON Low-voltage detection circuit : OFF -0.3 VCC -1.0 1.90 2.00 -0.3 VCC -1.0 2.00 2.15 20 2.0 VCC +0.3 0.2 ISINK=1mA 0.2 0.4 V A V 4.05 4.15 90 Min 2.5 Typ. Max. Units 5 250 2 4.10 4.20 100 820 840 20 2.0 VCC +0.3 2.10 2.30 V V/sell A V k/sell A V 4.15 4.25 110 V/sell mV 17.0 V A A
Symbol VCC ICC1 ICC2 VO VCL RCEL ISW1 VL1
SW1 input voltage
VH1 LV ISW2 VL2
Low-voltage detection voltage SW2 input current
SW2 input voltage VH2 Low voltage detection output leak current Low voltage detection output saturation voltage ILV VLV
* : MM1332
A : Output voltage 4.1V -for 1cell B : Output voltage 8.2V -for 2cell C : Output voltage 12.3V -for 3cell D : Output voltage 4.2V -for 1cell E : Output voltage 4.4V -for 2cell F : Output voltage 12.6V-for 3cell G : Output voltage available
MITSUMI
Control of Lithium Ion Batteries Charging (one cell ~ three cells) MM1332
Pin Assignment Description
8 7 6 5
1
2
3
4
SOP-8C/SOP-8E
Pin Description
Pin No. Name SW1 I/O Input SW1=VCC : OFF, SW1=GND : ON Goes OFF when open as it is pulled up to VCC. Low voltage detection circuit ON/OFF control input pin. 2 SW2 Input SW2=VCC : OFF, SW2=GND : ON Goes OFF when open as it is pulled up to VCC. 3 LV GND CS Input Output Low voltage detection circuit output pin. NPN-Tr open collector output; goes ON (low level) for low voltage. Ground pin. Current detection pin. Detects current when external resistor voltage drops and controls current. Reference voltage 0.1V=external resistance Battery voltage input pin 6 CEL Input current value Description Charging ON/OFF control input pin. 1
4
5
*
Six types depending on rank : 4.1V, 8.2V, 12.3V, 4.2V, 8.4V, 12.6V, (TYP.) Constant voltage circuit output pin. Controls external P-MOS FET gate and charges constant voltage. Power supply input pin.
7 8
EXT VCC
Output
Constant voltage circuit pin *G : External resistance ratio input R2) enables setting constant voltage circuit output voltage. (R1 : Low voltage detection voltage is set for one cell (4.1V or 4.2V).
MITSUMI
Control of Lithium Ion Batteries Charging (one cell ~ three cells) MM1332
Block Diagram
MM1332A, B, C, D, E, F,
MM1332G
MITSUMI
Control of Lithium Ion Batteries Charging (one cell ~ three cells) MM1332
Timing Chart
CELVCC VH1 (VCC-1.0~VCC+0.3) VL1 (-0.3~2.0V)
Charge ON SW1 Charge OFF
Low Voltage Detection Circuit ON SW2
VH2 (VCC-1.0~VCC+0.3) VL2 (-0.3~2.0V)
CEL CELLV
With LV pulled up to VCC by a resistance


▲Up To Search▲   

 
Price & Availability of MM1332

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X