Part Number Hot Search : 
04N60 LPC2124 16M186 IF1330 BZX2C9V1 2SC2740 44S025 11KFE05
Product Description
Full Text Search
 

To Download MCR8DSNT4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCR8DSM, MCR8DSN
Preferred Device
Sensitive Gate Silicon Controlled Rectifiers
Reverse Blocking Thyristors
Designed for high volume, low cost, industrial and consumer applications such as motor control; process control; temperature, light and speed control. * Small Size * Passivated Die for Reliability and Uniformity * Low Level Triggering and Holding Characteristics * Available in Two Package Styles Surface Mount Lead Form -- Case 369A Miniature Plastic Package -- Straight Leads -- Case 369 * Device Marking: Logo, Device Type, e.g., CR8DSM, Date Code
MAXIMUM RATINGS (TJ = 25C unless otherwise noted)
Rating Peak Repetitive Off-State Voltage(1) (TJ = -40 to 110C, Sine Wave, 50 to 60 Hz, Gate Open) MCR8DSM MCR8DSN On-State RMS Current (180 Conduction Angles; TC = 90C) Average On-State Current (180 Conduction Angles; TC = 90C) Peak Non-Repetitive Surge Current (1/2 Cycle, Sine Wave, 60 Hz, TJ = 110C) Circuit Fusing Consideration (t = 8.3 msec) Forward Peak Gate Power (Pulse Width 10 msec, TC = 90C) Forward Average Gate Power (t = 8.3 msec, TC = 90C) Forward Peak Gate Current (Pulse Width 10 msec, TC = 90C) Operating Junction Temperature Range Storage Temperature Range Symbol VDRM, VRRM 600 800 IT(RMS) IT(AV) ITSM 8.0 5.1 90 Amps Amps Amps 1 2 I2t PGM PG(AV) IGM TJ Tstg 34 5.0 0.5 2.0 - 40 to 110 - 40 to 150 A2sec Watts Watt Amps C C MCR8DSNT4 DPAK 369A 3 4 Value Unit Volts 12 4
http://onsemi.com
SCRs 8 AMPERES RMS 600 thru 800 VOLTS
G A K
3
D-PAK CASE 369A STYLE 4
PIN ASSIGNMENT
Cathode Anode Gate Anode
ORDERING INFORMATION
Device MCR8DSMT4 Package DPAK 369A Shipping 16mm Tape and Reel (2.5K/Reel) 16mm Tape and Reel (2.5K/Reel)
(1) VDRM and VRRM for all types can be applied on a continuous basis. Ratings apply for negative gate voltage; positive gate voltage shall not be applied concurrent with negative potential on the anode. Blocking voltages shall not be tested with a constant current source such that the voltage ratings of the device are exceeded.
Preferred devices are recommended choices for future use and best overall value.
(c) Semiconductor Components Industries, LLC, 1999
1
March, 2000 - Rev. 1
Publication Order Number: MCR8DSM/D
MCR8DSM, MCR8DSN
THERMAL CHARACTERISTICS
Characteristic Thermal Resistance -- Junction to Case Thermal Resistance -- Junction to Ambient Thermal Resistance -- Junction to Ambient(1) Maximum Lead Temperature for Soldering Purposes 1/8 from Case for 10 Seconds Symbol RqJC RqJA RqJA TL Max 2.2 88 80 260 Unit C/W
C
ELECTRICAL CHARACTERISTICS (TJ = 25C unless otherwise noted)
Characteristics Symbol Min Typ Max Unit
OFF CHARACTERISTICS
Peak Repetitive Forward or Reverse Blocking Current (VAK = Rated VDRM or VRRM; RGK = 1.0 KW)(2) TJ = 25C TJ = 110C IDRM IRRM -- -- -- -- 10 500
mA
ON CHARACTERISTICS
Peak Reverse Gate Blocking Voltage (IGR = 10 mA) Peak Reverse Gate Blocking Current (VGR = 10 V) Peak Forward On-State Voltage(3) (ITM = 16 A) Gate Trigger Current (Continuous dc)(4) (VD = 12 V, RL = 100 W) Gate Trigger Voltage (Continuous dc)(4) (VD = 12 V, RL = 100 W) TJ = 25C TJ = -40C VGT TJ = 25C TJ = -40C TJ = 110C IH TJ = 25C TJ = -40C IL TJ = 25C TJ = -40C tgt -- 2.0 5.0 0.5 -- 1.0 -- 6.0 10 0.5 -- 1.0 -- 6.0 10 mA 0.45 -- 0.2 0.65 -- -- 1.0 1.5 -- mA VGRM 10 IRGM -- VTM -- IGT 5.0 -- 12 -- 200 300 1.4 1.8 -- 1.2 12.5 18 Volts
mA
Volts
mA
Volts
Holding Current (VD = 12 V, Initiating Current = 200 mA, Gate Open) Latching Current (VD = 12 V, IG = 2.0 mA)
Total Turn-On Time (Source Voltage = 12 V, RS = 6.0 KW, IT = 16 A(pk), RGK = 1.0 KW) (VD = Rated VDRM, Rise Time = 20 ns, Pulse Width = 10 ms)
ms
DYNAMIC CHARACTERISTICS
Characteristics Critical Rate of Rise of Off-State Voltage (VD = 0.67 X Rated VDRM, Exponential Waveform, RGK = 1.0 KW, TJ = 110C) Symbol dv/dt 2.0 10 -- Min Typ Max Unit V/ms
(1) Surface mounted on minimum recommended pad size. (2) Ratings apply for negative gate voltage or RGK = 1.0 KW. Devices shall not have a positive gate voltage concurrently with a negative voltage on the anode. Devices should not be tested with a constant current source for forward and reverse blocking capability such that the voltage applied exceeds the rated blocking voltage. (3) Pulse Test; Pulse Width 2.0 msec, Duty Cycle 2%. (4) RGK current not included in measurements.
http://onsemi.com
2
MCR8DSM, MCR8DSN
Voltage Current Characteristic of SCR
+ Current Anode + VTM on state IRRM at VRRM IH
Symbol
VDRM IDRM VRRM IRRM VTM IH
Parameter
Peak Repetitive Off State Forward Voltage Peak Forward Blocking Current Peak Repetitive Off State Reverse Voltage Peak Reverse Blocking Current Peak On State Voltage Holding Current Reverse Blocking Region (off state) Reverse Avalanche Region Anode -
+ Voltage IDRM at VDRM Forward Blocking Region (off state)
TC , MAXIMUM ALLOWABLE CASE TEMPERATURE (C)
P(AV) , AVERAGE POWER DISSIPATION (WATTS)
110
12 10
105
a
a
8.0 6.0 4.0 2.0 0 0 1.0 2.0 3.0 4.0 5.0
180 90 60 120 dc
100
a = Conduction
Angle
a = Conduction
Angle
95 dc 90
a = 30
a = 30
85 0 1.0 2.0
60 3.0
90 4.0
120 5.0
180 6.0
6.0
IT(AV), AVERAGE ON-STATE CURRENT (AMPS)
IT(AV), AVERAGE ON-STATE CURRENT (AMPS)
Figure 1. Average Current Derating
Figure 2. On-State Power Dissipation
http://onsemi.com
3
MCR8DSM, MCR8DSN
I T, INSTANTANEOUS ON-STATE CURRENT (AMPS) 100 MAXIMUM @ TJ = 110C 10 r(t) , TRANSIENT THERMAL RESISTANCE (NORMALIZED) TYPICAL @ TJ = 25C 1.0
0.1 ZqJC(t) = RqJC(t)Sr(t)
MAXIMUM @ TJ = 25C 1.0
0.1 0 1.0 2.0 3.0 4.0 5.0 VT, INSTANTANEOUS ON-STATE VOLTAGE (VOLTS)
0.01 0.1 1.0 10 100 1000 10 K t, TIME (ms)
Figure 3. On-State Characteristics
Figure 4. Transient Thermal Response
1000 VGT, GATE TRIGGER VOLTAGE (VOLTS) I GT, GATE TRIGGER CURRENT (m A)
1.0
RGK = 1.0 KW 100
10
GATE OPEN
1.0 -40 -25
0.1 -10 5.0 20 35 50 65 80 95 110 -40 -25 -10 5.0 20 35 50 65 80 95 110 TJ, JUNCTION TEMPERATURE (C) TJ, JUNCTION TEMPERATURE (C)
Figure 5. Typical Gate Trigger Current versus Junction Temperature
Figure 6. Typical Gate Trigger Voltage versus Junction Temperature
10 RGK = 1.0 KW IH , HOLDING CURRENT (mA) IL, LATCHING CURRENT (mA)
10 RGK = 1.0 KW
1.0
1.0
0.1 -40 -25
-10
5.0
20
35
50
65
80
95
110
0.1 -40 -25
-10
5.0
20
35
50
65
80
95
110
TJ, JUNCTION TEMPERATURE (C)
TJ, JUNCTION TEMPERATURE (C)
Figure 7. Typical Holding Current versus Junction Temperature
Figure 8. Typical Latching Current versus Junction Temperature
http://onsemi.com
4
MCR8DSM, MCR8DSN
10 TJ = 25C IH, HOLDING CURRENT (mA) 8.0 STATIC dv/dt (V/m s) 100 70C 90C TJ = 110C 10 1000
6.0 IGT = 25 mA 4.0 IGT = 10 mA
2.0 0 100
1.0 1000 RGK, GATE-CATHODE RESISTANCE (OHMS) 10 K 100 RGK, GATE-CATHODE RESISTANCE (OHMS) 1000
Figure 9. Holding Current versus Gate-Cathode Resistance
Figure 10. Exponential Static dv/dt versus Gate-Cathode Resistance and Junction Temperature
1000 TJ = 110C 400 V STATIC dv/dt (V/ ms) 100
1000 VD = 800 V TJ = 110C STATIC dv/dt (V/ ms) 100 IGT = 25 mA
600 V VPK = 800 V
IGT = 10 mA 10
10
1.0 100 RGK, GATE-CATHODE RESISTANCE (OHMS) 1000
1.0 100 RGK, GATE-CATHODE RESISTANCE (OHMS) 1000
Figure 11. Exponential Static dv/dt versus Gate-Cathode Resistance and Peak Voltage
Figure 12. Exponential Static dv/dt versus Gate-Cathode Resistance and Gate Trigger Current Sensitivity
http://onsemi.com
5
MCR8DSM, MCR8DSN
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS Surface mount board layout is a critical portion of the total design. The footprint for the semiconductor packages must be the correct size to insure proper solder connection interface between the board and the package. With the correct pad geometry, the packages will self align when subjected to a solder reflow process.
0.165 4.191
0.100 2.54
0.118 3.0
0.063 1.6 0.190 4.826 0.243 6.172
inches mm
DPAK
http://onsemi.com
6
MCR8DSM, MCR8DSN
PACKAGE DIMENSIONS
D-PAK CASE 369A-13 ISSUE Z
-T- B V R
4 SEATING PLANE NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. INCHES MIN MAX 0.235 0.250 0.250 0.265 0.086 0.094 0.027 0.035 0.033 0.040 0.037 0.047 0.180 BSC 0.034 0.040 0.018 0.023 0.102 0.114 0.090 BSC 0.175 0.215 0.020 0.050 0.020 --- 0.030 0.050 0.138 --- CATHODE ANODE GATE ANODE MILLIMETERS MIN MAX 5.97 6.35 6.35 6.73 2.19 2.38 0.69 0.88 0.84 1.01 0.94 1.19 4.58 BSC 0.87 1.01 0.46 0.58 2.60 2.89 2.29 BSC 4.45 5.46 0.51 1.27 0.51 --- 0.77 1.27 3.51 ---
C E
A S
1 2 3
Z U
K F L D G
2 PL
J H 0.13 (0.005) T
DIM A B C D E F G H J K L R S U V Z
M
STYLE 4: PIN 1. 2. 3. 4.
http://onsemi.com
7
MCR8DSM, MCR8DSN
ON Semiconductor and are trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
NORTH AMERICA Literature Fulfillment: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: ONlit@hibbertco.com Fax Response Line: 303-675-2167 or 800-344-3810 Toll Free USA/Canada N. American Technical Support: 800-282-9855 Toll Free USA/Canada EUROPE: LDC for ON Semiconductor - European Support German Phone: (+1) 303-308-7140 (M-F 1:00pm to 5:00pm Munich Time) Email: ONlit-german@hibbertco.com French Phone: (+1) 303-308-7141 (M-F 1:00pm to 5:00pm Toulouse Time) Email: ONlit-french@hibbertco.com English Phone: (+1) 303-308-7142 (M-F 12:00pm to 5:00pm UK Time) Email: ONlit@hibbertco.com EUROPEAN TOLL-FREE ACCESS*: 00-800-4422-3781 *Available from Germany, France, Italy, England, Ireland CENTRAL/SOUTH AMERICA: Spanish Phone: 303-308-7143 (Mon-Fri 8:00am to 5:00pm MST) Email: ONlit-spanish@hibbertco.com ASIA/PACIFIC: LDC for ON Semiconductor - Asia Support Phone: 303-675-2121 (Tue-Fri 9:00am to 1:00pm, Hong Kong Time) Toll Free from Hong Kong & Singapore: 001-800-4422-3781 Email: ONlit-asia@hibbertco.com JAPAN: ON Semiconductor, Japan Customer Focus Center 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan 141-8549 Phone: 81-3-5740-2745 Email: r14525@onsemi.com ON Semiconductor Website: http://onsemi.com
For additional information, please contact your local Sales Representative.
http://onsemi.com
8
MCR8DSM/D


▲Up To Search▲   

 
Price & Availability of MCR8DSNT4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X