|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Resistors Thick film rectangular MCR10 (2012 size: 1 / 8W) FFeatures 1) Power rating of 1 / 8W 2) Highly reliable chip resistor Ruthenium oxide dielectric offers superior resistance to the elements. 3) Electrodes not corroded by soldering Thick film makes the electrodes very strong. 4) Leading the world in development and mass production. Since start of production in 1982 (a world first), this component has established a solid reputation as a general-purpose chip resistor. 5) ROHM resistors have approved ISO-9001 certification. Design and specifications are subject to change without notice. Carefully check the specification sheet before using or ordering it. FRatings 1 Resistors MCR10 FBefore using components in circuits where they will be exposed to transients such as pulse loads (short-duration, high-level loads), be certain to evaluate the component in the mounted state. In addition, the reliability and performance of this component cannot be guaranteed if it is used with a steady state voltage that is greater than its rated voltage. 2 Resistors FCharacteristics MCR10 3 Resistors FExternal dimensions (Units: mm) MCR10 FPackaging 4 Resistors FPart designation MCR10 FDimensions FElectrical characteristics 5 Resistors MCR10 6 Resistors MCR10 7 |
Price & Availability of MCR102012SIZE18W |