Part Number Hot Search : 
RP100 IM04GR Q6700 FXP6000 100262 UNR4121 2587P9 100GN
Product Description
Full Text Search
 

To Download LVA43A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHARP BREAKDOWN, LOW LEAKAGE LVA REGULATOR DIODES LVA43A - LVA100A
* Sharper breakdown * Lower leakage current characteristics in the 4 - 10 volt range
PART NUMBER NOMINAL VOLTAGE Vz @ Izt (Vdc) 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10.0 TEST CURRENT Izt (mA) 20 10 5 1 1 1 1 1 1 1 MAX ZENER IMPEDANCE Zzt @ Izt (OHMS) 18 15 15 40 50 50 100 100 100 100 MAX REVERSE LEAKAGE CURRENT Ir Vr (Adc) (Vdc) 4.0 1.5 4.0 2.0 0.1 2.0 0.05 3.0 0.05 4.0 0.05 5.0 0.01 6.0 0.01 6.5 0.01 8.0 0.01 9.0 MAX NOISE DENSITY @ 250 A 4 4 4 4 4 4 4 4 4 4
LVA43A LVA47A LVA51A LVA56A LVA62A LVA68A LVA75A LVA82A LVA91A LVA100A
Package Style Forward Voltage (Vf) Noise Density (Nd) Power Dissipation (Pd) Operating Temperature (Topr) Storage Temperature (Tstg) Voltage Tolerance:
@ If= 200 mAdc @ Iz = 250 Adc @ Ta = 25 C
Standard Device Suffix A Suffix B
DO-7 1.5 Vdc 4.0 V / Hz 400 mW -65 to + 175 C -65 to + 200 C 10% 5% 2%
Noise Density measured from 1000 to 3000 Hz.
P.O. BOX 609 * ROCKPORT, MAINE 04856 * 207-236-6076 * FAX 207-236-9558 -29-


▲Up To Search▲   

 
Price & Availability of LVA43A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X