Part Number Hot Search : 
0A27C30 C3306 MT8981DE EVQPC1 856074 SM103 15KE11A PS0021
Product Description
Full Text Search
 

To Download LA6393S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number:ENN999C
Monolithic Linear IC
LA6393D, 6393S
High-Performance Dual Comparator
Overview
The LA6393D and 6393S are high-performance dual comparators that are capable of operating from a single power supply voltage over a wide range of 2 to 36V. Because of their excellent input characteristics and low power, they can be very conveniently applied to multisignal parallel comparator circuits that require high-density assembly.
Package Dimensions
unit:mm 3001B-DIP8
[LA6393D]
8 5
7.62 6.4
Features
* LA6393D : DIP-8 pin package, LA6393S : SIP-9 pin package. * Wide operating power-supply voltage range (Single power supply : 2.0 to 36.0V, dual power supplies : 1.0 to 18.0V). * Wide common-mode input voltage range (0 to VCC-1.5V). * Open-collector output enabling wired OR. * Small current drain (0.6mA) and low power.
1 9.4
3.9max 3.0
4
0.51min
0.5 0.89 2.54
1.4
3.2
SANYO : DIP8
unit:mm 3017C-SIP9
[LA6393S]
22.3 1.5 3.0
0.51 min
1 0.99 2.54 0.5
9 1.3 0.25 1.35
SANYO : SIP9
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
40500TN (KT)/1300TA/7087KI/4235MW/6032KI, ID No.999-1/5
3.2
5.7 max
4.8
1.0
0.25
LA6393D, 6393S Specifications
Absolute Maximum Ratings at Ta = 25C
Parameter Maximum supply voltage Differential input voltage Common-mode input voltage range Allowable power dissipation Operating temperature Storage temperature Symbol VCC max VID VICM Pd max Topr Tstg Conditions Ratings 36 36 -0.3 to +36 570 -30 to +85 -55 to +125 Unit V V V mW
C C
Operating Characteristics at Ta = 25C, VCC=5V
Parameter Input offset voltage Input offset current Input bias current Common-mode input voltage range Supply current Voltage gain Response time Output sink current Output saturation voltage Output leakage current ISINK VOL ILEAK Symbol VIO IIO IB VICM ICC VG RL= RL=15k VRL=5V, RL=5.1k VIN-=1V, VIN+=0V, VIN-=1V, VIN+=0V, VIN-=0V, VIN+=1V, VO1.5V ISINK3mA VO=5V Conditions Test Circuit 1 2 3 0 4 5 6 7 8 9 6 0.6 200 1.3 16 0.2 0.1 0.4 Ratings min typ 1 5 25 max 5 50 250
VCC-1.5
Unit mV nA nA V mA V/mV s mA V nA
1
Test Circuits 1. Input Offset Voltage
2. Input Offset Current
3. Input Bias Current
4. Supply Current
5. Voltage Gain
No.999-2/5
LA6393D, 6393S
6. Response Time
7. Output Sink Current
8. Output Saturation Voltage
9. Output Leakage Current
Equivalent Circuit
Pin Assignment
No.999-3/5
LA6393D, 6393S
Main Characteristics
No.999-4/5
LA6393D, 6393S
Sample Application Circuits
Voltage comparator (with hysteresis)
Square wave generator
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be expor ted without obtaining the expor t license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties.
This catalog provides information as of April, 2000. Specifications and information herein are subject to change without notice.
PS No.999-5/5


▲Up To Search▲   

 
Price & Availability of LA6393S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X