Part Number Hot Search : 
1100P NTE7159 AD7312LF AZ494DM TLE4252G B2403 092315 6N60N
Product Description
Full Text Search
 

To Download LA5000SERIES Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number:ENN1187E
Monolithic Linear IC
LA5000 Series
2 to 5V 60mA Low Saturation Voltage Regulators
Overview
The LA5002, 5003, 5004, 5005 are voltage regulators having a small input-output voltage drop (0.2V typ). They are especially suited for use in battery-powered low voltage equipment and commercial or industrial equipment having a large voltage regulation.
Package Dimensions
unit:mm 3027A-SIP4H
[LA5000SERIES]
9.5 2.0
2.0 4.0
2.7
0.6
2.4 2.4 2.4
1.2
Specifications
Maximum Ratings at Ta = 25C
Parameter Input supply voltage Output current Allowable power dissipation Operating temperature Storage temperature Symbol VIN max IOUT max Pd max Topr Tstg
Ta=80C
15.5
* Small input-output voltage drop (0.2V/IOUT=20mA typ). * Minimum number of external parts required. * Highly resistant against load short. * Radio noise (radiation) control pin.
14.0
12.0max
Features
3.2
1.5 0.8 1.7 1.2
0.5
0.8
0.8
SANYO : SIP4H
Conditions
Ratings 12 60 560 -20 to +80 -30 to +125
Unit V mA mW
C C
Electrical Characteristics at Ta = 25C, COUT=10F, IOUT=20mA, VIN=3V [LA5002], VIN=4V [5003], VIN=5V [5004], VIN=6V [LA5005]
Parameter Symbol LA5002 Output voltage VO LA5003 LA5004 LA5005 LA5002 : 2.5VContinued on next page.
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
33100TN (KT)/N069YT, TS No.1187-1/5
LA5000SERIES
Continued from preceding page.
Parameter Symbol LA5002 Quiescent current ICCO LA5003 LA5004 LA5005 Ripple voltage Input/output voltage drop Temperature coefficient of output voltage Output noise voltage Rr Vdrop Kvo/T VN 10HzEquivalent Circuit Block Diagram
Sample Application Circuit
Note : Capacitor C3 is not required unless radio noise is a problem. Test Circuits
No.1187-2/5
LA5000SERIES
No.1187-3/5
LA5000SERIES
No.1187-4/5
LA5000SERIES
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be expor ted without obtaining the expor t license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties.
This catalog provides information as of April, 2000. Specifications and information herein are subject to change without notice.
PS No.1187-5/5


▲Up To Search▲   

 
Price & Availability of LA5000SERIES

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X