Part Number Hot Search : 
T551101 GS204U 1761B B1118 SPN7002 C1100 4040D CT138
Product Description
Full Text Search
 

To Download IR3081 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IR3081
DATA SHEET XPHASETM VR 10.0 CONTROL IC
DESCRIPTION
The IR3081 Control IC combined with an IR XPhaseTM Phase IC provides a full featured and flexible way to implement a complete VR 10.0 power solution. The "Control" IC provides overall system control and interfaces with any number of "Phase ICs" which each drive and monitor a single phase of a multiphase converter. The XPhaseTM architecture results in a power supply that is smaller, less expensive, and easier to design while providing higher efficiency than conventional approaches. The IR3081 is intended for VRD or VRM/EVRD 10.0 applications that use external VCCVID/VTT circuits.
FEATURES
* * * * * * * * * * * * * 6 bit VR 10.0 compatible VID with 0.5% overall system accuracy Programmable Dynamic VID Slew Rate No Discharge of output capacitors during Dynamic VID step-down (can be disabled) +/-300mV Differential Remote Sense Programmable 150kHz to 1MHz oscillator Programmable VID Offset and Load Line output impedance Programmable Softstart Programmable Hiccup Over-Current Protection with Delay to prevent false triggering Simplified Powergood provides indication of proper operation and avoids false triggering Operates from 12V input with 9.1V Under-Voltage Lockout 6.8V/5mA Bias Regulator provides System Reference Voltage Enable Input Small thermally enhanced 28L MLPQ package
PACKAGE PINOUT
28 27 26 25 24 ENABLE PWRGD 23 LGND SS/DEL RMPOUT VCC N/C 22
1 2 3 4 5 6 7
OSCDS VID5 VID0 VID1 VID2 VID3
VBIAS BBFB
21 20 19 18 17 16 15
IR3081 CONTROL IC
VOSNS-
EAOUT FB VDRP IIN OCSET
VID4 TRM1 TRM2
ROSC 13
TRM3
10
11
12
TRM4
Page 1 of 20
14
8
9
VDAC
9/1/03
IR3081
ORDERING INFORMATION
Device IR3081MTR IR3081M
Order Quantity 3000 per Reel 5 per Bag
ABSOLUTE MAXIMUM RATINGS
Operating Junction Temperature.................150oC Storage Temperature Range......................-65oC to 150oC ESD Rating.............................................HBM Class 1C JEDEC standard
PIN # 1 2-7 8, 9, 11,12 10 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28
PIN NAME OSCDS VID0-5 TRM1-4 VOSNSROSC VDAC OCSET IIN VDRP FB EAOUT BBFB VBIAS VCC LGND RMPOUT SS/DEL PWRGD N/C ENABLE
VMAX 20V 20V Do Not Connect 0.5V 20V 20V 20V 20V 20V 20V 10V 20V 20V 20V n/a 20V 20V 20V n/a 20V
VMIN -0.3V -0.3V Do Not Connect -0.5V -0.5V -0.3V -0.3V -0.3V -0.3V -0.3V -0.3V -0.3V -0.3V -0.3V n/a -0.3V -0.3V -0.3V n/a -0.3V
ISOURCE 1mA 10mA Do Not Connect 10mA 1mA 1mA 1mA 1mA 5mA 1mA 10mA 1mA 1mA 1mA 50mA 1mA 1mA 1mA n/a 1mA
ISINK 1mA 10mA Do Not Connect 10mA 1mA 1mA 1mA 1mA 5mA 1mA 20mA 1mA 1mA 50mA 1mA 1mA 1mA 20mA n/a 1mA
Page 2 of 20
9/1/03
IR3081
ELECTRICAL SPECIFICATIONS
Unless otherwise specified, these specifications apply over: 9.5V VCC 14V, 0 oC TJ 100 oC PARAMETER VDAC Reference System Set-Point Accuracy TEST CONDITION -0.3V VOSNS- 0.3V, Connect FB to EAOUT, Measure V(EAOUT) - V(VOSNS-) deviation from Table 1. Applies to all VID codes. RROSC = 41.9k RROSC = 41.9k 0V VID0-5 VCC MIN TYP 0.5 MAX UNIT %
Source Current Sink Current VID Input Threshold VID Input Bias Current Regulation Detect Comparator Input Offset Regulation Detect to EAOUT Delay BBFB to FB Bias Current Ratio VID 11111x Blanking Delay VID Step Down Detect Blanking Time VID Down BB Clamp Voltage VID Down BB Clamp Current Error Amplifier Input Offset Voltage
68 47 500 -5 -5
80 55 600 0 0 130
92 63 700 5 5 200 1.05
A A mV A mV ns A/A ns s
0.95 Measure Time till PWRGD drives low Measure from VID inputs to EAOUT Percent of VDAC voltage 70 3.5 -3
1.00 800 1.7 75 6.2 4
80 12 8
% mA mV
FB Bias Current DC Gain Gain-Bandwidth Product Source Current Sink Current Max Voltage Min Voltage VDRP Buffer Amplifier Input Offset Voltage Input Voltage Range Bandwidth (-3dB) Input Voltage Range Slew Rate IIN Bias Current
Connect FB to EAOUT, Measure V(EAOUT) - V(DAC). from Table 1. Applies to all VID codes and -0.3V VOSNS- 0.3V. Note 2 RROSC = 41.9k Note 1 Note 1
VBIAS-VEAOUT (referenced to VBIAS) Normal operation or Fault mode V(VDRP) - V(IIN), 0.8V V(IIN) 5.5V Note 1
28 90 4 0.4 0.7 125 30 -8 0.8 1 0.8 0
29.5 100 7 0.6 1.2 250 100 0 6
31 105 0.8 1.7 375 150 8 5.5 5.5
A dB MHz mA mA mV mV mV V MHz V V/s A
10 0.75
1.5
Page 3 of 20
9/1/03
IR3081
PARAMETER Oscillator Switching Frequency Peak Voltage (5V typical, measured as % of VBIAS) Valley Voltage (1V typical, measured as % of VBIAS) VBIAS Regulator Output Voltage Current Limit Soft Start and Delay SS/DEL to FB Input Offset Voltage Charge Current Discharge Current Charge/Discharge Current Ratio Charge Voltage Delay Comparator Threshold Discharge Comparator Threshold Over-Current Comparator Input Offset Voltage OCSET Bias Current PWRGD Output Output Voltage Leakage Current Enable Input Threshold voltage Bias Current VCC Under-Voltage Lockout Start Threshold Stop Threshold Hysteresis General VCC Supply Current VOSNS- Current
TEST CONDITION RROSC = 41.9k RROSC = 41.9k RROSC = 41.9k
MIN 255 70 11
TYP 300 71 14
MAX 345 74 16
UNIT kHz % %
0 I(VBIAS) 5mA
6.5 6 0.85 40 4 10 3.7 70 150
6.8 15 1.3 70 6 11.5 4.0 90 200
7.1 30 1.5 100 9 13 4.2 110 250
V mA V A A A/A V mV mV
With FB = 0V, adjust V(SS/DEL) until EAOUT drives high
Relative to Charge Voltage
1V V(OCSET) 5V RROSC = 41.9k I(PWRGD) = 4mA V(PWRGD) = 5.5V
-10 28
0 29.5 150 0
10 31 400 10 700 5 9.6 9.4 300 14 5.5
mV A mV A mV A V V mV mA mA
0V V(ENABLE) VCC
500 -5 8.6 8.4 150 8 3.5
600 0 9.1 8.9 200 11 4.5
Start - Stop
-0.3V VOSNS- 0.3V, All VID Codes
Note 1: Guaranteed by design, but not tested in production Note 2: VDAC Output is trimmed to compensate for Error Amp input offsets errors
Page 4 of 20
9/1/03
IR3081
PIN DESCRIPTION
PIN# 1 2-7 8, 9, 11,12 10 13 14
PIN SYMBOL OSCDS VID0-5 TRM1-4 VOSNSROSC VDAC
15
OCSET
16 17 18
IIN VDRP FB
19 20
EAOUT BBFB
21 22 23 24 25
VBIAS VCC LGND RMPOUT SS/DEL
26 27 28
PWRGD N/C ENABLE
PIN DESCRIPTION Apply a voltage greater than VBIAS to disable the oscillator. Used during factory testing & trimming. Ground or leave open for normal operation. Inputs to VID D to A Converter Used for precision post-package trimming of the VDAC voltage. Do not make any connection to these pins. Remote Sense Input. Connect to ground at the Load. Connect a resistor to VOSNS- to program oscillator frequency and FB, OCSET, BBFB, and VDAC bias currents Regulated voltage programmed by the VID inputs. Current Sensing and PWM operation are referenced to this pin. Connect an external RC network to VOSNS- to program Dynamic VID slew rate. Programs the hiccup over-current threshold through an external resistor tied to VDAC and an internal current source. Over-current protection can be disabled by connecting this pin to a DC voltage no greater than 6.5V (do not float this pin as improper operation will occur). Current Sense input from the Phase IC(s). To ensure proper operation bias to at least 250mV (don't float this pin). Buffered IIN signal. Connect an external RC network to FB to program converter output impedance Inverting input to the Error Amplifier. Converter output voltage is offset from the VDAC voltage through an external resistor connected to the converter output voltage at the load and an internal current source. Output of the Error Amplifier Input to the Regulation Detect Comparator. Connect to converter output voltage and VDRP pin through resistor network to program recovery from VID step-down. Connect to ground to disable Body BrakingTM during transition to a lower VID code. 6.8V/5mA Regulated output used as a system reference voltage for internal circuitry and the Phase ICs. Power for internal circuitry Local Ground and IC substrate connection Oscillator Output voltage. Used by Phase ICs to program Phase Delay Controls Converter Softstart, Power Good, and Over-Current Timing. Connect an external capacitor to LGND to program the timing. An optional resistor can be added in series with the capacitor to program the over-current delay time. Open Collector output that drives low during Softstart and any external fault condition. Connect external pull-up. No internal connection Enable Input. A logic low applied to this pin puts the IC into Fault mode.
Page 5 of 20
9/1/03
IR3081
SYSTEM THEORY OF OPERATION
XPhaseTM Architecture The XPhaseTM architecture is designed for multiphase interleaved buck converters which are used in applications requiring small size, design flexibility, low voltage, high current and fast transient response. The architecture can be used in any multiphase converter ranging from 1 to 16 or more phases where flexibility facilitates the design tradeoff of multiphase converters. The scalable architecture can be applied to other applications which require high current or multiple output voltages. As shown in Figure 1, the XPhaseTM architecture consists of a Control IC and a scalable array of phase converters each using a single Phase IC. The Control IC communicates with the Phase ICs through a 5-wire analog bus, i.e. bias voltage, phase timing, average current, error amplifier output, and VID voltage. The Control IC incorporates all the system functions, i.e. VID, PWM ramp oscillator, error amplifier, bias voltage, and fault protections etc. The Phase IC implements the functions required by the converter of each phase, i.e. the gate drivers, PWM comparator and latch, over-voltage protection, and current sensing and sharing. There is no unused or redundant silicon with the XPhaseTM architecture compared to others such as a 4 phase controller that can be configured for 2, 3, or 4 phase operation. PCB Layout is easier since the 5 wire bus eliminates the need for point-to-point wiring between the Control IC and each Phase. The critical gate drive and current sense connections are short and local to the Phase ICs. This improves the PCB layout by lowering the parasitic inductance of the gate drive circuits and reducing the noise of the current sense signal.
POWER GOOD PHASE FAULT VR HOT
12V
ENABLE
VID5 VID0 VID1 VID2 VID3 VID4
IRU3081 CONTROL IC
PHASE FAULT >> BIAS VOLTAGE >> PHASE TIMING << CURRENT SENSE >> PWM CONTROL >> VID VOLTAGE PHASE HOT CCS RCS CURRENT SHARE
CIN
VOUT SENSE+
IRU3086 PHASE IC
VOUT+ 0.1uF COUT VOUT-
VOUT SENSE-
PHASE FAULT
CURRENT SHARE
IRU3086 PHASE IC
0.1uF
PHASE HOT CCS RCS
CONTROL BUS
ADDITIONAL PHASES
INPUT/OUTPUT
Page 6 of 20
9/1/03
IR3081
Figure 1 - System Block Diagram PWM Control Method The PWM block diagram of the XPhaseTM architecture is shown in Figure 2. Feed-forward voltage mode control with trailing edge modulation is used. A high-gain wide-bandwidth voltage type error amplifier in the Control IC is used for the voltage control loop. An external RC circuit connected to the input voltage and ground is used to program the slope of the PWM ramp and to provide the feed-forward control at each phase. The PWM ramp slope will change with the input voltage and automatically compensate for changes in the input voltage. The input voltage can change due to variations in the silver box output voltage or due to drops in the PCB related to changes in load current.
VIN
CONTROL IC
BIASIN
50% DUTY CYCLE
PHASE IC
SYSTEM REFERENCE VOLTAGE CLOCK PULSE GENERATOR
+
RAMP GENERATOR
VPEAK
RMPOUT
RAMPIN+
-
PWM LATCH S PWM COMPARATOR
+ RESET DOMINANT
GATEH
VOSNS+ VOUT
COUT
VVALLEY
RRAMP1
RAMPINEAIN
VBIAS
R
GATEL
+ VBIAS REGULATOR
VDAC VOSNS-
RRAMP2
GND
PWMRMP
RPWMRMP
VDAC
EAOUT
CPWMRMP
SCOMP SHARE ADJUST ERROR AMP ISHARE 10K
RAMP DISCHARGE CLAMP
+
-
CSCOMP
ERROR AMP FB
RVFB
+
20mV
IFB
IROSC VDRP AMP
RDRP
X34 DACIN
VDRP
IIN
PHASE IC
BIASIN RAMPIN+
+ -
SYSTEM REFERENCE VOLTAGE CLOCK PULSE GENERATOR S PWM COMPARATOR
+
PWM LATCH
RRAMP1
RAMPINEAIN
RESET DOMINANT
R
RRAMP2
PWMRMP
RPWMRMP
CPWMRMP
SCOMP SHARE ADJUST ERROR AMP ISHARE 10K
RAMP DISCHARGE CLAMP
CSCOMP
+
20mV
X34 DACIN
Figure 2 - PWM Block Diagram Frequency and Phase Timing Control The oscillator is located in the Control IC and its frequency is programmable from 150kHz to 1MHZ by an external resistor. The output of the oscillator is a 50% duty cycle triangle waveform with peak and valley voltages of approximately 5V and 1V. This signal is used to program both the switching frequency and phase timing of the Phase ICs. The Phase IC is programmed by resistor divider RRAMP1 and RRAMP2 connected between the VBIAS reference voltage and the Phase IC LGND pin. A comparator in the Phase ICs detects the crossing of the oscillator waveform with the voltage generated by the resistor divider and triggers a clock pulse that starts the PWM cycle. The peak and valley voltages track the VBIAS voltage reducing potential Phase IC timing errors. Figure 3 shows the Phase timing for an 8 phase converter. Note that both slopes of the triangle waveform can be used for synchronization by swapping the RAMP + and - pins. Page 7 of 20 9/1/03
+
-
-
+
-
RAMP SLOPE ADJUST
ENABLE
O% DUTY CYCLE COMPARATOR
+ -
X 0.91
CURRENT SENSE AMP
+
-
-
+ + + -
RAMP SLOPE ADJUST
ENABLE
O% DUTY CYCLE COMPARATOR
+ -
VOSNS-
+
-
+ -
X 0.91
CURRENT SENSE AMP
CSIN+
CCS RCS
CSIN-
GATEH
GATEL
CSIN+
CCS RCS
CSIN-
IR3081
50% RAMP DUTY CYCLE SLOPE = 80mV / % DC
RAMP (FROM CONTROL IC)
VPEAK (5.0V) VPHASE4&5 (4.5V) VPHASE3&6 (3.5V) VPHASE2&7 (2.5V) VPHASE1&8 (1.5V) VVALLEY (1.00V)
SLOPE = 1.6mV / ns @ 200kHz SLOPE = 8.0mV / ns @ 1MHz
CLK1
CLK2
PHASE IC CLOCK PULSES
CLK3
CLK4
CLK5
CLK6
CLK7
CLK8
Figure 3 - 8 Phase Oscillator Waveforms PWM Operation The PWM comparator is located in the Phase IC. Upon receiving a clock pulse, the PWM latch is set, the PWMRMP voltage begins to increase, the low side driver is turned off, and the high side driver is then turned on. When the PWMRMP voltage exceeds the Error Amp's output voltage the PWM latch is reset. This turns off the high side driver, turns on the low side driver, and activates the Ramp Discharge Clamp. The clamp quickly discharges the PWMRMP capacitor to the VDAC voltage of the Control IC until the next clock pulse. The PWM latch is reset dominant allowing all phases to go to zero duty cycle within a few tens of nanoseconds in response to a load step decrease. Phases can overlap and go to 100% duty cycle in response to a load step increase with turn-on gated by the clock pulses. An Error Amp output voltage greater than the common mode input range of the PWM comparator results in 100% duty cycle regardless of the voltage of the PWM ramp. This arrangement guarantees the Error Amp is always in control and can demand 0 to 100% duty cycle as required. It also favors response to a load step decrease which is appropriate given the low output to input voltage ratio of most systems. The inductor current will increase much more rapidly than decrease in response to load transients.
Page 8 of 20
9/1/03
IR3081
This control method is designed to provide "single cycle transient response" where the inductor current changes in response to load transients within a single switching cycle maximizing the effectiveness of the power train and minimizing the output capacitor requirements. An additional advantage is that differences in ground or input voltage at the phases have no effect on operation since the PWM ramps are referenced to VDAC.
Body BrakingTM In a conventional synchronous buck converter, the minimum time required to reduce the current in the inductor in response to a load step decrease is; TSLEW = [L x (IMAX - IMIN)] / Vout The slew rate of the inductor current can be significantly increased by turning off the synchronous rectifier in response to a load step decrease. The switch node voltage is then forced to decrease until conduction of the synchronous rectifier's body diode occurs. This increases the voltage across the inductor from Vout to Vout + VBODY DIODE. The minimum time required to reduce the current in the inductor in response to a load transient decrease is now; TSLEW = [L x (IMAX - IMIN)] / (Vout + VBODY DIODE) Since the voltage drop in the body diode is often higher than output voltage, the inductor current slew rate can be increased by 2X or more. This patent pending technique is referred to as "body braking" and is accomplished through the "0% Duty Cycle Comparator" located in the Phase IC. If the Error Amp's output voltage drops below 91% of the VDAC voltage this comparator turns off the low side gate driver. Figure 4 depicts PWM operating waveforms under various conditions
PHASE IC CLOCK PULSE
EAIN PWMRMP VDAC 91% VDAC
GATEH
GATEL
STEADY-STATE OPERATION
DUTY CYCLE INCREASE DUE TO LOAD INCREASE
DUTY CYCLE DECREASE DUE TO VIN INCREASE (FEED-FORWARD)
DUTY CYCLE DECREASE DUE TO LOAD DECREASE (BODY BRAKING) OR FAULT (VCC UV, VCCVID UV, OCP, VID=11111X)
STEADY-STATE OPERATION
Figure 4 - PWM Operating Waveforms Lossless Average Inductor Current Sensing Inductor current can be sensed by connecting a series resistor and a capacitor network in parallel with the inductor and measuring the voltage across the capacitor. The equation of the sensing network is,
vC ( s ) = v L ( s )
R + sL 1 = iL (s) L 1 + sRS C S 1 + sRS C S
Page 9 of 20
9/1/03
IR3081
Usually the resistor Rcs and capacitor Ccs are chosen so that the time constant of Rcs and Ccs equals the time constant of the inductor which is the inductance L over the inductor DCR. If the two time constants match, the voltage across Ccs is proportional to the current through L, and the sense circuit can be treated as if only a sense resistor with the value of RL was used. The mismatch of the time constants does not affect the measurement of inductor DC current, but affects the AC component of the inductor current.
The advantage of sensing the inductor current versus high side or low side sensing is that actual output current being delivered to the load is obtained rather than peak or sampled information about the switch currents. The output voltage can be positioned to meet a load line based on real time information. Except for a sense resistor in series with the inductor, this is the only sense method that can support a single cycle transient response. Other methods provide no information during either load increase (low side sensing) or load decrease (high side sensing). An additional problem associated with peak or valley current mode control for voltage positioning is that they suffer from peak-to-average errors. These errors will show in many ways but one example is the effect of frequency variation. If the frequency of a particular unit is 10% low, the peak to peak inductor current will be 10% larger and the output impedance of the converter will drop by about 10%. Variations in inductance, current sense amplifier bandwidth, PWM prop delay, any added slope compensation, input voltage, and output voltage are all additional sources of peak-to-average errors. Current Sense Amplifier A high speed differential current sense amplifier is located in the Phase IC, as shown in figure 5. Its gain decreases with increasing temperature and is nominally 34 at 25C and 29 at 125C (-1470 ppm/C). This reduction of gain tends to compensate the 3850 ppm/C increase in inductor DCR. Since in most designs the Phase IC junction is hotter than the inductor these two effects tend to cancel such that no additional temperature compensation of the load line is required. The current sense amplifier can accept positive differential input up to 100mV and negative up to -20mV before clipping. The output of the current sense amplifier is summed with the DAC voltage and sent to the Control IC and other Phases through an on-chip 10K resistor connected to the ISHARE pin. The ISHARE pins of all the phases are tied together and the voltage on the share bus represents the total current through all the inductors and is used by the Control IC for voltage positioning and current limit protection.
vL iL L Rs CSA CO RL Cs vc Vo Co
Figure 5 - Inductor Current Sensing and Current Sense Amplifier Average Current Share Loop Current sharing between phases of the converter is achieved by the average current share loop in each Phase IC. The output of the current sense amplifier is compared with the share bus less a 20mV offset. If current in a phase is smaller than the average current, the share adjust amplifier of the phase will activate a current source that reduces the slope of its PWM ramp thereby increasing its duty cycle and output current. The crossover frequency of the current share loop can be programmed with a capacitor at the SCOMP pin so that the share loop does not interact with the output voltage loop. Page 10 of 20 9/1/03
IR3081
IR3081 THEORY OF OPERATION
Block Diagram The Block diagram of the IR3081 is shown in figure 6 and discussed in the following section.
VCC
+
9.1V 8.9V ENABLE
START STOP + VCC
FAULT LATCH S DISCHARGE COMPARATOR
SET DOMINANT
PWRGD
UVLO COMPARATOR
0.2V
+
START STOP +
ENABLE COMPARATOR 90mV
+
+ IDISCHG 6uA ICHG 66uA SS/DEL VCHG 4V
-
+
ON
SS/DEL DISCHARGE 1.3V
OFF
+ -
SOFTSTART CLAMP
VID5 VID0 VID1 VID2 VID3 VID4 BBFB VOSNSVBIAS
IROSC IROSC IROSC IROSC VID CONTROL IROSC IROSC IROSC IROSC IROSC
VID = 11111X VID STEP-DOWN VID DAC OUTPUT
IOCSETIROSC
IROSC IFB
+
0.6V
+
1.2V
VBIAS
-
VBIAS REGULATOR
+ -
+
6.8V
RMPOUT
50% DUTY CYCLE
RAMP GENERATOR
5.0V
ROSC BUFFER AMP
IROSC
ROSC
Figure 6 - IR3081 Block Diagram VID Control A 6-bit VID voltage compatible with VR 10.0, as shown in Table 1 is available at the VDAC pin. A detailed block diagram of the VID control circuitry can be found in Figure 7. The VID pins are require an external bias voltage and should not be floated. The VID input comparators, with 0.6V reference, monitor the VID pins and control the 6 bit Digital-to-Analog Converter (DAC) whose output is sent to the VDAC buffer amplifier. The output of the buffer amp is the VDAC pin. The VDAC voltage is post-package trimmed to compensate for the input offsets of the Error Amp to provide a 1.0% system accuracy. The actual VDAC voltage does not determine the system accuracy and has a wider tolerance. Page 11 of 20 9/1/03
+
1.0V
-
CURRENT SOURCE GENERATOR
+ +
+
DELAY COMPARATOR
-
-
+
R
-
VDRP VDRP AMP IIN OCSET
OVER CURRENT
+
OC COMPARATOR
DISABLE
-
+
EAOUT ERROR AMP FB VDAC LGND
IR3081
The IR3081 can accept changes in the VID code while operating and vary the DAC voltage accordingly. The sink/source capability of the VDAC buffer amp is programmed by the same external resistor that sets the oscillator frequency. The slew rate of the voltage at the VDAC pin can be adjusted by an external capacitor between VDAC pin and the VOSNS- pin. A resistor connected in series with this capacitor is required to compensate the VDAC buffer amplifier. Digital VID transitions result in a smooth analog transition of the VDAC voltage and converter output voltage minimizing inrush currents in the input and output capacitors and overshoot of the output voltage. It is desirable to prevent negative inductor currents in response to a request for a lower VID code. Negative current transforms the buck converter into a boost converter and transfers energy from the output capacitors back into the input voltage. This energy can cause voltage spikes and damage the silver box or other components unless they are specifically designed to handle it. Furthermore, power is wasted during the transfer of energy from the output back to the input. The IR3081 includes circuitry that turns off both control and synchronous MOSFETs in response to a lower VID code so that the load current discharges the output capacitors instead of the inductors. A lower VID code is detected by the VID step-down detect comparator which monitors the "fast" output of the DAC (plus 7mV for noise immunity) compared to the "slow" output of the VDAC pin. If a dynamic VID step down is detected, the body brake latch is set and the output of the error amplifier is pulled down to 75% of the DAC voltage by the VID body brake clamp. This triggers the Body BrakingTM function in the phase ICs causing them to turn off both their drivers. The converter's output voltage needs to be monitored and compared to the VDAC voltage to determine when to resume normal operation. Unfortunately, the voltage on the FB pin can be pulled down by its compensation network during the sudden decrease in the Error Amp's output voltage so an additional pin BBFB is provided. The BBFB pin is connected to the converter output voltage and VDRP pin with resistors of the same value as on the FB pin and therefore provides an un-corrupted representation of converter output voltage. The regulation detect comparator compares the BBFB to the VDAC voltage and resets the body brake latch releasing the error amp's output and allowing normal operation to resume. Body BrakingTM during a transition to a lower VID code can be disabled by connecting the BBFB pin to ground.
Page 12 of 20
9/1/03
IR3081
800ns BLANKING VID = 11111X DETECT VID5 VID0 VID1 VID2 VID3 VID4 VID INPUT COMPARATORS (1 OF 6 SHOWN) DIGITAL TO ANALOG CONVERTER VDAC BUFFER AMP "FAST" VDAC
+ -
+
ISOURCE
"SLOW" VDAC
VDAC
0.6V
VOSNSEAOUT VID DOWN BB CLAMP TO ERROR AMP
ENABLE
+
7mV
75%
S
RESET DOMINANT
1.7us BLANKING
VID STEP-DOWN DETECT COMPARATOR
R REGULATION DETECT COMPARATOR
Figure 7- VID Control Block Diagram
Page 13 of 20
+
BODY BRAKE LATCH
-
-
+
-
+
+ -
ISINK
-
+
IBBFB BBFB IROSC (From Current Source Generator)
9/1/03
IR3081
Processor Pins (0 = low, 1 = high)
VID4 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 VID3 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 VID2 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 VID1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 VID0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 VID5 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 Vout (V) 0.8375 0.8500 0.8625 0.8750 0.8875 0.9000 0.9125 0.9250 0.9375 0.9500 0.9625 0.9750 0.9875 1.0000 1.0125 1.0250 1.0375 1.0500 1.0625 1.0750 1.0875 OFF4 OFF4 1.1000 1.1125 1.1250 1.1375 1.1500 1.1625 1.1750 1.1875 1.2000
Processor Pins (0 = low, 1 = high)
VID4 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 VID3 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 VID2 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 VID1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 VID0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 VID5 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1
Vout (V) 1.2125 1.2250 1.2375 1.2500 1.2625 1.2750 1.2875 1.3000 1.3125 1.3250 1.3375 1.3500 1.3625 1.3750 1.3875 1.4000 1.4125 1.4250 1.4375 1.4500 1.4625 1.4750 1.4875 1.5000 1.5125 1.5250 1.5375 1.5500 1.5625 1.5750 1.5875 1.6000
Note: 3. Output disabled (Fault mode) Table 1 - Voltage Identification (VID) Adaptive Voltage Positioning Adaptive voltage positioning is needed to reduce the output voltage deviations during load transients and the power dissipation of the load when it is drawing maximum current. The circuitry related to voltage positioning is shown in Figure 8. Resistor RFB is connected between the Error Amp's inverting input pin FB and the converter's output voltage. An internal current source whose value is programmed by the same external resistor that programs the oscillator frequency pumps current into the FB pin. The error amp forces the converter's output voltage lower to maintain a balance at its inputs. RFB is selected to program the desired amount of fixed offset voltage below the DAC voltage. The voltage at the VDRP pin is a buffered version of the share bus and represents the sum of the DAC voltage and the average inductor current of all the phases. The VDRP pin is connected to the FB pin through the resistor RDRP. Since the Error Amp will force the loop to maintain FB to be equal to the VDAC reference voltage, a current will be flow into the FB pin equal to (VDRP-VDAC) / RDRP. When the load current increases, the adaptive positioning voltage increases accordingly. More current flows through the feedback resistor RFB, and makes the output voltage lower proportional to the load current. The positioning voltage can be programmed by the resistor RDRP so that the droop impedance produces the desired converter output impedance. The offset and slope of the converter output impedance are referenced to and therefore independent of the VDAC voltage.
Page 14 of 20
9/1/03
IR3081
Control IC
VDAC
Phase IC
ISHARE VDAC 10k
EA FB Vo Rf b
Droop Amplifier
+
Rv drp VDRP
... ...
If b
Phase IC
ISHARE VDAC 10k
Current Sense Amplifier
CS+ CS+
IIN
VDAC
Figure 8 - Adaptive voltage positioning Inductor DCR Temperature Correction If the thermal compensation of the inductor DCR provided by the temperature dependent gain of the current sense amplifier is not adequate, a negative temperature coefficient (NTC) thermistor can be used for additional correction. The thermistor should be placed close to the inductor and connected in parallel with the feedback resistor, as shown in Figure 9. The resistor in series with the thermistor is used to reduce the nonlinearity of the thermistor. A similar network must be placed on the BBFB to ensure proper operation during a transition to a lower VID code with Body BrakingTM.
Control IC
VDAC
Error Amplifier
EA FB Rf b Rf b Rt Vo + -
If b
Droop Amplifier
+ IIN
Rv drp
VDRP
Figure 9 - Temperature compensation of inductor DCR Remote Voltage Sensing To compensate for impedance in the ground plane, the VOSNS- pin is used for remote sensing and connects directly to the load. The VDAC voltage is referenced to VOSNS- to avoid additional error terms or delay related to a separate differential amplifier. The capacitor connecting the VDAC and VOSNS- pins ensure that high speed transients are fed directly into the error amp without delay.
Soft Start, Over-Current Fault Delay, and Hiccup Mode Page 15 of 20
+ -
Error Amplifier
+ -
Current Sense Amplifier
CS+ CS-
9/1/03
IR3081
The IR3081 has a programmable soft-start function to limit the surge current during the converter start-up. A capacitor connected between the SS/DEL and LGND pins controls soft start as well as over-current protection delay and hiccup mode timing. A charge current of 66uA and discharge current of 6uA control the up slope and down slope of the voltage at the SS/DEL pin respectively Figure 11 depicts the various operating modes as controlled by the SS/DEL function. If there is no fault, the SS/DEL pin will begin to be charged. The error amplifier output is clamped low until SS/DEL reaches 1.3V. The error amplifier will then regulate the converter's output voltage to match the SS/DEL voltage less the 1.3V offset until it reaches the level determined by the VID inputs. The SS/DEL voltage continues to increase until it rises above 3.91V and allows the PWRGD signal to be asserted. SS/DEL finally settles at 4V, indicating the end of the soft start. Under Voltage Lock Out and VID=11111x faults as well as a low signal on the ENABLE input immediately sets the fault latch causing SS/DEL to begin to discharge. The SS/DEL capacitor will continue to discharge down to 0.2V. If the fault has cleared the fault latch will be reset by the discharge comparator allowing a normal soft start to occur. A delay is included if an over-current condition occurs after a successful soft start sequence. This is required since over-current conditions can occur as part of normal operation due to load transients or VID transitions. If an overcurrent fault occurs during normal operation it will initiate the discharge of the capacitor at SS/DEL but will not set the fault latch immediately. If the over-current condition persists long enough for the SS/DEL capacitor to discharge below the 90mV offset of the delay comparator, the Fault latch will be set pulling the error amp's output low inhibiting switching in the phase ICs and de-asserting the PWRGD signal. The delay can be reduced by adding a resistor in series with the delay capacitor. The delay comparator's offset voltage is reduced by the drop in the resistor caused by the discharge current. To prevent the charge current from creating an offset exceeding the SS/DEL to FB input offset voltage the value of the resistor should be 10K or less to avoid interference with the soft start function. The SS/DEL capacitor will continue to discharge until it reaches 0.2V and the fault latch is reset allowing a normal soft start to occur. If an over-current condition is again encountered during the soft start cycle the fault latch will be set without any delay and hiccup mode will begin. During hiccup mode the 11 to 1 charge to discharge ratio results in a 9% hiccup mode duty cycle regardless of at what point the over-current condition occurs. If SS/DEL pin is pulled below 0.9V, the converter can be disabled. Under Voltage Lockout (UVLO) The UVLO function monitors the IR3081's VCC supply pin and ensures that IR3081 has a high enough voltage to power the internal circuit. The IR3081's UVLO is set higher than the minimum operating voltage of compatible Phase ICs thus providing UVLO protection for them as well. During power-up the fault latch is reset when VCC exceeds 9.1V and there is no other fault. If the VCC voltage drops below 8.9V the fault latch will be set. For converters using a separate 5V supply for gate driver bias an external UVLO circuit can be added to prevent operation until adequate voltage is present. A diode connected between the 5V supply and the SS/DEL pin provides a simple 5V UVLO function. Over Current Protection (OCP) The current limit threshold is set by a resistor connected between the OCSET and VDAC pins. If the IIN pin voltage, which is proportional to the average current plus DAC voltage, exceeds the OCSET voltage, the over-current protection is triggered. VID = 11111X Fault VID codes of 111111 and 111110 will set the fault latch and disable the error amplifier. An 800ns delay is provided to prevent a fault condition from occurring during Dynamic VID changes.
Page 16 of 20
9/1/03
IR3081
VCC (12V) 8.9V UVLO
ENABLE
3.91V SS/DEL 1.3V
VOUT
PWRGD
OCP THRESHOLD IOUT START-UP (ENABLE GATES FAULT MODE) NORMAL OPERATION (VOUT CHANGES DUE TO LOAD AND VID CHANGES) OCP DELAY HICCUP OVER-CURRENT PROTECTION RE-START AFTER OCP POWER-DOWN (VCC GATES FAULT MODE)
Figure 11 - Operating Waveforms Power Good Output The PWRGD pin is an open-collector output and should be pulled up to a voltage source through a resistor. During soft start, the PWRGD remains low until the output voltage is in regulation and SS/DEL is above 3.91V. The PWRGD pin becomes low if the fault latch is set. A high level at the PWRGD pin indicates that the converter is in operation and has no fault, but does not ensure the output voltage is within the specification. Output voltage regulation within the design limits can logically be assured however, assuming no component failure in the system. Load Current Indicator Output The IIN pin voltage represents the average current of the converter plus the DAC voltage. The load current can be retrieved by subtracting the VDAC voltage from the IIN voltage. System Reference Voltage (VBIAS) The IR3081 supplies a 6.8V/5mA precision reference voltage from the VBIAS pin. The oscillator ramp trip points are based on the VBIAS voltage so it should be used to program the Phase ICs phase delay to minimize phase errors. Enable Input Pulling the ENABLE pin below 0.6V sets the Fault Latch.
Page 17 of 20
9/1/03
IR3081
APPLICATIONS INFORMATION
POWERGOOD VRHOT PHASE FAULT 12V
RCS-
10 RBIASIN 20 18 17 RPHASE1 19 16
CCS-
CCS+
CIN
RCS+ 0.1uF
BIASIN
PHSFLT
DACIN
CSIN+
CSIN-
0.1uF
1 2 RSS/DEL 3 4 0.1uF 5 RPHASE2
RMPIN+ RMPINHOTSET VRHOT ISHARE SCOMP EAIN
VCCH
15 14 13 12 11 DISTRIBUTION IMPEDANCE COUT
VOUT SENSE+
IR3086 PHASE IC
PWMRMP LGND VCC
GATEH PGND GATEL VCCL
VOUT+
ENABLE
27 28 26
CSS/DEL
VOUT0.1uF 10 RPWMRMP 10
25
24
23
22
6
7
CPWMRMP 8
9
RVFB
RVFB
VOUT SENSE-
ENABLE
PWRGD
SS/DEL
N/C
RMPOUT
LGND
VCC
1
OSCDS VID5 VID0 VID1 VID2 VID3
VBIAS BBFB
21 20 19 18 17 16 15 RVDRP
RPHASE3
VID5 VID0 VID1 VID2 VID3 VID4
2 3 4 5 6 7
CSCOMP
0.1uF
IR3081 CONTROL IC
VOSNSROSC TRM1 TRM2 TRM3 TRM4
EAOUT FB VDRP IIN OCSET VDAC
RCS-
VID4
RBIASIN 19 20 17 RPHASE1 18 16 RVDRP
CCS-
CCS+
RCS+ 0.1uF
BIASIN
DACIN
ROCSET
1 2 3
PHSFLT
CSIN+
CSIN-
8
9
10
11
12
13
14
RMPIN+ RMPINHOTSET VRHOT ISHARE SCOMP EAIN
VCCH
15 14 13 12 11
ROSC
RVDAC
RSHARE
4 5
IR3086 PHASE IC
PWMRMP LGND VCC
GATEH PGND GATEL VCCL
CVDAC
RPHASE2
0.1uF 10 RPWMRMP
6
7
CPWMRMP 8
9
RPHASE3
CSCOMP
10
0.1uF
RCS-
CCS+ RBIASIN 19 20 18 RPHASE1 17 16 CCSRCS+ 0.1uF
BIASIN
DACIN
1 2 3 4 5 RPHASE2
PHSFLT
CSIN+
CSIN-
RMPIN+ RMPINHOTSET VRHOT ISHARE SCOMP EAIN
VCCH
15 14 13 12 11
IR3086 PHASE IC
PWMRMP LGND VCC
GATEH PGND GATEL VCCL
0.1uF 10 RPWMRMP
6
7
CPWMRMP 8
9
RPHASE3
CSCOMP
10
0.1uF
RCS-
RBIASIN 19 20 18 17 RPHASE1 16
CCS-
CCS+
RCS+ 0.1uF
BIASIN
DACIN
1 2 3 4 5 RPHASE2
PHSFLT
CSIN+
CSIN-
RMPIN+ RMPINHOTSET VRHOT ISHARE SCOMP EAIN
VCCH
15 14 13 12 11
IR3086 PHASE IC
PWMRMP LGND VCC
GATEH PGND GATEL VCCL
0.1uF 10 RPWMRMP
6
7
CPWMRMP 8
9
RPHASE3
CSCOMP
10
0.1uF
RCS-
RBIASIN 19 20 18 RPHASE1 17 16
CCS-
CCS+
RCS+ 0.1uF
BIASIN
1 2 3 4 5 RPHASE2
PHSFLT
DACIN
CSIN+
CSIN-
RMPIN+ RMPINHOTSET VRHOT ISHARE SCOMP EAIN
VCCH
15 14 13 12 11
IR3086 PHASE IC
PWMRMP LGND VCC
GATEH PGND GATEL VCCL
0.1uF 10 RPWMRMP
6
7
CPWMRMP 8
9
RPHASE3
CSCOMP
10
0.1uF
Figure 8 - IR3081/3086 5 Phase VRM/EVRD 10.0 Converter
LAYOUT GUIDELINES
The following layout guidelines are recommended to reduce the parasitic inductance and resistance of the PCB layout, therefore minimizing the noise coupled to the IC. * * Dedicate at least one middle layer for a ground plane, which is then split into signal ground plane (LGND) and power ground plane (PGND). Connect the ground tab under the control IC to LGND plane through vias. Place the resistor ROSC as close as possible to ROSC pin of the control IC, and place the over-current limit resistor ROCSET as close as possible to OCSET and VDAC pins of the control IC. Bus signals should not cross over the fast transition nodes, such as switching nodes and gate drive output. Use Kelvin connections for the current sense signals, and use the ground plane to shield the current sense traces.
* * *
Use Kelvin connections for the remote voltage sense signals, and avoid crossing over the fast transition nodes. Page 18 of 20 9/1/03
IR3081
PERFORMANCE CHARACTERISTICS
Figure 13 - Oscillator Frequency versus ROSC
1000 950 900 850 800 750 700 650 600 550 500 450 400 350 300 250 200 150 10 15 20 25 30 35 40 45 50 55 60 65 70 75 80 85 90 95 100 ROSC (K Ohms)
Oscillator Frequency (kHz)
Figure 14 - IFB, BBFB, & OCSET Bias Currents vs ROSC
125 115 105 95 85 75 uA 65 55 45 35 25 15 5 10 15 20 25 30 35 40 45 50 55 60 65 70 75 80 85 90 95 100 ROSC (K Ohm)
Figure 15 - VDAC Source & Sink Currents vc ROSC (includes OCSET Bias Current)
325 300 275 250 225 200 uA 175 150 125 100 75 50 25 0 10 15 20 25 30 35 40 45 50 55 60 65 70 75 80 85 90 95 100 ROSC (K ohm) ISINK ISOURCE
Figure 16 - Bias Current Accuracy versus ROsC (includes temperature and input voltage variation)
14% 12% +/-3 Sigma Variation (%) 10% 8% 6% 4% 2% 0%
1 0 1 5 20 25 30 35 40 45 50 55 60 65 70 75 80 85 90 95 1 00
FB, BBFB, OCSET Bias Current VDAC Sink Current VDAC Source Current
ROSC (K Ohm)
Page 19 of 20
9/1/03
IR3081
PACKAGE INFORMATION
28L MLPQ (5 x 5 mm Body) - JA = 30oC/W, JC = 3oC/W
5.40 - 6.00 5.00 3.90 3.15
Holes: 0.3-0.33
1.20 3.15 3.90 0.23 0.50 5.00 5.40 - 6.00
0.75-1.05
Note: All dimensions are in Millimeters.
Data and specifications subject to change without notice. This product has been designed and qualified for the Consumer market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. www.irf.com Page 20 of 20 9/1/03


▲Up To Search▲   

 
Price & Availability of IR3081

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X