|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
IDT54/74FCT573T/AT/CT FAST CMOS OCTAL TRANSPARENT LATCH MILITARY AND INDUSTRIAL TEMPERATURE RANGES FAST CMOS OCTAL TRANSPARENT LATCH IDT54/74FCT573T/AT/CT FEATURES: * * * * * * * * * Std., A, and C grades Low input and output leakage 1A (max.) CMOS power levels True TTL input and output compatibility: - VOH = 3.3V (typ.) - VOL = 0.3V (typ.) High Drive outputs (-15mA IOH, 48mA IOL) Meets or exceeds JEDEC standard 18 specifications Military product compliant to MIL-STD-883, Class B and DESC listed (dual marked) Power off disable outputs permit "live insertion" Available in the following packages: - Industrial: SOIC, SSOP, QSOP, TSSOP - Military: CERDIP, LCC DESCRIPTION: The FCT573Tis an octal transparent latch built using an advanced dual metal CMOS technology. These octal latches have 3-state outputs and are intended for bus oriented applications. The flip-flops appear transparent to the data when Latch Enable (LE) is high. When LE is low, the data that meets the set-up time is latched. Data appears on the bus when the Output Enable (OE) is low. When OE is high, the bus output is in the high-impedance state. FUNCTIONAL BLOCK DIAGRAM D0 D1 D2 D3 D4 D5 D6 D7 D O G D O G D O G D O G D O G D O G D O G D O G LE OE O0 O1 O2 O3 O4 O5 O6 O7 The IDT logo is a registered trademark of Integrated Device Technology, Inc. MILITARY AND INDUSTRIAL TEMPERATURE RANGES 1 JUNE 2002 DSC-5948/3 (c) 2002 Integrated Device Technology, Inc. IDT54/74FCT573T/AT/CT FAST CMOS OCTAL TRANSPARENT LATCH MILITARY AND INDUSTRIAL TEMPERATURE RANGES PIN CONFIGURATION OE OE D0 D1 D2 D3 D4 D5 D6 D7 GND 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 O0 O1 O2 O3 O4 O5 O6 O7 LE 3 2 1 20 19 18 17 16 15 14 9 10 11 12 13 D1 VCC O0 D0 INDEX VCC D2 D3 D4 D5 D6 4 5 6 7 8 O1 O2 O3 O4 O5 D7 O7 CERDIP/ SOIC/ SSOP/ QSOP/ TSSOP TOP VIEW ABSOLUTE MAXIMUM RATINGS(1) Symbol Description Max -0.5 to +7 -0.5 to VCC+0.5 -65 to +150 -60 to +120 Unit V V C mA VTERM(2) Terminal Voltage with Respect to GND VTERM(3) Terminal Voltage with Respect to GND TSTG IOUT Storage Temperature DC Output Current PIN DESCRIPTION Pin Names Dx LE OE Ox Description Data Inputs Latch Enable Input (Active HIGH) Output Enable Input (Active LOW) 3-State Outputs NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. No terminal voltage may exceed Vcc by +0.5V unless otherwise noted. 2. Inputs and Vcc terminals only. 3. Output and I/O terminals only. FUNCTION TABLE(1) Dx H L X Inputs LE H H X OE L L H Outputs Ox H L Z CAPACITANCE (TA = +25C, F = 1.0MHz) Symbol CIN COUT Parameter(1) Input Capacitance Output Capacitance Conditions VIN = 0V VOUT = 0V Typ. 6 8 Max. 10 12 Unit pF pF NOTE: 1. H = HIGH Voltage Level X = Don't Care L = LOW Voltage Level Z = High Impedance NOTE: 1. This parameter is measured at characterization but not tested. 2 GND LCC TOP VIEW LE O6 IDT54/74FCT573T/AT/CT FAST CMOS OCTAL TRANSPARENT LATCH MILITARY AND INDUSTRIAL TEMPERATURE RANGES DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE Following Conditions Apply Unless Otherwise Specified: Industrial: TA = -40C to +85C, VCC = 5.0V 5%; Military: TA = -55C to +125C, VCC = 5.0V 10% Symbol VIH VIL IIH IIL IOZH IOZL II VIK VH ICC Parameter Input HIGH Level Input LOW Level Input HIGH Current(4) Input LOW Current(4) High Impedance Output Current (3-State output pins)(4) Input HIGH Current(4) Clamp Diode Voltage Input Hysteresis Quiescent Power Supply Current VCC = Max., VI = VCC (Max.) VCC = Min, IIN = -18mA -- VCC = Max., VIN = GND or VCC Test Conditions(1) Guaranteed Logic HIGH Level Guaranteed Logic LOW Level VCC = Max. VCC = Max. VCC = Max VI = 2.7V VI = 0.5V VO = 2.7V VO = 0.5V Min. 2 -- -- -- -- -- -- -- -- -- Typ.(2) -- -- -- -- -- -- -- -0.7 200 0.01 Max. -- 0.8 1 1 1 1 1 -1.2 -- 1 A V mV mA Unit V V A A A OUTPUT DRIVE CHARACTERISTICS Symbol VOH Parameter Output HIGH Voltage Test Conditions(1) VCC = Min IOH = -6mA MIL VIN = VIH or VIL IOH = -8mA IND IOH = -12mA MIL IOH = -15mA IND VCC = Min IOL = 32mA MIL VIN = VIH or VIL IOL = 48mA IND VCC = Max., VO = GND(3) VCC = 0V, VIN or VO 4.5V Min. 2.4 2 -- -60 -- Typ.(2) 3.3 3 0.3 -120 -- Max. -- -- 0.5 -225 1 V mA A Unit V VOL IOS IOFF Output LOW Voltage Short Circuit Current Input/Output Power Off Leakage(5) NOTES: 1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 5.0V, +25C ambient. 3. Not more than one output should be tested at one time. Duration of the test should not exceed one second. 4. The test limit for this parameter is 5A at TA = -55C. 5. This parameter is guaranteed but not tested. 3 IDT54/74FCT573T/AT/CT FAST CMOS OCTAL TRANSPARENT LATCH MILITARY AND INDUSTRIAL TEMPERATURE RANGES POWER SUPPLY CHARACTERISTICS Symbol ICC ICCD Parameter Quiescent Power Supply Current TTL Inputs HIGH Dynamic Power Supply Current(4) VCC = Max. VIN = 3.4V(3) VCC = Max. Outputs Open OE = GND One Input Toggling 50% Duty Cycle VCC = Max. Outputs Open fi = 10MHz 50% Duty Cycle OE = GND LE = VCC One Bit Toggling VCC = Max. Outputs Open fi = 2.5MHz 50% Duty Cycle OE = GND LE = VCC Eight Bits Toggling VIN = VCC VIN = GND Test Conditions(1) Min. -- -- Typ.(2) 0.5 0.15 Max. 2 0.25 Unit mA mA/ MHz IC Total Power Supply Current(6) VIN = VCC VIN = GND VIN = 3.4V VIN = GND -- -- 1.5 1.8 3.5 4.5 mA VIN = VCC VIN = GND VIN = 3.4V VIN = GND -- -- 3 5 6(5) 14(5) mA NOTES: 1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 5.0V, +25C ambient. 3. Per TTL driven input; (VIN = 3.4V). All other inputs at VCC or GND. 4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations. 5. Values for these conditions are examples of ICC formula. These limits are guaranteed but not tested. 6. IC = IQUIESCENT + IINPUTS + IDYNAMIC IC = ICC + ICC DHNT + ICCD (fCP/2+ fiNi) ICC = Quiescent Current ICC = Power Supply Current for a TTL High Input (VIN = 3.4V) DH = Duty Cycle for TTL Inputs High NT = Number of TTL Inputs at DH ICCD = Dynamic Current caused by an Input Transition Pair (HLH or LHL) fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices) fi = Output Frequency Ni = Number of Outputs at fi All currents are in milliamps and all frequencies are in megahertz. 4 IDT54/74FCT573T/AT/CT FAST CMOS OCTAL TRANSPARENT LATCH MILITARY AND INDUSTRIAL TEMPERATURE RANGES SWITCHING CHARACTERISTICS OVER OPERATING RANGE - INDUSTRIAL 74FCT573AT Symbol tPLH tPHL tPLH tPHL tPZH tPZL tPHZ tPLZ tSU tH tW Set-up Time, HIGH or LOW Dx to LE Hold Time, HIGH or LOW Dx to LE LE Pulse Width HIGH(3) 5 -- 5 -- ns 1.5 -- 1.5 -- ns 2 -- 2 -- ns Output Disable Time 1.5 5.5 1.5 5 ns Parameter Propagation Delay Dx to Ox Propagation Delay LE to Ox Output Enable Time 1.5 6.5 1.5 5.5 ns Condition(1) CL = 50pF RL = 500 2 8.5 2 5.5 ns Min.(2) 1.5 Max. 5.2 74FCT573CT Min.(2) 1.5 Max. 4.2 Unit ns SWITCHING CHARACTERISTICS OVER OPERATING RANGE - MILITARY 54FCT573T Symbol tPLH tPHL tPLH tPHL tPZH tPZL tPHZ tPLZ tSU tH tW Set-up Time, HIGH or LOW Dx to LE Hold Time, HIGH or LOW Dx to LE LE Pulse Width HIGH(3) 6 -- 6 -- 6 -- ns NOTES: 1. See test circuit and waveforms. 2. Minimum limits are guaranteed but not tested on Propagation Delays. 3. This limit is guaranteed but not tested. 54FCT573AT Min.(2) 1.5 2 1.5 1.5 2 1.5 Max. 5.6 9.8 7.5 6.5 -- -- 54FCT573CT Min.(2) 1.5 2 1.5 1.5 2 1.5 Max. 5.1 8 6.3 5.9 -- -- Unit ns ns ns ns ns ns Parameter Propagation Delay Dx to Ox Propagation Delay LE to Ox Output Enable Time Output Disable Time Condition(1) CL = 50pF RL = 500 Min.(2) 1.5 2 1.5 1.5 2 1.5 Max. 8.5 15 13.5 10 -- -- 5 IDT54/74FCT573T/AT/CT FAST CMOS OCTAL TRANSPARENT LATCH MILITARY AND INDUSTRIAL TEMPERATURE RANGES TEST CIRCUITS AND WAVEFORMS V CC 500 VIN Pulse Generator RT D.U.T . VOUT 7.0V SWITCH POSITION Test Open Drain Disable Low Enable Low All Other Tests Switch Closed Open 50pF CL 500 DEFINITIONS: CL = Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator. Octal link Test Circuits for All Outputs DATA INPUT TIMING INPUT ASYNCHRONOUS CONTROL PRESET CLEAR ETC. SYNCHRONOUS CONTROL PRESET CLEAR CLOCK ENABLE ETC. tSU tH tREM 3V 1.5V 0V 3V 1.5V 0V 3V 1.5V 0V 3V 1.5V 0V Octal link LOW-HIGH-LOW PULSE tW HIGH-LOW-HIGH PULSE Octal link 1.5V 1.5V tSU tH Pulse Width Set-Up, Hold, and Release Times ENABLE SAME PHASE INPUT TRANSITION tPLH OUTPUT tPLH OPPOSITE PHASE INPUT TRANSITION tPHL tPHL 3V 1.5V 0V VOH 1.5V VOL 3V 1.5V 0V Octal link DISABLE 3V 1.5V CONTROL INPUT tPZL OUTPUT NORMALLY LOW OUTPUT NORMALLY HIGH SWITCH CLOSED tPZH SWITCH OPEN 3.5V 1.5V tPHZ 0.3V 1.5V 0V tPLZ 0V 3.5V 0.3V VOL VOH 0V Octal link Propagation Delay Enable and Disable Times NOTES: 1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH. 2. Pulse Generator for All Pulses: Rate 1.0MHz; tF 2.5ns; tR 2.5ns. 6 IDT54/74FCT573T/AT/CT FAST CMOS OCTAL TRANSPARENT LATCH MILITARY AND INDUSTRIAL TEMPERATURE RANGES ORDERING INFORMATION XXXX IDT XX FCT Device Type Temp. Range XX Package X Process Blank B Industrial MIL-STD-883, Class B Industrial Options Small Outline IC Shrink Small Outline Package Quarter-size Small Outline Package Think Shrink Small Outline Package Military Options CERDIP Leadless Chip Carrier SO PY Q PG D L 573T 573AT 573CT 54 74 Fast CMOS Octal Transparent Latch - 55C to +125C - 40C to +85C DATA SHEET DOCUMENT HISTORY 6/24/2002 Updated as per PDNs Logic-00-07 and Logic-01-04 CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054 for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com for Tech Support: logichelp@idt.com (408) 654-6459 7 |
Price & Availability of IDT74FCT573T |