Part Number Hot Search : 
TC124 1E475 EFM105B 2245BF NV73A2AT FSB502 LTC4400 EGFZ15D
Product Description
Full Text Search
 

To Download IDT74ALVCH16240 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDT74ALVCH16240 3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
INDUSTRIAL TEMPERATURE RANGE
3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
* 0.5 MICRON CMOS Technology * Typical tSK(o) (Output Skew) < 250ps * ESD > 2000V per MIL-STD-883, Method 3015; > 200V using machine model (C = 200pF, R = 0) * VCC = 3.3V 0.3V, Normal Range * VCC = 2.7V to 3.6V, Extended Range * VCC = 2.5V 0.2V * CMOS power levels (0.4 W typ. static) * Rail-to-Rail output swing for increased noise margin * Available in SSOP, TSSOP, and TVSOP packages
IDT74ALVCH16240
FEATURES:
DESCRIPTION:
DRIVE FEATURES:
* High Output Drivers: 24mA * Suitable for heavy loads
This 16-bit buffer/driver is built using advanced dual metal CMOS technology. The ALVCH16240 is deigned specifically to improve the performance and density of 3-state memory address drivers, clock drivers, and busoriented receivers and transmitters. The device can be used as four 4-bit buffers, two 8-bit buffers, or one 16-bit buffer. It provides inverting outputs and symmetrical active-low output-enable (OE) inputs. The ALVCH16240 has been designed with a 24mA output driver. This driver is capable of driving a moderate to heavy load while maintaining speed performance. The ALVCH16240 has "bus-hold" which retains the inputs' last state whenever the input bus goes to a high impedance. This prevents floating inputs and eliminates the need for pull-up/down resistors.
APPLICATIONS:
* 3.3V high speed systems * 3.3V and lower voltage computing systems
FUNCTIONAL BLOCK DIAGRAM
1O E 1 3O E 25
1A 1
47
2
1Y 1
3A 1
36
13
3Y 1
1A 2
46
3
1Y 2
3A 2
35
14
3Y 2
1A 3
44
5
1Y 3
3A 3
33
16
3Y 3
1A 4
43
6
1Y 4
32 3A 4
17
3Y 4
2OE
48
4O E
24
2A 1
41
8
2Y 1
4A 1
30
19
4Y 1
2A 2
40
9
2Y 2
4A 2
29
20
4Y 2
2A 3
38
11
2Y 3
4A 3
27
22
4Y 3
2A 4
37
12
2Y 4
4A 4
26
23
4Y 4
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
INDUSTRIAL TEMPERATURE RANGE
1
(c) 1999 Integrated Device Technology, Inc.
MARCH 1999
DSC-4485/1
IDT74ALVCH16240 3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
INDUSTRIAL TEMPERATURE RANGE
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS(1)
Symbol Description Max VTERM(2) Terminal Voltage with Respect to GND Terminal Voltage with Respect to GND Storage Temperature DC Output Current Continuous Clamp Current, VI < 0 or VI > VCC Continuous Clamp Current, VO < 0 Continuous Current through each VCC or GND -0.5 to +4.6 -0.5 to VCC+0.5 -65 to +150 -50 to +50 50 -50 100 VTERM(3)
2OE 1A1 1A2
Unit V V C mA mA mA mA
1OE 1Y1 1Y2
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25
TSTG IOUT IIK IOK ICC ISS
GND
1Y3 1Y4
GND
1A3 1A4
VCC
2Y1 2Y2
VCC
2A1 2A2
GND
2Y3 2Y4 3Y1 3Y2
GND
2A3 2A4 3A1 3A2
NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. VCC terminals. 3. All terminals except VCC.
CAPACITANCE (TA = +25C, F = 1.0MHz)
Symbol CIN COUT CI/O Parameter(1) Input Capacitance Output Capacitance I/O Port Capacitance Conditions VIN = 0V VOUT = 0V VIN = 0V Typ. 5 7 7 Max. 7 9 9 Unit pF pF pF
GND
3Y3 3Y4
GND
3A3 3A4
NOTE: 1. As applicable to the device type.
VCC
4Y1 4Y2
VCC
4A1 4A2
PIN DESCRIPTION
Pin Names xOE xAx xYx Data Inputs(1) 3-State Outputs Description 3-State Output Enable Inputs (Active LOW)
GND
4Y3 4Y4 4OE
GND
4A3 4A4 3OE
NOTE: 1. These pins have "Bus-Hold". All other pins are standard inputs, outputs, or I/Os.
FUNCTION TABLE (EACH 4-BIT BUFFER)(1)
SSOP/ TSSOP/ TVSOP TOP VIEW Inputs xOE L L H
NOTE: 1. H = HIGH Voltage Level X = Don't Care L = LOW Voltage Level Z = High-Impedance
Outputs xAx L H X xYx H L Z
2
IDT74ALVCH16240 3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
INDUSTRIAL TEMPERATURE RANGE
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: Operating Condition: TA = -40C to +85C
Symbol VIH VIL IIH IIL IOZH IOZL VIK VH ICCL ICCH ICCZ ICC Parameter Input HIGH Voltage Level Input LOW Voltage Level Input HIGH Current Input LOW Current High Impedance Output Current (3-State Output pins) Clamp Diode Voltage Input Hysteresis Quiescent Power Supply Current VCC = 2.3V, IIN = -18mA VCC = 3.3V VCC = 3.6V VIN = GND or VCC One input at VCC - 0.6V, other inputs at VCC or GND VCC = 2.3V to 2.7V VCC = 2.7V to 3.6V VCC = 2.3V to 2.7V VCC = 2.7V to 3.6V VCC = 3.6V VCC = 3.6V VCC = 3.6V VI = VCC VI = GND VO = VCC VO = GND Test Conditions Min. 1.7 2 -- -- -- -- -- -- -- -- -- Typ.(1) -- -- -- -- -- -- -- -- -0.7 100 0.1 Max. -- -- 0.7 0.8 5 5 10 10 -1.2 -- 40 V mV A A A A V Unit V
Quiescent Power Supply Current Variation
--
--
750
A
NOTE: 1. Typical values are at VCC = 3.3V, +25C ambient.
BUS-HOLD CHARACTERISTICS
Symbol IBHH IBHL IBHH IBHL IBHHO IBHLO
NOTES: 1. Pins with Bus-Hold are identified in the pin description. 2. Typical values are at VCC = 3.3V, +25C ambient.
Parameter(1) Bus-Hold Input Sustain Current Bus-Hold Input Sustain Current Bus-Hold Input Overdrive Current VCC = 3V VCC = 2.3V VCC = 3.6V
Test Conditions VI = 2V VI = 0.8V VI = 1.7V VI = 0.7V VI = 0 to 3.6V
Min. - 75 75 - 45 45 --
Typ.(2) -- -- -- -- --
Max. -- -- -- -- 500
Unit A A A
3
IDT74ALVCH16240 3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
INDUSTRIAL TEMPERATURE RANGE
OUTPUT DRIVE CHARACTERISTICS
Symbol VOH Parameter Output HIGH Voltage VCC = 2.3V VCC = 2.3V VCC = 2.7V VCC = 3V VCC = 3V VOL Output LOW Voltage VCC = 2.3V to 3.6V VCC = 2.3V VCC = 2.7V VCC = 3V IOH = - 24mA IOL = 0.1mA IOL = 6mA IOL = 12mA IOL = 12mA IOL = 24mA Test Conditions(1) VCC = 2.3V to 3.6V IOH = - 0.1mA IOH = - 6mA IOH = - 12mA Min. VCC - 0.2 2 1.7 2.2 2.4 2 -- -- -- -- -- Max. -- -- -- -- -- -- 0.2 0.4 0.7 0.4 0.55 V Unit V
NOTE: 1. VIH and VIL must be within the min. or max. range shown in the DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE table for the appropriate VCC range. TA = - 40C to + 85C.
OPERATING CHARACTERISTICS, TA = 25C
VCC = 2.5V 0.2V Symbol CPD CPD Parameter Power Dissipation Capacitance Outputs enabled Power Dissipation Capacitance Outputs disabled Test Conditions CL = 0pF, f = 10Mhz Typical 16 4 VCC = 3.3V 0.3V Typical 19 5 Unit pF
SWITCHING CHARACTERISTICS(1)
VCC = 2.5V 0.2V Symbol tPLH tPHL tPZH tPZL tPHZ tPLZ tSK(O) tSK(b) Parameter Propagation Delay xAx to xYx Output Enable Time xOE to xYx Output Disable Time xOE to xYx Output Skew between any two outputs of the same package switching in the same direction Output Skew for outputs in the same bank -- -- -- -- -- 350 ps
NOTE: 1. See TEST CIRCUITS AND WAVEFORMS. TA = - 40C to + 85C.
VCC = 2.7V Min. -- -- -- -- Max. 5.3 6.1 4.8 --
VCC = 3.3V 0.3V Min. 1 1 1 -- Max. 3.9 5 4.4 500 Unit ns ns ns ps
Min. 1 1 1 --
Max. 5.3 6.4 5.4 --
4
IDT74ALVCH16240 3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
INDUSTRIAL TEMPERATURE RANGE
VIH VT 0V VOH VT VOL VIH VT 0V
ALVC Link
TEST CIRCUITS AND WAVEFORMS TEST CONDITIONS
Symbol VLOAD VIH VT VLZ VHZ CL VCC(1)= 3.3V0.3V VCC(1)= 2.7V 6 2.7 1.5 300 300 50
VCC 500 Pulse Generator
(1, 2)
SAME PHASE INPUT TRANSITION
VCC(2)= 2.5V0.2V 2 x Vcc Vcc Vcc / 2 150 150 30
Unit V V V mV mV pF
VLOAD Open GND
tPLH OUTPUT tPLH OPPOSITE PHASE INPUT TRANSITION
tPHL
6 2.7 1.5 300 300 50
tPHL
Propagation Delay
ENABLE CONTROL INPUT tPZL OUTPUT SWITCH NORMALLY CLOSED LOW tPZH OUTPUT SWITCH NORMALLY OPEN HIGH VLOAD/2 VT tPHZ VT 0V tPLZ DISABLE VIH VT 0V VLOAD/2 VLZ VOL VOH VHZ 0V
ALVC Link
VIN D.U.T.
VOUT
RT
500 CL
ALVC Link
Test Circuit for All Outputs
DEFINITIONS: CL = Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator. NOTES: 1. Pulse Generator for All Pulses: Rate 1.0MHz; tF 2.5ns; tR 2.5ns. 2. Pulse Generator for All Pulses: Rate 1.0MHz; tF 2ns; tR 2ns.
SWITCH POSITION
Test Open Drain Disable Low Enable Low Disable High Enable High All Other Tests Switch VLOAD GND Open
VIH INPUT VT 0V VOH OUTPUT 1 VT VOL VOH OUTPUT 2 tPLH2 tPHL2
ALVC Link
NOTE: 1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH. VIH DATA VT INPUT 0V tSU tH VIH TIMING VT INPUT 0V tREM VIH ASYNCHRONOUS VT CONTROL 0V VIH SYNCHRONOUS VT CONTROL tSU 0V tH
ALVC Link
Enable and Disable Times
Set-up, Hold, and Release Times
tPLH1
tPHL1
LOW-HIGH-LOW PULSE tW HIGH-LOW-HIGH PULSE
VT
tSK (x)
tSK (x)
VT VOL
VT
ALVC Link
Pulse Width
tSK(x) = tPLH2 - tPLH1 or tPHL2 - tPHL1
Output Skew - tSK(X)
NOTES: 1. For tSK(o) OUTPUT1 and OUTPUT2 are any two outputs. 2. For tSK(b) OUTPUT1 and OUTPUT2 are in the same bank.
5
IDT74ALVCH16240 3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
INDUSTRIAL TEMPERATURE RANGE
ORDERING INFORMATION
XX ALVC X IDT Bus-Hold Temp. Range XX Family XX XXX Device Type Package
PV PA PF 240 16 H 74
Shrink Small Outline Package Thin Shrink Small Outline Package Thin Very Small Outline Package 16-Bit Buffer/Driver with 3-State Outputs Double-Density, 24mA Bus-Hold -40C to +85C
CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com
for Tech Support: logichelp@idt.com (408) 654-6459
6


▲Up To Search▲   

 
Price & Availability of IDT74ALVCH16240

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X