Part Number Hot Search : 
9018H ER802 LHY3333 MT90863 2N700 155AE LHY3333 74HCT37
Product Description
Full Text Search
 

To Download ICM7212AMI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ICM7211A
August 2001
4-Digit, LCD Display Driver
Description
The ICM7211A (LCD) device constitutes a family of non-multiplexed four-digit seven-segment CMOS display decoderdrivers. The ICM7211A devices are configured to drive conventional LCD displays by providing a complete RC oscillator, divider chain, backplane driver, and 28 segment outputs. This device is available with multiplexed or microprocessor input configurations. The multiplexed versions provide four data inputs and four Digit Select inputs. This configuration is suitable for interfacing with multiplexed BCD or binary output devices, such as the ICL7135. The microprocessor versions provide data input latches and Digit Address latches under control of high-speed Chip Select inputs. These devices simplify the task of implementing a cost-effective alphanumeric seven-segment display for microprocessor systems, without requiring extensive ROM or CPU time for decoding and display updating. The ICM7211A provides the "Code B" output code, i.e., 0-9, dash, E, H, L, P, blank, but will correctly decode true BCD to seven-segment decimal outputs.
Features
* Four Digit Non-Multiplexed 7 Segment LCD Display Outputs with Backplane Driver * Complete Onboard RC Oscillator to Generate Backplane Frequency * Backplane Input/Output Allows Simple Synchronization of Slave-Devices to a Master * ICM7211A Devices Provide Separate Digit Select Inputs to Accept Multiplexed BCD Input (Pinout and Functionally Compatible with Siliconix DF411) * ICM7211AM Devices Provide Data and Digit Address Latches Controlled by Chip Select Inputs to Provide a Direct High Speed Processor Interface * Decodes Binary to Code B (0-9, Dash, E, H, L, P, Blank) * Available in Surface Mount Package
Ordering Information
PART NUMBER ICM7211AlPL ICM7211AMlPL ICM7211AMlM44 DISPLAY TYPE LCD LCD LCD DISPLAY DECODING Code B Code B Code B INPUT INTERFACING Multiplexed Microprocessor Microprocessor DISPLAY DRIVE TYPE Direct Drive Direct Drive Direct Drive TEMP. RANGE (oC) -40x to 85x -40x to 85x -40x to 85x PACKAGE 40 Ld PDIP 40 Ld PDIP 44 Ld MQFP PKG. NO. E40.6 E40.6 Q44.10x10
1-888-INTERSIL or 321-724-7143
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. | Intersil and Design is a trademark of Intersil Americas Inc. | Copyright (c) Intersil Americas Inc. 2001
File Number
3158.4
1
ICM7211A Pinouts
ICM7211A (PDIP) TOP VIEW
VDD 1 40 d1 39 c1 38 b1 37 a1 36 OSC 35 VSS 34 D4 33 D3 32 D2 31 D1 30 B3 29 B2 28 B1 27 B0 26 f4 25 g4 24 e4 23 d4 22 c4 21 b4 DATA INPUTS DIGIT SELECT INPUTS VDD 1
ICM7211AM (PDIP) TOP VIEW
40 d1 39 c1 38 b1 37 a1 36 OSC 35 VSS 34 CHIP SELECT 2 33 CHIP SELECT 1 32 DIGIT ADRESS BIT 2 31 DIGIT ADRESS BIT 1 30 B3 29 B2 28 B1 27 B0 26 f4 25 g4 24 e4 23 d4 22 c4 21 b4 DATA INPUTS
e1 2 g1 3 f1 4
BP 5
e1 2 g1 3 f1 4
BP 5
a2 6 b2 7 c2 8 d2 9 e2 10 g2 11 f2 12 a3 13 b3 14 c3 15 d3 16 e3 17 g3 18 f3 19 a4 20
a2 6 b2 7 c2 8 d2 9 e2 10 g2 11 f2 12 a3 13 b3 14 c3 15 d3 16 e3 17 g3 18 f3 19 a4 20
ICM7211AM (MQFP) TOP VIEW
VDD OSC
NC
BP
d1
b1
c1
g1
a2 b2 c2 d2 e2
NC
1
44 43 42 41 40 39 38 37 36 35 34 33 2 32 3 4 5 6 7 8 9 31 30 29 28 27 26 25 24
e1
f1
a1
VSS CHIP SELECT 2 CHIP SELECT 1 DIGITAL ADRESS BIT 2 DIGITAL ADRESS BIT 1 NC B3 B2 B1 B0 DATA INPUTS
g2 f2 a3 b3 c3
10
11 23 12 13 14 15 16 17 18 19 20 21 22
f4
d3
e3
g3
f3
a4
b4
c4 d4
e4
2
NC
g4
ICM7211A Functional Block Diagrams
ICM7211A
D4 SEGMENT OUTPUTS D3 SEGMENT OUTPUTS D2 SEGMENT OUTPUTS D1 SEGMENT OUTPUTS
7 WIDE DRIVER
7 WIDE DRIVER
7 WIDE DRIVER
7 WIDE DRIVER
7 WIDE LATCH EN
7 WIDE LATCH EN
7 WIDE LATCH EN
7 WIDE LATCH EN
PROGRAMMABLE 4 TO 7 DECODER
PROGRAMMABLE 4 TO 7 DECODER
PROGRAMMABLE 4 TO 7 DECODER
PROGRAMMABLE 4 TO 7 DECODER
DATA INPUTS DIGIT SELECT INPUTS OSCILLATOR 19kHz FREE-RUNNING ENABLE DIRECTOR
OSCILLATOR INPUT
/128
BLACKPLANE DRIVER ENABLE BP INPUT/OUTPUT
ICM7211AM
D4 SEGMENT OUTPUTS D3 SEGMENT OUTPUTS D2 SEGMENT OUTPUTS D1 SEGMENT OUTPUTS
7 WIDE DRIVER
7 WIDE DRIVER
7 WIDE DRIVER
7 WIDE DRIVER
7 WIDE LATCH EN
7 WIDE LATCH EN
7 WIDE LATCH EN
7 WIDE LATCH EN
PROGRAMMABLE 4 TO 7 DECODER
PROGRAMMABLE 4 TO 7 DECODER
PROGRAMMABLE 4 TO 7 DECODER
PROGRAMMABLE 4 TO 7 DECODER
DATA INPUTS 2-BIT DIGIT ADRESS INPUT CHIP SELECT 1 CHIP SELECT 2 OSCILLATOR INPUT
4-BIT LATCH ENABLE 2-BIT LATCH ENABLE ONE SHOT OSCILLATOR 19kHz FREE-RUNNING ENABLE DIRECTOR 2 TO 4 DECODER
/128
BLACKPLANE DRIVER ENABLE BP INPUT/OUTPUT
3
ICM7211A
Absolute Maximum Ratings
Supply Voltage (VDD - VSS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.5V Input Voltage (Any Terminal) (Note 1) . . VSS - 0.3V to VDD , + 0.3V
Thermal Information
Thermal Resistance (Typical, Note 2)
JA (oC/W)
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -40xoC to 85oC
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60 MQFP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80 Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150oC Maximum Storage Temperature Range . . . . . . . . .-65xoC to 150oC Maximum Lead Temperature (Soldering, 10s) . . . . . . . . . . . . 300oC (MQFP - Lead Tips Only)
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES: 1. Due to the SCR structure inherent in the CMOS process, connecting any terminal to voltages greater than VDD or less than VSS may cause destructive device latchup. For this reason, it is recommended that no inputs from external sources not operating on the same power supply be applied to the device before its supply is established, and that in multiple supply systems, the supply to the ICM7211A be turned on first. 2. JA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
PARAMETER TEST CONDITIONS MIN TYP MAX UNITS CHARACTERISTICS (LCD) VDD = 5V 10%, TA = 25oC, VSS = 0V Unless Otherwise Specified Operating Supply Voltage Range (VDD - VSS), VSUPPLY Operating Current, IDD Oscillator Input Current, IOSCI Segment Rise/Fall Time, tr , tf Backplane Rise/Fall Time, tr , tf Oscillator Frequency, fOSC Backplane Frequency, fBP INPUT CHARACTERISTICS Logical "1" Input Voltage, VIH Logical "0" Input Voltage, VIL Input Leakage Current, IILK Input Capacitance, ClN BP/Brightness Input Leakage, IBPLK BP/Brightness Input Capacitance, CBPI Digit Select Active Pulse Width, tWH Data Setup Time, tDS Data Hold Time, tDH Inter-Digit Select Time, tIDS AC CHARACTERISTICS - MICROPROCESSOR INTERFACE Chip Select Active Pulse Width, tWL Data Setup Time, tDS Data Hold Time, tDH Inter-Chip Select Time, tICS Other Chip Select Either Held Active, or Both Driven Together 200 100 10 2 0 ns ns ns s Pins 27-34 Pins 27-34 Measured at Pin 5 with Pin 36 at VSS All Devices 4 0.01 5 0.01 200 1 1 1 V V A pF A pF s ns ns s Test circuit, Display blank Pin 36 CL = 200pF CL = 5000pF Pin 36 Floating Pin 36 Floating 3 5 10 2 0.5 1.5 19 150 6 50 10 V A A s s kHz Hz
AC CHARACTERISTICS - MULTIPLEXED INPUT CONFIGURATION Refer to Timing Diagrams 1 500 200 2 -
4
ICM7211A
Input Definitions In this table, VDD and VSS are considered to be normal operating input logic levels. Actual input low and high levels are
specified under Operating Characteristics. For lowest power consumption, input signals should swing over the full supply. INPUT B0 B1 B2 B3 OSC DIP TERMINAL 27 28 29 30 36 CONDITIONS VDD = Logical One VSS = Logical Zero VDD = Logical One VSS = Logical Zero VDD = Logical One VSS = Logical Zero VDD = Logical One VSS = Logical Zero Floating or with External Capacitor to VDD V SS Ones (Least Significant) Twos Fours Eights (Most Significant) Oscillator Input Disables BP output devices, allowing segments to be synchronized to an external signal input at the BP terminal (Pin 5). Data Input Bits FUNCTION
Multiplexed-Binary Input Configuration
INPUT D1 D2 D3 D4 TERMINAL 31 32 33 34 CONDITIONS VDD = Active VSS = Inactive D2 Digit Select D3 Digit Select D4 Digit Select (Most Significant) FUNCTION D1 Digit Select (Least Significant)
Microprocessor Interface Input Configuration
INPUT DA1 DA2 DESCRIPTION Digit Address Bit 1 (LSB) Digit Address Bit 2 (MSB) Chip Select 1 Chip Select 2 DIP TERMINAL 31 32 CONDITIONS VDD = Logical One VSS = Logical Zero VDD = Logical One VSS = Logical Zero VDD = Inactive VSS = Active VDD = Inactive VSS = Active FUNCTION DA1 and DA2 serve as a 2-bit Digit Address Input DA2, DA1 = 00 selects D4 DA2, DA1 = 01 selects D3 DA2, DA1 = 10 selects D2 DA2, DA1 = 11 selects D1 When both CS1 and CS2 are taken low, the data at the Data and Digit Select code inputs are written into the input latches. On the rising edge of either Chip Select, the data is decoded and written into the output latches.
CS1 CS2
33 34
Timing Diagrams
DIGIT SELECT DN-1 DIGIT SELECT DN tIDS tWH tIDS tDH
DATA VALID DN-1
DATA VALID DN tDS
FIGURE 1. MULTIPLEXED INPUT
CS1 (CS2) CS2 (CS1) tWI tICS
DATA AND DIGIT ADDRESS
tDS
tDH
= DON'T CARE
FIGURE 2. MICROPROCESSOR INTERFACE INPUT
5
ICM7211A Typical Performance Curves
30 LCD DEVICES, TEST CIRCUIT 25 DISPLAY BLANK, PIN 36 OPEN TA = -20 oC 20 120 150 COSC = 0pF (PIN 36 OPEN) COSC = 22pF 90 180 LCD DEVICES, TA = 25 oC
15
10
BP (Hz)
TA = 70oC
IOP (A)
TA = 25 oC
60 COSC = 220pF
5
30
0 1 2 3 4 VSUPP (V) 5 6 7 1 2 3 4 VSUPP (V) 5 6
FIGURE 3. OPERATING SUPPLY CURRENT AS A FUNCTION OF SUPPLY VOLTAGE
FIGURE 4. BACKPLANE FREQUENCY AS A FUNCTION OF SUPPLY VOLTAGE
Description Of Operation
LCD Devices
The ICM7211A provides outputs suitable for driving conventional four-digit, seven-segment LCD displays. These devices include 28 individual segment drivers, backplane driver, and a self-contained oscillator and divider chain to generate the backplane frequency. The segment and backplane drivers each consist of a CMOS inverter, with the N-Channel and P-Channel devices ratioed to provide identical on resistances, and thus equal rise and fall times. This eliminates any DC component, which could arise from differing rise and fall times, and ensures maximum display life. The backplane output devices can be disabled by connecting the OSCillator input (pin 36) to VSS . This allows the 28 segment outputs to be synchronized directly to a signal input at the BP terminal (pin 5). In this manner, several slave devices may be cascaded to the backplane output of one master device, or the backplane may be derived from an external source. This allows the use of displays with characters in multiples of four and a single backplane. A slave device represents a load of approximately 200pF (comparable to one additional segment). Thus the limitation of the number of devices that can be slaved to one master device backplane driver is the additional load represented by the larger backplane of displays of more than four digits. A good rule of thumb to observe in order to minimize power consumption is to keep the backplane rise and fall times less than about 5s. The backplane output driver should handle the backplane to a display of 16 one-half inch characters. It is recommended, if more than four devices are to be slaved together, the backplane signal be derived externally and all the ICM7211A devices be slaved to it. This external signal should be capable of driving very large capacitive loads with short (1 - 2s) rise and fall times. The maximum frequency for a backplane signal should be about 150Hz although this may be too fast for optimum display response at lower dis-
play temperatures, depending on the display type. The onboard oscillator is designed to free run at approximately 19kHz at microampere current levels. The oscillator frequency is divided by 128 to provide the backplane frequency, which will be approximately 150Hz with the oscillator free-running; the oscillator frequency may be reduced by connecting an external capacitor between the OSCillator terminal and VDD . The oscillator may also be overdriven if desired, although care must be taken to ensure that the backplane driver is not disabled during the negative portion of the overdriving signal (which could cause a DC component to the display). This can be done by driving the OSCillator input between the positive supply and a level out of the range where the backplane disable is sensed (about one fifth of the supply voltage above VSS). Another technique for overdriving the oscillator (with a signal swinging the full supply) is to skew the duty cycle of the overdriving signal such that the negative portion has a duration shorter than about one microsecond. The backplane disable sensing circuit will not respond to signals of this duration.
OSCILLATOR FREQUENCY 128 CYCLES BACKPLANE INPUT/OUTPUT 64 CYCLES 64 CYCLES
OFF SEGMENTS ON SEGMENTS
FIGURE 5. DISPLAY WAVEFORMS
6
ICM7211A
Input Configurations and Output Codes
The ICM7211A accepts a four-bit true binary (i.e., positive level = logical one) input at pins 27 thru 30, least significant bit at pin 27 ascending to the most significant bit at pin 30. It decodes the binary input into seven-segment alphanumeric "Code B" output, i.e., 0-9, dash, E, H, L, P, blank. These codes are shown explicitly in Table 1. It will correctly decode true BCD to a seven-segment decimal output.
TABLE 1. OUTPUT CODES BlNARY CODE B ICM7211A ICM7212AM
under processor control. In these devices, the four data input bits and the two-bit digit address (DA1 pin 31, DA2 pin 32) are written into input buffer latches when both chip select inputs (CS1 pin 33, CS2 pin 34) are taken low. On the rising edge of either chip select input, the content of the data input latches is decoded and stored in the output latches of the digit selected by the contents of the digit address latches. An address of 00 writes into D4, DA2 = 0, DA1 = 1 writes into D3, DA2 = 1, DA1 = 0 writes into D2, and 11 writes into D1. The timing relationships for inputting data are shown in Figure 2, and the chip select pulse widths and data setup and hold times are specified under Operating Characteristics.
B3 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1
B2 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1
B1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1
BO 0
a f b g e d c
1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 BLANK
FIGURE 6. SEGMENT ASSIGNMENT
The ICM7211A is designed to accept multiplexed binary or BCD input. These devices provide four separate digit lines (least significant digit at pin 31 ascending to most significant digit at pin 34), each of which when taken to a positive level decodes and stores in the output latches of its respective digit the character corresponding to the data at the input port, pins 27 through 30. The ICM7211AM is intended to accept data from a data bus
7
ICM7211A Test Circuit
VDD +
-
VSS
1 VDD 2 3 4 5 BP 6 7 8 EACH SEGMENT OUTPUT TO BACKPLANE WITH A 200pF CAPACITOR 9 10 11 12 13 14 15 16 17 18 19 20 DATA INPUTS DIGIT/CHIP SELECT INPUTS OSC VSS ICM7211AM
40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 VDD VSS MULTIPLEXED VERSION VDD MICROPROCESSOR VERSION
FIGURE 7.
Typical Applications
D8 8-DIGIT LCD DISPLAY D7 D6 D5 D4 D3 D2 D1 BACKPLANE
BACKPLANE SLAVE +5V VDD VSS OSC B3-B0 4 BCD/BINARY DATA D8 D7 D6 DIGIT SELECTS D5 D4 D3 D2 D1
28 SEGMENTS HIGH ORDER ICM7211A D4 D3 D2 D1 BP +5V
BACKPLANE MASTER VDD VSS OSC B3-B0 4
28 SEGMENTS LOW ORDER ICM7211A D4 D3 D2 D1 BP
4
FIGURE 8. GANGED ICM7211A's DRIVING 8-DIGIT LCD DISPLAY
8
ICM7211A Typical Applications
(Continued)
8 DIGIT LCD DISPLAY
+5V
ICM7211AM HIGH ORDER DIGITS +5V 1 VDD 2, 3, 4 SEGMENTS 6-26 35 VSS 37-40 DATA 36 OSC B0-B3 I/O
ICM7211AM LOW ORDER DIGITS 2, 3, 4 1 VDD 6-26 SEGMENTS 35 VSS 37-40 36 OSC +5V
40 26 VCC VDD
NC
INPUT
20 P10 27 VSS 28 29 2 XTAL1 30 31 32 3 XTAL2 33 4 RESET P17 34 P20 21 7 EA 22 23 24 35 5 SS 80C48 36 COMPUTER 37 P27 38 1 TO DB0 12 13 39 T1 14 15 6 INT 16 17 18 DB7 19 RD 8
BP 5
BP 5 DATA B0-B3
DS1 DS2 CS1 CS2 27 28 29 30 31 32 33 34
DS1 DS2 CS1 CS2 27 28 29 30 31 32 33 34
I/O
ALE PSEN PROG WR 11 9 25 10
FIGURE 9. 80C48 MICROPROCESSOR INTERFACE
All Intersil products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at website www.intersil.com/design/quality/iso.asp.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site www.intersil.com
Sales Office Headquarters
NORTH AMERICA Intersil Corporation 2401 Palm Bay Rd. Palm Bay, FL 32905 TEL: (321) 724-7000 FAX: (321) 724-7240 EUROPE Intersil SA Mercure Center 100, Rue de la Fusee 1130 Brussels, Belgium TEL: (32) 2.724.2111 FAX: (32) 2.724.22.05 ASIA Intersil Ltd. 8F-2, 96, Sec. 1, Chien-kuo North, Taipei, Taiwan 104 Republic of China TEL: 886-2-2515-8508 FAX: 886-2-2515-8369
9


▲Up To Search▲   

 
Price & Availability of ICM7212AMI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X