Part Number Hot Search : 
D473J M1330 FPF1016 FN3277 40151 1N4448W 2SK10 AT29LV
Product Description
Full Text Search
 

To Download HYS64V6422 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 144 pin SO-DIMM SDRAM Modules
HYS64V64220GBDL-7/7.5/8-D
512 MB PC100 / PC133
*
u144 Pin Eight Byte Small Outline Dual-In-Line Synchronous DRAM Modules for notebook applications Two bank 64M x 64 non-parity module organisation suitable for use in PC100 and PC133 applications Performance:
-7 PC133 2-2-2 fCK tAC Clock frequency (max.) Clock access time CAS latency = 2 & 3 133 5.4 -7.5 PC133 3-3-3 133 5.4 -8 PC100 2-2-2 100 6 Units MHz ns
* * *
* *
Single +3.3V( 0.3V ) power supply Programmable CAS Latency, Burst Length and Wrap Sequence (Sequential & Interleave) Auto Refresh (CBR) and Self Refresh Decoupling capacitors mounted on substrate All inputs, outputs are LVTTL compatible Serial Presence Detect with E 2PROM Uses sixteen 256Mbit SDRAM (32Mb x8 ) components in P-TFBGA packages 8196 refresh cycles every 64 ms Gold contact pad, JEDEC MO-190 outline dimensions This module family is fully pin and functional compatible with the latest INTEL SO-DIMM specification Importante Notice: This SO-DIMM module is based on 256Mbit SDRAM technology and can be used in applications only, where 256Mbit addressing is supported.
* * * * * * * *
*
INFINEON Technologies
1
2002-08-06
HYS64V64220GBDL-7/7.5/8-D 144 pin SO-DIMM SDRAM Modules
This INFINEON module is an industry standard 144 pin 8-byte Synchronous DRAM (SDRAM) Small Outline Dual In-line Memory Modules (SO-DIMM) which is organised as 64Mx64 high speed array in two memory banks designed for use in non-parity applications. These SO-DIMMs use back side protected P-TFBGA package technology. Decoupling capacitors are mounted on the board. The DIMMs use serial presence detects implemented via a serial E2PROM using the two pin I2C protocol. The first 128 bytes are utilized by the DIMM manufacturer and the second 128 bytes are available to the end user. All INFINEON 144-pin SO-DIMMs provide a high performance, flexible 8-byte interface in a 67,6 mm long footprint. Product Spectrum
SDRAMs RowAddr. Bank Column Refresh used Select Addr. HYS64V64220GBDL-7-D 16 32Mx8 13 BA0, BA1 10 8k HYS64V64220GBDL-7.5-D 16 32Mx8 13 BA0, BA1 10 8k HYS64V64220GBDL-8-D 16 32Mx8 13 BA0, BA1 10 8k Period 64 ms 64 ms 64 ms
64M x 64 64M x 64 64M x 64
Note: All partnumbers end with a place code (not shown), designating the die revision. Consult factory for current
revision. Example: HYS64V64220GBDL-8-D, indicating Rev.D dies are used for SDRAM components.
Card Dimensions
Organisation 64M x 64 PCB-Board L-DIM-144-14 L x H x T [mm] 67.60 x 29.21 x 3.80
Pin Names
A0-A12 BA0,BA1 DQ0 - DQ63 RAS CAS WE CKE0, CKE1 CLK0, CLK1 DQMB0 - DQMB7 CS0, CS1 VDD Vss SCL SDA N.C. Address Inputs Bank Selects Data Input/Output Row Address Strobe Column Address Strobe Read / Write Input Clock Enable Clock Input Data Mask Chip Select Power (+3.3 Volt) Ground Clock for Presence Detect Serial Data Out for Presence Detect No Connection
Infineon Technologies
2
2002-08-06
HYS64V64220GBDL-7/7.5/8-D 144 pin SO-DIMM SDRAM Modules
Pin Configuration
PIN # Front Side VSS DQ0 DQ1 DQ2 DQ3 VDD DQ4 DQ5 DQ6 DQ7 Vss DQMB0 DQMB1 VDD A0 A1 A2 Vss DQ8 DQ9 DQ10 DQ11 VDD DQ12 DQ13 DQ14 DQ15 Vss NC NC CLK0 VDD RAS WE CS0 CS1 PIN # Back Side VSS DQ32 DQ33 DQ34 DQ35 VDD DQ36 DQ37 DQ38 DQ39 Vss DQMB4 DQMB5 VDD A3 A4 A5 Vss DQ40 DQ41 DQ42 DQ43 VDD DQ44 DQ45 DQ46 DQ47 Vss NC NC CKE0 VDD CAS CKE1 A12 (A13) PIN # Front Side NC Vss NC NC VDD DQ16 DQ17 DQ18 DQ19 Vss DQ20 DQ21 DQ22 DQ23 VDD A6 A8 Vss A9 A10 VDD DQMB2 DQMB3 Vss DQ24 DQ25 DQ26 DQ27 VDD DQ28 DQ29 DQ30 DQ31 Vss SDA VDD PIN # Back Side CLK1 Vss NC NC VDD DQ48 DQ49 DQ50 DQ51 Vss DQ52 DQ53 DQ54 DQ55 VDD A7 BA0 Vss BA1 A11 VDD DQMB6 DQMB7 Vss DQ56 DQ57 DQ58 DQ59 VDD DQ60 DQ61 DQ62 DQ63 Vss SCL VDD
1 3 5 7 9 11 13 15 17 19 21 23 25 27 29 31 33 35 37 39 41 43 45 47 49 51 53 55 57 59 61 63 65 67 69 71
2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 52 54 56 58 60 62 64 66 68 70 72
73 75 77 79 81 83 85 87 89 91 93 95 97 99 101 103 105 107 109 111 113 115 117 119 121 123 125 127 129 131 133 135 137 139 141 143
74 76 78 80 82 84 86 88 90 92 94 96 98 100 102 104 106 108 110 112 114 116 118 120 122 124 126 128 130 132 134 136 138 140 142 144
Infineon Technologies
3
2002-08-06
HYS64V64220GBDL-7/7.5/8-D 144 pin SO-DIMM SDRAM Modules
CS1 CS0 CS DQMB0 DQ(7:0) DQM DQ0-DQ7 DQM DQ0-DQ7 CS DQMB4 DQ(39:32) DQM DQ0-DQ7 CS DQM DQ0-DQ7 CS
DQMB1 DQ(15:8)
DQM
DQM
DQMB5 DQ(47:40)
DQM DQ0-DQ7 D2 CS
DQM DQ0-DQ7 D6 CS DQM DQ0-DQ7
DQ0-DQ7 DQ0-DQ7 D0 D4 CS CS DQM DQ0-DQ7
DQMB2 DQ(23:16)
DQM DQ0-DQ7
DQMB6 DQ(55:48)
DQM DQ0-DQ7
DQMB3 DQ(31:24)
DQM DQ0-DQ7 D1 D0 - D7
DQM DQ0-DQ7 D5
DQMB7 DQ(63:56)
DQM DQ0-DQ7 D3
DQM DQ0-DQ7 D7
A0-A12,BA0,BA1 VDD C VSS RAS, CAS, WE CKE0 CKE1 CLK0 CLK1
E2PROM (256wordx8bit) D0 - D7 D0 - D7 D0 - D7 D0 - D3 D4 - D7 8 Loads 8 Loads SA0 SA1 SA2
SCL SDA
Note: 1. DQ wiring may differ from the description in this drawing, however DQ/DQMB/CKE/CS relationship is maintained as shown. 2. In this design each of the D0 - D7 components are represented by two 32M x 8 chips. These two chips effectively work as a single 32M x 16 device. 3. All resistors are 10 Ohm.
Block Diagram for two bank 64M x 64 SDRAM DIMM - Module
Infineon Technologies
4
2002-08-06
HYS64V64220GBDL-7/7.5/8-D 144 pin SO-DIMM SDRAM Modules
Absolute Maximum Ratings
Parameter Symbol min. Input / Output voltage relative to VSS Power supply voltage on VDD Storage temperature range Power dissipation Data out current (short circuit) VIN, VOUT VDD TSTG PD IOS - 1.0 - 1.0 -55 - - Limit Values max. 4.6 4.6 +125 16 50 V V
oC
Unit
W mA
Permanent device damage may occur if "Absolute Maximum Ratings" are exceeded. Functional operation should be restricted to recommended operation conditions. Exposure to higher than recommended voltage for extended periods of time affect device reliability
DC Characteristics TA = 0 to 70 C; VSS = 0 V; VDD = 3.3 V 0.3 V
Parameter Symbol Limit Values min. Input high voltage Input low voltage Output high voltage (IOUT = - 4.0 mA) Output low voltage (IOUT = 4.0 mA) Input leakage current, any input (0 V < VIN < 3.6 V, all other inputs = 0 V) Output leakage current (DQ is disabled, 0 V < VOUT < VDD) VIH VIL VOH VOL II(L) IO(L) 2.0 - 0.5 2.4 - - 20 - 20 max. VDD+0.3 0.8 - 0.4 20 20 V V V V A A Unit
Capacitance TA = 0 to 70 C; VDD = 3.3 V 0.3 V, f = 1 MHz
Parameter Symbol Limit Values 64M x 64 max. Input capacitance (A0 to A11, BA0, BA1) Input capacitance (RAS, CAS, WE) Input Capacitance (CLK0, CLK1) Input capacitance (CS0, CS1) Input capacitance (DQMB0-DQMB7) Input capacitance (CKE0, CKE1) Input / Output capacitance (DQ0-DQ63) Input Capacitance (SCL,SA0-2) Input/Output Capacitance (SDA) CI1 CI2 CI3 CI4 CI5 CI6 CIO Csc Csd 85 85 70 60 15 50 18 8 10 pF pF pF pF pF pF pF pF pF Unit
Infineon Technologies
5
2002-08-06
HYS64V64220GBDL-7/7.5/8-D 144 pin SO-DIMM SDRAM Modules
Operating Currents per memory bank (TA = 0 to 70oC, VDD = 3.3V 0.3V)
(Recommended Operating Conditions unless otherwise noted)
Parameter & Test Condition
Symb.
64Mx64 512Mbyte
Note
PC133
OPERATING CURRENT trc=trcmin., All banks operated in random access, all banks operated in ping-pong manner PRECHARGE STANDBY CURRENT in Power Down Mode CS =VIH (min.), CKE<=Vil(max) PRECHARGE STANDBY CURRENT in Non-Power Down Mode CS = VIH (min.), CKE>=Vih(min) NO OPERATING CURRENT tck = min., CS = VIH(min), active state ( max. 4 banks) BURST OPERATING CURRENT tck = min., Read command cycling AUTO REFRESH CURRENT tck = min., trc = trcmin. Auto Refresh command cycling SELF REFRESH CURRENT Self Refresh Mode, CKE=0.2V tck =infinity Notes: CKE>=VIH(min.) CKE<=VIL(max.) ICC3N ICC3P tck = min. ICC2N tck = min. ICC2P
PC100
ICC1
1840
1360
mA
1, 2
1
16
16 240
mA mA
1
320 400 80 360 80 mA mA
1 1
ICC4
ICC5 ICC6
1200
800
mA mA
1, 2 1
1920 14
1760 14 mA
1
1. These parameters depend on the cycle rate. These values are measured at 133 MHz operation frequency for PC133 and at 100MHz for PC100 modules. Input signals are changed once during tck, excepts for ICC6 and for standby currents when tck=infinity. 2. These parameters are measured with continuous data stream during read access and all DQ toggling. CL=3 and BL=4 is assumed and the data-out current is excluded.
Infineon Technologies
6
2002-08-06
HYS64V64220GBDL-7/7.5/8-D 144 pin SO-DIMM SDRAM Modules
AC Characteristics 9)10) TA = 0 to 70 oC; VSS = 0 V; VDD, VDDQ = 3.3 V 0.3 V, tT = 1 ns TA = 0 to 70 C; VSS = 0 V; VDD = 3.3 V 0.3 V, tT = 1 ns Parameter
Symbol
Limit Values -7 PC133222
min.
Unit
-7.5 PC133333
-8 PC100222
max.
max. min.
max. min.
Clock and Clock Enable Clock Cycle Time CAS Latency = 3 CAS Latency = 2 Clock Frequency CAS Latency = 3 CAS Latency = 2 Access Time from Clock CAS Latency = 3 CAS Latency = 2 Clock High Pulse Width Clock Low Pulse Width Transition time Setup and Hold Times Input Setup Time Input Hold Time CKE Setup Time CKE Hold Time Mode Register Set-up to Active delay Power Down Mode Entry Time Common Parameters Row to Column Delay Time Row Precharge Time
tCK
7 7.5 - - - - 2.5 2.5 0.3
- - 143 133 5.4 5.4 - - 1.2
7.5 10 - - - - 2.5 2.5 0.3
- - 133 100 5.4 6 - - 1.2
8 10 - - - - 3 3 0.5
- -
ns ns
tCK
125 MHz 100 MHz 6 6 - - 10 ns ns ns ns ns
2, 3, 6
tAC tCH tCL tT
tIS tIH tCKS tCKH tRSC tSB
1.5 0.8 1.5 0.8 2 0
- - - - - 7
1.5 0.8 1.5 0.8 2 0
- - - - - 7.5
2 1 2 1 2 0
- - - - - 8
ns ns ns ns CLK ns
4 4 4 4
tRCD tRP
15 15
- -
20 20
- -
20 20
- -
ns ns
5 5
Infineon Technologies
7
2002-08-06
HYS64V64220GBDL-7/7.5/8-D 144 pin SO-DIMM SDRAM Modules
AC Characteristics 9)10) TA = 0 to 70 oC; VSS = 0 V; VDD, VDDQ = 3.3 V 0.3 V, tT = 1 ns TA = 0 to 70 C; VSS = 0 V; VDD = 3.3 V 0.3 V, tT = 1 ns Parameter
Symbol
Limit Values -7 PC133222
min.
Unit
-7.5 PC133333 45 67 67
100k
-8 PC100222
max. 100k
max. min. 100k
max. min.
Row Active Time Row Cycle Time Row Cycle Time during Auto Refresh Activate(a) to Activate(b) Command period CAS(a) to CAS(b) Command period Refresh Cycle Refresh Period (8192 cycles) Self Refresh Exit Time Read Cycle Data Out Hold Time
Data Out to Low Impedance Time Data Out to High Impedance Time DQM Data Out Disable Latency
tRAS tRC tRFC tRRD tCCD
37 60 63 14 1
48 70 70
ns ns ns
5 5
-
-
-
- -
15 1
- -
16 1
- -
ns CLK
5
tREF tSREX
- 1
64 -
- 1
64 -
- 1
64
ms CLK
tOH tLZ tHZ tDQZ
3 0 3 -
- - 7 2
3 0 3 -
- - 7 2
3 0 3 -
- - 8 2
ns ns ns CLK
2, 6
Write Cycle Last Data Input to Precharge
(Write without AutoPrecharge)
tWR
tDAL,min
14
-
15
-
15
-
ns
7
Last Data Input to Activate
(Write with AutoPrecharge)
CLK 8 0 - 0 - 0 - CLK
DQM Write Mask Latency
tDQW
Infineon Technologies
8
2002-08-06
HYS64V64220GBDL-7/7.5/8-D 144 pin SO-DIMM SDRAM Modules
Notes 1. For proper power-up see the operation section of the component sheet. 2. AC timing tests for LV-TTL versions have V IL = 0.4 V and VIH = 2.4 V with the timing referenced to the 1.4 V crossover point. The transition time is measured between VIH and VIL. All AC measurements assume tT = 1 ns with the AC output load circuit shown in figure below. Specified tAC and tOH parameters are measured with a 50 pF only, without any resistive termination and with an input signal of 1V / ns edge rate between 0.8 V and 2.0 V.
t CH CLOCK 1 .4 V tCL t IH tT 2.4 V 0.4 V
t IS
IN P U T t AC tLZ O UTPUT
1 .4 V tA C t OH 1.4 V tHZ
IO.vsd
I/O 50 pF
Measurement conditions for tAC and tOH
3. If clock rising time is longer than 1 ns, a time (tT /2 - 0.5) ns has to be added to this parameter. 4. If tT is longer than 1 ns, a time (tT - 1) ns has to be added to this parameter. 5. These parameter account for the number of clock cycles and depend on the operating frequency of the clock, as follows: the number of clock cycles = specified value of timing period (counted in fractions as a whole number) 6. Access time from clock tAC is 4.6 ns for PC133 components with no termination and 0 pF load, Data out hold time tOH is 1.8 ns for PC133 components with no termination and 0 pF load. 7. It is recommended to use two clock cycles between the last data-in and the precharge command in case of a write command without Auto-Precharge. One clock cycle between the last data-in and the precharge command is also supported, but restricted to cycle times tck greater or equal the specified twr value, where tck is equal to the actual system clock time 8. When a Write command with AutoPrecharge has been issued, a time of tdal(min) has be fullfilled before the next Activate Command can be applied. For each of the terms, if not already an integer, round up to the next highest integer. tck is equal to the actual system clock time. 9. All AC characteristics shown are for SDRAM components. An initial pause of 100s is required after power-up, then a Precharge All Banks command must be given followed by 8 Auto Refresh (CBR) cycles before the Mode Register Set Operation can begin. 10.AC timing tests have Vil = 0.4 V and Vih = 2.4 V with the timing referenced to the 1.4 V crossover point. The transition time is measured between Vih and Vil. All AC measurements assume tT=1ns
Infineon Technologies
9
2002-08-06
HYS64V64220GBDL-7/7.5/8-D 144 pin SO-DIMM SDRAM Modules
with the AC output load circuit shown.Specified tac and toh parameters are measured with a 50pF only, without any resistive termination and with a input signal of 1V / ns edge rate between 0.8V and 2.0 V.
Infineon Technologies
10
2002-08-06
HYS64V64220GBDL-7/7.5/8-D 144 pin SO-DIMM SDRAM Modules
Serial Presence Detects A serial presence detect storage device - E2PROM - is assembled onto the module. Information about the module configuration, speed, etc. is written into the E2PROM device during module production using a serial presence detect protocol ( I2C synchronous 2-wire bus) SPD-Table:
Byte# Description SPD Entry Value 64Mx64 -7 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 Number of SPD bytes Total bytes in Serial PD Memory Type Number of Row Addresses (without BS) Number of Column Addresses Number of DIMM Banks Module Data Width Module Data Width (cont'd) Module Interface Levels SDRAM Cycle Time at CL=3 SDRAM Access time from Clock at CL=3 Dimm Config (Error Det/Corr.) Refresh Rate/Type SDRAM width, Primary Error Checking SDRAM data width Minimum clock delay for back-toback random column address Burst Length supported Number of SDRAM banks Supported CAS Latencies CS Latencies WE Latencies SDRAM DIMM module attributes SDRAM Device Attributes :General SDRAM Cycle Time at CL = 2 SDRAM Access Time from Clock at CL=2 SDRAM Cycle Time at CL = 1 SDRAM Access Time from Clock at CL=1 Minimum Row Precharge Time 128 256 SDRAM 12 10 2 64 0 LVTTL 7.5ns / 10.0 ns 5.4ns / 6.0 ns none Self-Refresh, 7,6s x8 n/a tccd = 1 CLK 1, 2, 4 & 8 2 2, & 3 CS latency = 0 Write latency = 0 non buffered/non reg. VDD tol +/- 10% 7.5ns / 10.0 ns 5.4ns / 6.0 ns not supported not supported 20 ns 64Mx64 -7.5 80 08 04 0D 0A 02 40 00 01 75 54 00 82 08 00 01 0F 04 06 01 01 00 0E 75 54 00 00 0F FF FF 14 A0 60 FF FF Hex 64Mx64 -8
75 54
A0 60
Infineon Technologies
11
2002-08-06
HYS64V64220GBDL-7/7.5/8-D 144 pin SO-DIMM SDRAM Modules
SPD-Table (cont'd):
Byte# Description SPD Entry Value Hex 64Mx64 -7 0E 0F 2A 15 08 15 08 00 0E Hex 64Mx64 -7.5 0F 14 2D 40 15 08 15 08 FF 12 37 XX 64 C7 FF 32 20 10 20 10 FF 9A Hex 64Mx64 -8 10
Minimum Row Active to Row Active delay 29 Minimum RAS to CAS delay 30 Minimum Ras pulse width 31 Module Bank Density (per bank) 32 SDRAM input setup time 33 SDRAM input hold time 34 SDRAM data input setup time 35 SDRAM data input hold time 36-61 Superset information 62 SPD Revision 63 Checksum for bytes 0 - 62 64- Manufactures's information (optional) 125 126 Frequency Specification 127 Details 128+ Unused storage locations
28
14/15/16 ns 15/20 ns 42/45 ns 256 MB 2 ns 1 ns 2 ns 1 ns Revision 1.2
PC100 00
FF
Infineon Technologies
12
2002-08-06
HYS64V64220GBDL-7/7.5/8-D 144 pin SO-DIMM SDRAM Modules
Package Outlines
512 MByte SO-DIMM Module package (JEDEC MO-190) (144 pin, dual in-line memory module)
67.6 63.6
0.15
3.8 max.
Detail of Contacts
0.15
29.21
0.25
heat spreader
0.6 0.8
(3.3)
1
23.2 24.5
59
61 2.5 4.6
32.8
143
1 0.1
(3.7) 6 4 2
1.5 60 62
1.8 144 Detail of Chamfer
20
0.2 -
4
0.15
0.2 0.15
L-DIM-144-14
Note: All tolerances according to JEDEC standard
Infineon Technologies
13
2002-08-06
2.55


▲Up To Search▲   

 
Price & Availability of HYS64V6422

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X