|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
HT82M21A 3-Key 3D USB+PS/2 Optical Mouse Controller Features * Operating voltage: 4.4V~5.25V * Complete Universal Serial Bus specs V1.1 * HALT function and wake-up feature reduce power consumption * Plug and Play functions * Minimal external components * 6MHz crystal oscillator for system clock * Interface compliant with ADNS-2051, ADNS-2610 compatibility * Serial Bus Interface Engine (SIE) * USB transceiver * Microsoft 3D Intelli mouse and IBM PS/2 mouse compatible * Supports three buttons (R, M, L) and Z-axis input * Z-axis can support two kinds of scroller input and ADNS-2620 * Pass WHQL, USB-IF and EMC testing * 18-pin DIP package (optomechanical and mechanical) * Single chip solution especially for USB mouse function General Description HT82M21A is a 3D mouse controller especially designed for USB and PS/2 applications. The HT82M21A can support the USB Standard Request as well as HID Class Request version 1.1. It is compatible with Microsoft Intelli 3D PS/2 mouse. The Z-axis can support two kinds of scroller input, namely; optomechanical and mechanical. It requires minimal external components to implement 3D USB plus PS/2 optical mouse. It can be briefly described as a Holtek 8-bit MCU with an on-chip USB interface logic. The USB is specified by the Universal Serial Bus Specification V1.1. Block Diagram USB T r a n s c e iv e r USB R e c e iv e r R e g is te r Set USBD+ USBD- USB T r a n s m itte r V33O V o lta g e R e g u la to r USB In te rfa c (S a Co Lo S e r ia l e E n g in e IE ) nd n tro l g ic H o lte k 8 - b it M ic r o c o n tr o lle r OSC1 OSC2 C lo c k G e n e ra to r M a in S ta te m a c h in e F IF O s 2 RC RESET S u s p e n s io n C o n tro l VDD VSS Rev. 1.00 1 October 6, 2003 HT82M21A Pin Assignment VSS 1 2 3 4 5 6 7 8 9 V33O U S B D + /C L K U S B D -/D A T A RESET SEL1 S D IO SC LK SEL0 18 17 16 15 14 13 12 11 10 L Z2 Z1 R OSC1 OSC2 VDD LED M HT82M 21A 1 8 D IP -A Pin Description Pin No. 1 2 3 4 5 Pin Name VSS V33O USBD+/CLK USBD-/DATA RESET I/O 3/4 Negative power supply, ground O 3.3V voltage output I/O USB data plus or PS2 Clock, F/W auto-detect USBD+ for USB, CLK for PS2 I/O USB data minus or PS2 Data, F/W auto-detect USB- for USB, DATA for PS2 I Chip reset input, low active Configuration selections For ANDS 2051: SEL0=0: 800DPI (default) SEL0=1: 400DPI SEL1=0: Z-axis is divided by 2 (default) SEL1=1: Z-axis is divided by 4 For ANDS 2610/2620: SEL1=0, SEL0=don't care: Z-axis is divided by 2 (default) SEL1=1, SEL0=0: Z-axis is divided by 4 SEL1=1, SEL0=1: Z-axis is divided by 1 Description 6 9 SEL1 SEL0 I 7 8 10, 11 SDIO SCLK Z1, Z2 I/O Serial data for Agilent sensor IC SDIO I I I Serial data for Agilent sensor IC SCLK Z-axis input supports two kinds of scroller input; optomechanical and mechanical. Input ports with pull-high resistor. These pads can function as Left, Right, Middle. 12, 13, 14 L, R, M 15 16 17 18 LED VDD OSC2 OSC1 I/O Drives LED output 3/4 5V positive power supply O I 6MHz OSC output 6MHz OSC input Absolute Maximum Ratings Supply Voltage ..............................VSS-0.3V to VSS+6V MCU Input Voltage.....................VSS-0.3V to VDD+0.3V USB Input Voltage ....................VSS-0.3V to V33O+0.3V Note: These are stress ratings only. Stresses exceeding the range specified under Absolute Maximum Ratings may cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability. Storage Temperature ............................-50C to 125C Operating Temperature...........................-25C to 70C Rev. 1.00 2 October 6, 2003 HT82M21A D.C. Characteristics Symbol VDD IDD ISTB VIL1 VIH1 VIL2 VIH2 VIH3 VPOR IOL1 IOH1 IOL2 Parameter Operating Voltage Operating Current (Crystal OSC) Standby Current Input Low Voltage for I/O Ports Input High Voltage for MCU I/O Ports Input Low Voltage (RESET) Input High Voltage (RESET) Input High Voltage for USB I/O Ports Power on Reset VDD Detection Voltage Output Port Sink Current Output Port Source Current Output Port Sink Current (LED) Test Conditions VDD 3/4 5V 5V 5V 5V 5V 5V 3.3V 5V 5V 5V 5V VOL=0.5V VOL=4.5V VOL=4.5V Conditions 3/4 USB mode No load, fSYS=6MHz PS/2 mode No load, system HALT 3/4 3/4 3/4 3/4 3/4 3/4 Min. 4.4 3/4 3/4 3/4 0 3.5 0 3.5 2.8 3.5 3/4 3/4 3/4 Typ. 3/4 10 3 3/4 3/4 3/4 3/4 3/4 3/4 3/4 4 -4 50 Max. 5.25 3/4 3/4 250 1.0 5 1.5 5 3.6 3.9 3/4 3/4 3/4 Ta=25C Unit V mA mA mA V V V V V V mA mA mA A.C. Characteristics Symbol fSYS tOST Parameter System Clock (Crystal OSC) Oscillation Start-up Timer Period Test Conditions VDD 5V 3/4 Conditions 3/4 Power-up or wake-up form HALT Min. 0 3/4 Typ. 6000 1024 Max. 3/4 3/4 Ta=25C Unit kHz tSYS Note: tSYS=1/fSYS Timing Diagram Z-axis Photo-Coupler Crossed Width Z1 Z2 tr N o te : F o r Z - a x is tr, tP , tf > 1 m s tP tf Z-axis Counting Z1 Z2 +1 +1 -1 -1 Rev. 1.00 3 October 6, 2003 HT82M21A Application Circuits This Application Circuit is for Reference Only V VDD USBUSB+ VSS 4 1 5kW SW 1 5kW SW 2 6 7 8 9 S D IO SC LK 3 4 5 2 18 1 2 D D M R L Z2 Z1 17 16 15 14 13 12 11 10 100kW 10kW MB 0 .1 m F 33W 33W 1 .5 k W 33pF 33pF 30pF 1M W 30pF RB LB 6M H z 0 .1 m F N o te : SW SW SW SW 1= 1= 2= 2= op c lo op c lo en se en se :8 :4 :Z :Z 0 0 d p i ( d e fa u lt) 00dpi /2 ( d e fa u lt) /4 5 4 0 .1 m F 3 2 1 10mF 0 .0 1 m F 33W C 30kW 1kW 0 .1 m F DD VSS V33O U S B D + /C L K U S B D - /D A T A RE SE SD SC SE SET L1 IO LK L0 H T82M 21A OSC OSC VD LE A B 13 15kW 1 8 .4 3 2 M H z 9 11 3 2 14 R _ B IN VDD REFA REFB XY_LED PD S D IO SC LK GND GND 8 6 15 16 1 12 10 7 0 .1 m F 2 .2 m F 0W O S C _ IN O SC_O UT XB XA YB YA S D IO SC LK ADNS2051 V VDD USBUSB+ VSS 4 1 5kW SW 1 5kW SW 2 6 7 8 9 S D IO SC LK 3 4 5 2 3 2 1 10mF DD 0 .0 1 m F 33W 18 17 16 15 14 13 12 11 10 100kW 10kW MB 0 .1 m F 6M H z 0 .1 m F C 30kW 1kW A 0 .1 m F 100W 7 B VDD XY_LED 24M Hz 1 2 6 O S C _ IN O SC_O UT GND ADNS2610 S D IO SC LK REFA 8 2 .2 m F 4 3 5 100kW 1kW VSS V33O U S B D + /C L K U S B D - /D A T A RE SE SD SC SE SET L1 IO LK L0 H T82M 21A OS OS V L C1 C2 DD ED M R L Z2 Z1 S D IO SC LK N o te : 0 .1 m F 33W 33W 1 .5 k W 33pF 33pF RB LB ( S W 2 = o p e n , S W 1 = X ) : Z /2 ( d e fa u lt) ( S W 2 = c lo s e , S W 1 = o p e n ) : Z /4 ( S W 2 = c lo s e , S W 1 = c lo s e ) : Z /1 30pF 1M W 30pF Note: Layout 0.1mF capacitor, 33W resistor and 0.01mF capacitor as close to VDD pin as possible. Rev. 1.00 4 October 6, 2003 HT82M21A Package Information 18-pin DIP (300mil) Outline Dimensions A 18 B 1 10 9 H C D E G F a I Symbol A B C D E F G H I a Dimensions in mil Min. 895 240 125 125 16 50 3/4 295 335 0 Nom. 3/4 3/4 3/4 3/4 3/4 3/4 100 3/4 3/4 3/4 Max. 915 260 135 145 20 70 3/4 315 375 15 Rev. 1.00 5 October 6, 2003 HT82M21A Holtek Semiconductor Inc. (Headquarters) No.3, Creation Rd. II, Science-based Industrial Park, Hsinchu, Taiwan Tel: 886-3-563-1999 Fax: 886-3-563-1189 http://www.holtek.com.tw Holtek Semiconductor Inc. (Sales Office) 4F-2, No. 3-2, YuanQu St., Nankang Software Park, Taipei 115, Taiwan Tel: 886-2-2655-7070 Fax: 886-2-2655-7373 Fax: 886-2-2655-7383 (International sales hotline) Holtek Semiconductor (Shanghai) Inc. 7th Floor, Building 2, No.889, Yi Shan Rd., Shanghai, China Tel: 021-6485-5560 Fax: 021-6485-0313 http://www.holtek.com.cn Holtek Semiconductor (Hong Kong) Ltd. Block A, 3/F, Tin On Industrial Building, 777-779 Cheung Sha Wan Rd., Kowloon, Hong Kong Tel: 852-2-745-8288 Fax: 852-2-742-8657 Holmate Semiconductor, Inc. 46712 Fremont Blvd., Fremont, CA 94538 Tel: 510-252-9880 Fax: 510-252-9885 http://www.holmate.com Copyright O 2003 by HOLTEK SEMICONDUCTOR INC. The information appearing in this Data Sheet is believed to be accurate at the time of publication. However, Holtek assumes no responsibility arising from the use of the specifications described. The applications mentioned herein are used solely for the purpose of illustration and Holtek makes no warranty or representation that such applications will be suitable without further modification, nor recommends the use of its products for application that may present a risk to human life due to malfunction or otherwise. Holteks products are not authorized for use as critical components in life support devices or systems. Holtek reserves the right to alter its products without prior notification. For the most up-to-date information, please visit our web site at http://www.holtek.com.tw. Rev. 1.00 6 October 6, 2003 |
Price & Availability of HT82M21A |