Part Number Hot Search : 
PJD882CT HC1G1 MMBZ5226 LC8390 LSWR24 LC7886M RL201 FD682J03
Product Description
Full Text Search
 

To Download HT48R07A-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HT48R07A-1 Cost-Effective I/O Type 8-Bit MCU
Technical Document
* Tools Information * FAQs * Application Note -
HA0003E Communicating between the HT48 & HT46 Series MCUs and the HT93LC46 EEPROM HA0013E HT48 & HT46 LCM Interface Design HA0016E Writing and Reading to the HT24 EEPROM with the HT48 MCU Series HA0018E Controlling the HT1621 LCD Controller with the HT48 MCU Series HA0049E Read and Write Control of the HT1380
Features
* Operating voltage: * HALT function and wake-up feature reduce power
fSYS=4MHz: 2.2V~5.5V fSYS=8MHz: 3.3V~5.5V
* 19 bidirectional I/O lines * An interrupt input shared with an I/O line * 8-bit programmable timer/event counter with over-
consumption
* Up to 0.5ms instruction cycle with 8MHz system clock
at VDD=5V
* All instructions in one or two machine cycles * 14-bit table read instruction * Two-level subroutine nesting * Bit manipulation instruction * 63 powerful instructions * Low voltage reset function * 24-pin SKDIP/SOP/SSOP package
flow interrupt and 8-stage prescaler
* On-chip crystal and RC oscillator * Watchdog Timer * 102414 program memory ROM * 648 Data memory RAM * Buzzer driving pair and PFD supported
General Description
The HT48R07A-1 is an 8-bit high performance, RISC architecture microcontroller devices specifically designed for cost-effective multiple I/O control product applications. The advantages of low power consumption, I/O flexibility, timer functions, oscillator options, HALT and wake-up functions, Watchdog Timer, buzzer driver, as well as low cost, enhance the versatility of these devices to suit a wide range of application possibilities such as industrial control, consumer products, subsystem controllers, etc.
Rev. 1.00
1
March 13, 2006
HT48R07A-1
Block Diagram
P C 0 /IN T
In te rru p t C ir c u it STACK0 P ro g ra m ROM P ro g ra m C o u n te r STACK1 IN T C
TM RC TM R M U X P r e s c a le r P C 1 /T M R PC1 fS
YS
PC0 In s tr u c tio n R e g is te r M U X
MP
D a ta M e m o ry
W DTS W D T P r e s c a le r WDT M
U X
fS
YS
/4
PCC In s tr u c tio n D ecoder ALU T im in g G e n e ra to r S h ifte r MUX PC
PORT C
RC PC0~PC2
OSC
B Z /B Z STATUS PBC PB PORT B PB0~PB7
PAC PA OSC2 OS RE VD VS S S D C1 ACC
PORT A
PA0~PA7
Pin Assignment
PB5 1 2 3 4 5 6 7 8 9 10 11 12 PB4 PA3 PA2 PA1 PA0 PB3 PB2 P B 1 /B Z P B 0 /B Z VSS P C 0 /IN T 24 23 22 21 20 19 18 17 16 15 14 13 PB6 PB7 PA4 PA5 PA6 PA7 OSC2 OSC1 VDD RES PC2 P C 1 /T M R
H T 4 8 R 0 7 A -1 2 4 S K D IP -A /S O P -A /S S O P -A
Rev. 1.00
2
March 13, 2006
HT48R07A-1
Pin Description
Pin Name PA0~PA7 I/O I/O Options Pull-high* Wake-up Description Bidirectional 8-bit input/output port. Each bit can be configured as wake-up input by options. Software instructions determine if the pin is a CMOS output or Schmitt trigger input. Pull-high resistors can be connected via configuration option.
PB0/BZ PB1/BZ PB2~PB7 VSS PC0/INT PC1/TMR PC2 RES VDD OSC1 OSC2
I/O
Bidirectional 8-bit input/output port. Software instructions determine if the pin is a CMOS output or Schmitt trigger input. Pull-high resistors can be connected via conPull-high* figuration option. PB0 and PB1 are pin-shared with BZ and BZ, respectively. Once I/O or BZ/BZ PB0 and PB1 are selected as buzzer driving outputs, the output signals come from an internal PFD generator (shared with a timer/event counter). 3/4 Negative power supply, ground Bidirectional 3-bit input/output port lines. Software instructions determine if the pin is a CMOS output or Schmitt trigger input. Pull-high resistors can be connected via configuration option.The external interrupt and timer input are pin-shared with PC0 and PC1, respectively. The external interrupt input is activated on a high to low transition. Schmitt trigger reset input. Active low Positive power supply OSC1, OSC2 are connected to an RC network or crystal (determined by options) for the internal system clock. In the case of RC operation, OSC2 is the output terminal for 1/4 system clock.
3/4
I/O
Pull-high*
I 3/4 I O
3/4 3/4 Crystal or RC
* All pull-high resistors are controlled by an option bit.
Absolute Maximum Ratings
Supply Voltage ...........................VSS-0.3V to VSS+6.0V Input Voltage..............................VSS-0.3V to VDD+0.3V Storage Temperature ............................-50C to 125C Operating Temperature...........................-40C to 85C
Note: These are stress ratings only. Stresses exceeding the range specified under Absolute Maximum Ratings may cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
D.C. Characteristics
Symbol Parameter Test Conditions VDD 3/4 3/4 3V Operating Current (Crystal OSC) 5V IDD2 3V Operating Current (RC OSC) 5V IDD3 Operating Current (Crystal OSC, RC OSC) Standby Current (WDT Enabled) 5V 5V 3V No load, system HALT No load, fSYS=8MHz No load, fSYS=4MHz Conditions fSYS=4MHz fSYS=8MHz No load, fSYS=4MHz Min. 2.2 3.3 3/4 3/4 3/4 3/4 3/4 3/4 3/4 Typ. 3/4 3/4 0.6 2 0.8 2.5 4 3/4 3/4 Max. 5.5 5.5 1.5 4 1.5 4 8 5 10
Ta=25C Unit V V mA mA mA mA mA mA mA
VDD
Operating Voltage
IDD1
ISTB1
Rev. 1.00
3
March 13, 2006
HT48R07A-1
Symbol Parameter Test Conditions VDD 3V Standby Current (WDT Disabled) 5V VIL1 VIH1 VIL2 VIH2 VLVR IOL Input Low Voltage for I/O Ports, TMR and INT Input High Voltage for I/O Ports, TMR and INT Input Low Voltage (RES) Input High Voltage (RES) Low Voltage Reset I/O Port Sink Current 5V IOH 3V I/O Port Source Current 5V RPH 3V Pull-high Resistance 5V 3/4 3/4 VOH=0.9VDD 3/4 3/4 3/4 3/4 3/4 3V 3/4 3/4 3/4 3/4 LVR enabled VOL=0.1VDD No load, system HALT Conditions Min. 3/4 3/4 0 0.7VDD 0 0.9VDD 2.7 4 10 -2 -5 20 10 Typ. 3/4 3/4 3/4 3/4 3/4 3/4 3.0 8 20 -4 -10 60 30 Max. 1 2 0.3VDD VDD 0.4VDD VDD 3.3 3/4 3/4 3/4 3/4 100 50 Unit mA mA V V V V V mA mA mA mA kW kW
ISTB2
A.C. Characteristics
Symbol Parameter Test Conditions VDD 3/4 3/4 3/4 3/4 3/4 3/4 3V Watchdog Oscillator Period 5V tWDT1 tWDT2 tRES tSST tINT tLVR 3V Watchdog Time-out Period (RC) 5V Watchdog Time-out Period (System Clock) External Reset Low Pulse Width System Start-up Timer Period Interrupt Pulse Width Low Voltage Reset Time 3/4 3/4 3/4 3/4 3/4 Without WDT prescaler 3/4 Wake-up from HALT 3/4 3/4 Without WDT prescaler 8 3/4 1 3/4 1 1 17 1024 3/4 1024 3/4 3/4 33 3/4 3/4 3/4 3/4 3/4 Conditions 2.2V~5.5V 3.3V~5.5V 2.2V~5.5V 3.3V~5.5V 2.2V~5.5V 3.3V~5.5V 3/4 3/4 Min. 400 400 400 400 0 0 45 32 11 Typ. 3/4 3/4 3/4 3/4 3/4 3/4 90 65 23 Max. 4000 8000 4000 8000 4000 8000 180 130 46
Ta=25C Unit kHz kHz kHz kHz kHz kHz ms ms ms ms tSYS ms tSYS ms ms
fSYS1
System Clock (Crystal OSC)
fSYS2
System Clock (RC OSC)
fTIMER
Timer I/P Frequency (TMR)
tWDTOSC
Rev. 1.00
4
March 13, 2006
HT48R07A-1
Functional Description
Execution Flow The system clock for the microcontroller is derived from either a crystal or an RC oscillator. The system clock is internally divided into four non-overlapping clocks. One instruction cycle consists of four system clock cycles. Instruction fetching and execution are pipelined in such a way that a fetch takes an instruction cycle while decoding and execution takes the next instruction cycle. However, the pipelining scheme causes each instruction to effectively execute in a cycle. If an instruction changes the program counter, two cycles are required to complete the instruction. Program Counter - PC The program counter (PC) controls the sequence in which the instructions stored in program ROM are executed and its contents specify full range of program memory. After accessing a program memory word to fetch an instruction code, the contents of the program
T1 T2 T3 T4 T1 T2
counter are incremented by one. The PC then points to the memory word containing the next instruction code. When executing a jump instruction, conditional skip execution, loading PCL register, subroutine call, initial reset, internal interrupt, external interrupt or return from subroutine, the PC manipulates the program transfer by loading the address corresponding to each instruction. The conditional skip is activated by instructions. Once the condition is met, the next instruction, fetched during the current instruction execution, is discarded and a dummy cycle replaces it to get the proper instruction. Otherwise proceed with the next instruction. The lower byte of the PC (PCL) is a readable and writable register (06H). Moving data into the PCL performs a short jump. The destination will be within 256 locations. When a control transfer takes place, an additional dummy cycle is required.
T3 T4 T1 T2 T3 T4
S y s te m
C lo c k
O S C 2 ( R C o n ly ) PC PC PC+1 PC+2
F e tc h IN S T (P C ) E x e c u te IN S T (P C -1 )
F e tc h IN S T (P C + 1 ) E x e c u te IN S T (P C )
F e tc h IN S T (P C + 2 ) E x e c u te IN S T (P C + 1 )
Execution Flow
Mode Initial Reset External Interrupt Timer/Event Counter Overflow Skip Loading PCL Jump, Call Branch Return from Subroutine
Program Counter *9 0 0 0 *8 0 0 0 *7 0 0 0 *6 0 0 0 *5 0 0 0 *4 0 0 0 *3 0 0 1 *2 0 1 0 *1 0 0 0 *0 0 0 0
Program Counter+2 *9 #9 S9 *8 #8 S8 @7 #7 S7 @6 #6 S6 @5 #5 S5 @4 #4 S4 @3 #3 S3 @2 #2 S2 @1 #1 S1 @0 #0 S0
Program Counter Note: *9~*0: Program Counter bits #9~#0: Instruction code bits S9~S0: Stack register bits @7~@0: PCL bits
Rev. 1.00
5
March 13, 2006
HT48R07A-1
Program Memory - ROM The program memory is used to store the program instructions which are to be executed. It also contains data, table, and interrupt entries, and is organized into 102414 bits, addressed by the program counter and table pointer. Certain locations in the program memory are reserved for special usage:
* Location 000H * Table location
This area is reserved for program initialization. After chip reset, the program always begins execution at location 000H.
* Location 004H
This area is reserved for the external interrupt service program. If the INT input pin is activated, the interrupt is enabled and the stack is not full, the program begins execution at location 004H.
* Location 008H
This area is reserved for the timer/event counter interrupt service program. If a timer interrupt results from a timer/event counter overflow, and if the interrupt is enabled and the stack is not full, the program begins execution at location 008H.
000H 004H 008H
D e v ic e In itia liz a tio n P r o g r a m E x te r n a l In te r r u p t S u b r o u tin e T im e r /E v e n t C o u n te r In te r r u p t S u b r o u tin e P ro g ra m M e m o ry L o o k - u p T a b le ( 2 5 6 w o r d s )
Any location in the program memory can be used as a look-up table. The instructions TABRDC [m] (the current page, 1 page=256 words) and TABRDL [m] transfer the contents of the lower-order byte to the specified data memory, and the higher-order byte to TBLH (08H). Only the destination of the lower-order byte in the table is well-defined, the other bits of the table word are transferred to the lower portion of TBLH, and the remaining 2 bits are read as 0. The table higher-order byte register (TBLH) is read only. The table pointer (TBLP) is a read/write register (07H), which indicates the table location. Before accessing the table, the location must be placed in TBLP. The TBLH is read only and cannot be restored. If the main routine and the ISR (Interrupt Service Routine) both employ the table read instruction, the contents of the TBLH in the main routine are likely to be changed by the table read instruction used in the ISR. Errors can occur. In other words, using the table read instruction in the main routine and the ISR simultaneously should be avoided. However, if the table read instruction has to be applied in both the main routine and the ISR, the interrupt is supposed to be disabled prior to the table read instruction. It will not be enabled until the TBLH has been backed up. All table related instructions require two cycles to complete the operation. These areas may function as normal program memory depending upon the requirements. Stack Register - STACK This is a special part of the memory which is used to save the contents of the program counter only. The stack is organized into 2 levels and is neither part of the data nor part of the program space, and is neither readable nor writable. The activated level is indexed by the stack pointer (SP) and is neither readable nor writeable. At a subroutine call or interrupt acknowledgment, the contents of the program counter are pushed onto the stack. At the end of a subroutine or an interrupt routine, signaled by a return instruction (RET or RETI), the program counter is restored to its previous value from the stack. After a chip reset, the SP will point to the top of the stack. Table Location
n00H nFFH
3FFH
L o o k - u p T a b le ( 2 5 6 w o r d s ) 1 4 b its N o te : n ra n g e s fro m 0 to 3
Program Memory
Instruction TABRDC [m] TABRDL [m]
*9 P9 1
*8 P8 1
*7 @7 @7
*6 @6 @6
*5 @5 @5
*4 @4 @4
*3 @3 @3
*2 @2 @2
*1 @1 @1
*0 @0 @0
Table Location Note: *9~*0: Table location bits @7~@0: Table pointer bits P9~P8: Current program counter bits
Rev. 1.00
6
March 13, 2006
HT48R07A-1
If the stack is full and a non-masked interrupt takes place, the interrupt request flag will be recorded but the acknowledgment will be inhibited. When the stack pointer is decremented (by RET or RETI), the interrupt will be serviced. This feature prevents stack overflow, allowing the programmer to use the structure more easily. If the stack is full and a CALL is subsequently executed, stack overflow occurs and the first entry will be lost (only the most recent 2 return addresses are stored). Data Memory - RAM The data memory (RAM) is designed with 818 bits, and is divided into two functional groups, special function registers and general purpose data memory 648 most of which are readable/writeable, although some are read only. The special function registers include the Indirect addressing register (IAR;00H), Timer/event counter (TMR;0DH), Timer/event counter control register (TMRC;0EH), Program counter lower-order byte register (PCL;06H), Memory pointer register (MP;01H), Accumulator (ACC;05H), Table pointer (TBLP;07H), Table higher-order byte register (TBLH;08H), Status register
00H 01H 02H 03H 04H 05H 06H 07H 08H 09H 0AH 0BH 0CH 0DH 0EH 0FH 10H 11H 12H 13H 14H 15H 16H 17H 18H PA PAC PB PBC PC PCC TM R TM RC ACC PCL TBLP TBLH W DTS STATUS IN T C S p e c ia l P u r p o s e D a ta M e m o ry In d ir e c t A d d r e s s in g R e g is te r MP
(STATUS;0AH), Interrupt control register (INTC;0BH), Watchdog Timer option setting register (WDTS;09H), I/O registers (PA;12H, PB;14H, PC;16H) and I/O control registers (PAC;13H, PBC;15H, PCC;17H). The remaining space before the 40H is reserved for future expanded usage and reading these locations will get 00H. The general purpose data memory, addressed from 40H to 7FH, is used for data and control information under instruction commands. All of the data memory areas can handle arithmetic, logic, increment, decrement and rotate operations directly. Except for some dedicated bits, each bit in the data memory can be set and reset by SET [m].i and CLR [m].i. They are also indirectly accessible through memory pointer register (MP;01H). Indirect Addressing Register Location 00H is an indirect addressing register that is not physically implemented. Any read/write operation of 00H accesses data memory pointed to by MP (01H). Reading location 00H itself indirectly will return the result 00H. Writing indirectly results in no operation. The memory pointer register MP (01H) is a 7-bit register. The bit 7 of MP is undefined and reading will return the result 1. Any writing operation to MP will only transfer the lower 7-bit data to MP. Accumulator The accumulator is closely related to ALU operations. It is also mapped to location 05H of the data memory and capable of operating with immediate data. The data movement between two data memory locations must pass through the accumulator. Arithmetic and Logic Unit - ALU This circuit performs 8-bit arithmetic and logic operations. The ALU provides the following functions:
* Arithmetic operations (ADD, ADC, SUB, SBC, DAA) * Logic operations (AND, OR, XOR, CPL) * Rotation (RL, RR, RLC, RRC) * Increment and Decrement (INC, DEC) * Branch decision (SZ, SNZ, SIZ, SDZ ....)
The ALU not only saves the results of a data operation but also changes the status register. Status Register - STATUS This 8-bit register contains the zero flag (Z), carry flag (C), auxiliary carry flag (AC), overflow flag (OV), power down flag (PDF), and Watchdog time-out flag (TO). These arithmetic/logical operation and system management flags are used to record the status and operation of the microcontroller. Exception for the TO and PDF flags, bits in the status register can be altered by instructions similar to other
3FH 40H
7FH
G e n e ra l P u rp o s e D a ta M e m o ry (6 4 B y te s )
:U nused, re a d a s "0 0 "
RAM Mapping Rev. 1.00 7
March 13, 2006
HT48R07A-1
Bit No. 0 Label C Function C is set if the operation results in a carry during an addition operation or if a borrow does not take place during a subtraction operation; otherwise C is cleared. C is also affected by a rotate through carry instruction. AC is set if the operation results in a carry out of the low nibbles in addition or no borrow from the high nibble into the low nibble in subtraction; otherwise AC is cleared. Z is set if the result of an arithmetic or logic operation is zero; otherwise Z is cleared. OV is set if the operation results in a carry into the highest-order bit but not a carry out of the highest-order bit, or vice versa; otherwise OV is cleared. PDF is cleared by system power-up or executing the CLR WDT instruction. PDF is set by executing the HALT instruction. TO is cleared by system power-up or executing the CLR WDT or HALT instruction. TO is set by a WDT time-out. Unused bit, read as 0 Status (0AH) Register registers. Data written into the status register will not change the TO or PDF flag. Operations related to the status register, however, may yield different results from those intended. The TO flag can be affected only by system power-up, a WDT time-out or executing the CLR WDT or HALT instruction. The PDF flag can be affected only by executing the HALT or CLR WDT instruction or a system power-up. The Z, OV, AC and C flags reflect the status of the latest operations. On entering the interrupt sequence or executing the subroutine call, the status register will not be automatically pushed onto the stack . If the contents of the status is important, and if the subroutine is likely to corrupt the status register, the programmer should take precautions and save it properly. Interrupt The device provides an external interrupt and internal timer/event counter interrupt. The interrupt control register (INTC;0BH) contains the interrupt control bits to set the enable or disable and the interrupt request flags. Once an interrupt subroutine is serviced, all the other interrupts will be blocked (by clearing the EMI bit). This scheme may prevent any further interrupt nesting. Other interrupt requests may occur during this interval but only the interrupt request flag is recorded. If a certain interrupt requires servicing within the service routine, the EMI bit and the corresponding bit of INTC may be set to allow interrupt nesting. If the stack is full, the interrupt request will not be acknowledged, even if the related interrupt is enabled, until the SP is decremented. If immediate service is desired, the stack must be prevented from becoming full. All these kinds of interrupts have a wake-up capability. As an interrupt is serviced, a control transfer occurs by pushing the program counter onto the stack, followed by a branch to a subroutine at specified location in the program memory. Only the program counter is pushed onto the stack. If the contents of the register or status register (STATUS) are altered by the interrupt service program which corrupts the desired control sequence, the contents should be saved in advance. External interrupts are triggered by a high to low transition of INT and the related interrupt request flag (EIF; bit 4 of INTC) will be set. When the interrupt is enabled, the stack is not full and the external interrupt is active, a subroutine call to location 04H will occur. The interrupt request flag (EIF) and EMI bits will be cleared to disable other interrupts. The internal timer/event counter interrupt is initialized by setting the timer/event counter interrupt request flag (TF; bit 5 of INTC), caused by a timer overflow. When the interrupt is enabled, the stack is not full and the TF bit is set, a subroutine call to location 08H will occur. The related interrupt request flag (TF) will be reset and the EMI bit cleared to disable further interrupts. During the execution of an interrupt subroutine, other interrupt acknowledgments are held until the RETI instruction is executed or the EMI bit and the related interrupt control bit are set to 1 (of course, if the stack is not full). To return from the interrupt subroutine, RET or RETI may be invoked. RETI will set the EMI bit to enable an interrupt service, but RET will not. Interrupts, occurring in the interval between the rising edges of two consecutive T2 pulses, will be serviced on the latter of the two T2 pulses, if the corresponding interrupts are enabled. In the case of simultaneous requests the following table shows the priority that is applied. These can be masked by resetting the EMI bit.
1 2 3 4 5 6~7
AC Z OV PDF TO 3/4
Rev. 1.00
8
March 13, 2006
HT48R07A-1
Bit No. 0 1 2 3, 6~7 4 5 Label EMI EEI ETI 3/4 EIF TF Function Controls the master (global) interrupt (1= enabled; 0= disabled) Controls the external interrupt (1= enabled; 0= disabled) Controls the timer/event counter interrupt (1= enabled; 0= disabled) Unused bit, read as 0 External interrupt request flag (1= active; 0= inactive) Internal timer/event counter request flag (1= active; 0= inactive) INTC (0BH) Register No. a b Interrupt Source External Interrupt Timer/Event Counter Overflow Priority Vector 1 2 04H 08H If an RC oscillator is used, an external resistor between OSC1 and VDD is required and the resistance must range from 24kW to 1MW. The system clock, divided by 4, is available on OSC2, which can be used to synchronize external logic. The RC oscillator provides the most cost effective solution. However, the frequency of oscillation may vary with VDD, temperatures and the chip itself due to process variations. It is, therefore, not suitable for timing sensitive operations where an accurate oscillator frequency is desired. If the Crystal oscillator is used, a crystal across OSC1 and OSC2 is needed to provide the feedback and phase shift required for the oscillator, and no other external components are required. Instead of a crystal, a resonator can also be connected between OSC1 and OSC2 to get a frequency reference, but two external capacitors in OSC1 and OSC2 are required (If the oscillating frequency is less than 1MHz). The WDT oscillator is a free running on-chip RC oscillator, and no external components are required. Even if the system enters the Power Down Mode, the system clock is stopped, but the WDT oscillator still works with a period of approximately 65ms at 5V. The WDT oscillator can be disabled by options to conserve power. Watchdog Timer - WDT The WDT clock source is implemented by a dedicated RC oscillator (WDT oscillator) or instruction clock (system clock divided by 4), decided by options. This timer is designed to prevent a software malfunction or sequence jumping to an unknown location with unpredictable results. The Watchdog Timer can be disabled by an option. If the Watchdog Timer is disabled, all the executions related to the WDT result in no operation. Once an internal WDT oscillator (RC oscillator with a period of 65ms at 5V normally) is selected, it is first divided by 256 (8-stage) to get the nominal time-out period of approximately 17ms at 5V. This time-out period may vary with temperatures, VDD and process variations. By invoking the WDT prescaler, longer time-out periods can be realized. Writing data to WS2, WS1, WS0 (bit 2,1,0 of the WDTS) can give different time-out periods. If WS2, WS1 and WS0 are all equal to 1, the division ratio
The timer/event counter interrupt request flag (TF), external interrupt request flag (EIF), enable timer/event counter bit (ETI), enable external interrupt bit (EEI) and enable master interrupt bit (EMI) constitute an interrupt control register (INTC) which is located at 0BH in the data memory. EMI, EEI, ETI are used to control the enabling/disabling of interrupts. These bits prevent the requested interrupt from being serviced. Once the interrupt request flags (TF, EIF) are set, they will remain in the INTC register until the interrupts are serviced or cleared by a software instruction. It is recommended that a program does not use the CALL subroutine within the interrupt subroutine. Interrupts often occur in an unpredictable manner or need to be serviced immediately in some applications. If only one stack is left and enabling the interrupt is not well controlled, the original control sequence will be damaged once the CALL operates in the interrupt subroutine. Oscillator Configuration There are two oscillator circuits in the microcontroller.
V
DD
OSC1
470pF fS Y S /4 N M O S O p e n D r a in
OSC1
OSC2 C r y s ta l O s c illa to r
OSC2 RC O s c illa to r
System Oscillator Both are designed for system clocks, namely the RC oscillator and the Crystal oscillator, which are determined by the options. No matter what oscillator type is selected, the signal provides the system clock. The HALT mode stops the system oscillator and ignores an external signal to conserve power.
Rev. 1.00
9
March 13, 2006
HT48R07A-1
S y s te m C lo c k /4 W D T P r e s c a le r O p tio n S e le c t W DT OSC 8 - b it C o u n te r 7 - b it C o u n te r
8 -to -1 M U X W D T T im e - o u t
W S0~W S2
Watchdog Timer is up to 1:128, and the maximum time-out period is 2.1s at 5V seconds. If the WDT oscillator is disabled, the WDT clock may still come from the instruction clock and operate in the same manner except that in the HALT state the WDT may stop counting and lose its protecting purpose. In this situation the logic can only be restarted by external logic. The high nibble and bit 3 of the WDTS are reserved for users defined flags, which can be used to indicate some specified status. If the device operates in a noisy environment, using the on-chip RC oscillator (WDT OSC) is strongly recommended, since the HALT will stop the system clock. WS2 0 0 0 0 1 1 1 1 WS1 0 0 1 1 0 0 1 1 WS0 0 1 0 1 0 1 0 1 Division Ratio 1:1 1:2 1:4 1:8 1:16 1:32 1:64 1:128 Power Down Operation - HALT The HALT mode is initialized by the HALT instruction and results in the following...
* The system oscillator turned off but the WDT oscillator
keeps running (if the WDT oscillator is selected).
* The contents of the on-chip RAM and registers remain
unchanged.
* WDT and WDT prescaler will be cleared and start re-
counted again (if the WDT clock is from the WDT oscillator).
* AlloftheI/Oportsmaintaintheiroriginalstatus. * The PDF flag is set and the TO flag is cleared.
The system can leave the HALT mode by means of an external reset, an interrupt, an external falling edge signal on port A or a WDT overflow. An external reset causes a device initialization and the WDT overflow performs a warm reset. After the TO and PDF flags are examined, the reason for chip reset can be determined. The PDF flag is cleared by system power-up or executing the CLR WDT instruction and is set when executing the HALT instruction. The TO flag is set if the WDT time-out occurs, and causes a wake-up that only resets the Program Counter and SP; the others keep their original status. The port A wake-up and interrupt methods can be considered as a continuation of normal execution. Each bit in port A can be independently selected to wake-up the device by the options. Awakening from an I/O port stimulus, the program will resume execution of the next instruction. If it is awakening from an interrupt, two sequences may happen. If the related interrupt is disabled or the interrupt is enabled but the stack is full, the program will resume execution at the next instruction. If the interrupt is enabled and the stack is not full, the regular interrupt response takes place. If an interrupt request flag is set to 1 before entering the HALT mode, the wake-up function of the related interrupt will be disabled. Once a wake-up event occurs, it takes 1024 tSYS (system clock period) to resume normal operation. In other words, a dummy period will be inserted after wake-up. If the wake-up results from an interrupt acknowledgment, the actual interrupt subroutine execution will be delayed by one or more cycles. If the wake-up results in the next instruction execution, this will be executed immediately
WDTS (09H) Register The WDT overflow under normal operation will initialize chip reset and set the status bit TO. But in the HALT mode, the overflow will initialize a warm reset, and only the Program Counter and SP are reset to zero. To clear the contents of WDT (including the WDT prescaler), three methods are adopted; external reset (a low level to RES), software instruction and a HALT instruction. The software instruction include CLR WDT and the other set - CLR WDT1 and CLR WDT2. Of these two types of instruction, only one can be active depending on the option - CLR WDT times selection option. If the CLR WDT is selected (i.e. CLRWDT times equal one), any execution of the CLR WDT instruction will clear the WDT. In the case that CLR WDT1 and CLR WDT2 are chosen (i.e. CLRWDT times equal two), these two instructions must be executed to clear the WDT; otherwise, the WDT may reset the chip as a result of time-out.
Rev. 1.00
10
March 13, 2006
HT48R07A-1
after the dummy period is finished. To minimize power consumption, all the I/O pins should be carefully managed before entering the HALT status. Reset There are three ways in which a reset can occur:
* RES reset during normal operation * RES reset during HALT * WDT time-out reset during normal operation
10kW 0 .1 m F *
V
DD
0 .0 1 m F * 100kW RES
Reset Circuit Note: * Make the length of the wiring, which is connected to the RES pin as short as possible, to avoid noise interference.
VDD RES S S T T im e - o u t C h ip R eset tS
ST
The WDT time-out during HALT is different from other chip reset conditions, since it can perform a warm re set that resets only the Program Counter and SP, leaving the other circuits in their original state. Some registers remain unchanged during other reset conditions. Most registers are reset to the initial condition when the reset conditions are met. By examining the PDF and TO flags, the program can distinguish between different chip resets. TO PDF 0 u 0 1 1 0 u 1 u 1 RESET Conditions RES reset during power-up RES reset during normal operation RES wake-up HALT WDT time-out during normal operation WDT wake-up HALT
Reset Timing Chart
HALT W DT
RES
W a rm
R eset
Note: u means unchanged To guarantee that the system oscillator is started and stabilized, the SST (System Start-up Timer) provides an extra-delay of 1024 system clock pulses when the system reset (power-up, WDT time-out or RES reset) or the system awakes from the HALT state. When a system reset occurs, the SST delay is added during the reset period. Any wake-up from HALT will enable the SST delay. An extra option load time delay is added during system reset (power-up, WDT time-out at normal mode or RES reset). The functional unit chip reset status are shown below. Program Counter Interrupt Prescaler WDT Timer/Event Counter Input/Output Ports Stack Pointer 000H Disable Clear Clear. After master reset, WDT begins counting Off Input mode Points to the top of the stack
OSC1
SST 1 0 - b it R ip p le C o u n te r S y s te m R eset
C o ld R eset
Reset Configuration
Rev. 1.00
11
March 13, 2006
HT48R07A-1
The states of the registers is summarized in the table. Register Program Counter MP ACC TBLP TBLH WDTS STATUS INTC TMR TMRC PA PAC PB PBC PC PCC Note: Reset (Power-on) 000H -xxx xxxx xxxx xxxx xxxx xxxx --xx xxxx 0000 0111 --00 xxxx --00 -000 xxxx xxxx 00-0 1000 1111 1111 1111 1111 1111 1111 1111 1111 ---- -111 ---- -111 * means warm reset u means unchanged x means unknown pulse width measurement mode can be used to count the high or low level duration of the external signal (TMR). The counting is based on the fINT clock. In the event count or timer mode, once the timer/event counter starts counting, it will count from the current contents in the timer/event counter to FFH. Once an overflow occurs, the counter is reloaded from the timer/event counter preload register and generates the interrupt request flag (TF; bit 5 of INTC) at the same time. In the pulse width measurement mode with the TON and TE bits equal to one, once the TMR has received a transient from low to high (or high to low if the TE bit is 0) it will start counting until the TMR returns to the original level and resets the TON bit. The measured result will remain in the timer/event counter even if the activated transient occurs again. In other words, only one cycle measurement can be done. When the TON bit is again set high, the cycle measurement will function again as long as it receives a further transient pulse. Note that, in this operating mode, the timer/event counter starts counting not according to the logic level but according to the transient edges. In the case of counter overflows, the counter is reloaded from the timer/event counter preload register and issues the interrupt request WDT Time-out (Normal Operation) 000H -uuu uuuu uuuu uuuu uuuu uuuu --uu uuuu 0000 0111 --1u uuuu --00 -000 xxxx xxxx 00-0 1000 1111 1111 1111 1111 1111 1111 1111 1111 ---- -111 ---- -111 RES Reset (Normal Operation) 000H -uuu uuuu uuuu uuuu uuuu uuuu --uu uuuu 0000 0111 --uu uuuu --00 -000 xxxx xxxx 00-0 1000 1111 1111 1111 1111 1111 1111 1111 1111 ---- -111 ---- -111 RES Reset (HALT) 000H -uuu uuuu uuuu uuuu uuuu uuuu --uu uuuu 0000 0111 --01 uuuu --00 -000 xxxx xxxx 00-0 1000 1111 1111 1111 1111 1111 1111 1111 1111 ---- -111 ---- -111 WDT Time-out (HALT)* 000H -uuu uuuu uuuu uuuu uuuu uuuu --uu uuuu uuuu uuuu --11 uuuu --uu -uuu uuuu uuuu uu-u uuuu uuuu uuuu uuuu uuuu uuuu uuuu uuuu uuuu ---- -uuu ---- -uuu
Timer/Event Counter A timer/event counter (TMR) is implemented in the microcontroller. The timer/event counter contains an 8-bit programmable count-up counter and the clock may come from an external source or the system clock. Using an external clock input allows the user to count external events, measure time internals or pulse widths, or generate an accurate time base. While using the internal clock allows the user to generate an accurate time base. The timer/event counter can generate PFD signal by using an external or internal clock. The PFD frequency is determined by the equation fINT/[2(256-N)]. There are 2 registers related to the timer/event counter; TMR (0DH) and TMRC (0EH). Two physical registers are mapped to the TMR location; writing to TMR places the starting value in the timer/event counter preload register and reading TMR retrieves the contents of the timer/event counter. The TMRC register is a timer/event counter control register, which defines some options. The TM0, TM1 bits define the operating mode. The event count mode is used to count external events, which means the clock source comes from an external (TMR) pin. The timer mode functions as a normal timer with the clock source coming from the fINT clock. The Rev. 1.00 12
March 13, 2006
HT48R07A-1
just like the other two modes. To enable the counting operation, the timer on bit, TON, (bit 4 of TMRC) should be set to 1. In the pulse width measurement mode, TON will be cleared automatically after the measurement cycle is completed. But in the other two modes TON can only be reset by instructions. The overflow of the timer/event counter is one of the wake-up sources. No matter what the operation mode is, writing a 0 to ETI can disable the interrupt service. In the case of a timer/event counter off condition, writing data to the timer/event counter preload register will also reload that data to the timer/event counter. But if the timer/event counter is turned on, data written to it will only be kept in the timer/event counter preload register. The timer/event counter will still operate until an overflow occurs. When the timer/event counter (reading TMR) is read, the clock will be blocked to avoid errors. As clock blocking may results in a counting error, this
fS
YS
must be taken into consideration by the programmer. Bits 0~2 of TMRC can be used to define the pre-scaling stages of the internal clock sources of the timer/event counter. The definitions are as shown. The overflow signal of the timer/event counter can be used to generate PFD signals for buzzer driving. Input/Output Ports There are 19 bidirectional input/output lines in the microcontroller, labeled from PA to PC, which are mapped to the data memory of [12H], [14H] and [16H], respectively. All of these I/O ports can be used for input and output operations. For input operation, these ports are non-latching, that is, the inputs must be ready at the T2 rising edge of instruction MOV A,[m] (m=12H, 14H or 16H). For output operation, all the data is latched and remains unchanged until the output latch is rewritten.
8 - s ta g e P r e s c a le r 8 -1 M U X PSC2~PSC0 TM R TE TM 1 TM 0 TON P u ls e W id th M e a s u re m e n t M o d e C o n tro l T im e r /E v e n t C o u n te r O v e r flo w to In te rru p t BZ BZ f IN
T
D a ta B u s TM 1 TM 0 T im e r /E v e n t C o u n te r P r e lo a d R e g is te r R e lo a d
1 /2
Timer/Event Counter Bit No. Label Function
0~2
To define the prescaler stages, PSC2, PSC1, PSC0= 000: fINT=fSYS/2 001: fINT=fSYS/4 010: fINT=fSYS/8 PSC0~PSC2 011: fINT=fSYS/16 100: fINT=fSYS/32 101: fINT=fSYS/64 110: fINT=fSYS/128 111: fINT=fSYS/256 Defines the TMR active edge of the timer/event counter: In event counter mode (TM1,TM0)=(0,1): 1:count on falling edge; 0:count on rising edge In Pulse Width measurement mode (TM1,TM0)=(1,1): 1: start counting on the rising edge, stop on the falling edge; 0: start counting on the falling edge, stop on the rising edge To enable or disable timer counting (0=disabled; 1=enabled) Unused bit, read as 0 To define the operating mode 01=Event count mode (external clock) 10=Timer mode (internal clock) 11=Pulse width measurement mode 00=Unused TMRC (0EH) Register
3
TE
4 5
TON 3/4
6 7
TM0 TM1
Rev. 1.00
13
March 13, 2006
HT48R07A-1
Each I/O line has its own control register (PAC, PBC, PCC) to control the input/output configuration. With this control register, CMOS output or Schmitt trigger input with or without pull-high resistor structures can be reconfigured dynamically (i.e. on-the-fly) under software control. To function as an input, the corresponding latch of the control register must write 1. The input source also depends on the control register. If the control register bit is 1, the input will read the pad state. If the control register bit is 0, the contents of the latches will move to the internal bus. The latter is possible in the read-modify-write instruction. For output function, CMOS is the only configuration. These control registers are mapped to locations 13H, 15H and 17H. After a chip reset, these input/output lines remain at high levels or floating state (dependent on pull-high options). Each bit of these input/output latches can be set or cleared by SET [m].i and CLR [m].i (m=12H, 14H or 16H) instructions. Some instructions first input data and then follow the output operations. For example, SET [m].i, CLR [m].i, CPL [m], CPLA [m] read the entire port states into the CPU, execute the defined operations (bit-operation), and then write the results back to the latches or the accumulator.H Each line of port A has the capability of waking-up the device. The highest 5-bit of port C are not physically implemented; on reading them a 0 is returned whereas writing then results in a no-operation. See Application note. There are 3 pull-high options available for PA, PB and
V D a ta B u s W r ite C o n tr o l R e g is te r C h ip R e s e t R e a d C o n tr o l R e g is te r D a ta B it Q D CK S Q M U X C o n tr o l B it Q D CK S Q PA0~PA7 PB0~PB7 PC 0~PC 2 P u ll- h ig h
DD
PC individually. Once the pull-high option is selected, I/O lines have pull-high resistors. Otherwise, the pull-high resistors are absent. It should be noted that a non-pull-high I/O line operating in input mode will cause a floating state. The PB0 and PB1 are pin-shared with BZ and BZ signal, respectively. If the BZ/BZ option is selected, the output signal in output mode of PB0/PB1 will be the PFD signal generated by timer/event counter overflow signal. The input mode always remaining its original functions. Once the BZ/BZ option is selected, the buzzer output signals are controlled by PB0 data register only. The I/O functions of PB0/PB1 are shown below. PB0 I/O PB1 I/O I I I I I O OOO O O I C D x D I I IOOO B B 1 x B B
OOO C x D I D B 0 x I 0 B 1 x I B
PB0/PB1 Mode x PB0 Data PB1 Data x x
BBC
0 1 D0 0 x x D1 x 0 B D0 0 I I D1 0
PB0 Pad Status I PB1 Pad Status I Note:
I: input; O: output; D, D0, D1: data; B: buzzer option, BZ or BZ; x: dont care C: CMOS output
The PC0 and PC1 are pin-shared with INT, TMR and pins, respectively. It is recommended that unused or not bonded out I/O lines should be set as output pins by software instruction to avoid consuming power under input floating state.
W r ite D a ta R e g is te r
( P B 0 , P B 1 O n ly )
PB0 EXT M U X
BZEN ( P B 0 , P B 1 O n ly )
R e a d D a ta R e g is te r S y s te m W a k e -u p ( P A o n ly ) IN T fo r P C 0 O n ly T M R fo r P C 1 O n ly
O P0~O P7
Input/Output Ports
Rev. 1.00
14
March 13, 2006
HT48R07A-1
Low Voltage Reset - LVR The microcontroller provides low voltage reset circuit in order to monitor the supply voltage of the device. If the supply voltage of the device is within the range 0.9V~VLVR, such as when changing a battery, the LVR will automatically reset the device internally. The LVR includes the following specifications:
* The low voltage (0.9V~VLVR) has to remain in its origi-
The relationship between VDD and VLVR is shown below.
VDD 5 .5 V V
OPR
5 .5 V
V 3 .0 V 2 .2 V
LVR
nal state for longer than 1ms. If the low voltage state does not exceed 1ms, the LVR will ignore it and will not perform a reset function.
* The LVR uses an OR function with the external RES
0 .9 V
Note:
VOPR is the voltage range for proper chip operation at 4MHz system clock.
signal to perform a chip reset.
V 5 .5 V
DD
V
LVR
LVR
D e te c t V o lta g e
0 .9 V 0V R e s e t S ig n a l
R eset *1
N o r m a l O p e r a tio n *2
R eset
Low Voltage Reset Note: *1: To make sure that the system oscillator has stabilized, the SST provides an extra delay of 1024 system clock pulses before starting normal operation. *2: Since the low voltage has to maintain its original state for longer than 1ms, therefore a 1ms delay enters the reset mode.
Options The following table shows the configuration options for the microcontroller. All of the options must be defined to ensure proper system functioning. No. 1 2 3 4 5 6 7 8 9 10 WDT clock source: WDT OSC or fSYS/4 WDT function: enable or disable LVR function: enable or disable CLRWDT instructions: 1 or 2 instructions System oscillator: RC or crystal/ceramic PA pull-high: enable or disable PB pull-high: enable or disable PC pull-high: enable or disable Buzzer function: enable or disable PA0~PA7 wake-up: enable or disable Option
Rev. 1.00
15
March 13, 2006
HT48R07A-1
Application Circuits
V
DD
0 .0 1 m F * 100kW 0 .1 m F
VDD RES
PA0~PA7 P B 0 /B Z P B 1 /B Z PB2~PB7 V P C 0 /IN T P C 1 /T M R PC2 R
10kW
0 .1 m F * VSS
DD OSC
470pF C1
OSC1 fS
YS
R C S y s te m O s c illa to r 24kW OSC C ir c u it S e e R ig h t S id e
OSC1 OSC2
/4
OSC2 OSC1 C ry s ta l S y s te m F o r th e v a lu e s , s e e ta b le b e lo w O s c illa to r
C2 R1 H T 4 8 R 0 7 A -1
OSC2 OSC
C ir c u it
The following table shows the C1, C2 and R1 values corresponding to the different crystal values. (For reference only) Crystal or Resonator 4MHz Crystal 4MHz Resonator 3.58MHz Crystal 3.58MHz Resonator 2MHz Crystal & Resonator 1MHz Crystal 480kHz Resonator 455kHz Resonator 429kHz Resonator C1, C2 0pF 10pF 0pF 25pF 25pF 35pF 300pF 300pF 300pF R1 10kW 12kW 10kW 10kW 10kW 27kW 9.1kW 10kW 10kW
The function of the resistor R1 is to ensure that the oscillator will switch off should low voltage conditions occur. Such a low voltage, as mentioned here, is one which is less than the lowest value of the MCU operating voltage. Note however that if the LVR is enabled then R1 can be removed. Note: The resistance and capacitance for reset circuit should be designed in such a way as to ensure that the VDD is stable and remains within a valid operating voltage range before bringing RES high. * Make the length of the wiring, which is connected to the RES pin as short as possible, to avoid noise interference.
Rev. 1.00
16
March 13, 2006
HT48R07A-1
Instruction Set Summary
Mnemonic Arithmetic ADD A,[m] ADDM A,[m] ADD A,x ADC A,[m] ADCM A,[m] SUB A,x SUB A,[m] SUBM A,[m] SBC A,[m] SBCM A,[m] DAA [m] Add data memory to ACC Add ACC to data memory Add immediate data to ACC Add data memory to ACC with carry Add ACC to data memory with carry Subtract immediate data from ACC Subtract data memory from ACC Subtract data memory from ACC with result in data memory Subtract data memory from ACC with carry Subtract data memory from ACC with carry and result in data memory Decimal adjust ACC for addition with result in data memory 1 1(1) 1 1 1(1) 1 1 1(1) 1 1(1) 1(1) Z,C,AC,OV Z,C,AC,OV Z,C,AC,OV Z,C,AC,OV Z,C,AC,OV Z,C,AC,OV Z,C,AC,OV Z,C,AC,OV Z,C,AC,OV Z,C,AC,OV C Description Instruction Cycle Flag Affected
Logic Operation AND A,[m] OR A,[m] XOR A,[m] ANDM A,[m] ORM A,[m] XORM A,[m] AND A,x OR A,x XOR A,x CPL [m] CPLA [m] AND data memory to ACC OR data memory to ACC Exclusive-OR data memory to ACC AND ACC to data memory OR ACC to data memory Exclusive-OR ACC to data memory AND immediate data to ACC OR immediate data to ACC Exclusive-OR immediate data to ACC Complement data memory Complement data memory with result in ACC 1 1 1 1(1) 1(1) 1(1) 1 1 1 1(1) 1 Z Z Z Z Z Z Z Z Z Z Z
Increment & Decrement INCA [m] INC [m] DECA [m] DEC [m] Rotate RRA [m] RR [m] RRCA [m] RRC [m] RLA [m] RL [m] RLCA [m] RLC [m] Data Move MOV A,[m] MOV [m],A MOV A,x Bit Operation CLR [m].i SET [m].i Clear bit of data memory Set bit of data memory 1(1) 1(1) None None Move data memory to ACC Move ACC to data memory Move immediate data to ACC 1 1(1) 1 None None None Rotate data memory right with result in ACC Rotate data memory right Rotate data memory right through carry with result in ACC Rotate data memory right through carry Rotate data memory left with result in ACC Rotate data memory left Rotate data memory left through carry with result in ACC Rotate data memory left through carry 1 1(1) 1 1(1) 1 1(1) 1 1(1) None None C C None None C C Increment data memory with result in ACC Increment data memory Decrement data memory with result in ACC Decrement data memory 1 1(1) 1 1(1) Z Z Z Z
Rev. 1.00
17
March 13, 2006
HT48R07A-1
Mnemonic Branch JMP addr SZ [m] SZA [m] SZ [m].i SNZ [m].i SIZ [m] SDZ [m] SIZA [m] SDZA [m] CALL addr RET RET A,x RETI Table Read TABRDC [m] TABRDL [m] Miscellaneous NOP CLR [m] SET [m] CLR WDT CLR WDT1 CLR WDT2 SWAP [m] SWAPA [m] HALT Note: No operation Clear data memory Set data memory Clear Watchdog Timer Pre-clear Watchdog Timer Pre-clear Watchdog Timer Swap nibbles of data memory Swap nibbles of data memory with result in ACC Enter Power Down Mode 1 1(1) 1(1) 1 1 1 1(1) 1 1 None None None TO,PDF TO(4),PDF(4) TO(4),PDF(4) None None TO,PDF Read ROM code (current page) to data memory and TBLH Read ROM code (last page) to data memory and TBLH (This instruction is not valid for HT48R07A-1) 2(1) 2(1) None None Jump unconditionally Skip if data memory is zero Skip if data memory is zero with data movement to ACC Skip if bit i of data memory is zero Skip if bit i of data memory is not zero Skip if increment data memory is zero Skip if decrement data memory is zero Skip if increment data memory is zero with result in ACC Skip if decrement data memory is zero with result in ACC Subroutine call Return from subroutine Return from subroutine and load immediate data to ACC Return from interrupt 2 1(2) 1(2) 1(2) 1(2) 1(3) 1(3) 1(2) 1(2) 2 2 2 2 None None None None None None None None None None None None None Description Instruction Cycle Flag Affected
x: Immediate data m: Data memory address A: Accumulator i: 0~7 number of bits addr: Program memory address O: Flag is affected -: Flag is not affected
(1)
: If a loading to the PCL register occurs, the execution cycle of instructions will be delayed for one more cycle (four system clocks). : If a skipping to the next instruction occurs, the execution cycle of instructions will be delayed for one more cycle (four system clocks). Otherwise the original instruction cycle is unchanged. : and (2)
(2)
(3) (1) (4)
: The flags may be affected by the execution status. If the Watchdog Timer is cleared by executing the CLR WDT1 or CLR WDT2 instruction, the TO and PDF are cleared. Otherwise the TO and PDF flags remain unchanged.
Rev. 1.00
18
March 13, 2006
HT48R07A-1
Instruction Definition
ADC A,[m] Description Operation Affected flag(s) TO 3/4 ADCM A,[m] Description Operation Affected flag(s) TO 3/4 ADD A,[m] Description Operation Affected flag(s) TO 3/4 ADD A,x Description Operation Affected flag(s) TO 3/4 ADDM A,[m] Description Operation Affected flag(s) TO 3/4 PDF 3/4 OV O Z O AC O C O PDF 3/4 OV O Z O AC O C O PDF 3/4 OV O Z O AC O C O PDF 3/4 OV O Z O AC O C O PDF 3/4 OV O Z O AC O C O Add data memory and carry to the accumulator The contents of the specified data memory, accumulator and the carry flag are added simultaneously, leaving the result in the accumulator. ACC ACC+[m]+C
Add the accumulator and carry to data memory The contents of the specified data memory, accumulator and the carry flag are added simultaneously, leaving the result in the specified data memory. [m] ACC+[m]+C
Add data memory to the accumulator The contents of the specified data memory and the accumulator are added. The result is stored in the accumulator. ACC ACC+[m]
Add immediate data to the accumulator The contents of the accumulator and the specified data are added, leaving the result in the accumulator. ACC ACC+x
Add the accumulator to the data memory The contents of the specified data memory and the accumulator are added. The result is stored in the data memory. [m] ACC+[m]
Rev. 1.00
19
March 13, 2006
HT48R07A-1
AND A,[m] Description Operation Affected flag(s) TO 3/4 AND A,x Description Operation Affected flag(s) TO 3/4 ANDM A,[m] Description Operation Affected flag(s) TO 3/4 CALL addr Description PDF 3/4 OV 3/4 Z O AC 3/4 C 3/4 PDF 3/4 OV 3/4 Z O AC 3/4 C 3/4 PDF 3/4 OV 3/4 Z O AC 3/4 C 3/4 Logical AND accumulator with data memory Data in the accumulator and the specified data memory perform a bitwise logical_AND operation. The result is stored in the accumulator. ACC ACC AND [m]
Logical AND immediate data to the accumulator Data in the accumulator and the specified data perform a bitwise logical_AND operation. The result is stored in the accumulator. ACC ACC AND x
Logical AND data memory with the accumulator Data in the specified data memory and the accumulator perform a bitwise logical_AND operation. The result is stored in the data memory. [m] ACC AND [m]
Subroutine call The instruction unconditionally calls a subroutine located at the indicated address. The program counter increments once to obtain the address of the next instruction, and pushes this onto the stack. The indicated address is then loaded. Program execution continues with the instruction at this address. Stack Program Counter+1 Program Counter addr
Operation Affected flag(s)
TO 3/4 CLR [m] Description Operation Affected flag(s) TO 3/4
PDF 3/4
OV 3/4
Z 3/4
AC 3/4
C 3/4
Clear data memory The contents of the specified data memory are cleared to 0. [m] 00H
PDF 3/4
OV 3/4
Z 3/4
AC 3/4
C 3/4
Rev. 1.00
20
March 13, 2006
HT48R07A-1
CLR [m].i Description Operation Affected flag(s) TO 3/4 CLR WDT Description Operation Affected flag(s) TO 0 CLR WDT1 Description PDF 0 OV 3/4 Z 3/4 AC 3/4 C 3/4 PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 Clear bit of data memory The bit i of the specified data memory is cleared to 0. [m].i 0
Clear Watchdog Timer The WDT is cleared (clears the WDT). The power down bit (PDF) and time-out bit (TO) are cleared. WDT 00H PDF and TO 0
Preclear Watchdog Timer Together with CLR WDT2, clears the WDT. PDF and TO are also cleared. Only execution of this instruction without the other preclear instruction just sets the indicated flag which implies this instruction has been executed and the TO and PDF flags remain unchanged. WDT 00H* PDF and TO 0*
Operation Affected flag(s)
TO 0* CLR WDT2 Description
PDF 0*
OV 3/4
Z 3/4
AC 3/4
C 3/4
Preclear Watchdog Timer Together with CLR WDT1, clears the WDT. PDF and TO are also cleared. Only execution of this instruction without the other preclear instruction, sets the indicated flag which implies this instruction has been executed and the TO and PDF flags remain unchanged. WDT 00H* PDF and TO 0*
Operation Affected flag(s)
TO 0* CPL [m] Description Operation Affected flag(s) TO 3/4
PDF 0*
OV 3/4
Z 3/4
AC 3/4
C 3/4
Complement data memory Each bit of the specified data memory is logically complemented (1s complement). Bits which previously contained a 1 are changed to 0 and vice-versa. [m] [m]
PDF 3/4
OV 3/4
Z O
AC 3/4
C 3/4
Rev. 1.00
21
March 13, 2006
HT48R07A-1
CPLA [m] Description Complement data memory and place result in the accumulator Each bit of the specified data memory is logically complemented (1s complement). Bits which previously contained a 1 are changed to 0 and vice-versa. The complemented result is stored in the accumulator and the contents of the data memory remain unchanged. ACC [m]
Operation Affected flag(s)
TO 3/4 DAA [m] Description
PDF 3/4
OV 3/4
Z O
AC 3/4
C 3/4
Decimal-Adjust accumulator for addition The accumulator value is adjusted to the BCD (Binary Coded Decimal) code. The accumulator is divided into two nibbles. Each nibble is adjusted to the BCD code and an internal carry (AC1) will be done if the low nibble of the accumulator is greater than 9. The BCD adjustment is done by adding 6 to the original value if the original value is greater than 9 or a carry (AC or C) is set; otherwise the original value remains unchanged. The result is stored in the data memory and only the carry flag (C) may be affected. If ACC.3~ACC.0 >9 or AC=1 then [m].3~[m].0 (ACC.3~ACC.0)+6, AC1=AC else [m].3~[m].0 (ACC.3~ACC.0), AC1=0 and If ACC.7~ACC.4+AC1 >9 or C=1 then [m].7~[m].4 ACC.7~ACC.4+6+AC1,C=1 else [m].7~[m].4 ACC.7~ACC.4+AC1,C=C
Operation
Affected flag(s) TO 3/4 DEC [m] Description Operation Affected flag(s) TO 3/4 DECA [m] Description Operation Affected flag(s) TO 3/4 PDF 3/4 OV 3/4 Z O AC 3/4 C 3/4 PDF 3/4 OV 3/4 Z O AC 3/4 C 3/4 PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C O
Decrement data memory Data in the specified data memory is decremented by 1. [m] [m]-1
Decrement data memory and place result in the accumulator Data in the specified data memory is decremented by 1, leaving the result in the accumulator. The contents of the data memory remain unchanged. ACC [m]-1
Rev. 1.00
22
March 13, 2006
HT48R07A-1
HALT Description Enter Power Down Mode This instruction stops program execution and turns off the system clock. The contents of the RAM and registers are retained. The WDT and prescaler are cleared. The power down bit (PDF) is set and the WDT time-out bit (TO) is cleared. Program Counter Program Counter+1 PDF 1 TO 0
Operation
Affected flag(s) TO 0 INC [m] Description Operation Affected flag(s) TO 3/4 INCA [m] Description Operation Affected flag(s) TO 3/4 JMP addr Description Operation Affected flag(s) TO 3/4 MOV A,[m] Description Operation Affected flag(s) TO 3/4 PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 Directly jump The program counter are replaced with the directly-specified address unconditionally, and control is passed to this destination. Program Counter addr PDF 3/4 OV 3/4 Z O AC 3/4 C 3/4 PDF 3/4 OV 3/4 Z O AC 3/4 C 3/4 PDF 1 OV 3/4 Z 3/4 AC 3/4 C 3/4
Increment data memory Data in the specified data memory is incremented by 1 [m] [m]+1
Increment data memory and place result in the accumulator Data in the specified data memory is incremented by 1, leaving the result in the accumulator. The contents of the data memory remain unchanged. ACC [m]+1
Move data memory to the accumulator The contents of the specified data memory are copied to the accumulator. ACC [m]
Rev. 1.00
23
March 13, 2006
HT48R07A-1
MOV A,x Description Operation Affected flag(s) TO 3/4 MOV [m],A Description Operation Affected flag(s) TO 3/4 NOP Description Operation Affected flag(s) TO 3/4 OR A,[m] Description Operation Affected flag(s) TO 3/4 OR A,x Description Operation Affected flag(s) TO 3/4 ORM A,[m] Description Operation Affected flag(s) TO 3/4 PDF 3/4 OV 3/4 Z O AC 3/4 C 3/4 PDF 3/4 OV 3/4 Z O AC 3/4 C 3/4 PDF 3/4 OV 3/4 Z O AC 3/4 C 3/4 PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 No operation No operation is performed. Execution continues with the next instruction. Program Counter Program Counter+1 PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 Move immediate data to the accumulator The 8-bit data specified by the code is loaded into the accumulator. ACC x
Move the accumulator to data memory The contents of the accumulator are copied to the specified data memory (one of the data memories). [m] ACC
Logical OR accumulator with data memory Data in the accumulator and the specified data memory (one of the data memories) perform a bitwise logical_OR operation. The result is stored in the accumulator. ACC ACC OR [m]
Logical OR immediate data to the accumulator Data in the accumulator and the specified data perform a bitwise logical_OR operation. The result is stored in the accumulator. ACC ACC OR x
Logical OR data memory with the accumulator Data in the data memory (one of the data memories) and the accumulator perform a bitwise logical_OR operation. The result is stored in the data memory. [m] ACC OR [m]
Rev. 1.00
24
March 13, 2006
HT48R07A-1
RET Description Operation Affected flag(s) TO 3/4 RET A,x Description Operation Affected flag(s) TO 3/4 RETI Description Operation Affected flag(s) TO 3/4 RL [m] Description Operation Affected flag(s) TO 3/4 RLA [m] Description Operation Affected flag(s) TO 3/4 PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 Return from subroutine The program counter is restored from the stack. This is a 2-cycle instruction. Program Counter Stack
Return and place immediate data in the accumulator The program counter is restored from the stack and the accumulator loaded with the specified 8-bit immediate data. Program Counter Stack ACC x
Return from interrupt The program counter is restored from the stack, and interrupts are enabled by setting the EMI bit. EMI is the enable master (global) interrupt bit. Program Counter Stack EMI 1
Rotate data memory left The contents of the specified data memory are rotated 1 bit left with bit 7 rotated into bit 0. [m].(i+1) [m].i; [m].i:bit i of the data memory (i=0~6) [m].0 [m].7
Rotate data memory left and place result in the accumulator Data in the specified data memory is rotated 1 bit left with bit 7 rotated into bit 0, leaving the rotated result in the accumulator. The contents of the data memory remain unchanged. ACC.(i+1) [m].i; [m].i:bit i of the data memory (i=0~6) ACC.0 [m].7
Rev. 1.00
25
March 13, 2006
HT48R07A-1
RLC [m] Description Operation Rotate data memory left through carry The contents of the specified data memory and the carry flag are rotated 1 bit left. Bit 7 replaces the carry bit; the original carry flag is rotated into the bit 0 position. [m].(i+1) [m].i; [m].i:bit i of the data memory (i=0~6) [m].0 C C [m].7
Affected flag(s) TO 3/4 RLCA [m] Description PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C O
Rotate left through carry and place result in the accumulator Data in the specified data memory and the carry flag are rotated 1 bit left. Bit 7 replaces the carry bit and the original carry flag is rotated into bit 0 position. The rotated result is stored in the accumulator but the contents of the data memory remain unchanged. ACC.(i+1) [m].i; [m].i:bit i of the data memory (i=0~6) ACC.0 C C [m].7
Operation
Affected flag(s) TO 3/4 RR [m] Description Operation Affected flag(s) TO 3/4 RRA [m] Description Operation Affected flag(s) TO 3/4 RRC [m] Description Operation PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C O
Rotate data memory right The contents of the specified data memory are rotated 1 bit right with bit 0 rotated to bit 7. [m].i [m].(i+1); [m].i:bit i of the data memory (i=0~6) [m].7 [m].0
Rotate right and place result in the accumulator Data in the specified data memory is rotated 1 bit right with bit 0 rotated into bit 7, leaving the rotated result in the accumulator. The contents of the data memory remain unchanged. ACC.(i) [m].(i+1); [m].i:bit i of the data memory (i=0~6) ACC.7 [m].0
Rotate data memory right through carry The contents of the specified data memory and the carry flag are together rotated 1 bit right. Bit 0 replaces the carry bit; the original carry flag is rotated into the bit 7 position. [m].i [m].(i+1); [m].i:bit i of the data memory (i=0~6) [m].7 C C [m].0
Affected flag(s) TO 3/4 PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C O
Rev. 1.00
26
March 13, 2006
HT48R07A-1
RRCA [m] Description Rotate right through carry and place result in the accumulator Data of the specified data memory and the carry flag are rotated 1 bit right. Bit 0 replaces the carry bit and the original carry flag is rotated into the bit 7 position. The rotated result is stored in the accumulator. The contents of the data memory remain unchanged. ACC.i [m].(i+1); [m].i:bit i of the data memory (i=0~6) ACC.7 C C [m].0
Operation
Affected flag(s) TO 3/4 SBC A,[m] Description Operation Affected flag(s) TO 3/4 SBCM A,[m] Description Operation Affected flag(s) TO 3/4 SDZ [m] Description PDF 3/4 OV O Z O AC O C O PDF 3/4 OV O Z O AC O C O PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C O
Subtract data memory and carry from the accumulator The contents of the specified data memory and the complement of the carry flag are subtracted from the accumulator, leaving the result in the accumulator. ACC ACC+[m]+C
Subtract data memory and carry from the accumulator The contents of the specified data memory and the complement of the carry flag are subtracted from the accumulator, leaving the result in the data memory. [m] ACC+[m]+C
Skip if decrement data memory is 0 The contents of the specified data memory are decremented by 1. If the result is 0, the next instruction is skipped. If the result is 0, the following instruction, fetched during the current instruction execution, is discarded and a dummy cycle is replaced to get the proper instruction (2 cycles). Otherwise proceed with the next instruction (1 cycle). Skip if ([m]-1)=0, [m] ([m]-1)
Operation Affected flag(s)
TO 3/4 SDZA [m] Description
PDF 3/4
OV 3/4
Z 3/4
AC 3/4
C 3/4
Decrement data memory and place result in ACC, skip if 0 The contents of the specified data memory are decremented by 1. If the result is 0, the next instruction is skipped. The result is stored in the accumulator but the data memory remains unchanged. If the result is 0, the following instruction, fetched during the current instruction execution, is discarded and a dummy cycle is replaced to get the proper instruction (2 cycles). Otherwise proceed with the next instruction (1 cycle). Skip if ([m]-1)=0, ACC ([m]-1)
Operation Affected flag(s)
TO 3/4
PDF 3/4
OV 3/4
Z 3/4
AC 3/4
C 3/4
Rev. 1.00
27
March 13, 2006
HT48R07A-1
SET [m] Description Operation Affected flag(s) TO 3/4 SET [m]. i Description Operation Affected flag(s) TO 3/4 SIZ [m] Description PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 Set data memory Each bit of the specified data memory is set to 1. [m] FFH
Set bit of data memory Bit i of the specified data memory is set to 1. [m].i 1
Skip if increment data memory is 0 The contents of the specified data memory are incremented by 1. If the result is 0, the following instruction, fetched during the current instruction execution, is discarded and a dummy cycle is replaced to get the proper instruction (2 cycles). Otherwise proceed with the next instruction (1 cycle). Skip if ([m]+1)=0, [m] ([m]+1)
Operation Affected flag(s)
TO 3/4 SIZA [m] Description
PDF 3/4
OV 3/4
Z 3/4
AC 3/4
C 3/4
Increment data memory and place result in ACC, skip if 0 The contents of the specified data memory are incremented by 1. If the result is 0, the next instruction is skipped and the result is stored in the accumulator. The data memory remains unchanged. If the result is 0, the following instruction, fetched during the current instruction execution, is discarded and a dummy cycle is replaced to get the proper instruction (2 cycles). Otherwise proceed with the next instruction (1 cycle). Skip if ([m]+1)=0, ACC ([m]+1)
Operation Affected flag(s)
TO 3/4 SNZ [m].i Description
PDF 3/4
OV 3/4
Z 3/4
AC 3/4
C 3/4
Skip if bit i of the data memory is not 0 If bit i of the specified data memory is not 0, the next instruction is skipped. If bit i of the data memory is not 0, the following instruction, fetched during the current instruction execution, is discarded and a dummy cycle is replaced to get the proper instruction (2 cycles). Otherwise proceed with the next instruction (1 cycle). Skip if [m].i0
Operation Affected flag(s)
TO 3/4
PDF 3/4
OV 3/4
Z 3/4
AC 3/4
C 3/4
Rev. 1.00
28
March 13, 2006
HT48R07A-1
SUB A,[m] Description Operation Affected flag(s) TO 3/4 SUBM A,[m] Description Operation Affected flag(s) TO 3/4 SUB A,x Description Operation Affected flag(s) TO 3/4 SWAP [m] Description Operation Affected flag(s) TO 3/4 SWAPA [m] Description Operation Affected flag(s) TO 3/4 PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 PDF 3/4 OV O Z O AC O C O PDF 3/4 OV O Z O AC O C O PDF 3/4 OV O Z O AC O C O Subtract data memory from the accumulator The specified data memory is subtracted from the contents of the accumulator, leaving the result in the accumulator. ACC ACC+[m]+1
Subtract data memory from the accumulator The specified data memory is subtracted from the contents of the accumulator, leaving the result in the data memory. [m] ACC+[m]+1
Subtract immediate data from the accumulator The immediate data specified by the code is subtracted from the contents of the accumulator, leaving the result in the accumulator. ACC ACC+x+1
Swap nibbles within the data memory The low-order and high-order nibbles of the specified data memory (1 of the data memories) are interchanged. [m].3~[m].0 [m].7~[m].4
Swap data memory and place result in the accumulator The low-order and high-order nibbles of the specified data memory are interchanged, writing the result to the accumulator. The contents of the data memory remain unchanged. ACC.3~ACC.0 [m].7~[m].4 ACC.7~ACC.4 [m].3~[m].0
Rev. 1.00
29
March 13, 2006
HT48R07A-1
SZ [m] Description Skip if data memory is 0 If the contents of the specified data memory are 0, the following instruction, fetched during the current instruction execution, is discarded and a dummy cycle is replaced to get the proper instruction (2 cycles). Otherwise proceed with the next instruction (1 cycle). Skip if [m]=0
Operation Affected flag(s)
TO 3/4 SZA [m] Description
PDF 3/4
OV 3/4
Z 3/4
AC 3/4
C 3/4
Move data memory to ACC, skip if 0 The contents of the specified data memory are copied to the accumulator. If the contents is 0, the following instruction, fetched during the current instruction execution, is discarded and a dummy cycle is replaced to get the proper instruction (2 cycles). Otherwise proceed with the next instruction (1 cycle). Skip if [m]=0
Operation Affected flag(s)
TO 3/4 SZ [m].i Description
PDF 3/4
OV 3/4
Z 3/4
AC 3/4
C 3/4
Skip if bit i of the data memory is 0 If bit i of the specified data memory is 0, the following instruction, fetched during the current instruction execution, is discarded and a dummy cycle is replaced to get the proper instruction (2 cycles). Otherwise proceed with the next instruction (1 cycle). Skip if [m].i=0
Operation Affected flag(s)
TO 3/4 TABRDC [m] Description Operation Affected flag(s) TO 3/4 TABRDL [m] Description
PDF 3/4
OV 3/4
Z 3/4
AC 3/4
C 3/4
Move the ROM code (current page) to TBLH and data memory The low byte of ROM code (current page) addressed by the table pointer (TBLP) is moved to the specified data memory and the high byte transferred to TBLH directly. [m] ROM code (low byte) TBLH ROM code (high byte)
PDF 3/4
OV 3/4
Z 3/4
AC 3/4
C 3/4
Move the ROM code (last page) to TBLH and data memory The low byte of ROM code (last page) addressed by the table pointer (TBLP) is moved to the data memory and the high byte transferred to TBLH directly. Note that this instruction is not valid for HT48R07A-1 [m] ROM code (low byte) TBLH ROM code (high byte)
Operation Affected flag(s)
TO 3/4
PDF 3/4
OV 3/4
Z 3/4
AC 3/4
C 3/4
Rev. 1.00
30
March 13, 2006
HT48R07A-1
XOR A,[m] Description Operation Affected flag(s) TO 3/4 XORM A,[m] Description Operation Affected flag(s) TO 3/4 XOR A,x Description Operation Affected flag(s) TO 3/4 PDF 3/4 OV 3/4 Z O AC 3/4 C 3/4 PDF 3/4 OV 3/4 Z O AC 3/4 C 3/4 PDF 3/4 OV 3/4 Z O AC 3/4 C 3/4 Logical XOR accumulator with data memory Data in the accumulator and the indicated data memory perform a bitwise logical Exclusive_OR operation and the result is stored in the accumulator. ACC ACC XOR [m]
Logical XOR data memory with the accumulator Data in the indicated data memory and the accumulator perform a bitwise logical Exclusive_OR operation. The result is stored in the data memory. The 0 flag is affected. [m] ACC XOR [m]
Logical XOR immediate data to the accumulator Data in the accumulator and the specified data perform a bitwise logical Exclusive_OR operation. The result is stored in the accumulator. The 0 flag is affected. ACC ACC XOR x
Rev. 1.00
31
March 13, 2006
HT48R07A-1
Package Information
24-pin SKDIP (300mil) Outline Dimensions
A 24 B 1 13 12
H C D E F G
a
I
Symbol A B C D E F G H I a
Dimensions in mil Min. 1235 255 125 125 16 50 3/4 295 345 0 Nom. 3/4 3/4 3/4 3/4 3/4 3/4 100 3/4 3/4 3/4 Max. 1265 265 135 145 20 70 3/4 315 360 15
Rev. 1.00
32
March 13, 2006
HT48R07A-1
24-pin SOP (300mil) Outline Dimensions
24 A
13 B
1
12
C C' G H D E F
a
Symbol A B C C D E F G H a
Dimensions in mil Min. 394 290 14 590 92 3/4 4 32 4 0 Nom. 3/4 3/4 3/4 3/4 3/4 50 3/4 3/4 3/4 3/4 Max. 419 300 20 614 104 3/4 3/4 38 12 10
Rev. 1.00
33
March 13, 2006
HT48R07A-1
24-pin SSOP (150mil) Outline Dimensions
24 A
13 B
1
12
C C' G H D E F
a
Symbol A B C C D E F G H a
Dimensions in mil Min. 228 150 8 335 54 3/4 4 22 7 0 Nom. 3/4 3/4 3/4 3/4 3/4 25 3/4 3/4 3/4 3/4 Max. 244 157 12 346 60 3/4 10 28 10 8
Rev. 1.00
34
March 13, 2006
HT48R07A-1
Product Tape and Reel Specifications
Reel Dimensions
T2 D
A
B
C
T1
SOP 24W Symbol A B C D T1 T2 Description Reel Outer Diameter Reel Inner Diameter Spindle Hole Diameter Key Slit Width Space Between Flange Reel Thickness Dimensions in mm 3301 621.5 13+0.5 -0.2 20.5 24.8+0.3 -0.2 30.20.2
SSOP 24S (150mil) Symbol A B C D T1 T2 Description Reel Outer Diameter Reel Inner Diameter Spindle Hole Diameter Key Slit Width Space Between Flange Reel Thickness Dimensions in mm 3301 621.5 13+0.5 -0.2 20.5 16.8+0.3 -0.2 22.20.2
Rev. 1.00
35
March 13, 2006
HT48R07A-1
Carrier Tape Dimensions
D
E F
P0
P1
t
W C
B0
D1
P
K0 A0
SOP 24W Symbol W P E F D D1 P0 P1 A0 B0 K0 t C Description Carrier Tape Width Cavity Pitch Perforation Position Cavity to Perforation (Width Direction) Perforation Diameter Cavity Hole Diameter Perforation Pitch Cavity to Perforation (Length Direction) Cavity Length Cavity Width Cavity Depth Carrier Tape Thickness Cover Tape Width Dimensions in mm 240.3 120.1 1.750.1 11.50.1 1.55+0.1 1.5+0.25 40.1 20.1 10.90.1 15.90.1 3.10.1 0.350.05 21.3
SSOP 24S (150mil) Symbol W P E F D D1 P0 P1 A0 B0 K0 t C Description Carrier Tape Width Cavity Pitch Perforation Position Cavity to Perforation (Width Direction) Perforation Diameter Cavity Hole Diameter Perforation Pitch Cavity to Perforation (Length Direction) Cavity Length Cavity Width Cavity Depth Carrier Tape Thickness Cover Tape Width Dimensions in mm 16+0.3 -0.1 80.1 1.750.1 7.50.1 1.5+0.1 1.5+0.25 40.1 20.1 6.50.1 9.50.1 2.10.1 0.30.05 13.3
Rev. 1.00
36
March 13, 2006
HT48R07A-1
Holtek Semiconductor Inc. (Headquarters) No.3, Creation Rd. II, Science Park, Hsinchu, Taiwan Tel: 886-3-563-1999 Fax: 886-3-563-1189 http://www.holtek.com.tw Holtek Semiconductor Inc. (Taipei Sales Office) 4F-2, No. 3-2, YuanQu St., Nankang Software Park, Taipei 115, Taiwan Tel: 886-2-2655-7070 Fax: 886-2-2655-7373 Fax: 886-2-2655-7383 (International sales hotline) Holtek Semiconductor Inc. (Shanghai Sales Office) 7th Floor, Building 2, No.889, Yi Shan Rd., Shanghai, China 200233 Tel: 021-6485-5560 Fax: 021-6485-0313 http://www.holtek.com.cn Holtek Semiconductor Inc. (Shenzhen Sales Office) 43F, SEG Plaza, Shen Nan Zhong Road, Shenzhen, China 518031 Tel: 0755-8346-5589 Fax: 0755-8346-5590 ISDN: 0755-8346-5591 Holtek Semiconductor Inc. (Beijing Sales Office) Suite 1721, Jinyu Tower, A129 West Xuan Wu Men Street, Xicheng District, Beijing, China 100031 Tel: 010-6641-0030, 6641-7751, 6641-7752 Fax: 010-6641-0125 Holmate Semiconductor, Inc. (North America Sales Office) 46712 Fremont Blvd., Fremont, CA 94538 Tel: 510-252-9880 Fax: 510-252-9885 http://www.holmate.com Copyright O 2006 by HOLTEK SEMICONDUCTOR INC. The information appearing in this Data Sheet is believed to be accurate at the time of publication. However, Holtek assumes no responsibility arising from the use of the specifications described. The applications mentioned herein are used solely for the purpose of illustration and Holtek makes no warranty or representation that such applications will be suitable without further modification, nor recommends the use of its products for application that may present a risk to human life due to malfunction or otherwise. Holteks products are not authorized for use as critical components in life support devices or systems. Holtek reserves the right to alter its products without prior notification. For the most up-to-date information, please visit our web site at http://www.holtek.com.tw.
Rev. 1.00
37
March 13, 2006


▲Up To Search▲   

 
Price & Availability of HT48R07A-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X