Part Number Hot Search : 
SST500 4AHCT1G0 00100 TSOP123 74AC04B DSWM5077 4983S BH3563FV
Product Description
Full Text Search
 

To Download HMC406MS8G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 v02.1202
MICROWAVE CORPORATION
HMC406MS8G
GaAs InGaP HBT MMIC POWER AMPLIFIER, 5.0 - 6.0 GHz
Features
Gain: 17 dB Saturated Power: +29 dBm 38% PAE Supply Voltage: +5.0 V Power Down Capability Low External Part Count
8
AMPLIFIERS - SMT
Typical Applications
This amplifier is ideal for use as a driver amplifier for 5.0 - 6.0 GHz applications: * UNII * HiperLAN & 802.11a WLAN
Functional Diagram
General Description
The HMC406MS8G is a high efficiency GaAs InGaP Heterojunction Bipolar Transistor (HBT) MMIC Power amplifier which operates between 5.0 and 6.0 GHz. The amplifier is packaged in a low cost, surface mount 8 leaded package with an exposed base for improved RF and thermal performance. With a minimum of external components, the amplifier provides 17 dB of gain and +29 dBm of saturated power at 38% PAE from a +5.0V supply voltage. Vpd can be used for full power down or RF output power/current control.
Electrical Specifications, TA = +25 C, Vs = 5V, Vpd = 5V
Parameter Frequency Range Gain Gain Variation Over Temperature Input Return Loss Output Return Loss Output Power for 1 dB Compression (P1dB) Saturated Output Power (Psat) Output Third Order Intercept (IP3) Noise Figure Supply Current (Icq) Control Current (Ipd) Switching Speed Vpd = 0V/5V Vpd = 5V tON, tOFF 34 21 13 Min. Typ. 5.0 - 6.0 16 0.03 10 8 24 27 38 6.0 0.002 / 300 7 35 34 24 21 0.04 14 Max. Min. Typ. 5.7 - 5.9 17 0.03 11 9 27 29 38 6.0 0.002 / 300 7 35 21 0.04 Max. Units GHz dB dB/ C dB dB dBm dBm dBm dB mA mA ns
8 - 142
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
v02.1202
MICROWAVE CORPORATION
HMC406MS8G
GaAs InGaP HBT MMIC POWER AMPLIFIER, 5.0 - 6.0 GHz
Broadband Gain & Return Loss
20 15 10
Gain vs. Temperature
22 20 18
8
AMPLIFIERS - SMT
8 - 143
RESPONSE (dB)
5 0 -5 -10 -15 -20 -25 3 4 5
S21
16
GAIN (dB)
S11 S22
14 12 10 8 6 4 2
+25 C +85 C -40 C
6
7
8
0 4.5
5
5.5 FREQUENCY (GHz)
6
6.5
FREQUENCY (GHz)
Input Return Loss vs. Temperature
0 -5
Output Return Loss vs. Temperature
0
+25 C +85 C -40 C
RETURN LOSS (dB)
-10 -15 -20
+25 C
RETURN LOSS (dB)
6.5
-5
-10
-25 -30 4.5
+85 C -40 C
5
5.5 FREQUENCY (GHz)
6
-15 4.5
5
5.5 FREQUENCY (GHz)
6
6.5
P1dB vs. Temperature
34 32 30 28
Psat vs. Temperature
34 32 30 28
P1dB (dBm)
26 24 22 20 18 16 14 4.5 5 5.5 FREQUENCY (GHz) 6 6.5
+25 C +85 C -40 C
Psat (dBm)
26 24 22 20 18 16 14 4.5 5 5.5 FREQUENCY (GHz) 6 6.5
+25 C +85 C -40 C
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
MICROWAVE CORPORATION
v02.1202
HMC406MS8G
GaAs InGaP HBT MMIC POWER AMPLIFIER, 5.0 - 6.0 GHz
8
AMPLIFIERS - SMT
Power Compression @ 5.8 GHz
42
Output IP3 vs. Temperature
44 42 40 38 36 34 32 30 28 26 24 22 20 18 16 14 4.5
Pout (dBm), GAIN (dB), PAE (%)
36 30 24 18 12 6 0 0 2 4 6 8 10 12 14 16 18 INPUT POWER (dBm)
OIP3 (dBm)
Pout (dBm) Gain (dB) PAE (%)
+25 C +85 C -40 C
5
5.5 FREQUENCY (GHz)
6
6.5
Noise Figure vs. Temperature
10 9 8
Gain & Power vs. Supply Voltage
24 23 22 21 32 31 30 29 28 27 26 25
Gain P1dB Psat
NOISE FIGURE (dB)
P1dB, Psat (dBm)
7
GAIN dB)
+25 C +85 C -40 C
6 5 4 3 2 1 0 4.5 5 5.5 FREQUENCY (GHz) 6 6.5
20 19 18 17 16 15 14 4.75
24 23 22 5.25
5 Vcc SUPPLY VOLTAGE (Vdc)
Reverse Isolation vs. Temperature
0 -10
Reverse Isolation Power Down Isolation
Gain, Power & Quiescent Supply Current vs. Vpd @ 5.8 GHz
33 350 315 280 245 210
GAIN (dB), P1dB (dBm), Psat (dBm)
30 27 24 21 18 15 12 9 6 3
Gain P1dB Psat Icq
ISOLATION (dB)
-20 -30 -40 -50 -60 4.5
Icq (mA)
175 140 105 70 35 0 3 3.5 4 Vpd (Vdc) 4.5 5
5
5.5 FREQUENCY (GHz)
6
6.5
2.5
8 - 144
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
MICROWAVE CORPORATION
v02.1202
HMC406MS8G
GaAs InGaP HBT MMIC POWER AMPLIFIER, 5.0 - 6.0 GHz
Absolute Maximum Ratings
Collector Bias Voltage (Vcc) Control Voltage (Vpd) RF Input Power (RFin)(Vs = Vpd = +5.0 Vdc) Junction Temperature Continuous Pdiss (T = 85 C) (derate 32 mW/C above 85 C) Thermal Resistance (junction to ground paddle) Storage Temperature Operating Temperature +5.5 Vdc +5.5 Vdc
8
AMPLIFIERS - SMT
NOTES: 1. PACKAGE BODY MATERIAL: LOW STRESS INJECTION MOLDED PLASTIC SILICA AND SILICON IMPREGNATED. 2. LEADFRAME MATERIAL: COPPER ALLOY 3. LEADFRAME PLATING: Sn/Pb SOLDER 4. DIMENSIONS ARE IN INCHES [MILLIMETERS]. 5. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE. 6. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE. 7. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED TO PCB RF GROUND.
+20 dBm 150 C 2.1 W
31 C/W -65 to +150 C -40 to +85 C
Outline Drawing
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
8 - 145
MICROWAVE CORPORATION
v02.1202
HMC406MS8G
GaAs InGaP HBT MMIC POWER AMPLIFIER, 5.0 - 6.0 GHz
8
AMPLIFIERS - SMT
Pin Descriptions
Pin Number Function Description Interface Schematic
1
Vpd
Power Control Pin. For maximum power, this pin should be connected to 5.0V. A higher voltage is not recommended. For lower idle current, this voltage can be reduced.
2, 4, 7
GND
Ground: Backside of package has exposed metal ground slug that must be connected to ground thru a short path. Vias under the device are required.
3
RF IN
This pin is AC coupled and matched to 50 Ohms from 5.5 to 6.0 GHz.
5, 6
RF OUT
RF output and bias for the output stage. The power supply for the output device needs to be supplied to these pins.
8
Vcc
Power supply voltage for the first amplifier stage. An external bypass capacitor of 330 pF is required. This capacitor should be placed as close to the devices as possible.
8 - 146
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
MICROWAVE CORPORATION
v02.1202
HMC406MS8G
GaAs InGaP HBT MMIC POWER AMPLIFIER, 5.0 - 6.0 GHz
Evaluation PCB
8
AMPLIFIERS - SMT
List of Material
Item J1 - J2 J3 C1 - C3 C4 C5 C6 L1 U1 PCB* Description PC Mount SMA RF Connector 2mm DC Header 330 pF Capacitor, 0603 Pkg. 0.6 pF Capacitor, 0603 Pkg. 1.6 pF Capacitor, 0603 Pkg. 2.2 F Capacitor, Tantalum 3.9 nH Inductor, 0603 Pkg. HMC406MS8G Amplifier 105021 Eval Board
The circuit board used in the final application should use RF circuit design techniques. Signal lines should have 50 ohm impedance while the package ground leads and exposed paddle should be connected directly to the ground plane similar to that shown. A sufficient number of VIA holes should be used to connect the top and bottom ground planes. The evaluation board should be mounted to an appropriate heat sink. The evaluation circuit board shown is available from Hittite upon request.
* Circuit Board Material: Rogers 4350
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
8 - 147
MICROWAVE CORPORATION
v02.1202
HMC406MS8G
GaAs InGaP HBT MMIC POWER AMPLIFIER, 5.0 - 6.0 GHz
8
AMPLIFIERS - SMT
Application Circuit
TL1
TL2 50 Ohm 0.231"
TL3 50 Ohm 0.1"
Note 1: C3 should be located < 0.020" from Pin 8 (Vcc) Note 2: C2 should be located < 0.020" from L1.
Impedance Length
50 Ohm 0.038"
8 - 148
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
MICROWAVE CORPORATION
v02.1202
HMC406MS8G
GaAs InGaP HBT MMIC POWER AMPLIFIER, 5.0 - 6.0 GHz
Notes:
8
AMPLIFIERS - SMT
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
8 - 149


▲Up To Search▲   

 
Price & Availability of HMC406MS8G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X