Part Number Hot Search : 
25Q128A SI9135 WP793GD 2A100 2A100 MAX942 74H000 JE13005
Product Description
Full Text Search
 

To Download FUF5407 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FUF5400........ FUF5408
3 Amp. Glass Passivated Ultrafast Recovery Rectifier
Dimensions in mm. DO-201AD (Plastic)
Voltage 50 to 1000 V.
Current 3 A at 55 C.
(R)
9.1 0.3
62.5 0.5
Mounting instructions 1. Min. distance from body to soldering point, 4 mm. 2. Max. solder temperature, 350 C. 3. Max. soldering time, 3.5 sec. 4. Do not bend lead at a point closer than 3 mm. to the body.
* Glass Passivated Junction * High current capability * The plastic material carries U/L recognition 94 V-0 * Terminals: Axial Leads * Polarity: Color band denotes cathode
FUF 5400 FUF 5401 FUF 5402 FUF 5404 FUF 5406 FUF 5407 FUF 5408
Maximum Ratings, according to IEC publication No. 134
VRRM VRMS VDC IF(AV) IFRM IFSM trr Cj Tj Tstg E RSM Peak Recurrent reverse voltage (V) Maximum RMS voltage Maximum DC blocking voltage Forward current at Tamb = 55 C Recurrent peak forward surge current 8.3 ms. peak forward surge current
(Jedec Method)
50 35 50
100 70 100
200 140 200
400 280 400 3A 30 A 150 A
600 420 600
800 560 800
1000 700 1000
Max. reverse recovery time from I F = 0.5 A ; IR = 1 A ; IRR = 0.25 A Typical Junction Capacitance at 1 MHz and reverse voltaje of 4VDC Operating temperature range Storage temperature range Maximum non repetitive peak reverse avalanche energy. IR = 1A ; TJ = 25 C Max. forward voltage drop at IF = 3 A Max. reverse current at VRRM at 25 C Max. thermal resistance ( l = 10 mm.)
50 ns 45 pF - 65 to + 150 C - 65 to + 150 C 20 mJ
75 ns
Electrical Characteristics at Tamb = 25 C
VF IR Rthj-a 1.3 V 5A 30 C/W 1.7 V
FUF5400 Rating And Characteristic Curves
FORWARD CURRENT DERATING CURVE 5
10 mm. - 10 mm. FUF5400 thru FUF5404
TYPICAL FORWARD CHARACTERISTIC 10
4 1 3
FUF5406 FUF5408
2 0.1 1
T j = 25 C
0 0 25 50 75 100 125 150 175 Tamb, ambient temperature (C)
0.01 0.6
F
0.8
1
1.2
1.4
1.6
V , instantaneous forward voltage (V)
MAXIMUM NON REPETITIVE PEAK FORWARD SURGE CURRENT 250
TYPICAL JUNCTION CAPACITANCE 100
200 50
150
100
10 50
T j = 25 C f = 1 MHz
0 1 2 4 6 10 20 40 100 Number of cycles at 60 Hz.
5 1 5 10 50 100 VR , reverse voltage (V)


▲Up To Search▲   

 
Price & Availability of FUF5407

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X