Part Number Hot Search : 
0843MW PVC10010 W041K1 D471K AN12974A 1N4740 SMB5361 E30A2CDS
Product Description
Full Text Search
 

To Download FR301G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FR301G THRU FR307G
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER Reverse Voltage - 50 to 1000 Volts Forward Current - 3.0 Amperes
Features
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 utilizing Flame retardant epoxy molding compound Glass passivated junction in DO-201AD package 3.0 ampere operation at TA=55 with no thermal runaway Fast switching for high efficiency
Mechanical Data
Case: Molded plastic, DO-201AD Terminals: Axial leads, solderable per MIL-STD-202, method 208 Polarity: Band denotes cathode Mounting Position: Any Weight: 0.042 ounce, 1.195 grams
DIM ENSIONS DIM A B C D inches Min. 0.283 0.189 0.048 1.000 Max. 0.374 0.208 0.051 Min. 7.20 4.80 1.20 25.40 mm Max. 9.50 5.30 1.30 Note
Maximum Ratings and Electrical Characteristics
Symbols FR 301G FR 302G
@25
unless otherwise specified
FR 304G FR 305G FR 306G FR 307G Units
FR 303G
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Average forward rectified current at TA=55 Peak forward surge current 8.3mS single half sine-wave Maximum instantaneous forward voltage IFM=3.0A; TA=25 (Note 1) Maximum DC reverse current at rated DC blocking voltage Maximum reverse recovery time at IF=0.5A, IR=1.0A, Irr=0.25A Typical junction capacitance Measured at 1.0MHz, VR=4.0V TA=25 TA=55
VRRM VRMS VDC I(AV) IFSM VF IR Trr CJ TJ, TSTG
50 35 50
100 70 100
200 140 200
400 280 400 3.0 125.0 1.3 5.0 100.0
600 420 600
800 560 800
1000 700 1000
Volts Volts Volts Amps Amps Volts A
150 50.0 -65 to +175
250
500
nS F
Operating and storage temperature range
Note: (1) Pulse test: Pulse width 300uSec, Duty cycle 1%
1
RATINGS AND CHARACTERISTIC CURVES
2
RATINGS AND CHARACTERISTIC CURVES
3


▲Up To Search▲   

 
Price & Availability of FR301G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X