Part Number Hot Search : 
NB100 DTC124E 2940T FRF1030 34063AD D2150 9435A FRM234R
Product Description
Full Text Search
 

To Download FR301G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FR301G THRU FR307G
FAST RECOVERY GLASS PASSIVATED RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes
FEATURES
* * * * * * High reliability Low leakage Low forward voltage drop High current capability Glass passivated junction High switching capability
DO-201AD
MECHANICAL DATA
* * * * * Case: Molded plastic Epoxy: UL 94V-O rate flame retardant Lead: MIL-STD-202E method 208C guaranteed Mounting position: Any Weight: 1.18 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. Dimensions in inches and (millimeters)
MAXIMUM RATINGS (At TA = 25 oC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TA = 55 oC Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range SYMBOL VRRM VRMS VDC IO IFSM CJ TJ, TSTG FR301G FR302G FR303G FR304G FR305G FR306G FR307G UNITS 50 35 50 100 70 100 200 140 200 400 280 400 3.0 125 50 -65 to + 150 600 420 600 800 560 800 1000 700 1000 Volts Volts Volts Amps Amps pF
0
C
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 3.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage TA = 25 oC Maximum Full Load Reverse Current Average, Full Cycle .375" (9.5mm) lead length at TL = 55oC Maximum Reverse Recovery Time (Note 1) NOTES : 1. Test Conditions: IF = 0.5A, IR = 1.0A, IRR = 0.25A 2. Measured at 1 MHZ and applied reverse voltage of 4.0 volts SYMBOL VF FR301G FR302G FR303G FR304G FR305G FR306G FR307G UNITS 1.3 Volts 5.0 IR 100 trr 150 250 500 uAmps nSec 1998-8 uAmps
Back
RECTRON


▲Up To Search▲   

 
Price & Availability of FR301G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X