Part Number Hot Search : 
M200V35X 2SB1631 SM280A CS937 DG304A 93C56A 74CBT TEPT4400
Product Description
Full Text Search
 

To Download FFPF30U60S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FFPF30U60S
FFPF30U60S
Features
* High voltage and high reliability * High speed switching * Low forward voltage
Applications
* * * * General purpose Switching mode power supply Free-wheeling diode for motor application Power switching circuits TO-220F
1 2
1. Cathode
2. Anode
ULTRA FAST RECOVERY POWER RECTIFIER
Absolute Maximum Ratings
Symbol VRRM IF(AV) IFSM TJ, TSTG TC=25C unless otherwise noted Value 600 @ TC = 100C 30 180 - 65 to +150 Units V A A C Parameter Peak Repetitive Reverse Voltage Average Rectified Forward Current Non-repetitive Peak Surge Current 60Hz Single Half-Sine Wave Operating Junction and Storage Temperature
Thermal Characteristics
Symbol RJC Parameter Maximum Thermal Resistance, Junction to Case TC=25 C unless otherwise noted Min. Typ. Max. 2.3 2.1 A 15 150 90 8 360 1.0 ns A nC mJ Units V Value 0.8 Units C/W
Electrical Characteristics
Symbol V FM *
Parameter Maximum Instantaneous Forward Voltage I F = 30A I F = 30A TC = 25 C TC = 100 C TC = 25 C TC = 100 C
IRM *
Maximum Instantaneous Reverse Current @ rated VR Maximum Reverse Recovery Time Maximum Reverse Recovery Current Maximum Reverse Recovery Charge (IF =30A, di/dt = 200A/s)
trr Irr Qrr
WAVL Avalanche Energy * Pulse Test: Pulse Width=300s, Duty Cycle=2%
(c)2000 Fairchild Semiconductor International
Rev. F, September 2000
FFPF30U60S
Typical Characteristics
60 1000
Forward Current , IF [A]
10
R
TC = 100 C
o
[A]
100
TC = 100 C
o
10
Reverse Current , I
TC = 25 C
1
o
1
TC = 25 C
0.1
o
0.01
0.1 0.0
1E-3 0.5 1.0 1.5 2.0 2.5 3.0 100 200 300 400 500 600
Forward Voltage , VF [V]
Reverse Voltage , VR [V]
Figure 1. Typical Forward Voltage Drop vs. Forward Current
300 100
Figure 2. Typical Reverse Current vs. Reverse Voltage
Reverse Recovery Time , trr [ns]
Typical Capacitance at 0V = 278 pF
IF = 30A
90
TC = 25 C
o
Capacitance , Cj [pF]
200
80
70
100
60
50
0.1
1
10
100
40 100
500
Reverse Voltage , V R [V]
di/dt [A/s]
Figure 3. Typical Junction Capacitance
Figure 4. Typical Reverse Recovery Time vs. di/dt
50
Reverse Recovery Current , Irr [A]
14 12 10 8 6 4 2 0 100
IF = 30A o TC = 25 C
F(AV)
[A] Average Forward Current , I
16
40
30
C D
20
10
500
0 60
80
100
120
o
140
160
di/dt [A/s]
Case Temperature , TC [ C]
Figure 5. Typical Reverse Recovery Current vs. di/dt
(c)2000 Fairchild Semiconductor International
Figure 6. Forward Current Derating Curve
Rev. F, September 2000
FFPF30U60S
Package Dimensions
TO-220F 2L
10.16 0.20 o3.18 0.10 2.54 0.20 (0.70)
3.30 0.10
6.68 0.20
15.80 0.20
(1.00x45)
(6.50)
(1.80)
9.75 0.30
12.00 0.20
MAX1.47 0.80 0.10
2.76 0.20
0.35 0.10 2.54TYP [2.54 0.20] 2.54TYP [2.54 0.20]
+0.10
0.50 -0.05
9.40 0.20
4.70 0.20
15.87 0.20
Dimensions in Millimeters
Rev. F, September 2000
(c)2000 Fairchild Semiconductor International
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DOMETM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM FAST(R)
DISCLAIMER
FASTrTM GlobalOptoisolatorTM GTOTM HiSeCTM ISOPLANARTM MICROWIRETM OPTOLOGICTM OPTOPLANARTM POPTM PowerTrench(R)
QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogicTM UHCTM
VCXTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. F1


▲Up To Search▲   

 
Price & Availability of FFPF30U60S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X