Part Number Hot Search : 
MGH2812D 00M16 CH9344 1100S C3310 TEA2018A MMJT9435 A3121EUA
Product Description
Full Text Search
 

To Download EPA240D-SOT89 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Excelics
DATA SHEET
Features
* * * * * * * *
LOW COST SURFACE-MOUNT PLASTIC PACKAGE +33dBm TYPICAL OUTPUT POWER 14.0dB TYPICAL POWER GAIN AT 2GHz 0.4dB TYPICAL NOISE FIGURE AT 2GHz +40dBm TYPICAL OUTPUT 3rd ORDER INTERCEPT POINT AT 2GHz 0.4 X 2400 MICRON RECESSED "MUSHROOM" GATE Si3N4 PASSIVATION ADVANCED EPITAXIAL HETEROJUNCTION PROFILE PROVIDES EXTRA HIGH POWER EFFICIENCY AND HIGH RELIABILITY
EPA240D-SOT89
DC-6GHz High Efficiency Heterojunction Power FET

$ &#

6285&(
'5$,1
*$7(
Applications
* * * Analog and Digital Wireless System High Dynamic Range LNA HPA
(Top View) All Dimensions In Mils
ELECTRICAL CHARACTERISTICS (Ta = 25 OC)
SYMBOLS P1dB G1dB PAE NF IP3 Idss Gm Vp BVgd BVgs Rth PARAMETERS/TEST CONDITIONS Output Power at 1dB Compression f = 2GHz Vds=8V, Ids=350mA Gain at 1dB Compression f = 2GHz Vds=8V, Ids=350mA Power Added Efficiency at 1dB Compression Vds=8V, Ids=350mA f = 2GHz Noise Figure f = 2GHz Vds=5V, Ids=150mA Vds=5V, Ids=350mA Output 3rd Order Intercept Point f = 2GHz Vds=5-8V, Ids=350mA Vds=5V, Ids=150mA Saturated Drain Current Vds=3V, Vgs=0V Transconductance Pinch-off Voltage Vds=3V, Vgs=0V Vds=3V, Ids=6mA -11 -7 MIN 31.5 12.0 TYP 33.0 14.0 55 0.4 0.8 40 38 720 760 -1.0 -15 -14 25*
o
MAX
UNIT dBm dB %
dB dBm 940 -2.5 mA mS V V V C/W
440 480
Drain Breakdown Voltage Igd=2.4mA Source Breakdown Voltage Igs=2.4mA Thermal Resistance * Overall Rth depends on case mounting.
MAXIMUM RATINGS AT 25OC
SYMBOLS Vds Vgs Ids Igsf Pin Tch Tstg Pt PARAMETERS Drain-Source Voltage Gate-Source Voltage Drain Current Forward Gate Current Input Power Channel Temperature Storage Temperature Total Power Dissipation ABSOLUTE1 12V -8V Idss 120mA 30dBm 175oC -65/175oC 5.5 W 8V -3V 570mA 20mA @ 3dB Compression 150oC -65/150oC 4.6 W CONTINUOUS2
Note: 1. Exceeding any of the above ratings may result in permanent damage. 2. Exceeding any of the above ratings may reduce MTTF below design goals.
Excelics Semiconductor, Inc., 2908 Scott Blvd., Santa Clara, CA 95054 Phone: (408) 970-8664 Fax: (408) 970-8998 Web Site: www.excelics.com
EPA240D-SOT89
DATA SHEET
DC-6GHz High Efficiency Heterojunction Power FET
Typical Performance
S21 Distribution Noise Figure & IP3
EPA 2 40 D -S O T89
(5V, 2GHz) 1.5 N F [dB ] 1 0.5 0 0 100 200 300 Ids [m A ] 400 500 600 46 44 42 40 38 36 IP 3 [dB m ] NF IP3
S-PARAMETERS
8V, 350mA
FREQ (GHz) 0.1 0.2 0.3 0.4 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 8.5 9.0 9.5 10.0 --- S11 --MAG ANG 0.905 -80.2 0.864 -117.6 0.861 -137.2 0.860 -149.8 0.856 -158.0 0.849 178.4 0.780 161.3 0.777 146.9 0.767 133.6 0.756 120.0 0.760 104.2 0.756 87.3 0.780 70.9 0.815 56.0 0.845 43.5 0.859 32.0 0.864 21.8 0.877 11.6 0.888 0.2 0.864 -10.7 0.854 -18.9 0.861 -24.6 0.879 -28.9 0.884 -31.7 --- S21 --MAG ANG 40.502 134.6 26.481 114.1 19.078 103.0 14.721 95.6 11.930 90.2 6.110 71.2 4.969 57.7 3.783 43.8 3.113 30.5 2.687 16.4 2.371 1.2 2.078 -15.3 1.777 -31.4 1.516 -46.2 1.296 -59.8 1.118 -72.4 0.978 -84.3 0.870 -97.1 0.760 -111.0 0.623 -123.5 0.520 -132.5 0.445 -140.4 0.384 -147.6 0.336 -156.2 --- S12 --MAG ANG 0.018 56.7 0.025 33.5 0.024 28.7 0.026 26.6 0.027 25.5 0.032 24.5 0.047 24.4 0.056 21.1 0.066 15.5 0.078 7.8 0.089 -1.2 0.098 -13.5 0.103 -24.6 0.105 -35.6 0.105 -45.9 0.104 -55.2 0.098 -63.7 0.094 -71.0 0.088 -74.8 0.097 -78.4 0.100 -93.6 0.087 -109.6 0.076 -119.7 0.059 -139.2 --- S22 --MAG ANG 0.397 -114.3 0.494 -143.0 0.510 -155.1 0.528 -163.2 0.533 -169.2 0.524 177.1 0.409 162.2 0.407 152.0 0.395 143.0 0.377 132.7 0.354 120.2 0.358 101.7 0.392 81.7 0.456 66.5 0.510 56.0 0.543 46.7 0.569 36.2 0.599 23.9 0.624 10.9 0.645 -1.3 0.682 -10.0 0.723 -16.6 0.739 -21.3 0.741 -23.9 FREQ (GHz) 0.1 0.2 0.3 0.4 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 8.5 9.0 9.5 10.0 --- S11 --MAG ANG 0.874 -73.6 0.903 -113.7 0.887 -135.1 0.877 -148.4 0.870 -157.0 0.855 178.6 0.781 161.6 0.775 147.1 0.763 133.6 0.752 120.0 0.755 104.3 0.751 87.4 0.775 70.9 0.810 56.1 0.841 43.6 0.854 32.2 0.860 22.0 0.873 11.8 0.885 0.5 0.863 -10.6 0.852 -18.7 0.861 -24.5 0.878 -28.6 0.882 -31.5
S-PARAMETERS
5V, 150mA
--- S21 --MAG ANG 36.578 140.1 25.627 118.3 18.754 106.3 14.600 98.4 11.886 92.5 6.137 73.2 5.042 59.5 3.852 45.8 3.177 32.6 2.748 18.5 2.427 3.5 2.126 -13.0 1.815 -28.9 1.543 -43.5 1.318 -56.7 1.137 -69.1 0.995 -80.6 0.886 -93.1 0.776 -106.6 0.639 -118.7 0.536 -127.7 0.457 -135.3 0.397 -142.2 0.346 -150.4 --- S12 --MAG ANG 0.024 32.5 0.024 38.5 0.025 31.5 0.027 27.0 0.029 26.1 0.034 24.2 0.050 23.3 0.060 19.7 0.071 13.4 0.083 5.8 0.094 -4.1 0.104 -16.2 0.108 -28.0 0.108 -39.2 0.107 -49.3 0.105 -58.9 0.100 -67.3 0.094 -74.5 0.087 -78.0 0.095 -80.8 0.100 -95.5 0.086 -111.9 0.077 -121.5 0.059 -142.6 --- S22 --MAG ANG 0.371 -136.7 0.507 -147.1 0.548 -158.5 0.569 -165.9 0.579 -171.7 0.576 174.7 0.469 159.3 0.467 148.8 0.453 139.2 0.436 128.1 0.413 115.2 0.418 97.0 0.453 78.2 0.513 63.4 0.563 53.0 0.592 43.6 0.616 33.2 0.642 21.2 0.662 8.2 0.677 -3.9 0.710 -12.2 0.747 -18.5 0.762 -23.0 0.756 -25.6


▲Up To Search▲   

 
Price & Availability of EPA240D-SOT89

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X