Part Number Hot Search : 
18600252 DT70N6T DT70N6T T6000915 IR91458 TDA9370 10241 R30R160
Product Description
Full Text Search
 

To Download EL5100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
EL5100, EL5101, EL5300
Data Sheet June 16, 2004 FN7330
PRELIMINARY
200MHz Slew Enhanced VFA
The EL5100, EL5101, and EL5300 represent high-speed voltage feedback amplifiers based on the current feedback amplifier architecture. This gives the typical high slew rate benefits of a CFA family along with the stability and ease of use associated with the VFA type architecture. This family is available in single, dual, and triple versions, with 200MHz, 400MHz, and 700MHz versions. This family operates on single 5V or 5V supplies from minimum supply current. The EL5100 and EL5300 also feature an output enable function, which can be used to put the output in to a high-impedance mode. This enables the outputs of multiple amplifiers to be tied together for use in multiplexing applications.
Features
* Specified for 5V or 5V applications * Power-down to 17A/amplifer * -3dB bandwidth = 200MHz * 0.1dB bandwidth = 20MHz * Low supply current = 2.5mA * Slew rate = 2200V/s * Low offset voltage = 4mV max * Output current = 100mA * AVOL = 1000 * Diff gain/phase = 0.08%/0.1
Ordering Information
PART NUMBER EL5100IS EL5100IS-T7 EL5100IS-T13 EL5100IW-T7 EL5100IW-T7A EL5101IC-T7 EL5101IC-T7A EL5101IW-T7 EL5101IW-T7A EL5300IU EL5300IU-T7 EL5300IU-T13 PACKAGE 8-Pin SO 8-Pin SO 8-Pin SO 6-Pin SOT-23 6-Pin SOT-23 SC-70 SC-70 5-Pin SOT-23 5-Pin SOT-23 16-Pin QSOP 16-Pin QSOP 16-Pin QSOP TAPE & REEL 7" 13" 7" (3K pcs) 7" (250 pcs) 7" (3K pcs) 7" (250 pcs) 7" (3K pcs) 7" (250 pcs) 7" 13" MDP0038 MDP0038 MDP0040 MDP0040 MDP0040 PKG. DWG. # MDP0027 MDP0027 MDP0027 MDP0038 MDP0038
Applications
* Video amplifiers * PCMCIA applications * A/D drivers * Line drivers * Portable computers * High speed communications * RGB applications * Broadcast equipment * Active filtering
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright (c) Intersil Americas Inc. 2004. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc. All other trademarks mentioned are the property of their respective owners.
EL5100, EL5101, EL5300 Pinouts
EL5100 (6-PIN SOT-23) TOP VIEW
OUT 1 VS- 2 IN+ 3 +6 VS+ 5 ENABLE 4 INOUT 1 VS- 2 IN+ 3 +4 IN-
EL5101 (5-PIN SOT-23) TOP VIEW
5 VS+
EL5100 (8-PIN SO) TOP VIEW
NC 1 IN- 2 IN+ 3 GND 4 + 8 ENABLE 7 VS+ 6 OUT 5 NC INA+ 1 CEA 2 VS- 3 CEB 4 INB+ 5 NC 6 CEC 7 INC+ 8
EL5300 (16-PIN QSOP) TOP VIEW
16 INA+ 15 OUTA 14 VS+ + 13 OUTB 12 INB11 NC + 10 OUTC 9 INC-
2
EL5100, EL5101, EL5300
Absolute Maximum Ratings (TA = 25C)
Supply Voltage between VS+ and GND. . . . . . . . . . . . . . . . . . 13.2V Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VS Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4V Maximum Output Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80mA Storage Temperature Range . . . . . . . . . . . . . . . . . .-65C to +150C Ambient Operating Temperature Range . . . . . . . . . .-40C to +85C Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150C
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
DC Electrical Specifications
PARAMETER VOS TCVOS IB IOS TCIOS PSRR CMRR CMIR RIN CIN IS,ON IS,OFF
VS = 5V, GND = 0V, TA = 25C, VCM = 0V, VOUT = 0V, VENABLE = GND or OPEN, unless otherwise specified.
DESCRIPTION Offset Voltage Offset Voltage Temperature Coefficient Input Bias Current Input Offset Current Input Bias Current Temperature Coefficient Power Supply Rejection Ratio Common Mode Rejection Ratio Common Mode Input Range Input Resistance Input Capacitance Supply Current - Enabled Supply Current - Shut Down Per amplifier
CONDITIONS
MIN -4
TYP 1 8
MAX 4
UNIT mV V/C
Measured from TMIN to TMAX VIN = 0V VIN = 0V Measured from TMIN to TMAX 70 VCM from -3V to +3V Guaranteed by CMRR test VIN = -3V to +3V 60 -3 0.7 -6 -2.5
2 0.5 8 90 75
6 2.5
A A nA/C dB dB
+3 1.2 1
V M pF
2.1 -5 5 3.3
2.5 0 17
2.9 5 25 12
mA A A V dB V V
VS+, per amplifier VS-, per amplifier
PSOR AVOL VOP
Power Supply Operating Range Open Loop Gain Positive Output Voltage Swing RL = 1k to GND, VOUT from -2.5V to +2.5V RL = 150 to GND RL = 1k to GND
55 3.2 3.6
60 3.4 3.8 -3.4 -3.8 -3.2 -3.6
VON
Negative Output Voltage Swing
RL = 150 to GND RL = 1k to GND
V V mA V
IOUT VIH-EN VIL-EN IEN
Output Current ENABLE pin Voltage for Power Up ENABLE pin Voltage for Shut Down Enable Pin Current
RL = 10 to 0V
60 VS+ -4
100
VS+ -1 Enabled, VEN = 0V Disabled, VEN = 5V -1 5 17 1 25
V A A
3
EL5100, EL5101, EL5300
Closed Loop AC Electrical Specifications VS = 5V, TA = 25C, VENABLE = 0V, AV = +1, RF = 0, RL = 150 to GND, unless
otherwise specified. PARAMETER BW SR tR,tF OS tPD tS dG dP eN iN tDIS tEN DESCRIPTION -3dB Bandwidth (VOUT = 200mVP-P) Slew Rate Rise Time, Fall Time Overshoot Propagation Delay 0.1% Settling Time Differential Gain Differential Phase Input Noise Voltage Input Noise Current Disable Time Enable Time CONDITIONS VS = 5V, AV = 1, RF = 0 RL = 100, VOUT = -3V to +3V, AV = +2 0.1V step 0.1V step 0.1V step VS = 5V, RL = 500, AV = 1, VOUT = 2.5V AV = 2, RL = 150, VINDC = -1 to +1V AV = 2, RL = 150, VINDC = -1 to +1V f = 10kHz f = 10kHz MIN 150 1500 TYP 200 2200 2.8 10 3.2 20 0.08 0.1 10 7 180 650 4000 MAX UNIT MHz V/s ns % ns ns % nV/Hz pA/Hz ns ns
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 4


▲Up To Search▲   

 
Price & Availability of EL5100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X