Part Number Hot Search : 
SL5504 MM1326AD MP8125EF MM74C14 BLH3356 80C166 74HCT354 R12612
Product Description
Full Text Search
 

To Download DS2890 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary
DS2890 1-Wire Digital Potentiometer
www.dalsemi.com
FEATURES
Single element 256-position linear taper potentiometer Supports potentiometer terminal working voltages up to 11V Potentiometer terminal voltage independent of supply voltage Potentiometer wiper position controlled and read over minimal 1-Wire bus interface 100k resistor element value Provides 1-Wire and VDD power modes Supports Conditional Search based on power-on default wiper position Multiple DS2890's can be identified on a common 1-Wire bus and operated independently Unique factory lasered 64-bit registration number assures error free device selection and absolute part identity Built-in multi-drop controller ensures compatibility with other 1-Wire Network products Supports Overdrive mode which boosts communication speed up to 142k bits per second -40oC to +85oC operating temperature range 2.8V - 6.0V operating voltage range
PIN ASSIGNMENT
6-pin TSOC (top view) TO-92
(bottom view)
ORDERING INFORMATION
PART NUMBER DS2890-000 DS2890P-000 DS2890X-000 DS2890T-000 DS2890V-000 RESISTANCE* 100k 100k 100k 100k 100k PACKAGE DESCRIPTION T0-92 6-pin TSOC Chip Scale Pkg., Tape & Reel Tape & Reel of DS2890 Tape & Reel of DS2890P
* Contact the factory for availability of alternate resistance values
1 of 23
112699
DS2890
PIN DESCRIPTION
SIGNAL NAME 1-WIRE TYPE I/O FUNCTION 1-Wire bus interface. Open drain, requires external pull-up resistor. Range: 2.8V - 6.0V. See HARDWARE CONFIGURATION for pull-up resistor recommendations. High end terminal of potentiometer resistor element. Range: 0V - 11.0V. Range independent of 1-Wire or VDD supply levels as well as the voltage levels applied to the other potentiometer terminals. Low end terminal of potentiometer resistor element. Range: 0V - 11.0V. Range independent of 1-Wire or VDD supply levels as well as the voltage levels applied to the other potentiometer terminals. Potentiometer wiper terminal. Range 0V - 11.0V. Range independent of 1Wire or VDD supply levels as well as the voltage levels applied to the other potentiometer terminals. Auxiliary power supply input. Range: 2.8V - 6.0V Ground
RH
I/O
RL
I/O
WIPER
I/O
VDD GND
PWR PWR
DESCRIPTION
The DS2890 is a linear taper digitally controlled potentiometer with 256 wiper positions. Device operation, including wiper position, is controlled over the single contact 1-Wire bus for the ultimate in electrical interface simplicity. With a wide 0V-11V working voltage range for the potentiometer terminals, the DS2890 is ideal for a broad range of industrial and control applications. Potentiometer terminal voltage is independent of device supply voltage as well as the voltage applied to the other potentiometer terminals. Communication with the DS2890 follows the standard Dallas Semiconductor 1Wire protocol and can be accomplished with minimal hardware such as a single port pin of a microcontroller. Multiple DS2890 devices can reside on a common 1-Wire bus and be operated independently of each other. Each DS2890 has its own unalterable 64-bit ROM registration number that is factory lasered into the chip. The registration number guarantees unique identification for absolute traceability and is used to address the device in a multi-drop 1-Wire Network environment. The DS2890 will respond to a 1-Wire Conditional Search command if the potentiometer wiper is set at the power-on default position. This feature enables the bus master to easily determine whether a potentiometer has gone through a power-on reset and needs to be re-configured with a required wiper position setting. The DS2890 supports two power modes: 1-Wire only mode in which device power is supplied parasitically from the 1-Wire bus or VDD mode where power is supplied from an external supply; when operating from VDD mode wiper resistance is reduced.
OPERATION
The DS2890 is a single element digital potentiometer; a block diagram of the device is shown in Figure 1. The device has a total of 256 linearly spaced tap points including the RL and RH terminals; a total of 255 resistive segments exist between the RL and RH terminals. These tap points are accessible to the WIPER terminal whose position is controlled via the 1-Wire bus interface. Wiper position and device state are maintained as long as the 1-Wire bus is active or the VDD supply is applied within operating limits. Otherwise, a power-on reset will occur and the wiper position and operating state will return to power-on default conditions.
2 of 23
DS2890
DS2890 BLOCK DIAGRAM Figure 1
As shown in the figure the device has five major elements: the 1-Wire Function Controller, the Potentiometer Controller, the 64-bit ROM, the resistor array, and Parasite Power circuitry. Each of these elements is discussed in detail throughout the remainder of the data sheet. DS2890 control including device selection, positioning/reading the potentiometer wiper, and device operating state is performed over the 1-Wire bus. The hierarchical structure of the 1-Wire protocol as applicable to the DS2890 is shown in Figure 2. As shown, the control sequence starts with the 1-Wire bus master issuing one of eight ROM function commands. After a ROM function command is successfully completed potentiometer functions may be executed. The protocol for ROM and potentiometer functions are described in the "COMMAND FLOW" section. For the 3-pin TO-92 package configuration and operation see the "TO92 PACKAGE OPERATION" section.
1-WIRE COMMAND HIERARCHICAL STRUCTURE Figure 2
3 of 23
DS2890
DATA I/O BIT ORDER
All data is read and written least significant bit (LSB) first.
POTENTIOMETER FEATURE REGISTER
Although the feature set of the DS2890 is primarily fixed, a mechanism to identify feature characteristics of future 1-Wire potentiometers has been developed and implemented in the DS2890. As shown in Figure 3, the feature register is an encoded read-only byte that describes the characteristics of the DS2890 and future 1-Wire potentiometers. Feature values that correspond to the DS2890 are highlighted. The feature register is read with the READ CONTROL REGISTER potentiometer function command (see "POTENTIOMETER FUNCTION COMMANDS").
1-WIRE POTENTIOMETER FEATURE REGISTER Figure 3
Feature Register Bit Encoding b7 b6 b5 b4 PR NWP Feature Register Bit Definitions Feature Description PC: potentiometer characteristic WSV: wiper setting volatility NP: number of potentiometers b3 NP b2 b1 WSV b0 PC
Bit(s) b0 b1 b3..b2
NWP: number of wiper positions
b5..b4
PR: potentiometer resistance
b7..b6
Definition If 0: logarithmic linear potentiometer element(s) If 1: linear potentiometer element(s) If 0: wiper setting(s) are non-volatile If 1: wiper setting(s) are volatile 2 bit binary value representing number of potentiometers: If 00b:1 potentiometer If 01b:2 potentiometers If 10b: 3 potentiometers If 11b: 4 potentiometers 2 bit binary value representing number of wiper positions for each potentiometer: If 00b:32 positions If 01b:64 positions If 10b: 128 positions If 11b: 256 positions 2 bit binary value representing potentiometer resistance: If 00b:5k If 01b:10k If 10b: 50k If 11b: 100k
DS2890 feature values are highlighted: value The DS2890 will respond with a feature register value of F3h when a READ CONTROL REGISTER command is executed, see section "POTENTIOMETER FUNCTION COMMANDS".
4 of 23
DS2890
POTENTIOMETER CONTROL REGISTER
The potentiometer control register is used to turn on/off the DS2890 charge pump (see section "POTENTIOMETER WIPER RESISTANCE AND CHARGE PUMP CONSIDERATIONS" for a discussion of the charge pump) and has control capabilities for future 1-Wire potentiometers that could contain multiple resistor elements. The format of the control register is shown in Figure 4.
POTENTIOMETER CONTROL REGISTER Figure 4
Control Register Bit Encoding b7 b6 b5 b4 X CPC X X Control Register Bit Definitions* Description WN: wiper number to control b3
WN
b2
b1 WN
b0
Bit(s) b1..b0
WN : inverted wiper number to b3..b2 control
Definition 2 bit binary value representing the potentiometer wiper to control: If 00b:potentiometer 1 wiper If 01b:potentiometer 2 wiper If 10b: potentiometer 3 wiper If 11b: potentiometer 4 wiper 1's complement of potentiometer wiper to control:
CPC: charge pump control X: don't care.
If 11b:potentiometer 1 wiper If 10b:potentiometer 2 wiper If 01b:potentiometer 3 wiper If 00b:potentiometer 4 wiper If 0: the charge pump is OFF b6 If 1: the charge pump is ON These bits are reserved for future use by Dallas b4,b5,b Semiconductor. These bits should be written to a value of 7 0.
*Note: Control Register power-on defaults: Charge Pump is OFF (CPC=0), Wiper Number to control is wiper #1 (WN=00b, WN =11b).
Valid DS2890 control values are highlighted: value Thus for the DS2890, valid control register values are: Control Register Value Description X0XX1100 charge pump off, potentiometer #1 wiper selected X1XX1100 charge pump on, potentiometer #1 wiper selected As shown in Figure 16 and discussed in the "POTENTIOMETER FUNCTION COMMANDS" section, no change in device state will occur if an invalid control register value is sent.
5 of 23
DS2890
POWER
With the charge pump off, the DS2890 can derive its power entirely from the 1-Wire bus by storing energy on an internal capacitor during periods of time when the 1-Wire bus is in a high state. During bus low times the device continues to operate from the energy stored on the internal capacitor; the capacitor is then recharged when the bus returns to a high state. This technique of operating entirely from the 1-Wire bus by powering from energy stored on an internal capacitor during bus low times is known as "parasite powered" operation. As an option, an auxiliary power source may be connected to the VDD power pin. The auxiliary power mode is appropriate for applications where device charge pump activation is necessary, the device may be temporarily disconnected from the 1-Wire bus, or bus low times may be very long. See Figure 5 for example configurations for both power modes.
POWER SUPPLY CONFIGURATION OPTIONS Figure 5
(a) Auxiliary VDD Supply Configuration
(b) 1-Wire Parasite Power Configuration
POTENTIOMETER WIPER RESISTANCE AND CHARGE PUMP CONSIDERATIONS
A simplified diagram of the DS2890 resistor array is shown in Figure 6. In this figure the rDS resistance of the wiper transistors in Figure 1 are modeled as wiper resistance RWIPER. The value of RWIPER varies with device configuration, operational state, and wiper terminal voltage. If an auxiliary external VDD supply configuration is used as shown in Figure 5a, the DS2890 charge pump may be enabled to reduce potentiometer wiper resistance. A consequence of enabling the charge pump is increased device power consumption. This increase is beyond the level that can be supported when operating in 1-Wire parasite power mode (see POWER section). Therefore if it is necessary to enable the charge pump in an application, the power supply configuration as shown in Figure 5a must be used. Figure 7 and Figure 8 are graphs of wiper resistance with the charge pump turned ON and OFF respectively.
6 of 23
DS2890
POTENTIOMETER RESISTOR MODEL Figure 6
WIPER RESISTANCE vs WIPER VOLTAGE, CHARGE PUMP ON Figure 7
10000
Wiper Resistance (ohms)
1000
25C 85C
100 0.1 5.5 Wiper Voltage (V) 11
7 of 23
DS2890
WIPER RESISTANCE vs WIPER VOLTAGE, CHARGE PUMP OFF Figure 8
100000
Wiper Resistance (ohms)
10000 3V, 25C 3V, 85C 5V, 25C 1000 5v, 85C
100 0.1 5.5 Wiper Voltage (V)
TO-92 PACKAGE OPERATION
When packaged in a 3-pin TO-92, the DS2890 takes on a configuration as shown in Figure 9. As shown, the RL and Wiper terminals and the VDD power input are connected to GND. Note that the DS2890 charge pump must be turned off (default state) for this configuration. (This is a power consumption issue as described in the section "POTENTIOMETER WIPER RESISTANCE AND CHARGE PUMP CONSIDERATIONS".)
11
8 of 23
DS2890
DS2890 TO-92 CONFIGURATION BLOCK DIAGRAM Figure 9
64-BIT LASTERED ROM
Each DS2890 contains a unique ROM registration number that is 64 bits long; the format of this value is shown in Figure 10. The first eight bits are a 1-Wire family code; the family code for the DS2890 and future 1-Wire Potentiometers is 2Ch.. The next 48 bits are a unique serial number that is administered by Dallas Semiconductor. The last eight bits are a CRC of the first 56 bits. The 1-Wire CRC is generated using a polynomial generator consisting of a shift register and XOR gates as shown in Figure 11. Operationally, the CRC generator works as follows: The shift register bits are first initialized to zero. Then starting with the least significant bit, the eight bit family code is shifted in. After the 8th bit of the family code has been entered, the 48 bit serial number is shifted in. After shifting in the 48th bit of the serial number the shift register contains the CRC value. Shifting in the eight bits of CRC should return the shift register to an all zeros value. Detailed information about the Dallas 1-Wire Cyclic Redundancy Check is available in the Book of DS19xx iButton Standards. The 64-bit ROM and the 1-Wire Function Controller portions of the DS2890 allow the device to operate as a 1-Wire device and follow the protocol detailed in the section "TRANSACTION SEQUENCE".
64-BIT LASERED ROM Figure 10
MSB 8-Bit CRC Code MSB LSB 48-Bit Serial Number MSB LSB 8-Bit (2Ch) MSB LSB Family LSB Code
9 of 23
DS2890
1-WIRE CRC GENERATOR Figure 11
Polynomial = X8 + X5 + X4 + 1
R
S
1ST STAGE
2ND STAGE
3RD STAGE
4TH STAGE
5TH STAGE
6TH STAGE
7TH STAGE
8TH STAGE
X0
X1
X2
X3
X4
X5
X6
X7
X8
INPUT DATA
POTENTIOMETER FUNCTION COMMANDS
Once the bus master has completed a ROM command sequence, one of six DS2890 potentiometer function commands can be issued. The Potentiometer Function Command flow charts, Figure 15 and Figure 16, describe the protocols necessary for adjusting or reading the potentiometer wiper position or controlling the operating state of the DS2890. All potentiometer functions consist of a single command byte followed by one or more bytes of data or control written/read by the bus master. All data transferred between the DS2890 and the bus master are communicated least significant bit first.
Read Position [F0h]
The Read Position command is used to obtain the wiper setting of the potentiometer currently addressed by the Control Register. Although the DS2890 is a single element potentiometer, wiper addressing still applies and the Control Register wiper number used for addressing must be set accordingly. In addition to wiper position, the Control Register byte will be returned with a Read Position command. This enables the bus master to easily confirm/determine the currently addressed potentiometer wiper. Following the Read Position command byte, the bus master reads 16 bits to obtain first the Control Register byte then the wiper position byte. The DS2890 will respond with 0's to additional reads after the eight bit of the position byte. The Read Position command is terminated with a Reset pulse.
Write Position [0Fh]
The Write Position command is used to set the position of the currently addressed potentiometer wiper. Although the DS2890 is a single element potentiometer, wiper addressing still applies and the Control Register wiper number used for addressing must be set accordingly. The bus master follows the Write Position command byte with an 8-bit wiper position value. Following the eighth bit of the position byte, the bus master reads back the 8-bit position value from the DS2890 to confirm that the value was received correctly by the device. If an incorrect value is read back, the bus master must issue a Reset pulse and repeat the sequence. If the value read back is correct, the bus master then sends the 8-bit release code (96h). If the DS2890 accurately receives the release code, the wiper position is updated and the device will respond with 0's to additional reads by the bus master. If an invalid release code is received, no change is made to the wiper position and the device will respond with 1's to additional reads by the bus master. The Write Position command is terminated with a Reset pulse.
Read Control Register [AAh]
The Read Control Register command is used to obtain both the Control Register and potentiometer Feature Register. Following the Read Control Register command byte, the bus master reads 16 bits to obtain first the Feature Register byte and then the Control Register byte. The DS2890 will respond with 10 of 23
DS2890 0's to additional reads after the eight bit of the Control Register byte. The Read Control Register command is terminated with a Reset pulse.
Write Control Register [55h]
The Write Control Register command is used to manipulate DS2890 state bits located in the Control Register. This command is used to set the potentiometer wiper address and charge pump state. The bus master follows the Write Control Register command byte with an 8-bit register value. Following the eighth bit of the register byte, the bus master reads back the 8-bit control value from the DS2890 to confirm that the device received the correct value (Note that if an invalid register value was received by the DS2890, the bus master will read all 1's (FFh) during the read back sequence.). If a value other than FFh is read, the bus master determines if the DS2890 received the correct value. If an incorrect value is read back, the bus master must issue a Reset pulse and repeat the sequence. If the value read back is correct, the bus master then sends the 8-bit release code (96h). If the DS2890 accurately receives the release code, the Control Register is updated and the device will respond with 0's to additional reads by the bus master. If an invalid release code is received, no change is made to the Control Register and the device will respond with 1's to additional reads by the bus master. The Write Control Register command is terminated with a Reset pulse.
Increment [C3h]
The Increment command is used for a one step position increase of the currently addressed potentiometer wiper. Although the DS2890 is a single element potentiometer, wiper addressing still applies and the Control Register wiper number used for addressing must be set accordingly. The bus master follows the Increment command byte with an 8-bit read to which the DS2890 will respond with a 00h value. No position change is made if the DS2890 wiper is at the maximum position (FFh) and an Increment command is received. One difference between the Increment/Decrement commands and other potentiometer functions is that upon completion of either of these commands 1-Wire command processing remains at the potentiometer function level. As shown in Figure 15, additional potentiometer commands may be sent without going through the ROM function flow.
Decrement [99h]
The Decrement command is used for a one step position decrease of the currently addressed potentiometer wiper. Although the DS2890 is a single element potentiometer, wiper addressing still applies and the Control Register wiper number used for addressing must be set accordingly. The bus master follows the Decrement command byte with an 8-bit read to which the DS2890 will respond with a 00h value. No position change is made if the DS2890 wiper is at the minimum position (00h) and a Decrement command is received. One difference between the Increment/Decrement commands and other potentiometer functions is that upon completion of either of these commands 1-Wire command processing remains at the potentiometer function level. As shown in Figure 15, additional potentiometer commands may be sent without going through the ROM function flow.
1-WIRE BUS SYSTEM
The 1-Wire bus is a system, which has a single bus master and one or more slaves. In all instances the DS2890 is a slave device. The bus master is typically a microcontroller. The discussion of this bus system is broken down into three topics: hardware configuration, transaction sequence, and 1-Wire signaling (signal types and timing). The 1-Wire protocol defines bus transactions in terms of the bus state during specific time slots that are initiated on the falling edge of sync pulses from the bus master. For a more detailed protocol description, refer to Chapter 4 of the Book of DS19xx iButton Standards.
11 of 23
DS2890
HARDWARE CONFIGURATION
The 1-Wire bus has only a single line by definition; it is important that each device on the bus be able to drive it at the appropriate time. To facilitate this, each device attached to the 1-Wire bus must have open drain or 3-state outputs. The 1-Wire port of the DS2890 is open drain with an internal circuit equivalent to that shown in Figure 9. A multi-drop bus consists of a 1-Wire bus with multiple slaves attached. At regular speed the 1-Wire bus has a maximum data rate of 16.3k bits per second. The speed can be boosted to 142k bits per second by activating the Overdrive Mode. The 1-Wire bus requires a pull-up resistor with a minimum value of 2.2 k. Depending on 1-Wire communication speed, regular or overdrive, and bus load characteristics, the optimal pull-up resistor value will be in the 1.5 k to 5 k range. The idle state for the 1-Wire bus is high. If for any reason a transaction needs to be suspended, the bus MUST be left in the idle state if the transaction is to resume. If this does not occur and the bus is left low for more than 16 s (Overdrive Speed) or more than 120 s (regular speed), one or more devices on the bus may be reset.
HARWARE CONFIGURATION Figure 12
BUS MASTER Open Drain Port Pin RX VPUP See Text DS2890 1-WIRE PORT
DATA
RX
TX
RX = RECEIVE TX = TRANSMIT 5 A Typ.
TX
100 MOSFET
Note: Depending on 1-Wire communication speed, regular or overdrive, and bus load characteristics, the optimal pull-up resistor value will be in the 1.5 k to 5 k range.
TRANSACTION SEQUENCE
The protocol for accessing the DS2890 via the 1-Wire port is as follows: Initialization ROM Function Command Potentiometer Function Command Transaction/Data
INITIALIZATION
All transactions on the 1-Wire bus begin with an initialization sequence. The initialization sequence consists of a reset pulse transmitted by the bus master followed by presence pulse(s) transmitted by the slave(s). The presence pulse lets the bus master know that the DS2890 is on the bus and is ready to operate. For more details, see the "1-WIRE SIGNALING" section.
ROM FUNCTION COMMANDS
Once the bus master has detected a presence, it can issue one of the eight ROM function commands that the DS2890 supports. All ROM function commands are eight bits long. A list of these commands follows (refer to Figure 17 and Figure 18 flowcharts): 12 of 23
DS2890
Read ROM [33h]
This command allows the bus master to read the DS2890's 8-bit family code, unique 48-bit serial number, and 8-bit CRC. This command should only be used if there is a single slave on the bus. If more than one slave is present on the bus, a data collision will occur when all slaves try to transmit at the same time (open drain will produce a wired-AND result). The resultant family code and 48-bit serial number read by the master will be invalid.
Match ROM [55h]
The match ROM command, followed by a 64-bit ROM sequence, allows the bus master to address a specific DS2890 on a multi-drop bus. Only the DS2890 that exactly matches the 64-bit ROM sequence will respond to the following memory function command. All slaves that do not match the 64-bit ROM sequence will wait for a reset pulse. This command can be used with a single or multiple devices on the bus.
Search ROM [F0h]
When a multi-drop system is initially brought up, the bus master might not know the number of devices on the 1-Wire bus or their 64-bit ROM codes. The search ROM command allows the bus master to use a process of elimination to identify the 64-bit ROM codes of all slave devices on the bus. The search ROM process is the repetition of a simple 3-step routine: read a bit, read the complement of the bit, then write the desired value of that bit. The bus master performs this 3-step routine on each bit of the ROM. After one complete pass, the bus master knows the 64-bit ROM code of one device. Additional passes will identify the ROM codes of the remaining devices. See Chapter 5 of the Book of DS19xx iButton Standards for a comprehensive discussion of a search ROM, including an actual example.
Conditional Search ROM [ECh]
The Conditional Search ROM command operates similarly to the Search ROM command except that only devices fulfilling the specified search condition will participate in the search. The device condition that will cause individual DS2890s to participate in a Conditional Search is a wiper position located at the power-on default setting (00h). This feature enables the bus master to easily determine whether a potentiometer has gone through a power-on reset and needs to be re-configured with a required wiper position setting.
Skip ROM [CCh]
This command can save time in a single drop bus system by allowing the bus master to access potentiometer functions without providing the 64-bit ROM code. If more than one slave is present on the bus and, for example, a read command is issued following the Skip ROM command, data collision will occur on the bus as multiple slaves transmit simultaneously (open drain pull-downs will produce a wiredAND result).
Overdrive Skip ROM [3Ch]
On a single-drop bus this command can save time by allowing the bus master to access the memory functions without providing the 64-bit ROM code. Unlike the normal Skip ROM command the Overdrive Skip ROM sets the DS2890 in the Overdrive Mode. All communication following this command code has to occur at Overdrive Speed until a reset pulse of minimum 480 s duration resets all devices on the bus to regular speed. When issued on a multi-drop bus this command will set all Overdrive-supporting devices into Overdrive mode. To subsequently address a specific Overdrive-supporting device, a reset pulse at Overdrive speed has to be issued followed by a Match ROM or Search ROM command sequence. This will speed up the 13 of 23
DS2890 search process. If more than one Overdrive-supporting slave is present on the bus and the Overdrive Skip ROM command is followed by a read command, data collision will occur on the bus as multiple slaves transmit simultaneously (open drain pull-downs will produce a wire-AND result).
Overdrive Match ROM [69h]
The Overdrive Match ROM command, followed by a 64-bit ROM sequence transmitted at Overdrive Speed, allows the bus master to address a specific DS2890 on a multi-drop bus and to simultaneously set it in Overdrive Mode. Only the DS2890 that exactly matches the 64-bit ROM sequence will respond to the subsequent potentiometer function command. Slaves already in Overdrive mode from a previous Overdrive Skip or a successful Overdrive Match command will remain in Overdrive mode. All Overdrive-capable slaves will return to regular speed at the next Reset Pulse of minimum 480 s duration. The Overdrive Match ROM command can be used with a single or multiple devices on the bus.
Resume Command [A5h]
In a typical application the DS2890 may be accessed several times to complete a control adjustment. In a multi-drop environment this means that the 64-bit ROM sequence of a Match ROM command has to be repeated for every access. To maximize the data throughput in a multi-drop environment the Resume Command function was implemented. As shown in Figure 18, this function checks the status of the RC flag and, if it is set, directly transfers control to the potentiometer functions, similar to a Skip ROM command. The only way to set the RC flag is through successfully executing the Match ROM, Search ROM, Conditional Search ROM, or Overdrive Match ROM command. Once the RC flag is set, the device can repeatedly be accessed through the Resume Command function. Accessing another device on the bus will clear the RC flag, preventing two or more devices from simultaneously responding to the Resume Command function.
1-WIRE SIGNALING
The DS2890 requires strict protocols to ensure data integrity. The protocol consists of four types of signaling on one line: Reset Sequence with Reset Pulse and Presence Pulse, Write 0, Write 1 and Read Data. Except for the presence pulse the bus master initiates all these signals. The DS2890 can communicate at two different speeds, regular speed and Overdrive Speed. If not explicitly set into the Overdrive mode, the DS2890 will communicate at regular speed. While in Overdrive Mode the fast timing applies to all waveforms. The initialization sequence required to begin any communication with the DS2890 is shown in Figure 13. A Reset Pulse followed by a Presence Pulse indicates the DS2890 is ready to send or receive data. The bus master transmits (TX) a reset pulse (tRSTL, minimum 480 s at regular speed, 48 s at Overdrive Speed). The bus master then releases the line and goes into receive mode (RX). The 1-Wire bus is pulled to a high state via the pull-up resistor. After detecting the rising edge on the data contact, the DS2890 waits (tPDH, 15-60 s at regular speed, 2-6 s at Overdrive speed) and then transmits the Presence Pulse (tPDL, 60-240 s at regular speed, 8-24 s at Overdrive Speed). A Reset Pulse of 480 s or longer will exit the Overdrive Mode returning the device to regular speed. If the DS2890 is in Overdrive Mode and the Reset Pulse is no longer than 80 s the device will remain in Overdrive Mode.
Read/Write Time Slots
The definitions of write and read time slots are illustrated in Figure 14 (a-c). The master initiates all time slots by driving the data line low. The falling edge of the data line synchronizes the DS2890 to the master by triggering an internal timing circuit. During write time slots, the timing circuit determines when the DS2890 will sample the data line. For a read data time slot, if a "0" is to be transmitted, the timing circuit 14 of 23
DS2890 determines how long the DS2890 will hold the data line low. If the data bit is a "1", the DS2890 will not hold the data line low at all.
INITIALIZATION PROCEDURE "RESET AND PRESENCE PULSES" Figure 13
MASTER TX "RESET PULSE" VPULLUP VPULLUP MIN VIH MIN VIL MAX 0V tRSTL RESISTOR MASTER DS2890 tR tPDH tPDL OVERDRIVE SPEED 48 s tRSTL < 80 s 48 s tRSTH < ** 2 s tPDH < 6 s 8 tPDL < 24 s MASTER RX "PRESENCE PULSE" tRSTH
REGULAR SPEED 480 s tRSTL < * 480 s tRSTH < ** 15 s tPDH < 60 s 60 tPDL < 240 s
* **
In order not to mask interrupt signaling by other devices on the 1-Wire bus and to prevent a power-on reset of the parasite powered circuit, tRSTL + tR should always be less than 960 s. Includes recovery time
READ/WRITE TIMING DIAGRAMS Figure 14
a) Write-one Time Slot
VPULLUP VPULLUP MIN VIH MIN DS2890 Sampling Window VIL MAX 0V tLOW1 15s (OD: 2s) 60s REGULAR SPEED 60 s tSLOT < 120 s 1 s tLOW1 < 15 s 1 s tREC < (OD: 6s) OVERDRIVE SPEED 6 s tSLOT < 16 s 1 s tLOW1 < 2 s 1 s tREC < tSLOT tREC
RESISTOR MASTER
15 of 23
DS2890
b) Write-zero Time Slot
VPULLUP VPULLUP MIN VIH MIN DS2890 Sampling Window VIL MAX 0V 15s (OD: 2s) (OD: 6s) 60s t LOW0 OVERDRIVE SPEED 6 s tLOW0 < tSLOT < 16 s 1 s tREC < tSLOT tREC
RESISTOR MASTER
REGULAR SPEED 60 s tLOW0 < tSLOT < 120 s 1 s tREC <
c) Read-data Time Slot
VPULLUP VPULLUP MIN VIH MIN VIL MAX 0V tSU tLOWR tRDV REGULAR SPEED 60 s tSLOT < 120 s RESISTOR MASTER DS2890 1 s tLOWR < 15 s 1 s tREC < tRDV = 15 s tSU < 1 s 0 tRELEASE < 45 s OVERDRIVE SPEED 6 s tSLOT < 16 s 1 s tLOWR < 2 s 0 tRELEASE < 4 s 1 s tREC < tRDV = 2 s tSU < 1 s tRELEASE Master Sampling Window tSLOT tREC
* The optimal sampling point for the master is as close as possible to the end time of the tRDV period without exceeding tRDV. For the case of a Read-one time slot, this maximizes the amount of time for the pull-up resistor to recover the line to a high level. For a Read-zero time slot it ensures that a read will occur before the fastest 1-Wire device(s) release the line (tRELEASE = 0).
16 of 23
DS2890
POTENTIOMETER FUNCTION COMMAND FLOW Figure 15
17 of 23
DS2890
POTENTIOMETER FUNCTION COMMAND FLOW (continued) Figure 16
18 of 23
DS2890
ROM FUNCTION COMMAND FLOW Figure 17
19 of 23
DS2890
ROM FUNCTION COMMAND FLOW (continued) Figure 18
20 of 23
DS2890
ELECTRICAL CHARACTERISTICS ABSOLUTE MAXIMUM RATINGS
Voltage on RH, RL, WIPER Relative to Ground Voltage on Other Pins Relative to Ground Operating Temperature Storage Temperature Soldering Temperature -0.5V to +11.0V -0.5V to +7.0V -40oC to +85oC -55oC to +125oC 260oC for 10 seconds
* This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
PARAMETER 1-Wire Pull-Up Voltage Auxiliary Supply Voltage SYMBOL VPUP VDD MIN 2.8 2.8 -0.3 TYP
-40oC TA +85oC
MAX 6.0 6.0 0.8 UNITS V V V NOTES 1 1,2 1,3
Notes: 1. Voltages are referenced to ground 2. Range applicable when an auxiliary VDD supply is used. 3. Range applicable when an auxiliary VDD supply is not used.
POTENTIOMETER CHARACTERISTIC
2.8V VPUP 6.0V, -40oC TA +85oC
PARAMETER SYMBOL MIN TYP MAX UNITS NOTES Resistor Terminal Voltage -0.3 11.0 V 1 End-to-End Total Resistance 100 k End-to-End Resistance Tolerance -25 25 % 2 Wiper Resistance: RWIPER 3 Absolute Linearity LSB 4 0.6 Relative Linearity LSB 5 0.25 -3dB cutoff frequency fCUTOFF 100 kHz Temperature Coefficient 800 ppm/oC Notes: 1. Voltage is referenced to ground. 2. Valid at 25oC only. 3. Wiper resistance is a function of operating characteristics. See section "POTENTIOMETER WIPER RESISTANCE AND CHARGE PUMP CONSIDERATIONS" for RWIPER characteristics. 4. Absolute linearity is a measure of wiper output voltage versus expected wiper voltage as determined by wiper position. 5. Relative linearity is a measure of the output deviation between successive potentiometer tap points.
21 of 23
DS2890
DC ELECTRICAL CHARACTERISTICS
2.8V VPUP 6.0V, -40 C TA +85oC
o
PARAMETER SYMBOL MIN TYP MAX UNITS NOTES 1-Wire Input High VIH 2.2 V 1 1-Wire Input Low VIL -0.3 0.8 V 1,2 1-Wire Output High VOH VPUP 6.0 V 1,3 1-Wire Output Low @ 4mA VOL 0.4 V 1 1-Wire Input Leakage Current IL 5 4 A VDD Input Current, Charge IDD 4.0 5 A Pump OFF VDD Input Current, charge Pump IDD 2.0 mA 6 ON Notes: 1. Voltages are referenced to ground 2. Under certain low voltage conditions VILMAX may have to be reduced to as much as 0.5V to always guarantee a presence pulse. 3. VPUP is the external 1-Wire pull-up voltage. 4. Input load is to ground. 5. Input current when an auxiliary VDD supply is used and the charge pump is turned OFF. 6. Input current when an auxiliary VDD supply is used and the charge pump is turned ON.
AC ELECTRICAL CHARACTERISTICS - REGULAR 1-Wire SPEED 2.8V VPUP 6.0V, -40oC TA +85oC
PARAMETER SYMBOL MIN TYP MAX UNITS NOTES Time Slot tSLOT 60 120 s Write 1 Low Time tLOW1 1 15 s Write 0 Low Time tLOW0 60 120 s Read Low Time tLOWR 1 15 s Read Data Valid tRDV 15 s 1 Release Time tRELEASE 0 15 45 s Read Data Setup tSU 1 s 2 Recovery Time tREC 1 s Reset High Time tRSTH 480 s 3 Reset Low Time tRSTL 480 s 4 Presence Detect High tPDH 15 60 s Presence Detect Low tPDL 60 240 s Notes: 1. The optimal sampling point for the master is as close as possible to the end time of the 15 s tRDV period without exceeding tRDV. For the case of a Read-one time slot, this maximizes the amount of time for the pull-up resistor to recover the line to a high level. For a Read-zero time slot it ensures that a read will occur before the fastest 1-Wire device(s) release the line (tRELEASE = 0). 2. Read data setup time refers to the time the host must pull the 1-Wire bus low to read a bit. Data is guaranteed to be valid within 1 s of this falling edge. 3. An additional reset or communication sequence cannot begin until the reset high time (tRSTH) has expired. 4. The reset low time (tRSTL) should be restricted to a maximum of 960 s, to allow interrupt signaling, otherwise, it could mask or conceal interrupt pulses.
22 of 23
DS2890
AC ELECTRICAL CHARACTERISTICS - OVERDRIVE 1-Wire SPEED 2.8V VPUP 6.0V, -40oC TA +85oC
PARAMETER SYMBOL MIN TYP MAX UNITS NOTES Time Slot tSLOT 6 16 s Write 1 Low Time tLOW1 1 2 s Write 0 Low Time tLOW0 6 16 s Read Low Time tLOWR 1 2 s Read Data Valid tRDV 2 s 9 Release Time tRELEASE 0 1.5 4 s Read Data Setup tSU 1 s 4 Recovery Time tREC 1 s Reset High Time tRSTH 48 s Reset Low Time tRSTL 48 80 s Presence Detect High tPDH 2 6 s Presence Detect Low tPDL 8 24 s Notes: 1. The optimal sampling point for the master is as close as possible to the end time of the 2 s tRDV period without exceeding tRDV. For the case of a Read-one time slot, this maximizes the amount of time for the pull-up resistor to recover the line to a high level. For a Read-zero time slot it ensures that a read will occur before the fastest 1-Wire device(s) release the line (tRELEASE = 0). 2. Read data setup time refers to the time the host must pull the 1-Wire bus low to read a bit. Data is guaranteed to be valid within 1 s of this falling edge. 3. An additional reset or communication sequence cannot begin until the reset high time (tRSTH) has expired. 4. The reset low time (tRSTL) should be restricted to a maximum of 960 s, to allow interrupt signaling, otherwise, it could mask or conceal interrupt pulses.
CAPACITANCE
TA = 25oC
PARAMETER SYMBOL MIN TYP MAX UNITS NOTES 1-Wire Pin 800 pF 1 VDD Pin 10 pF Resistor Terminals 10 pF Notes: 1. Capacitance on the 1-Wire pin could be 800 pF when power is first applied. If a 5 k is used to pull up the 1-Wire line to VPUP, the capacitance will not affect communications after a 5s charge time.
23 of 23


▲Up To Search▲   

 
Price & Availability of DS2890

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X