Part Number Hot Search : 
HZD5C9N UPC451 MC3232A RM13TR P11N60 F60BDTR LM3390 05205G0A
Product Description
Full Text Search
 

To Download D25SB60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY
LTD.
D25SB10(RBV2502S) Thru D25SB100(RBV2507S)
FEATURES
Plastic Package has Underwriters Laboratory Flammability Classification 94V-0 This series is UL listed under the Recognized Component index,file number E231047 Single-in-line package High current capality with small package Superior thermal conductivity High temperature soldering guaranted: 260 /10 seconds
High IFSM
Maximum Ratings & Thermal Characteristics Ratings at 25
ambient temperature unless otherwise specified.
Parameter Symbol Maximum repetitive voltage
Maximum DC reverse current at rated DC blocking voltage TA=25 TA=125
Symbol VRM IR
D25SB10 D25SB20
D25SB40
D25SB60 D25SB80 D25SB100
Unit V A
RBV2502S RBV2503S RBV2504S RBV2505S RBV2506S RBV2507S
100
200
400 5 500 25 350 2.5 1.1 150
600
800
1000
Average rectified forward current 60Hz Sine wave Resistance load with heat sink Tc=100 Peak forward surge current 8.3ms single half sinewave superimposed on rated load Dielectric strength Terminals to case AC 1 minute Current 1mA Max instantaneous forward voltage at 12.5A Operating junction temperature Storage temperature
Io IFSM Vdia VF TJ Tstg
A A KV V
-40~150
LESHAN RADIO COMPANY
LTD.
D25SB10(RBV2502S) Thru D25SB100(RBV2507S)
Fig. 1
derating Curve Peak Surge Forward Current IFSM(A)
Fig.2
Peak Surge Forward capability
Average Rectified Forward Current
Case Temperature Tc(
)
Number of Cycles at 60 Hz(cycles)
Fig.3
Typical Reverse Characteristics
Fig.4
Forward Voltage
Instantaneous Reverse Current Microamperes
Forward Current IF(A)
Percent of Rated Peak Reverse Voltage%
Forward Voltage VF V


▲Up To Search▲   

 
Price & Availability of D25SB60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X