Part Number Hot Search : 
2GMXX RT7257 GBJ10 C829K 60N06 SBS808M BUY49S C106M
Product Description
Full Text Search
 

To Download CSD20120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY
CSD20120
ZERO RECOVERYTM RECTIFIER
Features
* 1200 Volt Schottky Rectifier * Zero Reverse Recovery * Zero Forward Recovery * High Frequency Operation * Temperature Independent Switching Behavior * Extremely Fast Switching * Positive Temperature Coefficient on VF
Benefits
_________
* Replace Bipolar with Unipolar Rectifiers * Essentially No Switching Losses * Higher Efficiency * Reduction Of Heat Sink Requirements * Parallel Devices without Thermal Runaway
Applications
* * * Switch Mode Power Supplies Power Factor Correction Motor Drives
Package
_____________
CSD20120D
Maximum Ratings
Parameter Repetitive Peak Reverse Voltage Surge Peak Reverse Voltage DC Blocking Voltage Average Forward Current C TC=160 (Per Device) (Per Leg) Symbol VRRM VRSM VDC IF(AV) IFRM IFSM Ptot TJ , Tstg Value 1200 1200 1200 20 10 50 250 312 -55 to +175 Unit V V V A A A W C
Repetitive Peak Forward Surge Current (Per Leg) TC=25 tP=8.3ms, Half Sine Wave C, Non-Repetitive Peak Forward Surge Current (Per Leg) TC=25 tP=10s, Pulse C, Power Dissipation (Per Leg) TC = 25C Operating Junction and Storage Temperature
Page 1 * CSD20120, Rev A
PRELIMINARY
ELECTRICAL CHARACTERISTICS (PER LEG)
Parameter Forward Voltage IF = 10A TJ=25C IF = 10A TJ=175C Reverse Current VR = 1200V TJ=25C VR = 1200V TJ=175C Total Capacitive Charge VR = 1200V,IF = 10A, di/dt = 500 A/s, TJ = 25C Total Capacitance VR = 0V, TJ = 25C, f =1MHz VR = 200V, TJ = 25C, f =1MHz VR = 400V, TJ = 25C, f =1MHz Symbol VF IR QC Min Typ 1.6 2.5 10 20 61 1000 80 59
CSD20120
Max 1.8 3.0 200 1000
Units V A nC
C
pF
NOTE: 1. This is a majority carrier diode, so there is no reverse recovery charge.
THERMAL CHARACTERISTICS
Characteristic Thermal Resistance from Junction to Case Per Leg Per Device Symbol RJC RJC Min Typ 0.48 0.24 Max Units C/W C/W
Typical Performance (Per Leg)
Figure 1. Forward Characteristics
20 18 16 14 IF FORWARD CURRENT (A) 12 10 8 6 4 2 0 0.0 1.0 2.0 3.0 4.0 5.0 VF FORWARD VOLTAGE (V)
Figure 2. Reverse Characteristics
200 180 160 140 IR Reverse Current (uA) 120 100 80 60 40 20 0 0 500 1000 VR Reverse Voltage (V) 1500 2000
TJ = 25 C C TJ = 75 TJ = 125 C TJ = 175 C
TJ = 25 C TJ = 75 C TJ = 125 C TJ = 175 C
Page 2 * CSD20120, Rev A
PRELIMINARY
Figure 3. Current Derating
40
CSD20120
Figure 4. Capacitance vs. Reverse Voltage
800
35
700
30 IF(AV) Forward Current (A)
600
Capacitance (pF)
25
500
20
400
15
300
10
200
5
100
0 25 50 75 100 125 150 175 200 TC Case Temperture (C)
0 1 10 100 1000 VR Reverse Voltage (V)
Figure 5. Transient Thermal Impedance
1.00E+00
Zth [ C/W]
1.00E-01
1.00E-02
1.00E-03 1.00E-07 1.00E-06 1.00E-05 1.00E-04 1.00E-03 1.00E-02 1.00E-01 1.00E+00 time [s]
Page 3 * CSD20120, Rev A
PRELIMINARY Package Dimensions
Package TO-247-3
A V K L R 1 2 3 M N T C D P U S H J
POS A B C D E F G H J K L M N P Q R S T U V
CSD20120
B
E F
Inches Min Max .621 .631 .820 .830 .789 .799 .120 .126 .047 .052 .075 .084 .215 TYP .193 .203 .075 .081 19 21 4 6 2 4 2 4 .093 .097 .024 .030 9 11 9 11 2 4 2 4 .140 .144
Millimeters Min Max 15.773 16.027 20.823 21.077 20.053 20.307 3.044 3.196 1.200 1.327 1.903 2.132 5.450 TYP 4.903 5.157 1.904 2.056 19 21 4 6 2 4 2 4 2.349 2.451 .600 .752 9 11 9 11 2 4 2 4 3.560 3.660
G
Q
PIN 1 PIN 2 PIN 3 CASE
Part Number CSD20120D
Package TO-247-3
Marking CSD20120
Page 4 * CSD20120, Rev A
PRELIMINARY
CSD20120
Recommended solder pad layout.
TO-247-3
This product has not been designed or tested for use in, and is not intended for use in, applications implanted into the human body nor in applications in which failure of the product could lead to death, personal injury or property damage, including but not limited to equipment used in the operation of nuclear facilities, life-support machines, cardiac defibrillators or similar emergency medical equipment, aircraft navigation or communication or control systems, air traffic control systems, or weapons systems.
Copyright (c) 2001-2004 Cree, Inc. All rights reserved. Permission is given to reproduce this document provided the entire document (including this copyright notice) is duplicated. The information in this document is subject to change without notice. Cree and the Cree logo are trademarks of Cree, Inc.
Cree, Inc. Power Products 4600 Silicon Drive * Durham, NC 27703 * USA Tel: 919-313-5300 * Fax: 919-313-5451 www.cree.com
Page 5 * CSD20120, Rev A


▲Up To Search▲   

 
Price & Availability of CSD20120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X