Part Number Hot Search : 
150VB01 SSH6N80 120F1 LT0119A 12IO1 74S90 CSM3392 S5821
Product Description
Full Text Search
 

To Download CKB-38-30010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Catalog 1308242 Issued 3-03
P&B
CK series
Mid-Priced CMOS IC Time Delay Relay
* Choice of timing modes
- Delay on operate - Delay on release - Delay on dropout (no input required during timing) - Interval on * Knob or resistor adjustable types * 10A output relay with DPDT contacts * Various models time from 0.1 to 180 sec.
File E22575 File LR15734
Users should thoroughly review the technical data before selecting a product part number. It is recommended that user also seek out the pertinent approvals files of the agencies/laboratories and review them to ensure the product meets the requirements for a given application.
Timing Modes
Delay on operate - Delay period begins when input voltage is applied. At the end of the delay period, the relay will operate and will not release until input voltage is removed. Reset occurs when input voltage is reapplied.
INPUT VOLTAGE N.O. RELAY CONTACTS ON OFF ON OFF
Contact Data @ 25C
Arrangements: 2 Form C (DPDT). Material: Silver-cadmium oxide alloy. Rating: 10A @ 30VDC or 277VAC, resistive; 1/2 HP @ 250VAC; 1/3 HP @ 120VAC. Expected Mechanical Life: 10 million operations. Expected Electrical Life: 100,000 operations, min., at rated load.
Delay on release - Input voltage must be applied continuously to operate the internal relay. When the control switch is closed, the relay energizes. When the control switch is opened, timing begins. When timing is complete, the relay will de-energize. Time may be reset to zero during timing by closing the control switch.
CONTROL SWITCH N.O. RELAY CONTACTS ON OFF
Delay on dropout - The relay operates immediately upon application of input voltage. Timing begins when input voltage is removed. When timing is complete, the relay will de-energize. Reset occurs when input voltage is reapplied.
INPUT VOLTAGE N.O. RELAY CONTACTS ON OFF ON OFF
TIME
Interval on (with control switch) - Input voltage must be applied continuously to operate the internal relay. The relay energizes and timing begins when the external switch is closed. At the end of the time delay period the relay will de-energize. Reset is accomplished by opening and reclosing the control switch.
CONTROL SWITCH N.O. RELAY CONTACTS ON OFF ON OFF
TIME
Environmental Data
Temperature Range: Storage: -55C to +85C. Operating: -10C to +55C.
Timing Specifications
Timing Ranges: From 0.1 to 180 sec. Timing Adjustment: External resistor and knob adjustable. Tolerance (for AC units add 1/2 cycle 60 Hz.): Knob Adj. Types:-0, +20% of max. specified at high end of timing range; min. specified, or less, at low end. Fixed Types: 5%. Res. Adj. Types: 5% at high end of timing range; min. specified, or less, at low end. Delta Time (for AC units add 1 cycle 60 Hz.): 10%. Repeatability (for AC units add 1 cycle 60 Hz.): 2%. Release Time: 60 ms, typ.; 100 ms, max. Recycle Time: 60 ms, typ.; 100 ms, max.
Dimensions are shown for
1224 reference purposes only.
Dimensions are in inches over (millimeters) unless otherwise specified.
ON OFF
TIME
Initial Dielectric Strength
Between Open Contacts: 500V rms, 60 Hz. Between All Other Conductors: 500V rms, 60 Hz.
TIME
Input Data @ 25C
Voltage: 24 & 120VAC and 12 & 24VDC. Power Requirement: AC Types: Typically less than 3 VA. DC Types: Typically less than 3 W. Initiate Time: Delay on dropout timers must have input voltage applied for a minimum of three seconds for dropout function to be guaranteed. Transient Protection: Yes. Reverse Voltage Protection: Yes.
Input Voltages & Limits @ 25C
Voltage Type AC DC Nominal Voltage 24 120 12 24 Minimum Voltage 20 105 11 20 Maximum Voltage 28 130 13 32
Note: DC voltage must be filtered (5% p-p ripple max. at nom. voltage). AC models will operate on 50 or 60 Hz.
Mechanical Data
Termination: 8- or 11-pin octal style plug. Enclosure: White plastic case. Knob adjustable types have dial scale for reference only. Sockets: Models with 8-pin base fit either 27E122 or 27E891 (snap-on) screw terminal sockets. 11-pin types fit either 27E123 or 27E892 (snap-on) screw terminal sockets. Weight: 6 oz. (170g) approximately.
Specifications and availability subject to change. www.tycoelectronics.com Technical support: Refer to inside back cover.
Catalog 1308242 Issued 3-03
P&B
Ordering Information - Authorized distributors are more likely to stock boldface items listed below.
Delay On Operate Models
Voltage 24VAC 120VAC Time 0.1 to 10 Sec. 0.1 to 10 Sec. 0.6 to 60 Sec. 1.2 to 120 Sec. 1.8 to 180 Sec. 0.1 to 10 Sec. 0.1 to 10 Sec. Adjustment Knob Knob Wiring Dia. 1 1 Part Number CKB-38-30010 CKB-38-70010 CKB-38-70060 CKB-38-70120 CKB-38-70180 CKF-38-70010 CKD-38-20010 120VAC 120VAC 24VDC
Delay On Release Models
Voltage Time 0.1 to 10 Sec. 0.6 to 60 Sec. 1.8 to 180 Sec. 0.1 to 10 Sec. 0.1 to 10 Sec. Adjustment Knob Resistor Resistor Wiring Dia. 3 4 4 Part Number CKB-38-78010 CKB-38-78060 CKB-38-78180 CKF-38-78010 CKH-38-38010
120VAC 12VDC
Resistor Knob
2 1
Delay On Dropout Models
Voltage 24VAC Time 0.1 to 10 Sec. 0.6 to 60 Sec. 0.1 to 10 Sec. 0.6 to 60 Sec. 1.2 to 120 Sec. Adjustment Knob Wiring Dia. 1 Part Number CKB-38-37010 CKB-38-37060 CKB-38-77010 CKB-38-77060 CKB-38-77120
120VAC
Knob
1
Interval On Models
Voltage 120VAC Time 0.1 to 10 Sec. Adjustment Knob Wiring Dia. 3 Part Number CKB-38-79010
Outline Dimensions
2.406 MAX. (61.1)
.60 (15.2)
Wiring Diagrams - Bottom Views (pins numbered clockwise from keyway)
EXTERNAL RESISTOR EXTERNAL RESISTOR

+
_
+
_
+
_
+
_
INPUT (DC POLARITY INDICATED)**
INPUT (DC POLARITY INDICATED)**
CONTINUOUS SUPPLY INPUT (DC POLARITY INDICATED)**
CONTINUOUS SUPPLY INPUT (DC POLARITY INDICATED)**
Fig.1 8 Pin
Fig. 2 11 Pin
Fig. 3 11 Pin
Fig. 4 11 Pin
* If control switch is closed when power is applied, relay will immediately energize. A 50 millisecond minimum switch closure is required. IMPORTANT: A dry circuit switch is recommended. A "dry circuit" switch is one rated to reliably switch currents of less than 50mA. Use of a switch rated for other than dry circuit may result in failure of the time delay relay to function properly. ** Note: Input polarity for DC operation. For most reliable operation on AC, connect high side to "+" and low side to "-".
External Resistor Chart
See External Resistor Selection Charts at beginning of Time Delay Relay section of this Databook.
Dimensions are shown for reference purposes only.
Dimensions are in inches over (millimeters) unless otherwise specified.
Specifications and availability subject to change.
2.937 MAX. (74.6)

.56 (14.2) 1.781 MAX. (45.2)
EXTERNAL CONTROL SWITCH*
EXTERNAL CONTROL SWITCH*

www.tycoelectronics.com Technical support: 1225 Refer to inside back cover.


▲Up To Search▲   

 
Price & Availability of CKB-38-30010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X