Part Number Hot Search : 
JANTX1 MAX695 JANTX1 BPC25 NTE104 YM74S MGRB2018 MAX17017
Product Description
Full Text Search
 

To Download C67076-A2515-A67 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BSM 50 GD 60 DN2
IGBT Power Module
* Power module * 3-phase full-bridge * Including fast free-wheel diodes * Package with insulated metal base plate Type BSM 50 GD 60 DN2 Maximum Ratings Parameter Collector-emitter voltage Collector-gate voltage Symbol Values 600 600 Unit V
VCE
600V
IC
50A
Package ECONOPACK 2K
Ordering Code C67076-A2515-A67
VCE VCGR VGE IC
RGE = 20 k
Gate-emitter voltage DC collector current
20 A 50
TC = 40 C
Pulsed collector current, tp = 1 ms
ICpuls
100
TC = 40 C
Power dissipation per IGBT
Ptot
200
W + 150 -55 ... + 150 0.6 1.5 2500 16 11 F 55 / 150 / 56 sec Vac mm K/W C
TC = 25 C
Chip temperature Storage temperature Thermal resistance, chip case Diode thermal resistance, chip case Insulation test voltage, t = 1min. Creepage distance Clearance DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1
Tj Tstg RthJC RthJCD Vis
-
Semiconductor Group
1
Jan-10-1997
BSM 50 GD 60 DN2
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Symbol min. Static Characteristics Gate threshold voltage Values typ. max. Unit
VGE(th)
4.5 5.5 2.1 2.2 6.5 2.7 2.8
V
VGE = VCE, IC = 1 mA
Collector-emitter saturation voltage
VCE(sat)
-
VGE = 15 V, IC = 50 A, Tj = 25 C VGE = 15 V, IC = 50 A, Tj = 125 C
Zero gate voltage collector current
ICES
1.5
mA nA 100
VCE = 600 V, VGE = 0 V, Tj = 25 C
Gate-emitter leakage current
IGES
VGE = 25 V, VCE = 0 V
AC Characteristics Transconductance
gfs
10 2.8 0.3 0.2 -
S nF -
VCE = 20 V, IC = 50 A
Input capacitance
Ciss Coss
-
VCE = 25 V, VGE = 0 V, f = 1 MHz
Output capacitance
VCE = 25 V, VGE = 0 V, f = 1 MHz
Reverse transfer capacitance
Crss
-
VCE = 25 V, VGE = 0 V, f = 1 MHz
Semiconductor Group
2
Jan-10-1997
BSM 50 GD 60 DN2
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Symbol min. Switching Characteristics, Inductive Load at Tj = 125 C Turn-on delay time Values typ. max. Unit
td(on)
60 -
ns
VCC = 300 V, VGE = 15 V, IC = 50 A RGon = 22
Rise time
tr
80 -
VCC = 300 V, VGE = 15 V, IC = 50 A RGon = 22
Turn-off delay time
td(off)
330 -
VCC = 300 V, VGE = -15 V, IC = 50 A RGoff = 22
Fall time
tf
550 -
VCC = 300 V, VGE = -15 V, IC = 50 A RGoff = 22
Free-Wheel Diode Diode forward voltage
VF
2 1.8 -
V
IF = 50 A, VGE = 0 V, Tj = 25 C IF = 50 A, VGE = 0 V, Tj = 125 C
Reverse recovery time
trr
0.2 -
s
IF = 50 A, VR = -300 V, VGE = 0 V diF/dt = -500 A/s, Tj = 125 C
Reverse recovery charge
Qrr
C
IF = 50 A, VR = -300 V, VGE = 0 V diF/dt = -500 A/s Tj = 25 C Tj = 125 C
2.8 5 -
Semiconductor Group
3
Jan-10-1997
BSM 50 GD 60 DN2
Power dissipation Ptot = (TC) parameter: Tj 150 C
220 W
Safe operating area IC = (VCE) parameter: D = 0, TC = 25C , Tj 150 C
10 3
A
Ptot
180 160 140
IC
10 2
tp = 16.0s
100 s
120 100 80 60 40 20 0 0 20 40 60 80 100 120 C 160
10
1
1 ms
10 0
10 ms
DC 10 -1 0 10
10
1
10
2
V 10
3
TC
VCE
Collector current IC = (TC) parameter: VGE 15 V , Tj 150 C
60 A 50
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 0
IGBT
K/W
IC
45 40 35 30 25 20 15 10 5 0 0 20 40 60 80 100 120 C 160
ZthJC
10 -1
D = 0.50 0.20 10
-2
0.10 0.05 0.02 single pulse 0.01
10 -3 -5 10
10
-4
10
-3
10
-2
10
-1
s 10
0
TC
tp
Semiconductor Group
4
Jan-10-1997
BSM 50 GD 60 DN2
Typ. output characteristics
Typ. output characteristics
IC = f (VCE)
parameter: tp = 80 s, Tj = 25 C
100 A
IC = f (VCE)
parameter: tp = 80 s, Tj = 125 C
100 A 17V 15V 13V 11V 9V 7V
IC
80 70 60 50 40 30 20 10 0 0
IC
80 70 60 50 40 30 20 10 0 0
17V 15V 13V 11V 9V 7V
1
2
3
V
5
1
2
3
V
5
VCE
VCE
Typ. transfer characteristics
IC = f (VGE)
parameter: tp = 80 s, VCE = 20 V
100 A
IC
80 70 60 50 40 30 20 10 0 0
2
4
6
8
10
V 14 VGE
Semiconductor Group
5
Jan-10-1997
BSM 50 GD 60 DN2
Typ. gate charge VGE = (QGate) parameter: IC puls = 50 A
20 V
Typ. capacitances
C = f (VCE)
parameter: VGE = 0 V, f = 1 MHz
10 1
nF
VGE
16 14 12 10 8
Ciss
C
100 V
300 V
10 0
Coss Crss 10 -1
6 4 2 0 0 10 -2 0
20
40
60
80
100
120
nC
160
5
10
15
20
25
30
QGate
V 40 VCE
Reverse biased safe operating area
Short circuit safe operating area
ICpuls = f(VCE) , Tj = 150C parameter: VGE = 15 V
2.5
ICsc = f(VCE) , Tj = 150C parameter: VGE = 15 V, tSC 10 s, L < 50 nH
12
ICpuls/IC
ICsc/IC
8 1.5 6 1.0 4
0.5 2
0.0 0 100 200 300 400 500 600 V 800 VCE
0 0 100 200 300 400 500 600 V 800 VCE
Semiconductor Group
6
Jan-10-1997
BSM 50 GD 60 DN2
Typ. switching time
Typ. switching time
I = f (IC) , inductive load , Tj = 125C
par.: VCE = 300 V, VGE = 15 V, RG = 22
10 3
t = f (RG) , inductive load , Tj = 125C
par.: VCE = 300 V, VGE = 15 V, IC = 50 A
10 3 tdoff tf tf t tdoff tr tdon 10 2 tdon ns
t
ns
tr 10 2
10 1 0
20
40
60
80
100
A IC
140
10 1 0
20
40
60
80
120
RG
Typ. switching losses
Typ. switching losses
E = f (IC) , inductive load , Tj = 125C
par.: VCE = 300 V, VGE = 15 V, RG = 22
10 Eoff mWs E 8 7 6 5 4 3 2 1 0 0 Eon
E = f (RG) , inductive load , Tj = 125C
par.: VCE = 300V, VGE = 15 V, IC = 50 A
10 mWs E 8 7 6 Eoff 5 4 3 2 1 0 0 Eon
20
40
60
80
100
A IC
140
20
40
60
80
120
RG
Semiconductor Group
7
Jan-10-1997
BSM 50 GD 60 DN2
Forward characteristics of fast recovery reverse diode IF = f(VF) parameter: Tj
100 A
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 1
Diode
K/W
IF
80 70 60 50 40
ZthJC
10 0
10 -1 D = 0.50 0.20
Tj=125C
30 20 10 0 0.0
Tj=25C
10 -2 single pulse
0.10 0.05 0.02 0.01
0.5
1.0
1.5
2.0
V
3.0
10 -3 -5 10
10
-4
10
-3
10
-2
10
-1
s 10
0
VF
tp
Semiconductor Group
8
Jan-10-1997
BSM 50 GD 60 DN2
Circuit Diagram
Package Outlines Dimensions in mm Weight: 180 g
Semiconductor Group
9
Jan-10-1997


▲Up To Search▲   

 
Price & Availability of C67076-A2515-A67

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X