Part Number Hot Search : 
KBJ410 SPLSI 1215E 4076E TMR4811 DL400 33742 ESDA5
Product Description
Full Text Search
 

To Download BUS-61570-830K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUS-61559 SERIES
MIL-STD-1553B NOTICE 2 ADVANCED INTEGRATED MUX HYBRIDS WITH ENHANCED RT FEATURES (AIM-HY'er)
DESCRIPTION
DDC's BUS-61559 series of Advanced Integrated Mux Hybrids with enhanced RT Features (AIM-HY'er) comprise a complete interface between a microprocessor and a MIL-STD-1553B Notice 2 bus, implementing Bus Controller (BC), Remote Terminal (RX, and Monitor Terminal (MT) modes. Packaged in a single 78-pin DIP or 82-pin flat package the BUS-61559 series contains dual low-power transceivers and encoder/decoders, complete BC/RT/MT protocol logic, memory management and interrupt logic, 8K x 16 of shared static RAM, and a direct, buffered interface to a host processor bus. The BUS-61559 includes a number of advanced features in support of MIL-STD-1553B Notice 2 and STANAG 3838. Other salient features of the BUS-61559 serve to provide the benefits of reduced board space requirements enhanced software flexibility, and reduced host processor overhead buffers to provide a direct interface to a host processor bus. Alternatively, the buffers may be operated in a fully transparent mode in order to interface to up to 64K words of external shared RAM and/or connect directly to a component set supporting the 20 MHz STANAG-3910 bus. The memory management scheme for RT mode prevails an option for separation of broadcast data, in compliance with 1553B Notice 2. A circular buffer option for RT message data blocks offloads the host processor for bulk data transfer applications. Another feature besides those listed to the right, is a transmitter inhibit control for the individual bus channels.
FEATURES
* Complete Integrated 1553B
Notice 2 Interface Terminal
* Functlonal Superset of BUS61553 AlM-HYSeries
* Internal Address and Data
Buffers for Dlrect Interface to Processor Bus
* RT Subaddress Circular Buffers
to Support Bulk Data Transfers
* Optlonal Separatlon of
RT Broadcast Data
The BUS-61559 series hybrids operate over the full military temperature range of -55 to +125"C and MIL-PRF38534 processing is available. The hybrids are ideal for demanding military and industrial microprocessor-toThe BUS-61559 contains internal 1553 applications address latches and bidirectional data
* Internal Interrupt Status and
Time Tag Registers
* Internal ST Command
Illegalization
* MIL-PRF-38534 Processing
Available
(ILLEGALIZATION ILLENA ENABLE)
ILLEGALLIZATION LOGIC
8K x 16 DUAL PORT RAM
BUS-25679 8 1 7 2 5 4 3 TX_INH_A
CLK IN (16MHz)
LOW-POWER TRANSCEIVER A DUAL ENCODER/ DECODER BC/RT/MT PROTOCOL LOW-POWER TRANSCEIVER A
MEMORY DATA
DATA BUFFERS*
D15-D
(PROCESSOR DATA)
BUS-25679 8 1 7 2 5 4 3 TX_INH_A (RT ADDRESS) (BROADCAST ENABLE) (RTFAIL, RTFLAG) (BROADCAST, MESSAGE TIMING, DATA STROBE AND ERROR INDICATORS)
MEMORY ADDRESS
ADDRESS LATCHES/ BUFFERS*
A15-A
(PROCESSOR ADDRESS) LATCH CONTROL)
ADDR_LAT (ADDRESS
RTAD 4-, RTADP BRO_ENA RTFAIL RTFLAG BCSTRCV, CMD_STR, TXDTA_STR RXDTA_STR, MSG_ERR, INCMD
TRANSPARENT/BUFFERED, MSTCLR, STRBD, SELECT, MEM/REG, RD/WR MEMORY IOEN, READYD MANAGEMENT, INT SHARED MEMEN-OUT,MEMWR, MEMOE RAM/ PROCESSOR MEMENA-IN INTERFACE, SSFLAG INTERRUPT LOGIC TAGCLK
(PROCESSOR CONTROL) (INTERRUPT REQUEST) (MEMORY CONTROL) (SUBSYSTEM FLAG) (TIME TAG CLOCK)
BU-61559 BLOCK DIAGRAM
(c) 1990, 1999 Data Device Corporation
ORDERING INFORMATION
BUS-615XX- XX0X* Supplemental Process Requirements: S = Pre-Cap Source Inspection L = Pull Test Q = Pull Test and Pre-Cap Inspection K = One Lot Date Code W = One Lot Date Code and PreCap Source Y = One Lot Date Code and 100% Pull Test Z = One Lot Date Code, PreCap Source and 100% Pull Test Blank = None of the Above Process Requirements: 0 = Standard DDC Processing, no Burn-In (See page xiii.) 1 = MIL-PRF-38534 Compliant 2 = B** 3 = MIL-PRF-38534 Compliant with PIND Testing 4 = MIL-PRF-38534 Compliant with Solder Dip 5 = MIL-PRF-38534 Compliant with PIND Testing and Solder Dip 6 = B** with PIND Testing 7 = B** with Solder Dip 8 = B** with PIND Testing and Solder Dip 9 = Standard DDC Processing with Solder Dip, no Burn-In (See page xiii.) Temperature Grade/Data Requirements: 1 = -55C to +125C 2 = -40C to +85C 3 = 0C to +70C 4 = -55C to +125C with Variables Test Data 5 = -40C to +85C with Variables Test Data 8 = 0C to +70C with Variables Test Data Power Supply and Packaging 59 = +5 V/-15 V DDIP 60 = +5 V/-12 V DIP 69 = +5 V/-15 V Flat Pack 70 = +5 V/-12 V Flat Pack 71 = +5 V Flat Pack *-601 version also available = MIL-STD-1760 compatible with fully compliant MIL-PRF-38534 Processing Available
2
NOTES
3
The information in this data sheet is believed to be accurate; however, no responsibility is assumed by Data Device Corporation for its use, and no license or rights are granted by implication or otherwise in connection therewith. Specifications are subject to change without notice.
105 Wilbur Place, Bohemia, New York 11716-2482 For Technical Support - 1-800-DDC-5757 ext. 7257 or 7381 Headquarters - Tel: (631) 567-5600 ext. 7257 or 7381, Fax: (631) 567-7358 Southeast - Tel: (703) 450-7900, Fax: (703) 450-6610 West Coast - Tel: (714) 895-9777, Fax: (714) 895-4988 Europe - Tel: +44-(0)1635-811140, Fax: +44-(0)1635-32264 Asia/Pacific - Tel: +81-(0)3-3814-7688, Fax: +81-(0)3-3814-7689 World Wide Web - http://www.ddc-web.com
ILC DATA DEVICE CORPORATION REGISTERED TO ISO 9001 FILE NO. A5976
K-ABR
PRINTED IN THE U.S.A.
4


▲Up To Search▲   

 
Price & Availability of BUS-61570-830K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X