Part Number Hot Search : 
2H025 LBN10006 APM9424K BU4523DF C4082 EN25B32 TFC561D T9435
Product Description
Full Text Search
 

To Download BS62UV1024JC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BSI
FEATURES
Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
DESCRIPTION
BS62UV1024
* Ultra low operation voltage : 1.8V ~ 3.6V * Ultra low power consumption : Vcc = 2.0V C-grade : 10mA (Max.) operating current I- grade : 15mA (Max.) operating current 0.01uA (Typ.) CMOS standby current Vcc = 3.0V C-grade : 20mA (Max.) operating current I- grade : 25mA (Max.) operating current 0.02uA (Typ.) CMOS standby current * High speed access time : -15 150ns (Max.) at Vcc = 2.0V * Automatic power down when chip is deselected * Three state outputs and TTL compatible * Fully static operation * Data retention supply voltage as low as 1.5V * Easy expansion with CE2, CE1, and OE options
The BS62UV1024 is a high performance, ultra low power CMOS Static Random Access Memory organized as 131,072 words by 8 bits and operates from a wide range of 1.8V to 3.6V supply voltage. Advanced CMOS technology and circuit techniques provide both high speed and low power features with a typical CMOS standby current of 0.01uA and maximum access time of 150ns in 2V operation. Easy memory expansion is provided by an active LOW chip enable (CE1), an active HIGH chip enable (CE2), and active LOW output enable (OE) and three-state output drivers. The BS62UV1024 has an automatic power down feature, reducing the power consumption significantly when chip is deselected. The BS62UV1024 is available in the JEDEC standard 32 pin 450mil Plastic SOP, 8mmx13.4mm STSOP 300mil Plastic SOJ and 8mmx20mm TSOP.
PRODUCT FAMILY
PRODUCT FAMILY BS62UV1024SC BS62UV1024TC BS62UV1024JC BS62UV1024STC BS62UV1024PC BS62UV1024DC BS62UV1024SI BS62UV1024TI BS62UV1024JI BS62UV1024STI BS62UV1024PI BS62UV1024DI OPERATING TEMPERATURE Vcc RANGE SPEED (ns)
Vcc= 2.0V
POWER DISSIPATION STANDBY Operating
(ICCSB1, Max) Vcc= Vcc= 3.0V 2.0V (ICC, Max) Vcc= Vcc= 3.0V 2.0V
PKG TYPE SOP-32 TSOP-32 SOJ-32 STSOP -32 PDIP-32 DICE SOP-32 TSOP-32 SOJ-32 STSOP -32 PDIP- 32 DICE
+0 C to +70 C
O
O
1.8V ~ 3.6V
150
1.0uA
0.3uA
20mA
10mA
-40 C to +85 C
O
O
1.8V ~ 3.6V
150
1.5uA
1uA
25mA
15mA
PIN CONFIGURATIONS
NC A16 A14 A12 A7 A6 A5 A4 A3 A2 A1 A0 DQ0 DQ1 DQ2 GND 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 32 31 30 29 28 BS62UV1024SC 27 BS62UV1024SI 26 BS62UV1024PC 25 BS62UV1024PI 24 BS62UV1024JC BS62UV1024JI 23 22 21 20 19 18 17 VCC A15 CE2 WE A13 A8 A9 A11 OE A10 CE1 DQ7 DQ6 DQ5 DQ4 DQ3
BLOCK DIAGRAM
A6 A7 A12 A14 A16 A15 A13 A8 A9 A11
*
Address Input Buffer
20
Row Decoder
1024
Memory Array 1024 x 1024
1024 DQ0 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 8 Data Input Buffer 8 Column I/O Write Driver Sense Amp 128 Column Decoder 14 Control Address Input Buffer
8
A11 A9 A8 A13 WE CE2 A15 VCC NC A16 A14 A12 A7 A6 A5 A4
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
BS62UV1024TC BS62UV1024STC BS62UV1024TI BS62UV1024STI
32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17
OE A10 CE1 DQ7 DQ6 DQ5 DQ4 DQ3 GND DQ2 DQ1 DQ0 A0 A1 A2 A3
Data Output Buffer
8
Brilliance Semiconductor Inc. reserves the right to modify document contents without notice.
R0201-BS62UV1024
*
CE2 CE1 WE OE Vdd Gnd
A5 A4 A3 A2 A1 A0 A10
1
Revision 2.2 April 2001
BSI
PIN DESCRIPTIONS
BS62UV1024
Function
These 17 address inputs select one of the 131,072 x 8-bit words in the RAM CE1 is active LOW and CE2 is active HIGH. Both chip enables must be active when data read from or write to the device. If either chip enable is not active, the device is deselected and is in a standby power mode. The DQ pins will be in the high impedance state when the device is deselected.
Name
A0-A16 Address Input CE1 Chip Enable 1 Input CE2 Chip Enable 2 Input
WE Write Enable Input
The write enable input is active LOW and controls read and write operations. With the chip selected, when WE is HIGH and OE is LOW, output data will be present on the DQ pins; when WE is LOW, the data present on the DQ pins will be written into the selected memory location.
OE Output Enable Input
The output enable input is active LOW. If the output enable is active while the chip is selected and the write enable is inactive, data will be present on the DQ pins and they will be enabled. The DQ pins will be in the high impedance state when OE is inactive.
DQ0-DQ7 Data Input/Output Ports Vcc Gnd
These 8 bi-directional ports are used to read data from or write data into the RAM. Power Supply Ground
TRUTH TABLE
MODE Not selected (Power Down) Output Disabled Read W rite WE X X H H L CE1 H X L L L CE2 X L H H H OE X X H L X I/O OPERATION High Z High Z DOUT DIN Vcc CURRENT ICCSB , ICCSB1 I CC ICC ICC
ABSOLUTE MAXIMUM RATINGS(1)
SYMBOL V TERM T BIAS T STG PT I OUT PARAMETER
Terminal Voltage with Respect to GND Temperature Under Bias Storage Temperature Power Dissipation DC Output Current
OPERATING RANGE
UNITS
V
O
RATING
-0.5 to Vcc+0.5 -40 to +125 -60 to +150 1.0 20
RANGE
Commercial Industrial
AMBIENT TEMPERATURE
0 C to +70 C -40 C to +85 C
O O O O
Vcc
1.8V ~ 3.6V 1.8V ~ 3.6V
C C
O
W mA
CAPACITANCE (1) (TA = 25oC, f = 1.0 MHz)
SYMBOL
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
CIN CDQ
PARAMETER Input Capacitance Input/Output Capacitance
CONDITIONS
MAX.
UNIT
VIN=0V VI/O=0V
6 8
pF pF
1. This parameter is guaranteed and not tested.
R0201-BS62UV1024
2
Revision 2.2 April 2001
BSI
DC ELECTRICAL CHARACTERISTICS ( TA = 0oC to + 70oC )
PARAMETER NAME
VIL VIH IIL IOL VOL VOH ICC ICCSB ICCSB1
BS62UV1024
TEST CONDITIONS
Vcc=2.0V Vcc=3.0V Vcc=2.0V Vcc=3.0V
PARAMETER
Guaranteed Input Low Voltage(2) Guaranteed Input High Voltage(2) Input Leakage Current Output Leakage Current Output Low Voltage Output High Voltage Operating Power Supply Current Standby Current-TTL Standby Current-CMOS
MIN. TYP. (1) MAX.
-0.5 1.4 2.0 --Vcc=2.0V Vcc=3.0V Vcc=2.0V Vcc=3.0V Vcc=2.0V Vcc=3.0V Vcc=2.0V Vcc=3.0V Vcc=2.0V Vcc=3.0V
UNITS V V uA uA V V mA mA uA
----------0.01 0.02
0.6 0.8 Vcc+0.2 1 1 0.4 -10 20 0.5 1 0.3 1
Vcc = Max, VIN = 0V to Vcc Vcc = Max, CE1= VIH, CE2= VIL, or OE = VIH, VI/O = 0V to Vcc Vcc = Max, IOL = 1mA Vcc = Min, IOH = -0.5mA CE1 = VIL, or CE2 = VIH, IDQ = 0mA, F = Fmax(3) CE1 = VIH, or CE2 = VIL, IDQ = 0mA, F = Fmax(3) CE1 Vcc-0.2V, CE2 0.2V, VIN Vcc-0.2V or VIN 0.2V
-1.6 2.4 -------
1. Typical characteristics are at TA = 25oC. 2. These are absolute values with respect to device ground and all overshoots due to system or tester notice are included. 3. Fmax = 1/tRC .
DATA RETENTION CHARACTERISTICS ( TA = 0oC to + 70oC )
SYMBOL
VDR ICCDR tCDR tR
PARAMETER
Vcc for Data Retention Data Retention Current Chip Deselect to Data Retention Time Operation Recovery Time CE1 VIN CE1 VIN
TEST CONDITIONS
Vcc - 0.2V, CE2 Vcc - 0.2V or VIN Vcc - 0.2V, CE2 Vcc - 0.2V or VIN 0.2V, 0.2V 0.2V, 0.2V
MIN.
1.5 -0 TRC (2)
TYP. (1)
-0.02 ---
MAX.
-0.3 ---
UNITS
V uA ns ns
See Retention Waveform
1. Vcc = 1.5V, TA = + 25OC 2. tRC = Read Cycle Time
LOW VCC DATA RETENTION WAVEFORM (1) ( CE1 Controlled )
Data Retention Mode VDR 1.5V
Vcc
VIH
Vcc
Vcc
t CDR
CE1 Vcc - 0.2V
tR
VIH
CE1
LOW VCC DATA RETENTION WAVEFORM (2) ( CE2 Controlled )
Data Retention Mode
Vcc
Vcc
VDR
1.5V
Vcc
t CDR
tR
CE2 0.2V
CE2
R0201-BS62UV1024
VIL
VIL
3
Revision 2.2 April 2001
BSI
AC TEST CONDITIONS
Input Pulse Levels Input Rise and Fall Times Input and Output Timing Reference Level Vcc/0V 5ns 0.5Vcc
WAVEFORM INPUTS
BS62UV1024
KEY TO SWITCHING WAVEFORMS
OUTPUTS MUST BE STEADY WILL BE CHANGE FROM H TO L WILL BE CHANGE FROM L TO H CHANGE : STATE UNKNOWN CENTER LINE IS HIGH IMPEDANCE "OFF "STATE
MUST BE STEADY MAY CHANGE FROM H TO L
1333
AC TEST LOADS AND WAVEFORMS
2V OUTPUT
100PF
INCLUDING JIG AND SCOPE
1333
2V OUTPUT
MAY CHANGE FROM L TO H DON T CARE: ANY CHANGE PERMITTED DOES NOT APPLY
,
5PF 2000
INCLUDING JIG AND SCOPE
2000
FIGURE 1A
THEVENIN EQUIVALENT 800
FIGURE 1B
OUTPUT
1.2V
ALL INPUT PULSES
Vcc GND
10%
90% 90%
10%
5ns
AC ELECTRICAL CHARACTERISTICS ( TA = 0oC to + 70oC, Vcc=2.0V )
READ CYCLE
JEDEC PARAMETER NAME PARAMETER NAME DESCRIPTION
Read Cycle Time Address Access Time Chip Select Access Time Chip Select Access Time Output Enable to Output Valid Chip Select to Output Low Z Chip Select to Output Low Z Output Enable to Output in Low Z Chip Deselect to Output in High Z Chip Deselect to Output in High Z Output Disable to Output in High Z Output Disable to Output Address Change (CE1) (CE2) (CE1) (CE2) (CE1) (CE2) BS62UV1024-15 MIN. TYP. MAX.
UNIT
tAVAX tAVQV t E1LQV t E2HOV tGLQV t E1LQX t E2HOX tGLQX tE1HQZ tE2HQZ tGHQZ tAXOX
tRC tAA t ACS1 t ACS2 tOE t CLZ1 t CLZ2 tOLZ t CHZ1 t CHZ2 tOHZ tOH
150 ----10 10 10 0 0 0 10
------------
-150 150 150 100 ---40 40 35 --
ns ns ns ns ns ns ns ns ns ns ns
R0201-BS62UV1024
4
Revision 2.2 April 2001
BSI
SWITCHING WAVEFORMS (READ CYCLE)
READ CYCLE1 (1,2,4)
BS62UV1024
t RC
ADDRESS
t
D OUT
t
OH
AA
t OH
READ CYCLE2 (1,3,4)
CE1
t
CE2
(5) CLZ
ACS1
t t
ACS2
t
CHZ1,
t
(5)
CHZ2
D OUT
READ CYCLE3 (1,4)
t RC
ADDRESS
t
OE
AA
t
CE1
OE
t
OH
t t
(5) CLZ1
OLZ
t ACS1
t OHZ (5) (1,5) t CHZ1
CE2
t t
(5) CLZ2
ACS2
t
(2,5)
CHZ2
D OUT
NOTES: 1. WE is high in read Cycle. 2. Device is continuously selected when CE1 = VIL and CE2= VIH. 3. Address valid prior to or coincident with CE1 transition low and/or CE2 transition high. 4. OE = VIL . 5. Transition is measured 500mV from steady state with CL = 5pF as shown in Figure 1B. The parameter is guaranteed but not 100% tested.
R0201-BS62UV1024
5
Revision 2.2 April 2001
BSI
AC ELECTRICAL CHARACTERISTICS ( TA = 0oC to + 70oC, Vcc=2.0V )
WRITE CYCLE
JEDEC PARAMETER NAME PARAMETER NAME DESCRIPTION
Write Cycle Time Chip Select to End of Write Address Set up Time Address Valid to End of Write Write Pulse Width Write Recovery Time Write Recovery Time Write to Output in High Z Data to Write Time Overlap Data Hold from Write Time Output Disable to Output in High Z End of Write to Output Active (CE1 , WE) (CE2)
BS62UV1024
BS62UV1024-15 MIN. TYP. MAX.
UNIT
t AVAX
t WC t CW t AS t AW t WP t WR1 t WR2 t WHZ t DW t DH t OHZ t OW
150 150 0 150 80 0 0 -50 0 0 5
-------------
-------40 --40 --
ns ns ns ns ns ns ns ns ns ns ns ns
t E1LWH t AVWL t AVWH t WLWH t WHAX t E2LAX t WLOZ t DVWH t WHDX t GHOZ t WHQX
SWITCHING WAVEFORMS (WRITE CYCLE)
WRITE CYCLE1 (1)
ADDRESS
t WC
t
OE
(3)
WR1
t CW
CE1
(5)
(11)
CE2
(5)
t CW t
AW
(11)
t WR2
(2)
(3)
WE
t AS
(4,10)
t
WP
t OHZ
D OUT
t DH t DW
D IN Revision 2.2 April 2001
R0201-BS62UV1024
6
BSI
WRITE CYCLE2 (1,6)
BS62UV1024
t WC
ADDRESS
(11) (5)
t
CW
CE1
CE2
(5)
t
WE
t CW
AW
(11)
t WR2
(2)
t WP
(3)
t AS
(4,10)
t
DH
t WHZ
D OUT
(7)
(8)
t DW t
DH (8,9)
D IN
NOTES: 1. WE must be high during address transitions. 2. The internal write time of the memory is defined by the overlap of CE1 and CE2 active and WE low. All signals must be active to initiate a write and any one signal can terminate a write by going inactive. The data input setup and hold timing should be referenced to the second transition edge of the signal that terminates the write. 3. TWR is measured from the earlier of CE1 or WE going high or CE2 going low at the end of write cycle. 4. During this period, DQ pins are in the output state so that the input signals of opposite phase to the outputs must not be applied. 5. If the CE1 low transition or the CE2 high transition occurs simultaneously with the WE low transitions or after the WE transition, output remain in a high impedance state. 6. OE is continuously low (OE = VIL ). 7. DOUT is the same phase of write data of this write cycle. 8. DOUT is the read data of next address. 9. If CE1 is low and CE2 is high during this period, DQ pins are in the output state. Then the data input signals of opposite phase to the outputs must not be applied to them. 10. Transition is measured 500mV from steady state with CL = 5pF as shown in Figure 1B. The parameter is guaranteed but not 100% tested. 11. TCW is measured from the later of CE1 going low or CE2 going high to the end of write.
R0201-BS62UV1024
7
Revision 2.2 April 2001
BSI
ORDERING INFORMATION
BS62UV1024
BS62UV1024
XX
YY
SPEED 15: 150ns
GRADE C: +0oC ~ +70oC I: -40oC ~ +85oC PACKAGE S: SOP T: TSOP (8mm x 20mm) ST: Small TSOP (8mm x 13.4mm) J : SOJ P: PDIP D : DICE
PACKAGE DIMENSIONS
WITH PLATING
b
c c1
BASE METAL
b1
SECTION A-A
SOP -32
R0201-BS62UV1024
8
Revision 2.2 April 2001
BSI
PACKAGE DIMENSIONS (continued)
BS62UV1024
STSOP - 32
TSOP - 32
R0201-BS62UV1024
9
Revision 2.2 April 2001
BSI
PACKAGE DIMENSIONS (continued)
BS62UV1024
SOJ - 32
PDIP - 32
R0201-BS62UV1024
10
Revision 2.2 April 2001
BSI
REVISION HISTORY
Revision
2.2
BS62UV1024
Description
2001 Data Sheet release
Date
Apr. 15, 2001
Note
R0201-BS62UV1024
11
Revision 2.2 April 2001


▲Up To Search▲   

 
Price & Availability of BS62UV1024JC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X