Part Number Hot Search : 
BT151 EIN12 1E475 2SA1179N TS50P05G ADR363 SSM6J V607TE03
Product Description
Full Text Search
 

To Download B82799S0223N001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data sheets for SMT types
Chokes for Data and Signal Lines CAN Bus Choke, EIA 1812
Rated voltage 42 Vac/80 Vdc Rated current 100 to 300 mA Rated inductance 11 to 470 H Construction
Current-compensated ring core double choke
B82799
with ferrite core
Bifilar winding (B82799-C...) Sector winding (B82799-S...)
Features

High performance Case flame-retardant as per UL 94 V-0 Suitable for reflow soldering and conductive adhesion Operation up to 150C (for LR <500 H)
Applications
B82799-C:
Suppression of asymmetrical interference coupled in on lines, whereas data signals up to some MHz can pass unaffectedly B82799-S: Suppression of asymmetrical (by LR) and symmetrical interference (by LS) coupled in on lines. The high-frequency portions of the symmetrical data signal are decreased so far that EMC problems can be significantly reduced Terminals Gold plated Marking Manufacturer, inductance value (coded), date code Delivery mode Blister tape, reel packing. For details on taping, packing and packing units see data book 2000 "Chokes and Inductors", page 302.
1
04/02
Chokes for Data and Signal Lines CAN Bus Choke, EIA 1812
Dimensional drawing
1,10,1 10,1
B82799
0,750,15
3,2 max.
4,50,2
A
0,04 A
3,2+0,2
SSB1412-Y
Beschriftung Marking
Layout recommendation
0,6
2,2 5,9
SSB1413-7
4,0
2
04/02
Chokes for Data and Signal Lines CAN Bus Choke, EIA 1812
General technical data Rated voltage V R Rated current IR Rated current IR for high temperature applications Rated inductance L R Inductance tolerance Inductance decrease L/L0 Stray inductance LS 42 Vac (50/60 Hz) 80 Vdc
B82799
referred to 50 Hz and 60 C ambient temperature min. 100 mA referred to 50 Hz and 150 C ambient temperature measured with HP 4275A at 100 kHz and 0,1 mA
30 % -30/+50 %
for L R 51 H for L R > 51 H
< 10 % at dc magnetic bias with IR
measured with HP 4275A; measuring frequency at LR 11 H = 1 MHz, 5 mA LR > 11 H = 100 kHz, 5 mA measured at 20 C ambient temperature (235 3) C, (2 0,3) s wetting of soldering area 95 % in accordance with IEC 60068-2-58 55/150/56 (-55 C/+150 C/56 days damp heat test) in accordance with EN 60068-1 Approx. 0,1 g
DC resistance R typ Solderability
Climatic category Weight
Characteristics and ordering codes L R 1) H 11 22 33 51 100 220 470 LS, typ H 0,045 1,30 1,80 2,70 0,15 0,20 0,35 IR mA 300 250 200 200 300 200 200 Rtyp m 160 220 270 310 180 250 410 VT Vdc, 2 s 250 250 250 250 750 750 750 Ordering code B82799C0113N001 B82799S0223N001 B82799S0333N001 B82799S0513N001 B82799C0104N001 B82799C0224N001 B82799C0474N001
1) Types up to 2200 H upon request.
3
04/02
Chokes for Data and Signal Lines CAN Bus Choke, EIA 1812
Current derating Iop/IR versus ambient temperature TA
1,2
IND0001-C-E
B82799
I op IR
1,0
0,8
0,6
0,4
0,2 0 20
40
60
80
100 120
C 160
Rated temperature TR = 60 C
TA
Insertion loss e (typical values at Z = 50 ) asymmetrical, all branches in parallel (common mode) symmetrical (differential mode) B82799C0113N001
50 dB
IND0002-K
B82799S0223N001
50 dB
IND0003-T
40
40
30
30
20
20
10
10
0 _1 10
10 0
10 1
10 2 MHz 10 3
0 _1 10
10 0
10 1
10 2 MHz 10 3
f
4 04/02
f
Chokes for Data and Signal Lines CAN Bus Choke, EIA 1812
Insertion loss e (typical values at Z = 50 ) asymmetrical, all branches in parallel (common mode) symmetrical (differential mode) B82799S0333N001
50 dB
IND0004-2
B82799
B82799S0513N001
50 dB
IND0005-5
40
40
30
30
20
20
10
10
0 _1 10
10 0
10 1
10 2 MHz 10 3
0 _1 10
10 0
10 1
10 2 MHz 10 3
f
B82799C0104N001
50 dB
IND0006-L
f
B82799C0224N001
50 dB
IND0007-U
40
40
30
30
20
20
10
10
0 _1 10
10 0
10 1
10 2 MHz 10 3
f
0 _1 10
10 0
10 1
10 2 MHz 10 3
f
5
04/02
Chokes for Data and Signal Lines CAN Bus Choke, EIA 1812
Insertion loss e (typical values at Z = 50 ) asymmetrical, all branches in parallel (common mode) symmetrical (differential mode) B82799C0474N001
50 dB
IND0008-3
B82799
40
30
20
10
0 _1 10
10 0
10 1
10 2 MHz 10 3
f
EPCOS AG 2002. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited.
Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
(
Published by EPCOS AG Corporate Communications, P.O. Box 80 17 09, 81617 Munich, GERMANY ++49 89 636 09, FAX (0 89) 636-2 26 89
6
04/02


▲Up To Search▲   

 
Price & Availability of B82799S0223N001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X